Part Number Hot Search : 
69P20 CPV364MK TR9772 5KE400CA 1N5804 29GL064 TC74VH FB52N15D
Product Description
Full Text Search
 

To Download KPC514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photocoupler
KPC514 * KPC524 * KPC544
These Photocouplers cosist of two Gallium Arsenide Infrared Emitting Diodes and a Silicon NPN Photo Darlington transistor perachannel. The KPC514 has one channel in a 4-pin package. The KPC524 has two channels in a 8-pin package. The KPC544 has four channels in a 16-pin package.
FEATURES
* Small Package Size * Collector-Emitter Voltage : Min.30V * Current Transfer Ratio : Type 1000% (at IF= 3/41mA, VCE=2V) * Electrical Isolation Voltage : AC2500Vrms * UL Recognized File No. E107486
APPLICATIONS
* AC Signal Input * Interface between two circuits of different potential * Automatic Vending Machine * Copiers, Industrial Robots
DIMENSION
KPC514
4 0.25 3 0.25
(Unit : mm)
KPC524
8 7 6 5
6.5
6.5
1 1 Orientation Mark 2 Orientation Mark
2
3
4
4.6 0.25
0.25
7.62 0.25 6.5
3.5 0.25
9.7
0.25
7.62 0.25 6.5
3.5
2.5Min.
0.51Min.
0.25
0 ~15
0.51Min.
2.5Min.
0.25
0.5 1.2 2.54 0.25
0.5 1.2 2.54 0.25
0 ~15
KP544
16 0.25 15 14 13 12 11 10 9
6.5
1 Orientation Mark
2
3
4
5
6
7
8
19.8 0.25
0.25
7.62 0.25 6.5
3.5
0.51Min.
2.5Min.
0.25
0 ~15
0.5 1.2 2.54 0.25
1/3
Photocoupler
KPC514 * KPC524 * KPC544
MAXIMUM RATINGS Parameter
Forward Current Input Peak Forward Current Power Dissipation Junction Temperature Collector-Emitter Breakdown Voltage Output Emitter-Collector Breakdown Voltage Collector Current Collector Power Dissipation Input to Output Isolation Voltage Storage Temperature Operating Temperature Lead Soldering Temperature Total Power Dissipation
*3 *2 *1
Symbol
IF IFP PD TJ BVCEO BVECO IC PC Viso Tstg Topr Tsol Ptot
Rating
60 1 150 125 30 5 50 150 AC2500 -55~+125 -30~+85 260 250
(Ta=25E ) Unit
mA A mW E V V mA mW Vrms E E E mW
*1. Input current with 100s pulse width, 1% duty cycle *2. Measured at RH=40~60% for 1min *3. 1/16 inch form case for 10sec
ELECTRO-OPTICAL CHARACTERISTICS
Parameter Input Forward Voltage Capacitance Collector-Emitter Breakdown Voltage Output Emitter-Collector Breakdown Voltage Collector Dark Current Capacitance Current Transfer Ratio
*4
(Ta=25E , unless otherwise noted)
Symbol VF CT BVCEO BVECO ICEO CCE CTR VCE(SAT) CIO RIO tr tf IF= Condition 10mA V=0, f=1kHz IC=0.5mA IE=0.1mA IF=0, VCE=10V VCE=0, f=1KHz IF=3/41mA, VCE=2V IF=3/41mA, IC=2mA V=0, f=1kHz RH=40~60%, V=500V VCE=10V, RL=100U IC=10mA Min. 30 5 300 Typ. 1.15 30 10 0.8 5 1011 90 120 Max. 1.30 100 1.2 Unit. V pF V V nA pF % V pF U A A
Collector-Emitter Saturation Voltage Coupled Input-Output Capacitance Input-Output Isolation Resistance Rise Time Fall Time
*4. CTR=(IC/IF) X 100 (%)
2/3
Photocoupler
KPC514 * KPC524 * KPC544
Forward Current vs. Ambient Temperature
60
Collector Power Dissipation vs. Ambient Temperature
250
Forward Current vs. Forward Voltage
140
Collector Power Dissipation PC (mW)
Forward current IF (mA)
50 40 30 20 10 0 -20
200
Forward Current IF (mA)
120 100
150
Ta=70E
80 60
100
Ta=25E
40
50
Ta=-55E
20 0 1.2
0
20
40
60
80
100
0 -20
Ambient Temperature Ta (E)
Ambient Temperature Ta (E )
0
20
40
60
80
100
0.4
0.8
1.6
2.0
Forward Voltage VF (V)
Collector Current vs. Collector-Emitter Voltage
10
Dark Current vs. Ambient Temperature
100
Collector Current vs. Forward Current
Collector Current IC (mA)
60 50 40 30 20 10 0
Ta=25E
Ta=25E VCE=2V
Collector Current IC (mA)
40
Dark Current ICEO (uA)
IF=3mA IF=2.5mA
1
30
IF=2mA I F=1.5mA PC(max.)
VCE=24V
0.1
20
IF=1mA
10
0.01
VCE=10V
IF=0.5mA
0
2
4
6
8
10
0.001 0
~
20
40
60
80
100
1
3
5
7
9
11
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (E)
Forward Current I F (mA)
Response Time vs. Load Resistance
5000
VCE=10V IC=10mA Ta=25E
Switching Time Test Circuit
VCC VIN R RL VO
1000
Response Time tr, ft
tr
100
tf
Test Circuit
Input
10
Output 10%
10 0.05 0.1 0.2 0.5 1 2
90%
tr
tf
Load Resistance RL (U )
Waveform
3/3


▲Up To Search▲   

 
Price & Availability of KPC514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X