Part Number Hot Search : 
ADV7177 ZL50015 KSMU9N25 TIP36 9S12D 150TEA TLN110F 26K035AT
Product Description
Full Text Search
 

To Download KIA7031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
VOLTAGE DETECTOR
KIA7019AP/AF/AT~ KIA7045AP/AF/AT
BIPOLAR LINEAR INTEGRATED CIRCUIT
B
C
Function of this IC is accurately resetting the system after detecting voltage at the time of switching power on and instantaneous power off in various CPU systems and other logic systems.
K D E G
A
N
FEATURES
Current Consumption is Low. ICCL=300 A Typ. ICCH=30 A Typ. Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ. Hysteresis Voltage is Provided. 50mV Typ. Reset Signal Generation Starting Voltages : KIA7019 1.9V Typ. KIA7021 2.1V Typ. KIA7023 2.3V Typ. KIA7025 2.5V Typ. KIA7027 2.7V Typ. KIA7029 2.9V Typ. KIA7031 3.1V Typ. KIA7032 3.2V Typ. Taping Type is also Available.
J B E L
1 2 3 F H F
KIA7033 3.3V Typ. KIA7034 3.4V Typ. KIA7035 3.5V Typ. KIA7036 3.6V Typ. KIA7039 3.9V Typ. KIA7042 4.2V Typ. KIA7045 4.5V Typ.
A H
M
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
C
J
1. VCC 2. GND 3. OUT
TO-92
C
G
D
D K
APPLICATIONS
(1) As Control Circuit of Battery-Backed Memory. (2) As Measure Against Erroneous Operations at Power ON-OFF. (3) As Measure Against System Runaway at Instantaneous Break of Power Supply etc. (4) As Resetting Function for the CPU-Mounted Equipment, such as Personal Computers, Printers, VTRs and so forth.
1 2 F
F
3
DIM A B C D E F G H J K
MILLIMETERS 4.70 MAX _ 2.50 + 0.20 1.70 MAX 0.45+0.15/-0.10 4.25 MAX _ 1.50 + 0.10 0.40 TYP 1.75 MAX 0.75 MIN 0.5+0.10/-0.05
1. VCC 2. GND 3. OUT
EQUIVALENT CIRCUIT
VCC OUT + G
2 K E B
SOT-89
K
DIM A B
C 3 D E F G H I J K L I H J
A
F
D
MILLIMETERS _ 2.9 + 0.2 1.6+0.2/-0.1 _ 0.70 + 0.05 _ 0.4 + 0.1
2.8+0.2/-0.3 _ 1.9 + 0.2 0.95 _ 0.16 + 0.05 0.00-0.10 0.25+0.25/-0.15 0.60 0.55
G
GND
1
C
Type No. KIA7019AF/AT KIA7021AF/AT KIA7023AF/AT KIA7025AF/AT KIA7027AF/AT
Marking 6A 6B 6C 6D 6E
Type No. KIA7029AF/AT KIA7031AF/AT KIA7032AF/AT KIA7033AF/AT KIA7034AF/AT
Marking 6F 6G 6H 6J 6K
Type No. KIA7035AF/AT KIA7036AF/AT KIA7039AF/AT KIA7042AF/AT KIA7045AF/AT
Marking 6L 6M 6N 6P 6R
L
Marking
J
1. VCC 2. OUT 3. GND
2 3 1
TSM
2002. 12. 31
Revision No : 2
1/4
KIA7019AP/AF/AT~KIA7045AP/AF/AT
MAXIMUM RATINGS (Ta=25 ) SYMBOL VCC KIA7019AP 45AP Power Dissipation (Package Limitation) KIA7019AF 45AF KIA7019AT 45AT Operating Temperature Storage Temperature Topr Tstg PD RATING -0.3 +15.0 400 500 350 -30 +75 -55 +150 mW UNIT V
CHARACTERISTIC Supply Voltage
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25 )
CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION KIA7019 KIA7021 KIA7023 KIA7025 KIA7027 KIA7029 Detecting Voltage VS 1 RL=200 VOL 0.4V KIA7031 KIA7032 KIA7033 KIA7034 KIA7035 KIA7036 KIA7039 KIA7042 KIA7045 Low-Level Output Voltage Output Leakage Current Hysteresis Voltage Detecting Voltage Temperature Coefficient Circuit Current at on Time Circuit Current at off Time Threshold Operating Voltage "L" Transmission Delay Time "H" Transmission Delay Time Output Current at on Time I Output Current at on Time II Vs/ VOL IOH Vs T 1 1 1 1 1 1 1 2 2 1 1 RL=200 VCC=15V RL=200 RL=200 VCC=Vsmin.-0.05V VCC=5.25V RL=200 , VOL RL=1.0k RL=1.0k 0.4V MIN. 1.75 1.95 2.15 2.35 2.55 2.75 2.95 3.05 3.15 3.25 3.35 3.45 3.75 4.05 4.35 30 20 16 TYP. 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.2 3.3 3.4 3.5 3.6 3.9 4.2 4.5 50 0.01 300 30 0.8 10 15 MAX. 2.05 2.25 2.45 2.65 2.85 3.05 3.25 3.35 3.45 3.55 3.65 3.75 4.05 4.35 4.65 0.4 0.1 100 500 50 V A mV %/ A A V s s mA mA V UNIT
IccL IccH Vopr tpHL tpLH IoL I IoL II
, CL=100pF , CL=100pF
VCC=Vsmin.-0.05V, Tc=25 VCC=Vsmin.-0.05V, Tc=-30 +75
2002. 12. 31
Revision No : 2
2/4
KIA7019AP/AF/AT~KIA7045AP/AF/AT
TEST CIRCUIT 1.
A1 1 RL V1 KIA70XX 2 3 10uF/10V M A2
TEST CIRCUIT 2.
1 KIA70XX Input Pulse 0.2uF /10V 2 3 CL
RL 10uF/10V M 5.0V
APPLICATION CIRCUIT (1) BATTERY LOW INDICATOR
VCC 1 KIA70XX 2 3 LED R2
(2) CPU RESETTING
VCC 5V 1 KIA70XX 2 3 C1 R1 Reset VCC CPU GND
VCC VS
5V
Delay Time for Power ON
Reset
(NOTE) (1) Connecting of LED and R2 obtains a voltage drop indicator. (2) Connecting of C1 and selection of time constant with C1 and R1 set the power on delay time.
2002. 12. 31
Revision No : 2
3/4
KIA7019AP/AF/AT~KIA7045AP/AF/AT
PRECAUTION FOR USE
SOLDERING Flat Package (SOT-89 Package)
Elements mounting styles of electronic devices are gaining in further diversification over recent years, and needs for components are all the more expanding in varieties. Especially, surface mounting is steadily penetrating into industrial segments as a world-wide popular technical trend. Although exposure to high temperature is inevitable during soldering we recommend limiting the soldering temperature to low levels as shown in figure for the sake of retaining inherent excellent reliability.
Atomospheric temperature( C) =resin suface temperature
240
210
150
60 sec. Within 10 sec. Within 30 sec.
Time (sec.)
Fig 6
(a) When employing solder reflow method Atmospheric temperature around resin surfaces must be less than 240 , not exceeding the time length of 10 sec. Recommend temperature profile Precautions on heating method When resin in kept exposed to high temperature for a long time, device reliability may be marred. Therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising. (b) When employing halogen lamps or infrared-ray heaters When halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces; such devices cause extensive localized temperature rise. Please keep a reflow solder operating when SOT-89 package's soldering.
2002. 12. 31
Revision No : 2
4/4


▲Up To Search▲   

 
Price & Availability of KIA7031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X