Part Number Hot Search : 
KKA6107Q SE5537 TUA2009X PJS6404 4081BF WARP20 AD779JN KX1400
Product Description
Full Text Search
 

To Download JAN2N3584 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/384 Devices 2N3584 2N3585 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol
VCEO VCBO VCER VEBO IB IC PT TJ, Tstg Symbol RJC
2N3584
250 375 300
2N3585
300 500 400
Units
Vdc Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = +250C (1) @ TC = +250C (2) Operating & Storage Junction Temperature Range
6.0 1.0 2.0 2.5 35 -65 to +200 Max. 5.0
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly @ 14.85 mW/0C for TA > +250C 2) Derate linearly @ 200 mW/0C for TC > +250C
TO-66* (TO-213AA)
0
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Breakdown Voltage IC = 15 mAdc Collector-Emitter Cutoff Current VCE = 150 Vdc Collector-Emitter Cutoff Current VCE = 300 Vdc, VBE = 1.5 Vdc VCE = 400 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = 6.0 Vdc 2N3584 2N3585 2N3584 2N3585 V(BR)CEO 250 300 375 500 5.0 1.0 1.0 0.5 Vdc
V(BR)CER
Vdc
ICEO 2N3584 2N3585 ICEX
mAdc mAdc
IEBO
mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3584, 2N3585 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 10 Vdc IC = 100 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.125 Adc Base-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc hFE 25 40 100
VCE(sat) VBE(sat)
0.75 1.4
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 200 mAdc, VCE = 10 Vdc, f = 5.0 MHz Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe hfe Cobo 3.0 25 15 200 120 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 1.0 Adc; IB = 100 mAdc; RC = 29 Turn-Off Time VCC = 30 Vdc; IC = 1.0 Adc; IB = -IB = 100 mAdc; RC = 29
t
on
3.0 7.0
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 17.5 Vdc, IC = 2.0 Adc Test 2 VCE = 100 Vdc, IC = 350 mAdc Test 3 VCE = 250 Vdc, IC = 37 mAdc 2N3584 VCE = 300 Vdc, IC = 17 mAdc 2N3585 (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JAN2N3584

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X