Part Number Hot Search : 
TFS150C XILINX C1403 LT1H67A HAT3004 04020 2N6673 1150A
Product Description
Full Text Search
 

To Download IRHM57064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93792B
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
Product Summary
Part Number Radiation Level IRHM57064 100K Rads (Si) IRHM53064 300K Rads (Si) IRHM54064 IRHM58064 600K Rads (Si) 1000K Rads (Si) RDS(on) 0.012 0.012 0.012 0.013 ID 35A* 35A* 35A* 35A*
IRHM57064 60V, N-CHANNEL
4#
TECHNOLOGY
c
TO-254AA
International Rectifier's R5TM technology provides high performance power MOSFETs for space applications. These devices have been characterized for Single Event Effects (SEE) with useful performance up to an LET of 80 (MeV/(mg/cm2)). The combination of low RDS(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
Features:
n n n n n n n n n n n
Single Event Effect (SEE) Hardened Neutron Tolerant Identical Pre- and Post-Electrical Test Conditions Repetitive Avalanche Ratings Dynamic dv/dt Ratings Simple Drive Requirements Ease of Paralleling Hermatically Sealed Electically Isolated Ceramic Eyelets Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 12V, TC = 25C ID @ VGS = 12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Lead Temperature Weight * Current is limited by internal wire diameter For footnotes refer to the last page 35* 35* 140 250 2.0 20 500 35 25 4.8 -55 to 150
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
300 (0.063 in. (1.6 mm from case for10s ) 9.3 (Typical )
g
www.irf.com
1
9/05/01
IRHM57064
Pre-Irradiation
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS Drain-to-Source Breakdown Voltage BVDSS/TJ Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage g fs Forward Transconductance IDSS Zero Gate Voltage Drain Current
Min
60 -- -- 2.0 42 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 0.063 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 6.8 0.012 4.0 -- 10 25 100 -100 160 55 65 35 125 75 50 -- -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 12V, ID = 35A VDS = VGS, ID = 1.0mA VDS > 15V, IDS = 35A VDS= 48V ,VGS=0V VDS = 48V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS =12V, ID = 35A VDS = 50V VDD = 30V, ID = 35A VGS =12V, RG = 2.35
IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA
nC
ns
nH Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in. from package) with Source wires internally bonded from Source Pin to Drain Pad
Ciss Coss Crss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
6300 2300 70
-- -- --
pF
VGS = 0V, VDS = 25V f = 1.0MHz
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- 35* 140 1.2 200 818
Test Conditions
A
V ns nC Tj = 25C, IS = 35A, VGS = 0V Tj = 25C, IF = 35A, di/dt 100A/s VDD 25V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
* Current is limited by internal wire diameter
Thermal Resistance
Parameter
R thJC RthCS RthJA Junction-to-Case Case-to-Sink Junction-to-Ambient
Min Typ Max Units
-- -- -- -- 0.50 0.21 -- -- 48 C/W
Test Conditions
Typical socket mount
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
Radiation Characteristics Pre-Irradiation
IRHM57064
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation
Parameter
BVDSS VGS(th) IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source On-State Resistance (TO-3) Static Drain-to-Source On-State Resistance (TO-254) Diode Forward Voltage Up to 600K Rads(Si)1 1000K Rads (Si)2 Units Min Max Min Max 60 2.0 -- -- -- -- -- -- -- 4.0 100 -100 10 0.0061 0.012 1.2 60 1.5 -- -- -- -- -- -- -- 4.0 100 -100 10 0.0071 0.013 1.2 V nA A V
Test Conditions
VGS = 0V, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V VGS = -20 V VDS= 48V, VGS =0V VGS = 12V, ID =35A VGS = 12V, ID =35A VGS = 0V, IS = 35A
1. Part numbers IRHM57064, IRHM53064 and IRHM54064 2. Part number IRHM58064
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
Ion Kr Xe Au LET MeV/(mg/cm2)) 39.2 63.3 86.6 Energy (MeV) 300 300 2068 VDS (V) Range (m) @VGS=0V @VGS=-5V @VGS=-10V @VGS=-15V @VGS=-20V 37.4 60 60 60 52 34 29.2 46 46 35 25 15 106 35 35 27 20 14
70 60 50 40 30 20 10 0 0 -5 -10
VGS
Kr Xe Au
VDS
-15
-20
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHM57064
Pre-Irradiation
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 12V 10V 9.0V 8.0V 7.0V 6.0V BOTTOM 5.0V TOP
1000
100
VGS 15V 12V 10V 9.0V 8.0V 7.0V 6.0V BOTTOM 5.0V TOP
5.0V
10
10
5.0V
20s PULSE WIDTH T = 25 C
J 1 10 100
1 0.1
1 0.1
20s PULSE WIDTH T = 150 C
J 1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 35A
I D , Drain-to-Source Current (A)
100
TJ = 150 C
1.5
TJ = 25 C
10
1.0
0.5
1 5.0
15
V DS = 25V 20s PULSE WIDTH 8.0 9.0 6.0 7.0 10.0
0.0 -60 -40 -20
VGS = 12V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
4
www.irf.com
Pre-Irradiation
IRHM57064
10000
VGS , Gate-to-Source Voltage (V)
8000
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 35A
16
VDS = 48V VDS = 30V VDS = 12V
C, Capacitance (pF)
Ciss
6000
C oss
12
4000
8
2000
4
C rss
0 1 10 100
0 0 40
FOR TEST CIRCUIT SEE FIGURE 13
120 80 160
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R
DS(on)
TJ = 150 C
10
I D , Drain Current (A)
100
100
100us
1
TJ = 25 C
1ms
0.1 0.0
V GS = 0 V
0.5 1.0 1.5 2.0 2.5
10
TC = 25 C TJ = 150 C Single Pulse
1 10
10ms 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
5
IRHM57064
Pre-Irradiation
120
LIMITED BY PACKAGE
100
VDS VGS RG
RD
D.U.T.
+
I D , Drain Current (A)
-VDD
80
VGS
60
Pulse Width 1 s Duty Factor 0.1 %
40
Fig 10a. Switching Time Test Circuit
VDS 90%
20
0 25 50 75 100 125 150
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE)
0.1
0.01
0.001 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 0.0001 0.001 0.01
P DM t1 t2 1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
6
www.irf.com
Pre-Irradiation
IRHM57064
1250
EAS , Single Pulse Avalanche Energy (mJ)
1 5V
1000
TOP BOTTOM ID 16A 22A 35A
VD S
L
D R IV E R
750
RG
D .U .T.
IA S tp
+ - VD D
A
500
VGS 20V
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
250
0 25 50 75 100 125 150
V (B R )D S S tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
12 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
www.irf.com
7
IRHM57064
Pre-Irradiation
Footnotes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 25V, starting TJ = 25C, L= 0.8 mH Peak IL = 35A, VGS = 12V ISD 35A, di/dt 265A/s, VDD 60V, TJ 150C
Pulse width 300 s; Duty Cycle 2% Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A. Total Dose Irradiation with VDS Bias. 48 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions -- TO-254AA
0.12 [.005] 3.78 [.149] 3.53 [.139] A 13.84 [.545] 13.59 [.535] 6.60 [.260] 6.32 [.249] 1.27 [.050] 1.02 [.040]
3.78 [.149] 3.53 [.139] A 13.84 [.545] 13.59 [.535] 6.60 [.260] 6.32 [.249] 0.12 [.005]
1.27 [.050] 1.02 [.040]
17.40 [.685] 16.89 [.665] 31.40 [1.235] 30.35 [1.195] 1 2 3
20.32 [.800] 20.07 [.790]
13.84 [.545] 13.59 [.535]
22.73 [.895] 21.21 [.835]
17.40 [.685] 16.89 [.665] 1 2 3
20.32 [.800] 20.07 [.790]
13.84 [.545] 13.59 [.535]
B R 1.52 [.060]
17.40 [.685] 16.89 [.665]
B
4.82 [.190] 3.81 [.150]
4.06 [.160] 3.56 [.140] 3X 1.14 [.045] 0.89 [.035] 0.36 [.014] B A
3X 3.81 [.150]
1.14 [.045] 0.89 [.035] 0.36 [.014] B A PIN AS S IGNMENT S 1 = DRAIN 2 = S OURCE 3 = GAT E
3.81 [.150]
3.81 [.150]
2X
2X NOT ES : 1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. 2. ALL DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ]. 3. CONT ROLLING DIMENS ION: INCH. 4. CONF ORMS T O JEDEC OUT LINE T O-254AA.
CAUTION BERYLLIA WARNING PER MIL-PRF-19500 Packages containing beryllia shall not be ground, sandblasted, machined, or have other operations performed on them which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that will produce fumes containing beryllium.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 09/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRHM57064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X