Part Number Hot Search : 
2SJ353 MA795WK PS2701 2SC1729 B1580 UPD43256 C1411EPA SMA36
Product Description
Full Text Search
 

To Download IRF7504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1267G
IRF7504
HEXFET(R) Power MOSFET
l l l l l l l
Generation V Technology Ultra Low On-Resistance Dual P-Channel MOSFET Very Small SOIC Package Low Profile (<1.1mm) Available in Tape & Reel Fast Switching
S1 G1 S2 G2
1
8 7
D1 D1 D2 D2
2
VDSS = -20V
3
6
4
5
RDS(on) = 0.27
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The new Micro8 package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.
T o p V iew
Micro8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C VGS dv/dt TJ,TSTG Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
-1.7 -1.4 -9.6 1.25 10 12 -5.0 -55 to + 150
Units
A W
mW/C
V V/ns C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Typ.
---
Max.
100
Units
C/W
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective only for product marked with Date Code 505 or later . 8/25/97
IRF7504
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(ON) VGS(th) gfs IDSS I GSS Qg Q gs Q gd t d(on) tr t d(off) tf Ciss Coss Crss
Min. Typ. Max. Units Conditions -20 --- --- V VGS = 0V, ID = -250A --- -0.012 --- V/C Reference to 25C, I D = -1mA --- --- 0.27 VGS = -4.5V, ID = -1.2A --- --- 0.40 VGS = -2.7V, ID = -0.60A -0.70 --- --- V VDS = VGS, ID = -250A 1.3 --- --- S VDS = -10V, ID = -0.60A --- --- -1.0 VDS = -16V, VGS = 0V A --- --- -25 VDS = -16V, VGS = 0V, TJ = 125C --- --- -100 VGS = -12V nA --- --- 100 VGS = +12V --- 5.4 8.2 ID = -1.2A --- 0.96 1.4 nC V DS = -16V --- 2.4 3.6 VGS = -4.5V, See Fig. 6 and 9 --- 9.1 --- VDD = -10V --- 35 --- I D = -1.2A ns --- 38 --- RG = 6.0 --- 43 --- RD = 8.3, See Fig. 10 --- 240 --- VGS = 0V --- 130 --- pF VDS = -15V --- 64 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD t rr Q rr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions MOSFET symbol --- --- -1.25 showing the A G integral reverse --- --- -9.6 p-n junction diode. --- --- -1.2 V TJ = 25C, IS = -1.2A, VGS = 0V --- 52 78 ns TJ = 25C, IF = -1.2A --- 63 95 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%. Surface mounted on FR-4 board, t 10sec.
ISD -1.2A, di/dt 100A/s, VDD V(BR)DSS ,
TJ 150C
IRF7504
100
VGS - 7.5V - 5.0V - 4.0V - 3.5V - 3.0V - 2.5V - 2.0V BOTT OM - 1.5V TOP
100
-I D , D ra in -to -S o u rce C u rre n t (A )
10
-ID , D ra in -to -S o u rce C u rre n t (A )
10
VGS - 7.5V - 5.0V - 4.0V - 3.5V - 3.0V - 2.5V - 2.0V BOTT OM - 1.5V TOP
1
1
0.1
0.1
- 1.5V
-1.5 V
0.01 0.1 1
20 s P U LSE W IDTH TJ = 25 C A
10
0.01 0.1 1
20 s P UL SE W IDTH TJ = 150 C
10
A
-VD S , D rain-to-S ource V oltage (V )
-VD S , Drain-to-Source V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
10
2.0
-I D , D rain -to- S our ce C urr ent ( A )
T J = 2 5 C TJ = 1 5 0 C
1
R D S (o n ) , D ra in -to -S o u rc e O n R e si sta n ce (N o rm a li ze d )
I D = -1.2A
1.5
1.0
0.1
0.5
0.01 1.5 2.0 2.5 3.0
V DS = -1 0 V 2 0 s P U L S E W ID T H
3.5 4.0 4.5 5.0
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = -4.5 V
100 120 140 160
A
-VG S , Ga te-to-S o urce V oltage (V )
T J , Junction T emperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRF7504
500 10
-V G S , G a te -to -S o u rce V o lta g e (V )
400
V GS C iss C rs s C os s
= = = =
0V , f = 1 MH z C gs + C gd , C ds SH O R TED C gd C ds + C gd
I D = -1 .2A VD S = -1 6V
8
C , C a p a cita n ce (p F )
C is s
300
6
C os s
200
4
C rs s
100
2
0 1 10 100
A
0 0 2 4
FOR TE ST C IR C U IT SE E FIG U R E 9
6 8 10
A
-VD S , D rain-to-S ource V oltage (V)
Q G , Total G ate C harge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
10
100
-IS D , R e ve rse D ra in C u rre n t (A )
OPE R ATIO N IN TH IS A RE A LIMITE D BY R D S(o n)
1
-I D , D ra in C u rre n t (A )
T J = 15 0C
10 1 00s
T J = 25 C
1m s 1 10m s
0.1
0.01 0.4 0.6 0.8 1.0
VG S = 0 V
A
0.1 1
T A = 25 C T J = 15 0C S ing le Pulse
10
1.2
A
100
-VS D , S ource-to-Drain V oltage (V )
-V D S , D rain-to-S ource Voltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRF7504
QG
VDS VGS RG
RD
-4.5V
VG
QGS
QGD
D.U.T.
+
-4.5V
Charge
Pulse Width 1 s Duty Factor 0.1 %
Fig 9a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
Fig 10a. Switching Time Test Circuit
50K 12V .2F .3F
td(on)
tr
t d(off)
tf
VGS
+ D.U.T. VDS
10%
VGS
-3mA
90%
IG ID
VDS
Current Sampling Resistors
Fig 9b. Gate Charge Test Circuit
1000
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJA )
100 D = 0.50 0.20 10 0.10 0.05 0.02 0.01 1 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
0.1 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
-
VDD
IRF7504
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS*
**
* dv/dt controlled by RG * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
VDD
*
*
Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D=
P.W. Period
[
VGS=10V
] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[
]
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
[
Ripple 5% ISD
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 12. For P-Channel HEXFETS
IRF7504
Package Outline
Micro8 Outline Dimensions are shown in millimeters (inches)
L E AD A S S IG N M E N TS D -B3 DDDD D1 D1 D 2 D 2 8765 DUAL 1234 S1 G 1 S2 G2 D IM A A1 8765 3 E -A1234 SSSG 8765 H 0.25 ( .0 10 ) M A M SIN G L E 1234 B C D e e1 E H e 6X e1 A -CB 8X 0.08 ( .0 03 ) M A1 C AS BS 0 .1 0 (.00 4) L 8X C 8X 3 .20 ( .12 6 ) 4.24 5.28 ( .16 7 ) ( .2 08 ) R EC O M M E N DE D FO O TP R IN T 1.04 ( .04 1 ) 8X 0 .3 8 8X ( .01 5 ) L INC H E S M IN .036 .004 .010 .0 05 .1 16 MAX .044 .008 .014 .0 07 .1 20 M ILL IM E TE R S M IN 0.91 0.10 0.25 0 .13 2 .95 MAX 1.11 0.20 0.36 0.18 3.05
.02 56 B A S IC .01 28 B A S IC .116 .1 88 .01 6 0 .120 .1 98 .0 26 6
0.65 BA S IC 0.33 BA S IC 2 .9 5 4 .78 0.4 1 0 3.05 5.03 0.6 6 6
N O TE S : 1 D IM E N S IO N IN G A N D T O LE R A N C IN G P E R A N SI Y 14 .5M -19 82 . 2 C O N T R O LL IN G D IM E N S IO N : IN C H . 3 D IM E N S IO N S D O N O T IN C L U D E M O LD F LA S H .
0.65 6 X ( .02 56 )
Part Marking Information
Micro8
E X A M P L E : T H IS IS A N IR F 7 5 0 1
A D A T E C O D E (Y W W ) Y = L A S T D IG IT O F YE A R W W = W E EK
45 1 75 0 1
PART N UMB ER
TOP
IRF7504
Tape & Reel Information
Micro8 Dimensions are shown in millimeters (inches)
T E R M IN A L N U M B E R 1
12 .3 ( .4 8 4 ) 11 .7 ( .4 6 1 )
8 .1 ( .3 1 8 ) 7 .9 ( .3 1 2 )
F E E D D I R E C T IO N
N O TE S : 1 . O U TL IN E C O N FO R M S TO E IA -4 81 & E IA -5 4 1. 2 . C O N TR O LL IN G D IM E N S IO N : M IL L IM E TE R .
3 30 . 00 ( 12 . 99 2 ) MA X.
1 4. 4 0 ( . 56 6 ) 1 2. 4 0 ( . 48 8 ) NO T E S : 1. C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E I A -48 1 & E IA -5 4 1.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRF7504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X