|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
128K x 36, 256K x 18 3.3V Synchronous ZBTTM SRAMs 2.5V I/O, Burst Counter Pipelined Outputs x x IDT71V2546S IDT71V2548S IDT71V2546SA IDT71V2548SA Features 128K x 36, 256K x 18 memory configurations Supports high performance system speed - 150 MHz (3.8 ns Clock-to-Data Access) ZBTTM Feature - No dead cycles between write and read cycles Internally synchronized output buffer enable eliminates the need to control OE Single R/W (READ/WRITE) control pin W Positive clock-edge triggered address, data, and control signal registers for fully pipelined applications 4-word burst capability (interleaved or linear) Individual byte write (BW - BW control (May tie active) BW1 BW BW4) Three chip enables for simple depth expansion 3.3V power supply (5%), 2.5V I/O Supply (VDDQ) Optional Boundary Scan JTAG Interface (IEEE1149.1 complaint) Packaged in a JEDEC standard 100-pin plastic thin quad flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch ball grid array x x x x x x x x x x Description The IDT71V2546/48 are 3.3V high-speed 4,718,592-bit (4.5 Megabit) synchronous SRAMS. They are designed to eliminate dead bus cycles when turning the bus around between reads and writes, or writes and reads. Thus, they have been given the name ZBTTM, or Zero Bus Turnaround. Address and control signals are applied to the SRAM during one clock cycle, and two cycles later the associated data cycle occurs, be it read or write. The IDT71V2546/48 contain data I/O, address and control signal registers. Output enable is the only asynchronous signal and can be used to disable the outputs at any given time. A Clock Enable (CEN) pin allows operation of the IDT71V2546/48 to be suspended as long as necessary. All synchronous inputs are ignored when (CEN) is high and the internal device registers will hold their previous values. There are three chip enable pins (CE1, CE2, CE2) that allow the user to deselect the device when desired. If any one of these three are not asserted when ADV/LD is low, no new memory operation can be initiated. However, any pending data transfers (reads or writes) will be completed. The data bus will tri-state two cycles after chip is deselected or a write is initiated. The IDT71V2546/48 has an on-chip burst counter. In the burst mode, the IDT71V2546/48 can provide four cycles of data for a single address presented to the SRAM. The order of the burst sequence is defined by the LBO input pin. The LBO pin selects between linear and interleaved burst sequence. The ADV/LD signal is used to load a new external address (ADV/LD = LOW) or increment the internal burst counter (ADV/LD = HIGH). The IDT71V2546/48 SRAMs utilize IDT's latest high-performance CMOS process and are packaged in a JEDEC standard 14mm x 20mm 100-pin thin plastic quad flatpack (TQFP) as well as a 119 ball grid array (BGA) and 165 fine pitch ball grid array (fBGA). Input Input Input Input Input Input Input Input Input Input Input Input Output Input Input I/O Supply Supply Synchronous Synchronous Asynchronous Synchronous Synchronous Synchronous N/A Synchronous Static Synchronous Synchronous N/A Synchronous Asynchronous Synchronous Synchronous Static Static Pin Description Summary A0-A17 CE1, CE2, CE2 OE R/W CEN BW1, BW2, BW3, BW4 CLK ADV/LD LBO TMS TDI TCK TDO TRST ZZ I/O0-I/O31, I/OP1-I/OP4 VDD, VDDQ VSS Address Inputs Chip Enables Output Enable Read/Write Signal Clock Enable Individual Byte Write Selects Clock Adv ance burst address / Load new address Linear / Interleaved Burst Order Test Mode Select Test Data Input Test Clock Test Data Output JTAG Reset (Optional) Sleep Mode Data Input / Output Core Power, I/O Power Ground 1 (c)2004 Integrated Device Technology, Inc. SEPTEMBER 2004 DSC-5294/04 5294 tbl 01 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Pin Definitions(1) Symbol A0-A17 ADV/LD Pin Function Address Inputs Advance / Load I/O I I Active N/A N/A Description Synchronous Address inputs. The address register is triggered by a combination of the rising edge of CLK, ADV/LD low, CEN low, and true chip enables. ADV/LD is a synchronous input that is used to load the internal registers with new address and control when it is sampled low at the rising edge of clock with the chip selected. When ADV/LD is low with the chip deselected, any burst in progress is terminated. When ADV/LD is sampled high then the internal burst counter is advanced for any burst that was in progress. The external addresses are ignored when ADV/LD is sampled high. R/W signal is a synchronous input that identifies whether the current load cycle initiated is a Read or Write access to the memory array. The data bus activity for the current cycle takes place two clock cycles later. Synchronous Clock Enable Input. When CEN is sampled high, all other synchronous inputs, including clock are ignored and outputs remain unchanged. The effect of CEN sampled high on the device outputs is as if the low to high clock transition did not occur. For normal operation, CEN must be sampled low at rising edge of clock. Synchronous byte write enables. Each 9-bit b yte has its own active low byte write enable. On load write cycles (When R/W and ADV/LD are sampled low) the appropriate byte write signal (BW1-BW4) must be valid. The byte write signal must also be valid on each cycle of a burst write. Byte Write signals are ignored when R/W is sampled high. The appro priate byte(s) of data are written into the de vice two cycles later. BW1-BW4 can all be tied low if always doing write to the entire 36-bit word. Synchronous active low chip enable. CE1 and CE2 are used with CE2 to enable the IDT71V2546/48. (CE1 or CE2 sampled high or CE2 sampled low) and ADV/LD low at the rising edge of clock, initiates a deselect cycle. The ZBTTM has a two cycle de select, i.e., the data bus will tri-state two clo ck cycles after deselect is initiated. Synchronous active high chip enable. CE2 is used with CE1 and CE2 to enable the chip. CE2 has inverted polarity but otherwise identical to CE1 and CE2. This is the clock input to the IDT71V2546/48. Except for OE, all timing references for the device are made with respect to the rising edge of CLK. Synchronous data input/output (I/O) pins. Both the data input path and data output path are registered and triggered by the rising edge of CLK. Burst order selection input. When LBO is high the Interleaved burst sequence is selected. When LBO is low the Linear burst sequence is selected. LBO is a static input and it must not change during device operation. Asynchronous output enable. OE must be low to read data from the 71V2546/48. When OE is high the I/O pins are in a high-impedance state. OE does not need to be actively controlled for read and write cycles. In normal operation, OE can be tied low. Gives input command for TAP controller. Sampled on rising edge of TDK. This pin has an internal pullup. Serial input of registers placed between TDI and TDO. Sampled on rising edge of TCK. This pin has an internal pullup. Clock input of TAP controller. Each TAP event is clocked. Test inputs are captured o n rising edge of TCK, while test outputs are d riven from the falling edge of TCK. This pin has an internal pullup. Serial output of registers placed between TDI and TDO. This output is active depending on the state of the TAP controller. Optional Asynchronous JTAG reset. Can be used to reset the TAP co ntroller, but not required. JTAG reset occurs automatically at power up and also resets using TMS and TCK per IEEE 1149.1. If not used TRST can be left floating. This pin has an internal pullup. Synchronous sleep mode inp ut. ZZ HIGH will gate the CLK internally and power down the IDT71V2546/2548 to its lowest power consumption level. Data retention is guaranteed in Sleep Mode. This pin has an internal pulldown. 3.3V core power supply. 2.5V I/O Supply. Ground. 5294 tbl 02 R/W Read / Write Clock Enable I I N/A LOW CEN BW1-BW4 Individual Byte Write Enables I LOW CE1, CE2 Chip Enables I LOW CE2 CLK I/O0-I/O31 I/OP1-I/OP4 Chip Enable Clock Data Input/Output Linear Burst Order Output Enable I I I/O I I HIGH N/A N/A LOW LOW LBO OE TMS TDI TCK TDO Test Mode Select Test Data Input Test Clock Test Data Output JTAG Reset (Optional) I I I O N/A N/A N/A N/A TRST I LOW ZZ VDD VDDQ VSS Sleep Mode Power Supply Power Supply Ground I N/A N/A N/A HIGH N/A N/A N/A NOTE: 1. All synchronous inputs must meet specified setup and hold times with respect to CLK. 6.42 2 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Functional Block Diagram LBO Address A [0:16] C E1, CE2, C E2 R/W C EN ADV/LD BW x D Clk D Q Control D Q 128Kx36 BIT MEMORY ARRAY Address Input Register DI DO Q Control Logic Mux Sel D Clk Clock Output Register Q OE Gate 5294 drw 01a , TMS TDI TCK TR ST (optional) JTAG (SA Version) Data I/O [0:31], I/O P[1:4] TDO 6.42 3 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Functional Block Diagram LBO Address A [0:17] C E1, CE2, C E2 R/W C EN ADV/LD BW x D Clk D Q Control D Q 256x18 BIT MEMORY ARRAY Address Input Register DI DO Q Control Logic Mux Sel D Clk Clock Output Register Q OE Gate 5294 drw 01b (optional) TMS TDI TCK TR S T Data I/O [0:15], I/O P[1:2] JTAG (SA Version) TDO Recommended DC Operating Conditions Symbol VDD VDDQ VSS VIH VIH VIL Parameter Core Supply Voltage I/O Supply Voltage Supply Voltage Input High Voltage - Inputs Input High Voltage - I/O Input Low Voltage Min. 3.135 2.375 0 1.7 1.7 -0.3 (1) Typ. 3.3 2.5 0 ____ ____ ____ Max. 3.465 2.625 0 VDD +0.3 VDDQ +0.3 0.7 (2) Unit V V V V V V 5294 tbl 03 NOTES: 1. VIL (min.) = -1.0V for pulse width less than tCYC/2, once per cycle. 2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle. 6.42 4 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Recommended Operating Temperature and Supply Voltage Grade Commercial Industrial Temperature(1) 0C to +70C -40C to +85C VSS 0V 0V VDD 3.3V 5% 3.3V 5% VDDQ 2.5V 5% 2.5V 5% 5294 tbl 05 NOTE: 1. TA is the "instant on" case temperature. Pin Configuration 128K x 36 CE2 BW 4 BW 3 BW 2 BW 1 C E2 VDD VSS CLK R/W C EN OE ADV/LD NC(2) NC(2) A8 A9 A6 A7 C E1 I/OP3 I/O16 I/O17 VDDQ VSS I/O18 I/O19 I/O20 I/O21 VSS VDDQ I/O22 I/O23 VDD(1) VDD VDD(1) VSS I/O24 I/O25 VDDQ VSS I/O26 I/O27 I/O28 I/O29 VSS VDDQ I/O30 I/O31 I/OP4 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 5294 drw 02 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 I/OP2 I/O15 I/O14 VDDQ VSS I/O13 I/O12 I/O11 I/O10 VSS VDDQ I/O9 I/O8 VSS VDD(1) VDD VSS/ZZ(3) I/O7 I/O6 VDDQ VSS I/O5 I/O4 I/O3 I/O2 VSS VDDQ I/O1 I/O0 I/OP1 , LBO A5 A4 A3 A2 A1 A0 NC NC VSS VDD NC NC Top View 100 TQFP NOTES: 1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long as the input voltage is VIH. 2. Pins 83 and 84 are reserved for future 8M and 16M respectively. 3. Pin 64 does not have to be connected directly to VSS as long as the input voltage is VIL; on the latest die revision this pin supports ZZ (sleep mode). 6.42 5 A10 A11 A12 A13 A14 A15 A16 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Pin Configuration 256K x 18 CE2 NC NC BW 2 BW 1 CE2 VDD VSS CLK R/W CEN OE ADV/LD NC(2) NC(2) A8 A9 A6 A7 CE1 Absolute Maximum Ratings(1) Symbol VTERM(2) 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 Rating Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Commercial Operating Temperature Commercial & Industrial Values -0.5 to +4.6 -0.5 to VDD -0.5 to VDD +0.5 -0.5 to VDDQ +0.5 Unit V V V V 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 NC NC NC VDDQ VSS NC NC I/O8 I/O9 VSS VDDQ I/O10 I/O11 VDD(1) VDD VDD(1) VSS I/O12 I/O13 VDDQ VSS I/O14 I/O15 I/OP2 NC VSS VDDQ NC NC NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 A10 NC NC VDDQ VSS NC I/OP1 I/O7 I/O6 VSS VDDQ I/O5 I/O4 VSS VDD(1) VDD VSS/ZZ(3) I/O3 I/O2 VDDQ VSS I/O1 I/O0 NC NC VSS VDDQ NC NC NC 5294 drw 02a VTERM(3,6) VTERM(4,6) VTERM(5,6) -0 to +70 -40 to +85 -55 to +125 -55 to +125 2.0 50 o C C C C TA (7) Industrial Operating Temperature TBIAS TSTG Temperature Under Bias Storage Temperature Power Dissipation DC Output Current o o o , PT IOUT W mA 5294 tbl 06 Top View 100 TQFP NOTES: 1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long as the input voltage is VIH. 2. Pins 83 and 84 are reserved for future 8M and 16M respectively. 3. Pin 64 does not have to be connected directly to VSS as long as the input voltage is VIL; on the latest die revision this pin supports ZZ (sleep mode). NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VDD terminals only. 3. VDDQ terminals only. 4. Input terminals only. 5. I/O terminals only. 6. This is a steady-state DC parameter that applies after the power supply has reached its nominal operating value. Power sequencing is not necessary; however, the voltage on any input or I/O pin cannot exceed VDDQ during power supply ramp up. 7. TA is the "instant on" case temperature. 100 TQFP Capacitance(1) (TA = +25 C, f = 1.0MHz) Symbol CIN CI/O Parameter(1) Input Capacitance I/O Capacitance Conditions VIN = 3dV VOUT = 3dV Max. 5 7 Unit pF pF 5294 tbl 07 LBO A5 A4 A3 A2 A1 A0 NC NC VSS VDD NC NC A11 A12 A13 A14 A15 A16 A17 119 BGA Capacitance(1) (TA = +25 C, f = 1.0MHz) Symbol CIN CI/O Parameter(1) Input Capacitance I/O Capacitance Conditions VIN = 3dV VOUT = 3dV Max. 7 7 Unit pF pF 5294 tbl 07a 165 fBGA Symbol CIN CI/O (TA = +25 C, f = 1.0MHz) Parameter(1) Input Capacitance I/O Capacitance Capacitance(1) Conditions VIN = 3dV VOUT = 3dV Max. TBD TBD Unit pF pF 5294 tbl 07b NOTE: 1. This parameter is guaranteed by device characterization, but not production tested. 6.42 6 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Pin Configuration 128K x 36, 119 BGA 1 A B C D E F G H J K L M N P R T U VDDQ NC NC I/O16 I/O17 VDDQ I/O20 I/O22 VDDQ I/O24 I/O25 VDDQ I/O29 I/O31 NC NC VDDQ 2 A6 CE 2 A7 I/OP3 I/O18 I/O19 I/O21 I/O23 VDD I/O26 I/O27 I/O28 I/O30 I/OP4 A5 NC 3 A4 A3 A2 VSS VSS VSS BW 3 VSS VDD(1) VSS BW 4 VSS VSS VSS LBO A10 4 NC(2) ADV/LD VDD NC CE1 OE NC(2) R/W VDD CLK NC CEN A1 A0 VDD A11 5 A8 A9 A12 VSS VSS VSS BW 2 VSS VDD(1) VSS BW 1 VSS VSS VSS VDD(1) A14 6 A16 CE2 A15 I/OP2 I/O13 I/O12 I/O11 I/O9 VDD I/O6 I/O4 I/O3 I/O2 I/OP1 A13 NC 7 VDDQ NC NC I/O15 I/O14 VDDQ I/O10 I/O8 VDDQ I/O7 I/O5 VDDQ I/O1 I/O0 NC NC/ZZ(5) , NC/TMS(3) NC/TDI(3) NC/TCK(3) NC/TDO(3) NC/TRST(3,4) VDDQ 5294 drw 13a Top View Pin Configuration 256K x 18, 119 BGA 1 A B C D E F G H J K L M N P R T U VDDQ NC NC I/O8 NC VDDQ NC I/O11 VDDQ NC I/O13 VDDQ I/O15 NC NC NC VDDQ 2 A6 CE2 A7 NC I/O9 NC I/O10 NC VDD I/O12 NC I/O14 NC I/OP2 A5 A10 NC/TMS(3) 3 A4 A3 A2 VSS VSS VSS BW 2 VSS VDD(1) VSS VSS VSS VSS VSS LBO A15 NC/TDI(3) 4 NC(2) ADV/LD VDD NC C E1 OE NC(2) R/W VDD CLK NC CEN A1 A0 VDD NC NC/TCK(3) 5 A8 A9 A13 VSS VSS VSS VSS VSS VDD(1) VSS BW 1 VSS VSS VSS VDD(1) A14 NC/TDO(3) 6 A16 C E2 A17 I/OP1 NC I/O6 NC I/O4 VDD NC I/O2 NC I/O1 NC A12 A11 NC/TRST(3,4) 7 VDDQ NC NC NC I/O7 VDDQ I/O5 NC VDDQ I/O3 NC VDDQ NC I/O0 NC NC/ZZ(5) VDDQ 5294 drw 13b , NOTES: 1. J3, J5, and R5 do not have to be directly connected to VDD as long as the input voltage is VIH. 2. G4 and A4 are reserved for future 8M and 16M respectively. 3. These pins are NC for the "S" version or the JTAG signal listed for the "SA" version. 4. TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD. 5. Pin T7 supports ZZ (sleep mode) on the latest die revision. Top View 6.42 7 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Pin Configuration - 128K x 36, 165 fBGA 1 A B C D E F G H J K L M N P R NC(2) NC I/OP3 I/O17 I/O19 I/O21 I/O23 VDD(1) I/O25 I/O27 I/O29 I/O31 I/OP4 NC 2 A7 A6 NC I/O16 I/O18 I/O20 I/O22 VDD(1) I/O24 I/O26 I/O28 I/O30 NC NC(2) NC(2) 3 4 5 6 7 8 ADV/LD 9 NC(2) NC(2) VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A13 A12 10 A8 A9 NC I/O15 I/O13 I/O11 I/O9 NC I/O7 I/O5 I/O3 I/O1 NC A14 A15 11 NC NC(2) I/OP2 I/O14 I/O12 I/O10 I/O8 NC/ZZ(5) I/O6 I/O4 I/O2 I/O0 I/OP1 NC A16 5294 tbl 25 CE1 CE2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A5 A4 BW3 BW4 VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A2 A3 BW2 BW1 VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC/ TRST(3,4) CE2 CLK VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC A1 A0 CEN R/W VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VDD(1) NC/TDO(3) NC/TCK(3) OE VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A10 A11 NC/TDI(3) NC/TMS (3) LBO Pin Configuration - 256K x 18, 165 fBGA 1 A B C D E F G H J K L M N P R NC (2) 2 A7 A6 NC I/O8 I/O9 I/O10 I/O11 VDD (1) 3 4 5 NC 6 7 8 ADV/LD 9 NC NC (2) 10 A8 A9 NC NC NC NC NC NC I/O3 I/O2 I/O1 I/O0 NC A15 A16 11 A10 NC(2) I/OP1 I/O7 I/O6 I/O5 I/O4 NC/ZZ(5) NC NC NC NC NC NC A17 5294 tbl 25a CE1 CE2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A5 A4 BW2 NC VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A2 A3 NC/ CE2 CLK VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC A1 A0 CEN R/W VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VDD (1) NC NC NC NC NC NC VDD (1) BW1 VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS TRST(3,4) (3) OE VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS (3) (2) VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A14 A13 I/O12 I/O13 I/O14 I/O15 I/OP2 NC NC NC NC NC NC NC NC (2) NC/TDI NC/TDO NC/TCK A11 A12 LBO (2) NC/TMS (3) (3) NOTES: 1. H1, H2, and N7 do not have to be directly connected to VDD as long as the input voltage is VIH. 2. A9, B9, B11, A1, R2 and P2 are reserved for future 9M, 18M, 36M, 72M, 144M and 288M respectively. 3. These pins are NC for the "S" version or the JTAG signal listed for the "SA" version. 4. TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD. 5. Pin H11 supports ZZ (sleep mode) on the latest die revision. 6.42 8 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Synchronous Truth Table(1) CEN L L L L L L H R/W L H X X X X X Chip(5) Enable Select Select X X Deselect X X ADV/LD L L H H L H X BWx Valid X Valid X X X X ADDRESS USED External External Internal Internal X X X PREVIOUS CYCLE X X LOAD WRITE / BURST WRITE LOAD READ / BURST READ X DESELECT / NOOP X CURRENT CYCLE LOAD WRITE LOAD READ BURST WRITE (Advance burst counter)(2) BURST READ (Advance burst counter)(2) DESELECT or STOP(3) NOOP SUSPEND(4) I/O (2 cycles later) D(7) Q(7) D(7) Q(7) HiZ HiZ Previous Value 5294 tbl 08 NOTES: 1. L = VIL, H = VIH, X = Don't Care. 2. When ADV/LD signal is sampled high, the internal burst counter is incremented. The R/W signal is ignored when the counter is advanced. Therefore the nature of the burst cycle (Read or Write) is determined by the status of the R/W signal when the first address is loaded at the beginning of the burst cycle. 3. Deselect cycle is initiated when either (CE1, or CE2 is sampled high or CE2 is sampled low) and ADV/LD is sampled low at rising edge of clock. The data bus will tri-state two cycles after deselect is initiated. 4. When CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the I/ Os remains unchanged. 5. To select the chip requires CE1 = L, CE2 = L, CE2 = H on these chip enables. Chip is deselected if any one of the chip enables is false. 6. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up. 7. Q - Data read from the device, D - data written to the device. Partial Truth Table for Writes(1) OPERATION READ WRITE ALL BYTES WRITE BYTE 1 (I/O[0:7], I/OP1)(2) WRITE BYTE 2 (I/O[8:15], I/OP2)(2) WRITE BYTE 3 (I/O[16:23], I/OP3) WRITE BYTE 4 (I/O[24:31], I/OP4) NO WRITE NOTES: 1. L = VIL, H = VIH, X = Don't Care. 2. Multiple bytes may be selected during the same cycle. 3. N/A for X18 configuration. (2,3) (2,3) R/W H L L L L L L BW1 X L L H H H H BW2 X L H L H H H BW3(3) X L H H L H H BW4(3) X L H H H L H 5294 tbl 09 6.42 9 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Interleaved Burst Sequence Table (LBO=VDD) Sequence 1 A1 First Address Second Address Third Address Fourth Address (1) Sequence 2 A1 0 0 1 1 A0 1 0 1 0 Sequence 3 A1 1 1 0 0 A0 0 1 0 1 Sequence 4 A1 1 1 0 0 A0 1 0 1 0 5294 tbl 10 A0 0 1 0 1 0 0 1 1 NOTE: 1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting. Linear Burst Sequence Table (LBO=VSS) Sequence 1 A1 First Address Second Address Third Address Fourth Address (1) Sequence 2 A1 0 1 1 0 A0 1 0 1 0 Sequence 3 A1 1 1 0 0 A0 0 1 0 1 Sequence 4 A1 1 0 0 1 A0 1 0 1 0 5294 tbl 11 A0 0 1 0 1 0 0 1 1 NOTE: 1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting. Functional Timing Diagram(1) CYCLE CLOCK ADDRESS (A0 - A16) (2) n+29 n+30 n+31 n+32 n+33 n+34 n+35 n+36 n+37 A29 A30 A31 A32 A33 A34 A35 A36 A37 CONTROL (R/W , ADV/LD, BW x) (2) (2) C29 C30 C31 C32 C33 C34 C35 C36 C37 DATA I/O [0:31], I/O P[1:4] D/Q27 D/Q28 D/Q29 D/Q30 D/Q31 D/Q32 D/Q33 D/Q34 D/Q35 5294 drw 03 , NOTES: 1. This assumes CEN, CE1, CE2, CE2 are all true. 2. All Address, Control and Data_In are only required to meet set-up and hold time with respect to the rising edge of clock. Data_Out is valid after a clock-to-data delay from the rising edge of clock. 6.42 10 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Device Operation - Showint Mixed Load, Burst, Deselect and NOOP Cycles(2) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 n+9 n+10 n+11 n+12 n+13 n+14 n+15 n+16 n+17 n+18 n+19 Address A0 X A1 X X A2 X X A3 X A4 X X A5 A6 A7 X A8 X A9 R/W H X H X X H X X L X L X X L H L X H X L ADV/LD L H L L H L H L L H L L H L L L H L H L CE (1) L X L H X L X H L X L H X L L L X L X L CEN L L L L L L L L L L L L L L L L L L L L BWx X X X X X X X X L L L X X L X L L X X L OE X X L L L X X L L X X X X X X X L X X L I/O X X Q0 Q0+1 Q1 Z Z Q2 Q2+1 Z D3 D3+1 D4 Z Z D5 Q6 D7 D7+1 Q8 Comments Load read Burst read Load read Deselect or STOP NOOP Load read Burst read Deselect or STOP Load write Burst write Load write Deselect or STOP NOOP Load write Load read Load write Burst write Load read Burst read Load write 5294 tbl 12 NOTES: 1. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. 2. H = High; L = Low; X = Don't Care; Z = High Impedance. Read Operation(1) Cycle n n+1 n+2 Address A0 X X R/W H X X ADV/LD L X X CE (2) L X X CEN L L X BWx X X X OE X X L I/O X X Q0 Comments Address and Control meet setup Clock Setup Valid Contents of Address A0 Read Out 5294 tbl 13 NOTES: 1. H = High; L = Low; X = Don't Care; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. 6.42 11 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Burst Read Operation(1) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 Address A0 X X X X A1 X X A2 R/W H X X X X H X X H ADV/LD L H H H H L H H L CE (2) L X X X X L X X L CEN L L L L L L L L L BWx X X X X X X X X X OE X X L L L L L L L I/O X X Q0 Q0+1 Q0+2 Q0+3 Q0 Q1 Q1+1 Comments Address and Control meet setup Clock Setup Valid, Advance Counter Address A0 Read Out, Inc. Count Address A0+1 Read Out, Inc. Count Address A0+2 Read Out, Inc. Count Address A0+3 Read Out, Load A1 Address A0 Read Out, Inc. Count Address A1 Read Out, Inc. Count Address A1+1 Read Out, Load A2 5294 tbl 14 NOTES: 1. H = High; L = Low; X = Don't Care; Z = High Impedance.. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. Write Operation(1) Cycle n n+1 n+2 Address A0 X X R/W L X X ADV/LD L X X CE (2) L X X CEN L L L BWx L X X OE X X X I/O X X D0 Comments Address and Control meet setup Clock Setup Valid Write to Address A0 5294 tbl 15 NOTES: 1. H = High; L = Low; X = Don't Care; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. Burst Write Operation(1) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 Address A0 X X X X A1 X X A2 R/W L X X X X L X X L ADV/LD L H H H H L H H L CE (2) L X X X X L X X L CEN L L L L L L L L L BWx L L L L L L L L L OE X X X X X X X X X I/O X X D0 D0+1 D0+2 D0+3 D0 D1 D1+1 Comments Address and Control meet setup Clock Setup Valid, Inc. Count Address A0 Write, Inc. Count Address A0+1 Write, Inc. Count Address A0+2 Write, Inc. Count Address A0+3 Write, Load A1 Address A0 Write, Inc. Count Address A1 Write, Inc. Count Address A1+1 Write, Load A2 5294 tbl 16 NOTES: 1. H = High; L = Low; X = Don't Care; ? = Don't Know; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. 6.42 12 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Read Operation with Clock Enable Used(1) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 Address A0 X A1 X X A2 A3 A4 R/W H X H X X H H H ADV/LD L X L X X L L L CE (2) L X L X X L L L CEN L H L H H L L L BWx X X X X X X X X OE X X X L L L L L I/O X X X Q0 Q0 Q0 Q1 Q2 Comments Address and Control meet setup Clock n+1 Ignored Clock Valid Clock Ignored. Data Q0 is on the bus. Clock Ignored. Data Q0 is on the bus. Address A0 Read out (bus trans.) Address A1 Read out (bus trans.) Address A2 Read out (bus trans.) 5294 tbl 17 NOTES: 1. H = High; L = Low; X = Don't Care; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. Write Operation with Clock Enable Used(1) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 Address A0 X A1 X X A2 A3 A4 R/W L X L X X L L L ADV/LD L X L X X L L L CE (2) L X L X X L L L CEN L H L H H L L L BWx L X L X X L L L OE X X X X X X X X I/O X X X X X D0 D1 D2 Comments Address and Control meet setup. Clock n+1 Ignored. Clock Valid. Clock Ignored. Clock Ignored. Write Data D0 Write Data D1 Write Data D2 5294 tbl 18 NOTES: 1. H = High; L = Low; X = Don't Care; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. 6.42 13 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Read Operation with Chip Enable Used(1) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 n+9 Address X X A0 X A1 X X A2 X X R/W X X H X H X X H X X ADV/LD L L L L L L L L L L CE (2) H H L H L H H L H H CEN L L L L L L L L L L BWx X X X X X X X X X X OE X X X X L X L X X L I/O(3) ? ? Z Z Q0 Z Q1 Z Z Q2 Comments Deselected. Deselected. Address and Control meet setup Deselected or STOP. Address A0 Read out. Load A1. Deselected or STOP. Address A1 Read out. Deselected. Address and control meet setup. Deselected or STOP. Address A2 Read out. Deselected. 5294 tbl 19 NOTES: 1. H = High; L = Low; X = Don't Care; ? = Don't Know; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. 3. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up. Write Operation with Chip Enable Used(1) Cycle n n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 n+9 Address X X A0 X A1 X X A2 X X R/W X X L X L X X L X X ADV/LD L L L L L L L L L L CE (2) H H L H L H H L H H CEN L L L L L L L L L L BWx X X L X L X X L X X OE X X X X X X X X X X I/O(3) ? ? Z Z D0 Z D1 Z Z D2 Comments Deselected. Deselected. Address and Control meet setup Deselected or STOP. Address D0 Write in. Load A1. Deselected or STOP. Address D1 Write in. Deselected. Address and control meet setup. Deselected or STOP. Address D2 Write in. Deselected. 5294 tbl 20 NOTES: 1. H = High; L = Low; X = Don't Care; ? = Don't Know; Z = High Impedance. 2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L. 6.42 14 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VDD = 3.3V5%) Symbol |ILI| |ILI| |ILO| VOL VOH Parameter Input Leakage Current LBO, JTAG and ZZ Input Leakage Current(1) Output Leakage Current Output Low Voltage Output High Voltage Test Conditions VDD = Max., VIN = 0V to VDD VDD = Max., VIN = 0V to VDD VOUT = 0V to VDDQ, Device Deselected IOL = +6mA, VDD = Min. IOH = -6mA, VDD = Min. Min. ___ Max. 5 30 5 0.4 ___ Unit A A A V V 5294 tbl 21 ___ ___ ___ 2.0 NOTE: 1. The LBO, TMS, TDI, TCK and TRST pins will be internally pulled to VDD and ZZ will be internally pulled to VSS if it is not actively driven in the application. DC Electrical Characteristics Over the Operating Temperature Supply Voltage Range (1) (VDD = 3.3V5%) 150MHz Symbol IDD Parameter Operating Power Supply Current CMOS Standby Power Supply Current Clock Running Power Supply Current Idle Power Supply Current Test Conditions Device Selected, Outputs Open, ADV/LD = X, VDD = Max., VIN > VIH or < VIL, f = fMAX(2) Device Deselected, Outputs Open, VDD = Max., VIN > VHD or < VLD, f = 0(2,3) Device Deselected, Outputs Open, VDD = Max., VIN > VHD or < VLD, f = fMAX(2.3) Device Selected, Outputs Open, CEN > VIH, VDD = Max., VIN > VHD or < VLD, f = fMAX(2,3) Com'l Only 325 133MHz Com'l 300 Ind 310 100MHz Unit Com'l 250 Ind 260 mA ISB1 40 40 45 40 45 mA ISB2 120 110 120 100 110 mA ISB3 40 40 45 40 45 mA NOTES: 1. All values are maximum guaranteed values. 2. At f = fMAX, inputs are cycling at the maximum frequency of read cycles of 1/tCYC; f=0 means no input lines are changing. 3. For I/Os VHD = VDDQ - 0.2V, VLD = 0.2V. For other inputs VHD = VDD - 0.2V, VLD = 0.2V. 5294 tbl 22 AC Test Loads I/O Z0 = 50 VDDQ/2 50 , 5294 drw 04 AC Test Conditions (VDDQ = 2.5V) Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Timing Reference Levels AC Test Load 0 to 2.5V 2ns (VDDQ/2) (VDDQ/2) See Figure 1 5294 tbl 23 6 5 4 tCD 3 (Typical, ns) 2 1 20 30 50 80 100 Capacitance (pF) Figure 1. AC Test Load 200 5294 drw 05 , Figure 2. Lumped Capacitive Load, Typical Derating 6.42 15 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges AC Electrical Characteristics (VDD = 3.3V5%, Commercial and Industrial Temperature Ranges) 150MHz Symbol Parameter Min. Max. Min. 133MHz Max. Min. 100MHz Max. Unit tCYC tF(1) tCH(2) tCL(2) Clock Cycle Time Clock Frequence Clock High Pulse Width Clock Low Pulse Width 6.7 ____ ____ 7.5 ____ ____ 10 ____ ____ ns MHz ns ns 150 ____ 133 ____ 100 ____ 2.0 2.0 2.2 2.2 3.2 3.2 ____ ____ ____ Output Parameters tCD tCDC tCLZ (3,4,5) Clock High to Valid Data Clock High to Data Change Clock High to Output Active Clock High to Data High-Z Output Enable Access Time Output Enable Low to Data Active Output Enable High to Data High-Z ____ 3.8 ____ ____ 4.2 ____ ____ 5 ____ ns ns ns ns ns ns ns 1.5 1.5 1.5 ____ 1.5 1.5 1.5 ____ 1.5 1.5 1.5 ____ ____ ____ ____ tCHZ(3,4,5) tOE tOLZ(3,4) tOHZ(3,4) 3 3.8 ____ 3 4.2 ____ 3.3 5 ____ 0 ____ 0 ____ 0 ____ 3.8 4.2 5 Set Up Times tSE tSA tSD tSW tSADV tSC tSB Hold Times tHE tHA tHD tHW tHADV tHC tHB Clock Enable Hold Time Address Hold Time Data In Hold Time Read/Write (R/W) Hold Time Advance/Load (ADV/LD) Hold Time Chip Enable/Select Hold Time Byte Write Enable (BWx) Hold Time 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ____ ____ ____ ____ ____ ____ ____ Clock Enable Setup Time Address Setup Time Data In Setup Time Read/Write (R/W) Setup Time Advance/Load (ADV/LD) Setup Time Chip Enable/Select Setup Time Byte Write Enable (BWx) Setup Time 1.5 1.5 1.5 1.5 1.5 1.5 1.5 ____ ____ ____ ____ ____ ____ ____ 1.7 1.7 1.7 1.7 1.7 1.7 1.7 ____ ____ ____ ____ ____ ____ ____ 2.0 2.0 2.0 2.0 2.0 2.0 2.0 ____ ____ ____ ____ ____ ____ ____ ns ns ns ns ns ns ns 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ____ ____ ____ ____ ____ ____ ____ 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ____ ____ ____ ____ ____ ____ ____ ns ns ns ns ns ns ns 5294 tbl 24 NOTES: 1. tF = 1/tCYC. 2. Measured as HIGH above 0.6VDDQ and LOW below 0.4VDDQ. 3. Transition is measured 200mV from steady-state. 4. These parameters are guaranteed with the AC load (Figure 1) by device characterization. They are not production tested. 5. To avoid bus contention, the output buffers are designed such that tCHZ (device turn-off) is about 1ns faster than tCLZ (device turn-on) at a given temperature and voltage. The specs as shown do not imply bus contention because tCLZ is a Min. parameter that is worse case at totally different test conditions (0 deg. C, 3.465V) than tCHZ, which is a Max. parameter (worse case at 70 deg. C, 3.135V). 6.42 16 tCYC CLK tSE tHE tCH tCL C EN tHADV tSADV ADV/LD tSW tHW R/W tSA tHA A2 tSC tHC ADDRESS A1 C E1, C E2 (2) Timing Waveform of Read Cycle(1,2,3,4) IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 6.42 17 tCLZ tCD Q(A1) Pipeline Read Pipeline Read Q(A2) O1(A2) tCDC O2(A2) Q(A2+1) tCDC tCD (C EN high, eliminates current L-H clock edge) (Burst Wraps around to initial state) BW 1 - BW 4 OE tCHZ Q(A2+2) Burst Pipeline Read 5294 drw 06 DATAOUT Q(A2+2) Q(A2+3) Q(A2) NOTES: 1. Q (A1) represents the first output from the external address A1. Q (A2) represents the first output from the external address A2; Q (A2+1) represents the next output data in the burst sequence of the base address A2, etc. where address bits A0 and A1 are advancing for the four word burst in the sequence defined by the state of the LBO input. 2. CE2 timing transitions are identical but inverted to the CE1 and CE2 signals. For example, when CE1 and CE2 are LOW on this waveform, CE2 is HIGH. 3. Burst ends when new address and control are loaded into the SRAM by sampling ADV/LD LOW. 4. R/W is don't care when the SRAM is bursting (ADV/LD sampled HIGH). The nature of the burst access (Read or Write) is fixed by the state of the R/W signal when new address and control are loaded into the SRAM. , tCYC CLK tSE tHE tCH tCL C EN tSADV tHADV ADV/LD tSW tHW W R/ tSA tHA A2 tSC tHC ADDRESS A1 C E1, C E2 tSB tHB (2) Timing Waveform of Write Cycles(1,2,3,4,5) IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 6.42 18 tSD D(A1) D(A2) Pipeline Write Pipeline Write BW 1 - BW 4 OE tHD (CEN high, eliminates current L-H clock edge) tSD D(A2+1) Burst Pipeline Write tHD D(A2+2) (Burst Wraps around to initial state) DATAIN D(A2+3) D(A2) 5294 drw 07 NOTES: 1. D (A1) represents the first input to the external address A1. D (A2) represents the first input to the external address A2; D (A2+1) represents the next input data in the burst sequence of the base address A2, etc. where address bits A0 and A1 are advancing for the four word burst in the sequence defined by the state of the LBO input. 2. CE2 timing transitions are identical but inverted to the CE1 and CE2 signals. For example, when CE1 and CE2 are LOW on this waveform, CE2 is HIGH. 3. Burst ends when new address and control are loaded into the SRAM by sampling ADV/LD LOW. 4. R/W is don't care when the SRAM is bursting (ADV/LD sampled HIGH). The nature of the burst access (Read or Write) is fixed by the state of the R/W signal when new address and control are loaded into the SRAM. 5. Individual Byte Write signals (BWx) must be valid on all write and burst-write cycles. A write cycle is initiated when R/W signal is sampled LOW. The byte write information comes in two cycles before the actual data is presented to the SRAM. , tCYC CLK tSE tHE tCH tCL CEN tSADV tHADV ADV/LD tSW tHW R/W tSA A1 tSC tHC tSB tHB tHA A2 A3 A6 A4 A5 A7 A8 A9 ADDRESS CE1, CE2(2) Timing Waveform of Combined Read and Write Cycles (1,2,3) IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 6.42 19 tSD tHD D(A2) Write tCD Q(A1) Read Read tCHZ tCLZ Q(A3) Write tCDC BW 1 - BW 4 OE DATAIN D(A4) D(A5) DATAOUT Q(A6) Read Q(A7) 5294 drw 08 , , NOTES: 1. Q (A1) represents the first output from the external address A1. D (A2) represents the input data to the SRAM corresponding to address A2. 2. CE2 timing transitions are identical but inverted to the CE1 and CE2 signals. For example, when CE1 and CE2 are LOW on this waveform, CE2 is HIGH. 3. Individual Byte Write signals (BWx) must be valid on all write and burst-write cycles. A write cycle is initiated when R/W signal is sampled LOW. The byte write information comes in two cycles before the actual data is presented to the SRAM. tCYC CLK tSE tHE tCH tCL C EN tSADV tHADV ADV/LD tSW tHW R/W tSA A1 tSC tHC tSB tHB B(A2) tHA A2 A3 A4 A5 ADDRESS C E1, C E2(2) Timing Waveform of CEN Operation(1,2,3,4) IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 6.42 20 tCHZ tCD Q(A1) tCLZ tCDC Q(A1) BW 1 - BW 4 OE tSD tHD D(A2) DATAIN DATAOUT Q(A3) 5294 drw 09 NOTES: 1. Q (A1) represents the first output from the external address A1. D (A2) represents the input data to the SRAM corresponding to address A2. 2. CE2 timing transitions are identical but inverted to the CE1 and CE2 signals. For example, when CE1 and CE2 are LOW on this waveform, CE2 is HIGH. 3. CEN when sampled high on the rising edge of clock will block that L-H transition of the clock from propogating into the SRAM. The part will behave as if the L-H clock transition did not occur. All internal registers in the SRAM will retain their previous state. 4. Individual Byte Write signals (BWx) must be valid on all write and burst-write cycles. A write cycle is initiated when R/W signal is sampled LOW. The byte write information comes in two cycles before the actual data is presented to the SRAM. , tCYC CLK tSE tHE tCH tCL C EN tSADV tHADV ADV/LD tSW tHW R/W tSA A1 tSC tHC tHA A2 A3 A4 A5 ADDRESS (2) C E1, C E2 tSB tHB Timing Waveform of CS Operation(1,2,3,4) IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 6.42 21 tCD tCLZ Q(A1) tCHZ tCDC Q(A2) BW 1 - BW 4 OE tSD tHD D(A3) DATAIN DATAOUT Q(A4) 5294 drw 10 NOTES: 1. Q (A1) represents the first output from the external address A1. D (A3) represents the input data to the SRAM corresponding to address A3. 2. CE2 timing transitions are identical but inverted to the CE1 and CE2 signals. For example, when CE1 and CE2 are LOW on this waveform, CE2 is HIGH. 3. CEN when sampled high on the rising edge of clock will block that L-H transition of the clock from propogating into the SRAM. The part will behave as if the L-H clock transition did not occur. All internal registers in the SRAM will retain their previous state. 4. Individual Byte Write signals (BWx) must be valid on all write and burst-write cycles. A write cycle is initiated when R/W signal is sampled LOW. The byte write information comes in two cycles before the actual data is presented to the SRAM. , IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges JTAG Interface Specification (SA Version only) tJF TCK tJCYC tJR tJCL tJCH Device Inputs(1)/ TDI/TMS tJS Device Outputs(2)/ TDO tJH tJDC tJRSR tJCD x M5294 drw 01 3) TRST( tJRST NOTES: 1. Device inputs = All device inputs except TDI, TMS and TRST. 2. Device outputs = All device outputs except TDO. 3. During power up, TRST could be driven low or not be used since the JTAG circuit resets automatically. TRST is an optional JTAG reset. JTAG AC Electrical Characteristics(1,2,3,4) Symbol tJCYC tJCH tJCL tJR tJF tJRST tJRSR tJCD tJDC tJS tJH Parameter JTAG Clock Input Period JTAG Clock HIGH JTAG Clock Low JTAG Clock Rise Time JTAG Clock Fall Time JTAG Reset JTAG Reset Recovery JTAG Data Output JTAG Data Output Hold JTAG Setup JTAG Hold Min. 100 40 40 ____ ____ Max. ____ ____ ____ Units ns ns ns ns ns ns ns ns ns ns ns I5294 tbl 01 Scan Register Sizes Register Name Instruction (IR) Bypass (BYR) JTAG Identification (JIDR) Boundary Scan (BSR) Bit Size 4 1 32 Note (1) I5294 tbl 03 5(1) 5(1) ____ ____ 50 50 ____ 20 ____ ____ NOTE: 1. The Boundary Scan Descriptive Language (BSDL) file for this device is available by contacting your local IDT sales representative. 0 25 25 ____ NOTES: 1. Guaranteed by design. 2. AC Test Load (Fig. 1) on external output signals. 3. Refer to AC Test Conditions stated earlier in this document. 4. JTAG operations occur at one speed (10MHz). The base device may run at any speed specified in this datasheet. 6.42 22 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges JTAG Identification Register Definitions (SA Version only) Instruction Field Revision Number (31:28) IDT Device ID (27:12) IDT JEDEC ID (11:1) ID Register Indicator Bit (Bit 0) Value 0x2 0x210, 0x212 0x33 1 Reserved for version number. Defines IDT part number 71V2546SA and 71V2548SA, respectively. Allows unique identification of device vendor as IDT. Indicates the presence of an ID register. I5294 tbl 02 Description Available JTAG Instructions Instruction EXTEST Description Forces contents of the boundary scan cells onto the device outputs . Places the boundary scan register (BSR) between TDI and TDO. Places the boundary scan register (BSR) between TDI and TDO. SAMPLE allows data from device inputs(2) and outputs(1) to be captured in the boundary scan cells and shifted serially through TDO. PRELOAD allows data to be input serially into the boundary scan cells via the TDI. Loads the JTAG ID register (JIDR) with the vendor ID code and places the register between TDI and TDO. Places the bypass register (BYR) between TDI and TDO. Forces all device o utput drivers to a High-Z state. (1) OPCODE 0000 SAMPLE/PRELOAD 0001 DEVICE_ID HIGHZ RESERVED RESERVED RESERVED RESERVED CLAMP RESERVED RESERVED 0010 0011 0100 Several combinations are reserved. Do not use codes other than those identified for EXTEST, SAMPLE/PRELOAD, DEVICE_ID, HIGHZ, CLAMP, VALIDATE and BYPASS instructions. 0101 0110 0111 Uses BYR. Forces contents of the boundary scan cells onto the device outputs. Places the byp ass registe r (BYR) between TDI and TDO. 1000 1001 1010 Same as above. RESERVED RESERVED VALIDATE RESERVED BYPASS Automatically loaded into the instruction register whenever the TAP controller passes through the CAPTURE-IR state. The lower two bits '01' are mand ated by the IEEE std. 1149.1 specification. Same as above. The BYPASS instruction is used to truncate the boundary scan register as a single bit in length. 1011 1100 1101 1110 1111 I5294 tbl 04 NOTES: 1. Device outputs = All device outputs except TDO. 2. Device inputs = All device inputs except TDI, TMS, and TRST. 6.42 23 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 100-Pin Thin Quad Plastic Flatpack (TQFP) Package Diagram Outline 6.42 24 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 119 Ball Grid Array (BGA) Package Diagram Outline 6.42 25 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 165 Fine Pitch Ball Grid Array (fBGA) Package Diagram Outline 6.42 26 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Timing Waveform of OE Operation(1) OE tOE tOHZ tOLZ Valid DATAOUT NOTE: 1. A read operation is assumed to be in progress. 5294 drw 11 , Ordering Information IDT XXXX Device Type XX Power XX Speed XX Package X Process/ Temperature Range Blank I Commercial (0C to +70C) Industrial (-40C to +85C) PF** BG BQ 150* 133 100 S SA 100-pin Plastic Thin Quad Flatpack (TQFP) 119 Ball Grid Array (BGA) 165 Fine Pitch Ball Grid Array (fBGA) Clock Frequency in Megahertz , Standard Power Standard Power with JTAG Interface 128Kx36 Pipelined ZBT SRAM with 2.5V I/O 256Kx18 Pipelined ZBT SRAM with 2.5V I/O 5294 drw 12 IDT71V2546 IDT71V2548 *Available in commercial range only ** JTAG (SA version) is not available with 100-pin TQFP package 6.42 27 IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBTTM SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges Datasheet Document History 12/31/99 03/04/00 05/02/00 Pg. 1,14, 15,22 Pg. 5,6 Created preliminary datasheet from 71V2556 and 71V2558 datasheets. Changed tCDC, t tCLZ, andtCHZ minimums from 1.0ns to 1.5ns. Add 150 MHz speed grade offering 05/26/00 07/26/00 10/25/00 05/20/02 09/30/04 Insert clarification note to Recommended Operating Temperature and Absolute Max Ratings tables Pg. 5,6,7 Clarify note onTQFP and BGA pin configurations; corrected typo in pinout Pg. 6 Add BGA capacitance table Pg. 21 Add 100 pin TQFP Package Diagram Outline Add new package offering, 13 x 15mm 165 fBGA Pg. 23 Correct 119 BGA Package Diagram Outline Pg. 5-8 Add ZZ, sleep mode refernce note to BG119, PK100 and BQ165 pinouts Pg. 8 Update BQ165 pinout Pg. 23 Update BG119 Package Diagram Outline dimensions Remove Preliminary status from datasheet Pg. 8 Add reference note to pin N5 on BQ165, reserved for JTAG pin TRST Pg. 1-8,15,22,23, Added JTAG "SA" version functionality and updated ZZ pin descriptions and notes 27 Pg. 7 Updated pin configuration for the 119 BGA-reordered I/O signals on P6, P7 (128K x 36) and P7, N6, L6, K7, H6, G7, F6, E7, D6 (256K x 18). CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: sramhelp@idt.com 800-544-7726 The IDT logo is a registered trademark of Integrated Device Technology, Inc. ZBT and ZeroBus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola Inc. 6.42 28 |
Price & Availability of IDT71V2546S |