Part Number Hot Search : 
IRHNJ 380Z1 102KJ A1360 SR5250 28F800B5 W921C841 LX1736
Product Description
Full Text Search
 

To Download ICS1562B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS1562B
User Programmable Differential Output Graphics Clock Generator Description
The ICS1562B is a very high performance monolithic phaselocked loop (PLL) frequency synthesizer. Utilizing ICS's advanced CMOS mixed-mode technology, the ICS1562B provides a low cost solution for high-end video clock generation. The ICS1562B has differential video clock outputs (CLK+ and CLK-) that are compatible with industry standard video DAC. Another clock output, LOAD, is provided whose frequency is derived from the main clock by a programmable divider. An additional clock output is available, LD/N2, which is derived from the LOAD frequency and whose modulus may also be programmed. Operating frequencies are fully programmable with direct control provided for reference divider, prescaler, feedback divider and post-scaler. Reset of the pipeline delay on Brooktree RAMDAC s may be performed under register control. Outputs may also be set to desired states to facilitate circuit board testing.
Simplified Block Diagram - ICS1562B
LOOP FILTER XTAL1 XTAL2 CRYSTAL OSCILLATOR PHASEFREQUENCY DETECTOR
Features
* * * * * * * * * Two programming options: ICS1562B-001 (Parallel Programming) ICS1562B-201 (Serial Programming) Supports high-resolution graphics - CLK output to 260 MHz, with 400 MHz options available Eliminates need for multiple ECL output crystal oscillators Fully programmable synthesizer capability - not just a clock multiplier Circuitry included for reset of Brooktree RAMDAC pipeline delay VRAM shift clock generation capability (-201 option only) External feedback loop capability (-201 option only) Compact - 16-pin 0.150" skinny SOIC package Fully backward compatible to ICS1562
ICS1562B - 001 Pinout
AD0 XTAL1
CHARGE PUMP VCO
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
AD1 AD2 AD3 VDD VDDO IPRG CLK+ CLK-
/R
XTAL2 STROBE VSS
BLANK
EXTFBK
PRESCALER (-201 only) MUX /M /A
VSS LOAD LD/N2
PROGRAMMING INTERFACE MUX /2
FEEDBACK DIVIDER
16-Pin SOIC
DIFF. OUTPUT
CLK+ CLK-
/4 / N1 MUX DRIVER LOAD
ICS1562B - 201 Pinout
EXTFBK XTAL1 XTAL2 DATCLK 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 DATA HOLD BLANK VDD VDDO IPRG CLK+ CLK-
/ N2
DRIVER
LD/N2
VSS VSS LOAD
Figure 1
RAMDAC is a trademark of Brooktree Corporation. 1562 B Rev B 10/07/04
LD/N2
16-Pin SOIC
ICS1562B
Overview
The ICS1562B is ideally suited to provide the graphics system clock signals required by high-performance video DACs. Fully programmable feedback and reference divider capability allow virtually any frequency to be generated, not just simple multiples of the reference frequency. The ICS1562B uses the latest generation of frequency synthesis techniques developed by ICS and is completely suitable for the most demanding video applications.
PLL Post-Scaler
A programmable post-scaler may be inserted between the VCO and the CLK+ and CLK- outputs of the ICS1562B. This is useful in generating lower frequencies, as the VCO has been optimized for high-frequency operation. The post-scaler allows the selection of:
PLL Synthesizer Description Ratiometric Mode
The ICS1562B generates its output frequencies using phaselocked loop techniques. The phase-locked loop (or PLL) is a closed-loop feedback system that drives the output frequency to be ratiometrically related to the reference frequency provided to the PLL (see Figure 1). The reference frequency is generated by an on-chip crystal oscillator or the reference frequency may be applied to the ICS1562B from an external frequency source. The phase-frequency detector shown in the block diagram drives the voltage-controlled oscillator, or VCO, to a frequency that will cause the two inputs to the phase-frequency detector to be matched in frequency and phase. This occurs when: F(VCO): = F(XTAL1) . Feedback Divider Reference Divider
* * * *
VCO frequency VCO frequency divided by 2 VCO frequency divided by 4 Internal register bit (AUXCLK) value
Load Clock Divider
The ICS1562B has an additional programmable divider (referred to in Figure 1 as the N1 divider) that is used to generate the LOAD clock frequency for the video DAC. The modulus of this divider may be set to 3, 4, 5, 6, 8, 10, 12, 16 or 20 under register control. The design of this divider permits the output duty factor to be 50/50, even when an odd modulus is selected. The input frequency to this divider is the output of the PLL post-scaler described above. Additionally, this divider can be disabled under register control.
Digital Inputs - ICS1562B-001 Option
The AD0-AD3 pins and the STROBE pin are used to load all control registers of the ICS1562B (-001 option). The AD0AD3 and STROBE pins are each equipped with a pull-up and will be at a logic HIGH level when not connected. They may be driven with standard TTL or CMOS logic families. The address of the register to be loaded is latched from the AD0-AD3 pins by a negative edge on the STROBE pin. The data for that register is latched from the AD0-AD3 pins by a positive edge on the STROBE pin. See Figure 2 for a timing diagram. After power-up, the ICS1562B-001 requires 32 register writes for new programming to become effective. Since only 13 registers are used at present, the programming system can perform 19 "dummy" writes to address 13 or 14 to complete the sequence.
This expression is exact; that is, the accuracy of the output frequency depends solely on the reference frequency provided to the part (assuming correctly programmed dividers). The VCO gain is programmable, which permits the ICS1562B to be optimized for best performance at all operating frequencies. The reference divider may be programmed for any modulus from 1 to 128 in steps of one. The feedback divider may be programmed for any modulus from 37 through 448 in steps of one. Any even modulus from 448 through 896 can also be achieved by setting the "double" bit which doubles the feedback divider modulus. The feedback divider makes use of a dual-modulus prescaler technique that allows the programmable counters to operate at low speed without sacrificing resolution. This is an improvement over conventional fixed prescaler architectures that typically impose a factor-of-four penalty (or larger) in this respect. Table 1 permits the derivator of "A" & "M" converter programming directly from desired modulus.
2
ICS1562B
This allows the synthesizer to be completely programmed for the desired frequency before it is made active. Once the part has been "unlocked" by the 32 writes, programming becomes effective immediately. ALL registers identified in the data sheet (0-9, 11, 12 & 15) MUST be written upon initial programming. The programming registers are not initialized upon power-up, but the latched outputs of those registers are. The latch is made transparent after 32 register writes. If any register has not been written, the state upon power-up (random) will become effective. Registers 13 & 14 physically do not exist. Register 10 does exist, but is reserved for future expansion. To insure compatibility with possible future modifications to the database, ICS recommends that all three unused locations be written with zero.
ICS1562B-201 Register Loading
8 DATCLK 6 DATA HOLD 7 DATA_2 DATA_56
DATA_1
Figure 3
An additional control pin on the ICS1562B-201, BLANK can perform either of two functions. It may be used to disable the phase-frequency detector in line-locked applications. Alternatively, the BLANK pin may be used as a synchronous enable for VRAM shift clock generation. See sections on Line-Locked Operations and VRAM shift clock generation for details.
ICS1562B-001 Register Loading
5
STROBE 1 AD0-AD3 2
3 DATA VALID
4
Output Description
The differential output drivers, CLK+ and CLK, are currentmode and are designed to drive resistive terminations in a complementary fashion. The outputs are current-sinking only, with the amount of sink current programmable via the IPRG pin. The sink current, which is steered to either CLK+or CLK-, is four times the current supplied to the IPRG pin. For most applications, a resistor from VDDO to IPRG will set the current to the necessary precision. Additionally, minor adjustment to the duty factor can be achieved under register control. The LOAD output is a high-current CMOS type drive whose frequency is controlled by a programmable divider that may be selected for a modulus of 3, 4, 5, 6, 8, 10, 12, 16 or 20. It may also be suppressed under register control. The load output may be programmed to output the VCO frequency divided by 2 (see AUX_N1 description in Register Mapping section), independent of the differential output and N1 divider modulus. The LD/N2 output is high-current CMOS type drive whose frequency is derived from the LOAD output. The programmable modulus may range from 1 to 512 in steps of one.
ADDRESS VALID
Figure 2 Digital Inputs - ICS1562B-201 Option
The programming of the ICS1562B-201 is performed serially by using the DATCLK, DATA, and HOLD~pins to load an internal shift register. DATA is shifted into the register on the rising edge of DATCLK. The logic value on the HOLD~pin is latched at the same time. When HOLD~ is low, the shift register may be loaded without disturbing the operation of the ICS1562B. When high, the shift register outputs are transferred to the control registers, and the new programming information becomes active. Ordinarily, a high level should be placed on the HOLD~ pin when the last data bit is presented. See Figure 3 for the programming sequence.
3
ICS1562B
Pipeline Delay Reset Function
The ICS1562B implements the clocking sequence required to reset the pipeline delay on Brooktree RAMDACs when the LOAD output is programmed for a modulus of either 3, 4, 5, 6, 8 or 10. This sequence can be generated by setting the appropriate register bit (DACRST) to a logic 1 and then resetting to logic 0. When changing frequencies, it is advisable to allow 500 microseconds after the new frequency is selected to activate the reset function. The output frequency of the synthesizer should be stable enough at that point for the video DAC to correctly execute its reset sequence. See Figure 4 for a diagram of the pipeline delay reset sequence.
Pipeline Delay Reset Timing
If an external reference frequency source is to be used with the ICS1562B. it is important that it be jitter-free. The rising and falling edges of that signal should be fast and free of noise for best results. The loop phase is locked to the falling edges of the XTAL1 input signals if the REFPOL bit is set to logic 0.
Internal Feedback
The ICS1562B supports LOAD (N1) and N2 divider chains to act as the feedback divider for the PLL. The N1 and N2 divider chains allow a much larger modulus to be achieved than the PLL's own feedback divider. Additionally, the output of the N2 counter is accessible off-chip for performing horizontal reset of the graphics system, where necessary. This mode is set under register control (ALTLOOP bit). The reference divider (R counter) will ordinarily be set to divide by 1 in this mode, and the reference input will be supplied to the XTAL1 input. The output frequency of the synthesizer will then be: F(CLK) : = F (XTAL1) . N1 . N2.
STROBE or DATCLK CLK+
10 9
11
TCLK LOAD
12
Figure 4 Reference Oscillator and Crystal Selection
The ICS1562B has circuitry on-board to implement a Pierce oscillator with the addition of only one external component, a quartz crystal. Pierce oscillators operate the crystal in anti(also called parallel-) resonant mode. See the AC Characteristics for the effective capacitive loading to specify when ordering crystals. Series-resonant crystals may also be used with the ICS1562B. Be aware that the oscillation frequency will be slightly higher than the frequency that is stamped on the can (typically 0.0250.05%). As the entire operation of the phase-locked loop depends on having a stable reference frequency, we recommend that the crystal be mounted as closely as possible to the package. Avoid routing digital signals or the ICS1562B outputs underneath or near these traces. It is also desirable to ground the crystal can to the ground plane, if possible.
By using the phase-detector hardware disable mode, the PLL can be made to free-run at the beginning of the vertical interval of the external video, and can be reactivated at its completion. ICS1562B-001 The ICS1562B-001 supports phase detector disable via a special control mode. When the PDRSTEN (phase detector reset enable) bit is set and the last address latched is 15 (0Fh), a high level on AD3 will disable PLL locking. ICS1562B-201 The ICS1562B-201 supports phase detector disable via the BLANK pin. When the PDRSTEN bit is set, a high level on the BLANK input will disable PLL locking.
4
ICS1562B
External Feedback Operation
The ICS1562B-201 option also supports the inclusion of an external counter as the feedback divider of the PLL. This mode is useful in graphic systems that must be "genlocked" to external video sources. When the EXTFBEN bit is set to logic 1, the phase-frequency detector will use the EXTFBK pin as its feedback input. The loop phase will be locked to the rising edges of the signal applied to the EXTFBK input if the FBKPOL bit is set to logic 0.
Power-On Initialization
The ICS1562B has an internal power-on reset circuit that performs the following functions: 1) Sets the multiplexer to pass the reference frequency to the CLK+ and CLK- outputs. 2) Selects the modulus of the N1 divider (for the LOAD clock) to be four. These functions should allow initialization of most graphics systems that cannot immediately provide for register programming upon system power-up. Because the power-on reset circuit is on the VDD supply, and because that supply is filtered, care must be taken to allow the reset to de-assert before programming. A safe guideline is to allow 20 microseconds after the VDD supply reaches 4 volts.
VRAM Shift Clock Generation
The ICS1562B-201 option supports VRAM shift clock generation and interruption. By programming the N2 counter to divide by 1, the LD/N2 output becomes a duplicate of the LOAD output. When the SCEN bit is set, the LD/N2 output may be synchronously started and stopped via the blank pin. When BLANK is high, the LD/N2 will be free-running and in phase with LOAD. When BLANK is taken low, the LD/N2 output is stopped at a low level. See Figure 5 for a diagram of the sequence. Note that this use of the BLANK pin precludes its use for phase comparator disable (see Line-Locked Operation).
Programming Notes
* * VCO Frequency Range: Use the post-divider to keep the VCO frequency as high as possible within its operating range. Divider Range: For best results in normal situations (i.e, pixel clock generation for hi-res displays), keep the reference divider modulus as short as possible (for a frequency at the output of the reference divider in the few hundred kHz to several MHz range). If you need to go to a lower phase comparator reference frequency (usually required for increased frequency accuracy), that is acceptable, but jitter performance will suffer somewhat. VCO Gain Programming: Use the minimum gain which can reliably achieve the VCO frequency desired, as shown on the following page:
VRAM Shift Clock Control
BLANK
LOAD LD/N2
*
Figure 5
5
ICS1562B
VCO GAIN 4 5 6 7 MAX FREQUENCY 120 MHz 200 MHz 260 MHz *
Power Supplies and Decoupling
The ICS1562B has two VSS pins to reduce the effects of package inductance. Both pins are connected to the same potential on the die (the ground bus). BOTH of these pins should connect to the ground plane of the video board as close to the package as is possible. The ICS1562B has a VDDO pin which is the supply of +5 volt power to all output drivers. This pin should be connected to the power plane (or bus) using standard high-frequency decoupling practice. That is, capacitors should have low series inductance and be mounted close to the ICS1562B. The VDD pin is the power supply pin for the PLL synthesizer circuitry and other lower current digital functions. We recommend that RC decoupling or zener regulation be provided for this pin (as shown in the recommended application circuitry). This will allow the PLL to "track" through power supply fluctuations without visible effects. See Figure 6 for typical external circuitry.
*SPECIAL APPLICATION. Contact factory for custom product above 260 MHz.
*
Phase Detector Gain: For most graphics applications and divider ranges, set P[1, 0] = 10 and set P[2] = 1. Under some circumstances, setting the P[2] bit "on" can reduce jitter. During 1562 operation at exact multiples of the crystal frequency, P[2] bit = 0 may provide the best jitter performance.
Board Test Support
It is often desirable to statically control the levels of the output pins for circuit board test. The ICS1562B supports this through a register programmable mode, AUXEN. When this mode is set, two register bits directly control the logic levels of the CLK+/CLK- pins and the LOAD pin. This mode is activated when the S[0] and S[1] bits are both set to logic 1. See Register Mapping for details.
Figure 6
6
ICS1562B
a)

1 2 3 4 5 6 7 8 AD0 XTAL1 XTAL2 STROBE VSS VSS LOAD LD/N2 AD1 AD2 AD3 VDD VDDO IPRG CLK+ CLK16 15 14 13 12 11 10 9
ICS1562B-001 Typical Interface
DATA BUS
0.1F
+5V 22F + +5V 10 0.1F 82 82
SELECT LOGIC

+5V 510 0.1F 820 820
TO RAMDAC
b)
ICS1562B-201 Typical Interface
GRAPHICS CONTROLLER

0.1F
PROGRAMMING INTERFACE

1 2 3 4 5 6 7 8
EXTFBK XTAL1 XTAL2 DATCLK VSS VSS LOAD LD/N2
DATA HOLD BLANK VDD VDDO IPRG CLK+ CLK-
16 15 14 13 12 11 10 9
22F + +5V 10 0.1F 82
+5V
82

+5V 510 0.1F 820 820
TO RAMDAC
Figure 7
7
ICS1562B
Register Mapping - ICS1562B-001 (Parallel Programming Option)
NOTE: IT IS NOT NECESSARY TO UNDERSTAND THE FUNCTION OF THESE BITS TO USE THE ICS1562B. PC SOFTWARE IS AVAILABLE FROM ICS TO AUTOMATICALLY GENERATE ALL REGISTER VALUES BASED ON REQUIREMENTS. CONTACT FACTORY FOR DETAILS.
REG# 0 1 1 2
BIT(S) 0-3 0-2 3 0-3
BIT REF. R[0]..R[3] R[4]..R[6] REFPOL A[0]..A[3]
DESCRIPTION Reference divider modulus control bits Modulus = value + 1 PLL locks to the rising edge of XTAL1 input when REFPOL=1 and to the falling edge of XTAL1 when REFPOL=0. Controls A counter. When set to zero, modulus=7. Otherwise, modulus=7 for "value" underflows of the prescaler, and modulus=6 thereafter until M counter underflows. M counter control bits Modulus = value + 1 External feedback polarity control bit. The PLL will lock to the falling edge of EXTFBK when FBKPOL=1 and to the rising edge of EXTFBK when FBKPOL=0. Doubles modulus of dual-modulus prescaler (from 6/7 to 12/14). Sets N1 modulus according to this table. These bits are set to implement a divide-by-four on power-up.
3 4 4
0-3 0-1 2
M[0]..M[3] M[4]..M[5] FBKPOL
4 5
3 0-3
DBLFREQ N1[0]..N1[3]
N1[3] 0 0 0 0 0 0 0 0 1 1 1 1 X=Don't Care
N1[2] 0 0 0 0 1 1 1 1 X X X X
N1[1] 0 0 1 1 0 0 1 1 0 0 1 1
N1[0] 0 1 0 1 0 1 0 1 0 1 0 1
RATIO 3 4 4 5 6 8 8 10 12 16 16 20
8
ICS1562B
REG# 6 7 8 8 9 BIT(S) 0-3 0-3 3 0-2 0-1 BIT REF. N2[0]..N2[3] N2[4]..N2[7] N2[8] V[0]..V[1] P[0]..P[1] Sets the gain of the VCO. Sets the gain of the phase detector according to this table. V[2] 1 1 1 1 9 3 [P2] V[1] 0 0 1 1 V[0] 0 1 0 1 VCO GAIN (MHz/VOLT) 30 45 60 80 DESCRIPTION Sets the modulus of the N2 divider. The input of the N2 divider is the output of the N1 divider in all clock modes except AUXEN.
Phase detector tuning bit. Normally should be set to one. P[1] 0 0 1 1 P[0] 0 1 0 1 GAIN (uA/radian) 0.05 0.15 0.5 1.5
10 10 10
1 2 3
LOADEN~ SKEWSKEW+
Load clock divider enable (active low). When set to logic 1, the LOAD and LD/N2 outputs will cease toggling. Differential output duty factor adjust. SKEW+ 0 0 1 1 SKEW0 1 0 1
Default Reduces THIGH by approximately 100 ps Increases THIGH by approximately 100 ps Do not use
9
ICS1562B
REG# 11 BIT(S) 0-1 BIT REF. S[0]..S[1] DESCRIPTION PLL post-scaler/test mode select bits S[1] S[0] DESCRIPTION 0 0 Post-scaler=1. F(CLK)=F(PLL). The output of the N1 divider drives the LOAD output which, in turn, drives the N2 divider. 0 1 Post-scaler=2. F(CLK)=F(PLL)/2. The output of the N1 divider drives the LOAD output which, in turn, drives the N2 divider. 1 0 Post-scaler=4. F(CLK)=F(PLL)/4. The output of the N1 divider drives the LOAD output which, in turn, drives the N2 divider. 1 1 AUXEN CLOCK MODE. The AUXCLK bit drives the differential outputs CLK+ and CLK- and the AUXN1 bit drives the LOAD output which, in turn, drives the N2 divider. 11 11 2 3 AUX_CLK AUX_N1 When in the AUXEN clock mode, this bit controls the differential outputs. When in the AUXEN clock mode, this bit controls the LOAD output (and consequently the N2 output according to its programming). When not in the AUXEN clock mode, this bit, if set to one, will override the N1 divider modulus and output the VCO frequency divided by two [F(PLL)/2] at the LOAD output. Must be set to zero. Tristates phase detector outputs; resets phase detector logic, and resets R, A, M, and N2 counters. Set to zero for normal operation. When set to one, the CLK+output is kept high and the CLK- output is kept low. (All other device functions are unaffected.) When returned to zero, the CLK+ and CLKoutputs will resume toggling on a rising edge of the LD output (+/- 1 CLK period). To initiate a RAMDAC reset sequence, simply write a one to this register bit followed by a zero. When set to logic 1, passes the reference frequency to the post-scaler. Controls substitution of N1 and N2 dividers into feedback loop of PLL. When this bit is a logic 1, the N1 and N2 dividers are used. Phase-detector reset enable control bit. When this bit is set, the AD3 pin becomes a transparent reset input to the phase detector. See "Internal Feedback Operation" section for more details on the operation of this function.
12 12 12
0 1 2
RESERVED JAMPLL DACRST
12 15 15
3 0 3
SELXTAL ALTLOOP PDRSTEN
10
ICS1562B
Register Mapping - ICS1562B-201 (Serial Programming Option)
NOTE: IT IS NOT NECESSARY TO UNDERSTAND THE FUNCTION OF THESE BITS TO USE THE ICS1562B. PC SOFTWARE IS AVAILABLE FROM ICS TO AUTOMATICALLY GENERATE ALL REGISTER VALUES BASED ON REQUIREMENTS. CONTACT FACTORY FOR DETAILS.
BIT(S) 1-4
BIT REF. N1[0]..N1[3]
DESCRIPTION Sets N1 modulus according to this table. These bits are set to implement a divide-by-four on power-up. N1[3] 0 0 0 0 0 0 0 0 1 1 1 1 N1[2] 0 0 0 0 1 1 1 1 X X X X N1[1] 0 0 1 1 0 0 1 1 0 0 1 1 N1[0] 0 1 0 1 0 1 0 1 0 1 0 1 RATIO 3 4 4 5 6 8 8 10 12 16 16 20
5 6 7
RESERVED JAMPLL DACRST
Must be set to zero. Tristates phase detector outputs, resets phase detector logic, and resets R, A, M, and N2 counters. Set to zero for normal operations. When set to one, the CLK+ output is kept high and the CLK- output is kept low. (All other device functions are unaffected.) When returned to zero, the CLK+ and CLK- outputs will resume toggling on a rising edge of the LD output (+/-1 CLK period). To initiate a RAMDAC reset sequence, simply write a one to this register bit followed by a zero. When set to logic 1, passes the reference frequency to the post-scaler. Controls substitution of N1 and N2 dividers into feedback loop of PLL. When this bit is a logic 1, the N1 and N2 dividers are used. VRAM shift clock enable bit. When logic 1, the BLANK pin can be used to disable the LD/N2 output. External PLL feedback select. When logic 1, the EXTFBK pin is used for the phase-frequency detector feedback input. Phase detector reset enable control bit. When this bit is set, a high level on the BLANK input will disable PLL locking. See "Internal Feedback Operation" section for more details on the operation of this function.
8 9 10 11 12
SELXTAL ALTLOOP SCEN EXTFBKEN PDRSTEN
11
ICS1562B
BIT(S) 13-14 BIT REF. S[0]..S[1] DESCRIPTION PLL post-scaler/test mode select bits. S[1] S[0] DESCRIPTION 0 0 Post-scaler=1. F(CLK)=F(PLL). The output of the N1 divider drives the LOAD output which, in turn, drives the N2 divider. 0 1 Post-scaler=2. F(CLK)=F(PLL)/2. The output of the N1 divider drives the LOAD output which, in turn, drives the N2 divider. 1 0 Post-scaler=4. F(CLK)=F(PLL)/4. The output of the N1 divder drives the LOAD output which, in turn, drives the N2 divider. 1 1 AUXEN CLOCK MODE. The AUXCLK bit drives the differential outputs CLK+ and CLK- and the AUXN1 bit drives the LOAD output which, in turn, drives the N2 divider. 15 16 AUX_CLK AUX_N1 When in the AUXEN clock mode, this bit controls the differential outputs. When in the AUXEN clock mode, this bit controls the N1 output (and consequently the N2 output according to its programming). When not in the AUXEN clock mode, this bit, if set to one, will override the N1 divider modulus and output the VCO frequency divided by two [F(PLL)/2] at the LOAD output. Sets the modulus of the N2 divider. The input of the N2 divider is the output of the N1 divider in all clock modes except AUXEN. Sets the gain of VCO according to this table. V[2] 1 1 1 1 V[1] 0 0 1 1 V[0] 0 1 0 1 VCO GAIN (MHz/VOLT) 30 45 60 80
17-24 28 25-27
N2[0]..N2[7] N2[8] V[0]..V[2]
29-30
P[0]..P[1]
Sets the gain of the phase detector according to this table. P[1] 0 0 1 1 P[0] 0 1 0 1 GAIN (uA/radian) 0.05 0.15 0.5 1.5
31 32
RESERVED P[2]
Set to zero. Phase detector tuning bit. Should normally be set to one.
12
ICS1562B
BIT(S) 33-38 39 BIT REF. M[0]..M[5] FBKPOL M counter control bits Modulus = value +1 External feedback polarity control bit. The PLL will lock to the falling edge of EXTFBK when FBKPOL=1 and to the rising edge of EXTFBK when FBKPOL=0. Doubles modulus of dual-modulus prescaler (from 6/7 to 12/14). Controls A counter. When set to zero, modulus=7. Otherwise, modulus=7 for "value" underflows of the prescaler, and modulus=6 thereafter until M counter underflows. Set to zero. Load clock divider enable (active low). When set to logic 1, the LOAD and LD/N2 outputs will cease toggling. Differential output duty factor adjust. SKEW+ 0 0 1 1 49-55 56 R[0]..R[6] REFPOL SKEW0 1 0 1 DESCRIPTION
40 41-44
DBLFREQ A[0]..A[3]
45 46 47 48
RESERVED LOADEN~ SKEWSKEW+
Default Reduces THIGH by approximately 100 ps Increases THIGH by approximately 100 ps Do not use
Reference divider modulus control bits Modulus = value + 1 PLL locks to the rising edge of XTAL1 input when REFPOL=1 and to the falling edge of XTAL1 when REFPOL=0.
13
ICS1562B
Table 1 - "A" & "M" Divider Programming Feedback Divider Modulus Table
A[2]..A[0]M[5]..M[0] 000000 000001 000010 000011 000100 000101 000110 000111 001000 001001 001010 001011 001100 001101 001110 001111 010000 010001 010010 010011 010100 010101 010110 010111 011000 011001 011010 011011 011100 011101 011110 011111 001 010 011 100 101 110 111 000 7 14 21 28 35 42 49 56 63 70 77 84 91 98 105 112 119 126 133 140 147 154 161 168 175 182 189 196 203 210 217 224 A[2]..A[0]M[5]..M[0] 100000 100001 100010 100011 100100 100101 100110 100111 101000 101001 101010 101011 101100 101101 101110 101111 110000 110001 110010 110011 110100 110101 110110 110111 111000 111001 111010 111011 111100 111101 111110 111111 001 199 205 211 217 223 229 235 241 247 253 259 265 271 277 283 289 295 301 307 313 319 325 331 337 343 349 355 361 367 373 379 385 010 200 206 212 218 224 230 236 242 248 254 260 266 272 278 284 290 296 302 308 314 320 326 332 338 344 350 356 362 368 374 380 386 011 201 207 213 219 225 231 237 243 249 255 261 267 273 279 285 291 297 303 309 315 321 327 333 339 345 351 357 363 369 375 381 387 100 202 208 214 220 226 232 238 244 250 256 262 268 274 280 286 292 298 304 310 316 322 328 334 340 346 352 358 364 370 376 382 388 101 203 209 215 221 227 233 239 245 251 257 263 269 275 281 287 293 299 305 311 317 323 329 335 341 347 353 359 365 371 377 383 389 110 204 210 216 222 228 234 240 246 252 258 264 270 276 282 288 294 300 306 312 318 324 330 336 342 348 354 360 366 372 378 384 390 111 205 211 217 223 229 235 241 247 253 259 265 271 277 283 289 295 301 307 313 319 325 331 337 343 349 355 361 367 373 379 385 391 000 231 238 245 252 259 266 273 280 287 294 301 308 315 322 329 336 343 350 357 364 371 378 385 392 399 406 413 420 427 434 441 448
13 19 25 31 37 43 49 55 61 67 73 79 85 91 97 103 109 115 121 127 133 139 145 151 157 163 169 175 181 187 193
20 26 32 38 44 50 56 62 68 74 80 86 92 98 104 110 116 122 128 134 140 146 152 158 164 170 176 182 188 194
27 33 39 45 51 57 63 69 75 81 87 93 99 105 111 117 123 129 135 141 147 153 159 165 171 177 183 189 195
34 40 46 52 58 64 70 76 82 88 94 100 106 112 118 124 130 136 142 148 154 160 166 172 178 184 190 196
41 47 53 59 65 71 77 83 89 95 101 107 113 119 125 131 137 143 149 155 161 167 173 179 185 191 197
48 54 60 66 72 78 84 90 96 102 108 114 120 126 132 138 144 150 156 162 168 174 180 186 192 198
55 61 67 73 79 85 91 97 103 109 115 121 127 133 139 145 151 157 163 169 175 181 187 193 199
Notes: To use this table, find the desired modulus in the table. Follow the column up to find the A divider programming values. Follow the row to the left to find the M divider programming. Some feedback divisors can be achieved with two or three combinations of divider settings. Any are acceptable for use. The formula for the effective feedback modulus is: except when A=0, then: Under all circumstances: N =[(M +1) . 6] +A N=(M +1) . 7 A M
14
ICS1562B
Pin Descriptions - ICS1562B-001
PIN# 10 9 7 2 3 1 16 15 14 8 4 13 12 11 5,6 NAME CLK+ CLK- LOAD XTAL1 XTAL2 AD0 AD1 AD2 AD3 LD/N2 STROBE VDD VDDO IPRG VSS Clock out (non-inverted) Clock out (inverted) Load output. This output is normally at the CLK frequency divided by N1. Quartz crystal connection 1/external reference frequency input Quartz crystal connection 2 Address/Data Bit 0 (LSB) Address/Data Bit 1 Address/Data Bit 2 Address/Data Bit 3 (MSB) Divided LOAD output. See text. Control for address/data latch PLL system power (+5V. See application diagram.) Output stage power (+5V) Output stage current set Device ground. Both pins must be connected to the same ground potential. DESCRIPTION
Pin Descriptions - ICS1562B-201
PIN# 10 9 7 2 3 4 16 15 14 8 1 13 12 11 5,6 NAME CLK+ CLK- LOAD XTAL1 XTAL2 DATCLK DATA HOLD~ BLANK LD/N2 EXTFBK VDD VDDO IPRG VSS Clock out (non-inverted) Clock out (inverted) Load output. This output is normally at the CLK frequency divided by N1. Quartz crystal connection 1/external reference frequency input Quartz crystal connection 2 Data Clock (Input) Serial Register Data (Input) HOLD (Input) Blanking (Input). See Text. Divided LOAD output/shift clock. See text. External feedback connection for PLL (input). See text. PLL system power (+5V. See application diagram.) Output stage power (+5V) Output stage current set Device ground. Both pins must be connected. DESCRIPTION
15
ICS1562B
Absolute Maximum Ratings
VDD, VDDO (measured to VSS). . . . . . . . . . . . . . . . . . . . . . . Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Soldering Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V VSS-0.5 to VDD + 0.5 V VSS-0.5 to VDDO + 0.5 V -55 to 125C -65 to 150C 175C 260C
Recommended Operating Conditions
VDD, VDDO (measured to VSS). . . . . . . . . . . . . . . . . . . . . . . 4.75 to 5.25 V Operating Temperature (Ambient) . . . . . . . . . . . . . . . . . . . . . 0 to 70C
DC Characteristics
TTL-Compatible Inputs 001 Option - (AD0-AD3, STROBE), 201 Option - (DATCLK, DATA, HOLD, BLANK, EXTFBK) PARAMETER Input High Voltage Input Low Voltage Input High Current Input Low Current Input Capacitance Hysteresis (STROBE/DATCLK) XTAL1 Input PARAMETER Input High Voltage Input Low Voltage CLK+, CLK- Outputs PARAMETER Differential Output Voltage LOAD, LD/N2 Outputs PARAMETER Output High Voltage (Ioh = 4.0mA) Output Low Voltage (Iol = 8.0mA) SYMBOL CONDITIONS MIN 2.4 MAX 0.4 UNITS V V SYMBOL CONDITIONS MIN 0.6 MAX UNITS V SYMBOL Vxh Vxl CONDITIONS MIN 3.75 VSS-0.5 MAX VDD+0.5 1.25 UNITS V SYMBOL Vih Vil Iih Iil Cin Vhys CONDITIONS MIN 2.0 VSS-0.5 .20 MAX VDD+0.5 0.8 10 200 8 .60 UNITS V V uA uA pf V
Vih=VDD Vil=0.0 VDD=5V
16
ICS1562B
AC Characteristics
SYMBOL Fvco Fxtal Cpar Fload Txhi Txlo Tlock Idd Iddo Thigh Jclk PARAMETER VCO Frequency (see Note 1) Crystal Frequency Crystal Oscillator Loading Capacitance LOAD Frequency XTAL1 High Time (when driven externally) XTAL1 Low Time (when driven externally) PLL Acquire Time (to within 1%) VDD Supply Current MIN 40 5 TYP MAX 260 20 80 8 8 500 15 20 t.b.d. t.b.d. 55 <0.06 UNITS MHz MHz pf MHz ns ns s mA mA % pixel
20
1 2 3 4 5 6 7 8 9 10 11 12 13 14
VDDO Supply Current (excluding CLK+/- termination) Differential Clock Output Duty Cycle 45 (see Note 2) Differential Clock Output Cumulative Jitter (see Note 3) DIGITAL INPUTS - ICS1562B-001 Address Setup Time 10 Address Hold Time 10 Data Setup Time 10 Data Hold Time 10 20 STROBE Pulse Width (Thi or Tlo) DIGITAL INPUTS - ICS1562B-201 DATA/HOLD~ Setup Time 10 DATA/HOLD~ Hold Time 10 20 DATCLK Pulse Width (Thi or Tlo) PIPELINE DELAY RESET Reset Activation Time Reset Duration 4*Tload Restart Delay Restart Matching -1*Tclk DIGITAL OUTPUTS CLK+/CLK- Clock Rate LOAD To LD/N2 Skew (Shift Clock Mode) -2
ns ns ns ns ns ns ns ns 2*Tclk 2*Tload +1.5*Tclk 260 +2 ns ns ns ns MHz ns
0
Note 1: Use of the post-divider is required for frequencies lower than 40 MHz on CLK+ & CLK- outputs. Use of the post-divider is recommended for output frequencies lower than 65 MHz. Note 2: Using load circuit of Figure 6. Duty cycle measured at zero crossings of difference voltage between CLK+ and CLK-. Note 3: Cumulative jitter is defined as the maximum error (in the domain) if any CLK edge, at any point in time, compared with the equivalent edge generated by an ideal frequency source. ICS laboratory testing indicates that the typical value shown above can be treated as a maximum jitter specification in virtually all applications. Jitter performance can depend somewhat on circuit board layout, decoupling, and register programming.
17
ICS1562B Application Information
Output Circuit Considerations for the ICS1562B
Output Circuitry
The dot clock signals CLK and CLK- are typically the highest frequency signals present in the workstation. To minimize problems with EMI, crosstalk, and capacitive loading extra care should be taken in laying out this area of the PC board. The ICS1562B is packaged in a 0.2"-wide 16-pin SOIC package. This permits the clock generator, crystal, and related components to be laid out in an area the size of a postage stamp. The ICS1562B should be placed as close as possible to the RAMDAC. The CLK and CLK- pins are running at VHF frequencies; one should minimize the length of PCB trace connecting them to the RAMDAC so that they don't become radiators of RF energy. At the frequencies that the ICS1562B is capable of, PC board traces may be long enough to be a significant portion of a wavelength of that frequency. PC traces for CLK and CLKshould be treated as transmission lines, not just interconnecting wires. These lines can take two forms: microstrip and stripline. A microstrip line is shown below: Stripline is the other form a PCB transmission line can take. A buried trace between ground planes (or between a power plane and a ground plane) is common in multi-layer boards. Attempting to create a workstation design without the use of multi-layer boards would be adventurous to say the least, the issue would more likely be whether to place the interconnect on the surface or between layers. The between layer approach would work better from an EMI standpoint, but would be more difficult to lay out. A stripline is shown below:
Using 1 oz. copper (0.0015" thick) and 0.040" thickness G10, a 0.010" trace will exhibit a characteristic impedance of 75 in a stripline configuration. Typically, RAMDACs require a Vih of VAA-1.0 Volts as a guaranteed logical "1" and a Vil of VAA-1.6 as a guaranteed logical "0." Worst case input capacitance is 10 pF. Output circuitry for the ICS1562B is shown in the following diagram. It consists of a 4/1 current mirror, and two open drain output FETs along with inverting buffers to alternately enable each current-sinking driver. Both CLK and CLK- outputs are connected to the respective CLOCK and CLOCK inputs of the RAMDAC with transmission lines and terminated in their equivalent impedances by the Thevenin equivalent impedances of R1 and R2 or R1' and R2'.
Essentially, the microstrip is a copper trace on a PCB over a ground plane. Typically, the dielectric is G10 glass epoxy. It differs from a standard PCB trace in that its width is calculated to have a characteristic impedance. To calculate the characteristic impedance of a microstrip line one must know the width and thickness of the trace, and the thickness and dielectric constant of the dielectric. For G10 glass epoxy, the dielectric constant (er) is about 5. Propagation delay is strictly a function of dielectric constant. For G10 propagation, delay is calculated to be 1.77 ns/ft.
18
ICS1562B Application Information
The ICS1562B is incapable of sourcing current, so Vih must be set by the ratios of these resistors for each of these lines. R1 and R2 are electrically in parallel from an AC standpoint because Vdd is bypassed to ground through bypass-capacitor network Cb. If we picked a target impedance of 75 for our transmission line impedance, a value of 91 for R1 and R1' and a value of 430 for R2 and R2' would yield a Thevinin equivalent characteristic impedance of 75.1 and a Vih value of VAA-.873 Volts, a margin of 0.127 Volts. This may be adequate; however, at higher frequencies one must contend with the 10 pF input capacitance of the RAMDAC. Values of 82 for R1 and R1' and 820 for R2 and R2' would give us a characteristic impedance of 74.5 and a Vih value of VAA-.45. With a .55 Volt margin on Vih, this voltage level might be safer. To set a value for Vil, we must determine a value for Iprg that will cause the output FET's to sink an appropriate current. We desire Vil to be VAA-1.6 or greater. VAA-2 would seem to be a safe value. Setting up a sink current of 25 milliamperes would guarantee this through our 82 pull-up resistors. As this is controlled by a 4/1 current mirror, 7 mA into Iprg should set this current properly. A 510 resistor from Vdd to Iprg should work fine. Resistors Rt and Rt' are shown as series terminating resistors at the ICS1562B end of the transmission lines. These are not required for operation, but may be useful for meeting EMI requirements. Their intent is to interact with the input capacitance of the RAMDAC and the distributed capacitance of the transmission line to soften up rise and fall times and consequently cut some of the high-order harmonic content that is more likely to radiate RF energy. In actual usage they would most likely be 10 to 20 resistors or possibly ferrite beads.
Cb is shown as multiple capacitors. Typically, a 22 f tantalum should be used with separate .1 F and 220pf capacitors placed as close to the pins as possible. This provides low series inductance capacitors right at the source of high frequency energy. Rd is used to isolate the circuitry from external sources of noise. Five to ten ohms should be adequate.
ICS1562B Output Circuitry
Great care must be used when evaluating high frequency circuits to achieve meaningful results. The 10 pF input capacitance and long ground lead of an ordinary scope probe will make any measurements made with it meaningless. A low capacitance FET probe with a ground connection directly connected to the shield at the tip will be required. A 1GHz bandwidth scope will be barely adequate, try to find a faster unit.
19
ICS1562B
Package Dimensions
16-Pin Skinny SOIC Package
Ordering Information
ICS1562BM-001 or ICS1562BM-201
Example:
ICS 1562B M -XXX
Pattern Number (3 digit number for parts with ROM code patterns) Package Type
M=SOIC
Device Type Prefix
ICS=Standard
20


▲Up To Search▲   

 
Price & Availability of ICS1562B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X