Part Number Hot Search : 
MCM63 1N4948G USC33000 EFEPBF FDKCORP 99FKR3 122414 AA3528
Product Description
Full Text Search
 

To Download HMC258LM3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v01.1201
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Features
Integrated LO Amplifier: 0 dBm Input Sub-Harmonically Pumped (x2) LO High 2LO/RF Isolation: > 40 dB LM3 SMT Package
Typical Applications
The HMC258LM3 is ideal for: * 14 and 20 GHz Microwave Radios * Point to Point Radios * VSAT and SATCOM
Functional Diagram
General Description
The HMC258LM3 is a 14 - 20 GHz surface mount sub-harmonically pumped (x2) MMIC mixer with an integrated LO amplifier in a SMT leadless chip carrier package. The 2LO to RF isolation is an excellent 40 dB, eliminating the need for additional filtering. The LO amplifier is a single bias (+5V) two stage design with only 0 dBm drive requirement. All data is with the non-hermetic, epoxy sealed LM3 packaged device mounted in a 50 ohm test fixture. Utilizing the HMC258LM3 eliminates the need for wirebonding, thereby providing a consistent connection interface for the customer.
12
MIXERS - SMT
Electrical Specifications, TA = +25 C, LO Drive = 0 dBm
Parameter Min. Frequency Range, RF Frequency Range, LO Frequency Range, IF Conversion Loss Noise Figure (SSB) 2LO to RF Isolation 2LO to IF Isolation IP3 (Input) 1 dB Compression (Input) Supply Current (Idd) 33 33 0 -5 IF = 1 GHz Vdd = +5.0V Typ. 14 - 20 7 - 10.5 DC - 3 10 10 40 45 7 0 50 14 14 Max. GHz GHz GHz dB dB dB dB dBm dBm mA Units
*Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz. For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 78
v01.1201
MICROWAVE CORPORATION
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Conversion Gain vs. Temperature @ LO = 0 dBm
0
Conversion Gain vs. LO Drive
0
0 dBm
CONVERSION GAIN (dB)
CONVERSION GAIN (dB)
-5
-5
-10
-10
+2 dBm +4 dBm
-15
+25C -40C +85C
-15
-20
-20
-4 dBm
-2 dBm
-25 13 14 15 16 17 18 19 20 21 RF FREQUENCY (GHz)
-25 13 14 15 16 17 18 19 20 21 RF FREQUENCY (GHz)
12
MIXERS - SMT
Isolation @ LO = 0 dBm
10
LO/IF
RF & LO Return Loss @ LO = 0 dBm
0
0
-20 -30 -40 -50
RF/IF
RETURN LOSS (dB)
-10
LO/RF
-10
ISOLATION (dB)
-20
2LO/RF
-30
LO RF
2LO/IF
-60 13 14 15 16 17 18 19 20 21 RF FREQUENCY (GHz)
-40 0 5 10 15 20 25 FREQUENCY (GHz)
IF Bandwidth @ LO = 0 dBm
0
IF Return Loss @ LO = 0 dBm
0
IF CONVERSION GAIN (dB)
-5
-10
RETURN LOSS (dB)
0 1 2 3 4 5 6
-10
-20
-15
-30
-20
-25 IF FREQUENCY (GHz)
-40 0 1 2 3 4 5 6 IF FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 79
MICROWAVE CORPORATION
v01.1201
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Input IP3 vs. LO Drive *
20 +2 dBm 15
Input IP2 vs. LO Drive *
60 50
+2 dBm
INPUT IP3 (dBm)
10 5 0 0 dBm -5 -10 13 15 17 19 21 23 RF FREQUENCY (GHz) -2 dBm
INPUT IP2 (dBm)
40 30 20 10 0 13 14 15 16 17 18 19 20 21 22 23 RF FREQUENCY (GHz) -2 dBm
0 dBm
12
MIXERS - SMT
Input P1dB
6 5
Upconverter Performance Conversion Gain @ LO = 0 dBm
0
3 2 1 0 -1 -2 -3 -4 13 14 15 16 17 18 19 20 21 22 23 RF FREQUENCY (GHz)
CONVERSION GAIN (dB)
4
-5
INPUT P1dB (dBm)
-10
-15
-20
-25 13 14 15 16 17 18 19 20 21 RF FREQUENCY (GHz)
MxN Spurious Outputs@ LO = 0 dBm
nLO mRF -3 -2 -1 0 1 2 3 74 51 68 35 45 69 26 58 50 15 34 X 82 82 -16 52 54 9 68 5 4 3 2 1 0
Absolute Maximum Ratings
RF / IF Input (Vdd = +5V) LO Drive (Vdd = +5V) Vdd Continous Pdiss (Ta = 85 C) (derate 4.28 mW/C above 85 C) Storage Temperature Operating Temperature +13 dBm +13 dBm +5.5V 386 mW -65 to +150 C -40 to +85 C
RF = 18 GHz @ -10 dBm LO = 8.5 GHz @ 0 dBm All values in dBc below IF power level.
* Two-tone input power = -10 dBm each tone, 1 MHz spacing. For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 80
MICROWAVE CORPORATION
v01.1201
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Outline Drawing
12
1. MATERIAL: PLASTIC 2. PLATING: GOLD OVER NICKEL 3. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 4. ALL TOLERANCES ARE 0.005 [ 0.13]. 5. ALL GROUNDS MUST BE SOLDERED TO PCB RF GROUND. 6.
* INDICATES PIN 1
Pin Description
Pin Number 1, 2 Function N/C Description This pin may be connected to the housing ground or left unconnected. Power Supply for the LO Amplifier. An external RF bypass capacitor of 100 - 330 pF is required as close to the package as possible. Interface Schematic
3
Vdd
4
IF
IF Port. This pin is DC coupled and should be DC blocked externally using a series capacitor whose value has been chosen to pass the necessary IF frequency range. Any applied DC voltage to this pin will result in die non-function and possible die failure.
5
RF
RF Port. This pin is AC coupled and matched to 50 Ohm from 4 - 20 GHz. LO Port. This pin is AC coupled and matched to 50 Ohm from 7 - 10 GHz. Must be soldered to PCB RF ground.
6
LO
7
GND
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 81
MIXERS - SMT
NOTES:
MICROWAVE CORPORATION
v01.1201
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Evaluation PCB
12
MIXERS - SMT
The grounded Co-Planar Wave Guide (CPWG) PCB input/output transitions allow use of Ground-Signal-Ground (GSG) probes for testing. Suggested probe pitch is 400mm (16 mils). Alternatively, the board can be mounted in a metal housing with 2.4 mm coaxial connectors.
Evalution Circuit Board Layout Design Details
Layout Technique Material Dielectric Thickness Microstrip Line Width CPWG Line Width CPWG Line to GND Gap Ground Via Hole Diameter C1 Micro Strip to CPWG Rogers 4003 with 1/2 oz. Cu 0.008" (0.20 mm) 0.018" (0.46 mm) 0.016" (0.41 mm) 0.005" (0.13 mm) 0.008" (0.20 mm) 100 pF Capacitor, 0402 Pkg.
LM3 package mounted to evaluation PCB
12 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.1201
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Suggested LM3-02 PCB Land Pattern Tolerance: 0.003" ( 0.08 mm)
12
MIXERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 83
v01.1201
MICROWAVE CORPORATION
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC258LM3 Recommended SMT Attachment Technique
Preparation & Handling of the LM3 Millimeterwave Package for Surface Mounting
The HMC LM3 package was designed to be compatible with high volume surface mount PCB assembly processes. The LM3 package requires a specific mounting pattern to allow proper mechanical attachment and to optimize electrical performance at millimeterwave frequencies. This PCB layout pattern can be found on each LM3 product data sheet. It can also be provided as an electronic drawing upon request from Hittite Sales & Application Engineering. Follow these precautions to avoid permanent damage:
225 200
TEMPERATURE ( C)
175 150 125 100 75 50 25 0 1 2 3 4 5 TIME (min) 6 7 8
12
MIXERS - SMT
Cleanliness: Observe proper handling procedures to ensure clean devices and PCBs. LM3 devices should remain in their original packaging until component placement to ensure no contamination or damage to RF, DC & ground contact areas.
Static Sensitivity: Follow ESD precautions to protect against ESD strikes. General Handling: Handle the LM3 package on the top with a vacuum collet or along the edges with a sharp pair of bent tweezers. Avoiding damaging the RF, DC, & ground contacts on the package bottom. Do not apply excess pressure to the top of the lid. Solder Materials & Temperature Profile: Follow the information contained in the application note. Hand soldering is not recommended. Conductive epoxy attachment is not recommended. Solder Paste Solder paste should be selected based on the user's experience and be compatible with the metallization systems used. See the LM3 data sheet Outline drawing for pin & ground contact metallization schemes. Solder Paste Application Solder paste is generally applied to the PCB using either a stencil printer or dot placement. The volume of solder paste will be dependent on PCB and component layout and should be controlled to ensure consistent mechanical & electrical performance. Excess solder may create unwanted electrical parasitics at high frequencies. Solder Reflow The soldering process is usually accomplished in a reflow oven but may also use a vapor phase process. A solder reflow profile is suggested above. Prior to reflowing product, temperature profiles should be measured using the same mass as the actual assemblies. The thermocouple should be moved to various positions on the board to account for edge and corner effects and varying component masses. The final profile should be determined by mounting the thermocouple to the PCB at the location of the device. Follow solder paste and oven vendor's recommendations when developing a solder reflow profile. A standard profile will have a steady ramp up from room temperature to the pre-heat temperature to avoid damage due to thermal shock. Allow enough time between reaching pre-heat temperature and reflow for the solvent in the paste to evaporate and the flux to completely activate. Reflow must then occur prior to the flux being completely driven off. The duration of peak reflow temperature should not exceed 15 seconds. Packages have been qualified to withstand a peak temperature of 235C for 15 seconds. Verify that the profile will not expose device to temperatures in excess of 235C. Cleaning A water-based flux wash may be used.
12 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
0
v01.1201
MICROWAVE CORPORATION
HMC258LM3
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Notes:
12
MIXERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 85


▲Up To Search▲   

 
Price & Availability of HMC258LM3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X