Part Number Hot Search : 
SE139 M347S EPB5011G MS320 TORX1 MC330 1028548 KA2101
Product Description
Full Text Search
 

To Download HCNW135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Channel, High Speed Optocouplers Technical Data
6N135/6 HCNW135/6 HCNW4502/3 HCPL-2502 HCPL-0452/3 HCPL-0500/1 HCPL-4502/3
Features
* 15 kV/s Minimum Common Mode Transient Immunity at VCM = 1500 V (4503/0453) * High Speed: 1 Mb/s * TTL Compatible * Available in 8-Pin DIP, SO-8, Widebody Packages * Open Collector Output * Guaranteed Performance from Temperature: 0C to 70C * Safety Approval UL Recognized - 3750 V rms for 1 minute (5000 V rms for 1 minute for HCNW and Option 020 devices) per UL1577 CSA Approved IEC/EN/DIN EN 60747-5-2 Approved -VIORM = 630 V peak for HCPL-4503#060 -VIORM = 1414 V peak for HCNW devices * Dual Channel Version Available (253X/4534/053X/ 0534) * MIL-PRF-38534 Hermetic Version Available (55XX/ 65XX/4N55)
Applications
* High Voltage Insulation * Video Signal Isolation * Power Transistor Isolation in Motor Drives * Line Receivers * Feedback Element in Switched Mode Power Supplies * High Speed Logic Ground Isolation - TTL/TTL, TTL/ CMOS, TTL/LSTTL * Replaces Pulse Transformers * Replaces Slow Phototransistor Isolators * Analog Signal Ground Isolation
Description
These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output-transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance.
Functional Diagram
NC 1 ANODE 2 CATHODE 3 NC 4 8 VCC * 7 VB 6 VO 5 GND
TRUTH TABLE (POSITIVE LOGIC) VO LED LOW ON HIGH OFF
* NOTE: FOR 4502/3, 0452/3, PIN 7 IS NOT CONNECTED.
A 0.1 F bypass capacitor must be connected between pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
2
These single channel optocouplers are available in 8-Pin DIP, SO-8 and Widebody package configurations. The 6N135, HCPL-0500, and HCNW135 are for use in TTL/ CMOS, TTL/LSTTL or wide bandwidth analog applications. Current transfer ratio (CTR) for these devices is 7% minimum at IF = 16 mA. The 6N136, HCPL-2502, HCPL-0501, and HCNW136 are designed for high speed TTL/TTL applications. A standard 16 mA TTL sink current through the input LED will provide enough
output current for 1 TTL load and a 5.6 k pull-up resistor. CTR for these devices is 19% minimum at IF = 16 mA. The HCPL-4502, HCPL-0452, and HCNW4502 provide the electrical and switching performance of the 6N136, HCPL-0501, and HCNW136 with increased ESD protection. The HCPL-4503, HCPL-0453, and HCNW4503 are similar to the HCPL-4502, HCPL-0452, and HCNW4502 optocouplers but have increased common mode transient immunity of 15 kV/s minimum at VCM = 1500 V guaranteed.
Schematic
2 ANODE + VF CATHODE - 3 SHIELD HCPL-4503/0453 HCNW4503 IF
ICC
8
VCC
IO
6
VO
5
GND
IB 7* VB
* NOTE: FOR HCPL-4502/-3, HCPL-0452/3, HCNW4502/3, PIN 7 IS NOT CONNECTED.
Selection Guide
Minimum CMR dV/dt (V/s) 1,000 VCM (V) 10 8-Pin DIP (300 Mil) Current Single Dual Transfer Channel Channel Ratio (%) Package Package* 7 6N135 HCPL-2530 19 6N136 HCPL-2531 HCPL-4502 15 HCPL-2502 19 HCPL-4503 HCPL-4534 9 Small-Outline SO-8 Single Dual Channel Channel Package Package* HCPL-0500 HCPL-0530 HCPL-0501 HCPL-0531 HCPL-0452 HCPL-0453 HCPL-0534 Widebody (400 Mil) Hermetic Single Single and Channel Dual Channel Package Packages* HCNW135 HCNW136 HCNW4502 HCNW4503 HCPL-55XX HCPL-65XX 4N55
15,000 1,000
1500 10
*Technical data for these products are on separate Agilent publications. Pin 7, transistor base, is not connected.
Ordering Information
Specify Part Number followed by Option Number (if desired). Example: HCPL-4503#XXXX 020 = UL 5000 V rms/1 Minute Option* 060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 V peak Option** 300 = Gull Wing Surface Mount Option 500 = Tape and Reel Packaging Option XXXE = Lead Free Option Option data sheets available. Contact your Agilent sales representative or authorized distributor for information.
*For 6N135/6 and HCPL-4502/3 only. **For HCPL-4503 only. Combination of Option 020 and Option 060 is not available. Gull wing surface mount option applies to through hole parts only.
Remarks: The notation "#" is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use "-"
3
Package Outline Drawings
8-Pin DIP Package (6N135/6, HCPL-4502/3, HCPL-2502)
9.65 0.25 (0.380 0.010) TYPE NUMBER 8 7 6 5 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010)
OPTION CODE* DATE CODE
A XXXXZ YYWW RU 1 1.19 (0.047) MAX. 2 3 4
UL RECOGNITION
1.78 (0.070) MAX. + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
5 TYP. 3.56 0.13 (0.140 0.005) 4.70 (0.185) MAX.
0.51 (0.020) MIN. 2.92 (0.115) MIN.
1.080 0.320 (0.043 0.013)
0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010)
DIMENSIONS IN MILLIMETERS AND (INCHES). *MARKING CODE LETTER FOR OPTION NUMBERS "L" = OPTION 020 "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED. NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
8-Pin DIP Package with Gull Wing Surface Mount Option 300 (6N135/6, HCPL-4502/3)
LAND PATTERN RECOMMENDATION 9.65 0.25 (0.380 0.010)
8 7 6 5
1.016 (0.040)
6.350 0.25 (0.250 0.010)
10.9 (0.430)
1
2
3
4
1.27 (0.050)
2.0 (0.080)
1.19 (0.047) MAX.
1.780 (0.070) MAX.
9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010) + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
3.56 0.13 (0.140 0.005)
1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.635 0.25 (0.025 0.010)
12 NOM.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
4
Small Outline SO-8 Package (HCPL-0500/1, HCPL-0452/3)
LAND PATTERN RECOMMENDATION
8
7
6
5
3.937 0.127 (0.155 0.005)
XXX YWW
5.994 0.203 (0.236 0.008) TYPE NUMBER (LAST 3 DIGITS) DATE CODE
4
7.49 (0.295)
PIN ONE 1 0.406 0.076 (0.016 0.003)
2
3
1.9 (0.075)
1.270 BSC (0.050)
0.64 (0.025)
* 5.080 0.127 (0.200 0.005)
7
45 X
0.432 (0.017)
3.175 0.127 (0.125 0.005)
0 ~ 7 1.524 (0.060) 0.203 0.102 (0.008 0.004)
0.228 0.025 (0.009 0.001)
* TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 0.254 (0.205 0.010) DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.305 MIN. (0.012)
8-Pin Widebody DIP Package (HCNW135/6, HCNW4502/3)
11.15 0.15 (0.442 0.006)
8 7 6 5
11.00 MAX. (0.433) 9.00 0.15 (0.354 0.006) TYPE NUMBER DATE CODE
A HCNWXXXX YYWW
1
2
3
4
1.55 (0.061) MAX.
10.16 (0.400) TYP. 7 TYP. + 0.076 0.254 - 0.0051 + 0.003) (0.010 - 0.002) 5.10 MAX. (0.201)
3.10 (0.122) 3.90 (0.154) 2.54 (0.100) TYP. 1.78 0.15 (0.070 0.006) 0.40 (0.016) 0.56 (0.022)
0.51 (0.021) MIN.
DIMENSIONS IN MILLIMETERS (INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
5
8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300 (HCNW135/6, HCNW4502/3)
11.15 0.15 (0.442 0.006)
8 7 6 5
LAND PATTERN RECOMMENDATION
9.00 0.15 (0.354 0.006)
13.56 (0.534)
1
2
3
4
1.3 (0.051) 1.55 (0.061) MAX. 12.30 0.30 (0.484 0.012) 11.00 MAX. (0.433)
2.29 (0.09)
4.00 MAX. (0.158)
1.78 0.15 (0.070 0.006) 2.54 (0.100) BSC 0.75 0.25 (0.030 0.010)
1.00 0.15 (0.039 0.006)
+ 0.076 0.254 - 0.0051 + 0.003) (0.010 - 0.002) 7 NOM.
DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
Solder Reflow Temperature Profile
300
PREHEATING RATE 3C + 1C/-0.5C/SEC. REFLOW HEATING RATE 2.5C 0.5C/SEC. PEAK TEMP. 245C PEAK TEMP. 240C PEAK TEMP. 230C 2.5C 0.5C/SEC. 160C 150C 140C 3C + 1C/-0.5C 30 SEC. 30 SEC. SOLDERING TIME 200C
TEMPERATURE (C)
200
100
PREHEATING TIME 150C, 90 + 30 SEC. 50 SEC. TIGHT TYPICAL LOOSE
ROOM TEMPERATURE
0
0
50
100
150
200
250
TIME (SECONDS)
6
Recommended Pb-Free IR Profile
tp Tp TL 260 +0/-5 C 217 C RAMP-UP 3 C/SEC. MAX. 150 - 200 C RAMP-DOWN 6 C/SEC. MAX. TIME WITHIN 5 C of ACTUAL PEAK TEMPERATURE 20-40 SEC.
TEMPERATURE
Tsmax Tsmin
ts PREHEAT 60 to 180 SEC. 25 t 25 C to PEAK
tL
60 to 150 SEC.
TIME NOTES: THE TIME FROM 25 C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200 C, Tsmin = 150 C
Regulatory Information
The devices contained in this data sheet have been approved by the following organizations:
UL Recognized under UL 1577, Component Recognition Program, File E55361. CSA Approved under CSA Component Acceptance Notice #5, File CA 88324.
IEC/EN/DIN EN 60747-5-2 Approved under IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01 (HCNW and Option 060 only)
Insulation and Safety Related Specifications
8-Pin DIP (300 Mil) Value 7.1 SO-8 Value 4.9 Widebody (400 Mil) Value Units 9.6 mm
Parameter Minimum External Air Gap (External Clearance) Minimum External Tracking (External Creepage) Minimum Internal Plastic Gap (Internal Clearance)
Symbol L(101)
L(102)
7.4
4.8
10.0
mm
0.08
0.08
1.0
mm
Minimum Internal Tracking (Internal Creepage) Tracking Resistance (Comparative Tracking Index) Isolation Group
NA
NA
4.0
mm
CTI
200
200
200
Volts
Conditions Measured from input terminals to output terminals, shortest distance through air. Measured from input terminals to output terminals, shortest distance path along body. Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity. Measured from input terminals to output terminals, along internal cavity. DIN IEC 112/VDE 0303 Part 1
IIIa
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
7
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCPL-4503 OPTION 060 ONLY)
Description Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 300 V rms for rated mains voltage 450 V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a* VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, tini = 10 sec) Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 9, Thermal Derating curve.) Case Temperature Input Current Output Power Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III 55/100/21 2 630 1181 Units
VIORM VPR
V peak V peak
VPR
945
V peak
VIOTM
6000
V peak
TS IS,INPUT PS,OUTPUT RS
175 230 600 109
C mA mW
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCNW135/6, HCNW4502/3 ONLY)
Description Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 600 V rms for rated mains voltage 1000 V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a* VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, tini = 10 sec) Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 9, Thermal Derating curve.) Case Temperature Input Current Output Power Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III 55/85/21 2 1414 2652 Units
VIORM VPR
V peak V peak
VPR
2121
V peak
VIOTM
8000
V peak
TS IS,INPUT PS,OUTPUT RS
150 400 700 109
C mA mW
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
8
Absolute Maximum Ratings
Parameter Storage Temperature* Operating Temperature* Symbol TS TA Device 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody Min. -55 -55 -55 Max. 125 100 85 25 50 40 1 0.1 5 3 45 40 8 16 5 -0.5 -0.5 -0.5 -0.5 30 20 15 15 5 100 Units C C Note
Average Forward Input Current* Peak Forward Input Current* (50% duty cycle, 1 ms pulse width) (50% duty cycle, 1 ms pulse width) Peak Transient Input Current* ( 1 s pulse width, 300 pps) Reverse LED Input Voltage* (Pin 3-2)
IF(AVG) IF(PEAK)
mA mA A
1 2
IF(TRANS)
VR
V
Input Power Dissipation*
PIN
mW
3
Average Output Current* (Pin 6) Peak Output Current* Emitter-Base Reverse Voltage* (Pin 5-7, except 4502/3, 0452/3) Supply Voltage (Pin 8-5) Output Voltage (Pin 6-5) Supply Voltage* (Pin 8-5) Output Voltage* (Pin 6-5) Base Current* (Pin 7, except 4502/3, 0452/3) Output Power Dissipation* Lead Solder Temperature* (Through-Hole Parts Only) 1.6 mm below seating plane, 10 seconds up to seating plane, 10 seconds Reflow Temperature Profile
*Data has been registered with JEDEC for the 6N135/6N136.
IO(AVG) IO(PEAK) VEBR VCC VO VCC VO IB PO
mA mA V V V V V mA mW
4
TLS TRP
8-Pin DIP Widebody SO-8 and Option 300
260 C 260 C See Package Outline Drawings section
9
Electrical Specifications (DC)
Over recommended temperature (TA = 0C to 70C) unless otherwise specified. See note 13.
Parameter Current Transfer Ratio Symbol CTR* Device 6N135 HCPL-0500 HCNW135 HCPL-2502 6N136 HCPL-4502/3 HCPL-0501 HCPL-0452/3 HCNW136 HCNW4502/3 6N135 HCPL-0500 HCNW135 6N136 HCPL-2502 HCPL-4502/3 HCPL-0501 HCPL-0452/3 HCNW136 HCNW4502/3 Min. Typ.** 7 18 5 15 15 19 15 19 22 25 24 25 50 Max. 50 Units Test Conditions % TA = 25C VO = 0.4 V IF = 16 mA, VCC = 4.5 V VO = 0.5 V TA = 25C VO = 0.4 V VO = 0.5 V TA = 25C VO = 0.4 V VO = 0.5 V Fig. 1, 2, 4 Note 5, 11
Logic Low Output Voltage
VOL
0.1 0.1 0.1 0.1
0.4 0.5 0.4 0.5
V
TA = 25C IO = 1.1 mA IO = 0.8 mA TA = 25C IO = 3.0 mA IO = 2.4 mA
IF = 16 mA, VCC = 4.5 V
Logic High Output Current Logic Low Supply Current Logic High Supply Current Input Forward Voltage
IOH*
0.003 0.01 50 0.02 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 1.5 1.45 1.35 5 3 -1.6 -1.9 60 90 150 130 180 160 1.68
ICCL ICCH* VF*
0.5 1 50 200 1 2 1.7 1.8 1.85 1.95
A
A A V
TA = 25C VO = VCC = 5.5 V IF = 0 mA TA = 25C VO = VCC = 15 V VO = VCC = 15 V IF = 16 mA, VO = Open, VCC = 15 V TA = 25C IF = 16 mA, VO = Open, VCC = 15 V TA = 25C IF = 16 mA TA = 25C IF = 16 mA
7
13 13 3
Input Reverse Breakdown Voltage Temperature Coefficient of Forward Voltage Input Capacitance Transistor DC Current Gain
BVR*
V
IR = 10 A
VF/ TA CIN
IR = 100 A mV/C IF = 16 mA
pF
f = 1 MHz, VF = 0 V
hFE
VO = 5 V, IO = 3 mA VO = 0.4 V, IB = 20 A VO = 5 V, IO = 3 mA VO = 0.4 V, IB = 20 A
*For JEDEC registered parts. **All typicals at TA = 25C.
10
Switching Specifications (AC)
Over recommended temperature (TA = 0C to 70C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Parameter Propagation Delay Time to Logic Low at Output Device Min. Typ.** Max. 6N135 0.2 1.5 HCPL-0500 2.0 HCNW135 6N136 0.2 0.8 HCPL-2502 HCPL-4502/3 HCPL-0501 HCPL-0452/3 1.0 HCNW136 HCNW4502/3 6N135 1.3 1.5 tPLH* HCPL-0500 2.0 HCNW135 6N136 0.6 0.8 HCPL-2502 HCPL-4502/3 HCPL-0501 HCPL-0452/3 1.0 HCNW136 HCNW4502/3 6N135 1 |CMH| HCPL-0500 HCNW135 6N136 1 HCPL-2502 HCPL-4502 HCPL-0501 HCPL-0452 HCNW4502 HCPL-4503 15 30 HCPL-0453 HCNW4503 6N135 1 |CML| HCPL-0500 HCNW135 6N136 1 HCPL-2502 HCPL-4502 HCPL-0501 HCPL-0452 HCNW4502 HCPL-4503 15 30 HCPL-0453 HCNW4503 BW 6N135/6 9 HCPL-2502 HCPL-0500/1 HCNW135/6 11 Sym. tPHL* Units Test Conditions s TA = 25C RL = 4.1 k Fig. 5, 6, 11 Note 8, 9
TA = 25C
RL = 1.9 k
Propagation Delay Time to Logic High at Output
s
TA = 25C
RL = 4.1 k
5, 6, 11
8, 9
TA = 25C
RL = 1.9 k
Common Mode Transient Immunity at Logic High Level Output
kV/s RL = 4.1 k IF = 0 mA, TA = 25C, VCM = 10 Vp-p CL = 15 pF RL = 1.9 k
12
7, 8, 9
Common Mode Transient Immunity at Logic Low Level Output
RL = 1.9 k IF = 0 mA, TA = 25C, VCM = 1500 Vp-p, CL = 15 pF kV/s RL = 4.1 k IF = 16 mA, TA = 25C, VCM = 10 Vp-p CL = 15 pF RL = 1.9 k
12
7, 8, 9
Bandwidth
MHz
RL = 1.9 k IF = 16 mA, TA = 25C, VCM = 1500 Vp-p, CL = 15 pF See Test Circuit
8, 10
10
*For JEDEC registered parts. **All typicals at TA = 25C.
11
Package Characteristics
Over recommended temperature (TA = 0C to 70C) unless otherwise specified. Parameter Input-Output Momentary Withstand Voltage** Sym. VISO Device 8-Pin DIP SO-8 Widebody 8-Pin DIP (Option 020) 8-Pin DIP Min. Typ.* 3750 5000 5000 1 A 45% RH, t = 5 s, VI-O = 3 kVdc, TA = 25C VI-O = 500 Vdc TA = 25C TA = 100C f = 1 MHz Max. Units V rms Test Conditions RH < 50%, t = 1 min., TA = 25C Fig. Note 6, 14 6, 15 6, 12, 15 6, 16
II-O
Input-Output Resistance
RI-O
8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody
1012 1012 1011 1013 0.6 0.5 0.6
6
Input-Output Capacitance
CI-O
pF
6
*All typicals at TA = 25C. **The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table (if applicable), your equipment level safety specification or Agilent Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage," publication number 5963-2203E. Notes: 1. Derate linearly above 70C free-air temperature at a rate of 0.8 mA/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 0.5 mA/C (SO-8). 2. Derate linearly above 70C free-air temperature at a rate of 1.6 mA/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 1.0 mA/C (SO-8). 3. Derate linearly above 70C free-air temperature at a rate of 0.9 mW/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 1.1 mW/C (SO-8). 4. Derate linearly above 70C free-air temperature at a rate of 2.0 mW/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 2.3 mW/C (SO-8). 5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100. 6. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together. 7. Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the leading edge of the common mode pulse signal, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM /dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V). 8. The 1.9 k load represents 1 TTL unit load of 1.6 mA and the 5.6 k pull-up resistor. 9. The 4.1 k load represents 1 LSTTL unit load of 0.36 mA and 6.1 k pull-up resistor. 10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value. 11. The JEDEC registration for the 6N136 specifies a minimum CTR of 15%. Agilent guarantees a minimum CTR of 19%. 12. See Option 020 data sheet for more information. 13. Use of a 0.1 f bypass capacitor connected between pins 5 and 8 is recommended. 14. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 4500 V rms for 1 second (leakage detection current limit, II-O 5 A). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table if applicable. 15. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 V rms for 1 second (leakage detection current limit, II-O 5 A). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table if applicable. 16. This rating is equally validated by an equivalent ac proof test.
12
8 PIN DIP, SO-8
IO - OUTPUT CURRENT - mA
WIDEBODY
40 mA 35 mA 30 mA 25 mA
16 TA = 25C VCC = 5.0 V 12 40 mA 35 mA 30 mA 8 25 mA 20 mA 15 mA 4 10 mA IF = 5 mA 0 0 10 VO - OUTPUT VOLTAGE - V 20
IO - OUTPUT CURRENT - mA
T = 25C 10 VA = 5.0 V CC
5
20 mA 15 mA 10 mA IF = 5 mA
0 0 10 VO - OUTPUT VOLTAGE - V 20
Figure 1. DC and Pulsed Transfer Characteristics.
NORMALIZED CURRENT TRANSFER RATIO
1.5 6N135, HCPL-0500 6N136, HCPL-4502/3, HCPL-2502 HCPL-0501/0452/0453 1.0
NORMALIZED CURRENT TRANSFER RATIO
8 PIN DIP, SO-8
WIDEBODY 1.5
HCNW135/6, HCNW4502/3 1.0
0.5
0.1 0 1
NORMALIZED I F = 16 mA VO = 0.4 V VCC = 5 V TA = 25C 10 100
0.5
0 0 1
NORMALIZED IF = 16 mA VO = 0.4 V VCC = 4.5 V TA = 25 C 10 100
IF - INPUT CURRENT - mA
IF - INPUT CURRENT - mA
Figure 2. Current Transfer Ratio vs. Input Current.
8 PIN DIP, SO-8 1000
IF - FORWARD CURRENT - mA IF - FORWARD CURRENT - mA
WIDEBODY 1000 TA = 25 C 100 10 1.0 0.1 0.01 IF + VF - 1.3 1.4 1.5 1.6 1.7 1.8
100 10 1.0 0.1 0.01 0.001 1.1
IF + VF -
TA = 25C
1.2
1.3
1.4
1.5
1.6
0.001 1.2
VF - FORWARD VOLTAGE - VOLTS
VF - FORWARD VOLTAGE - VOLTS
Figure 3. Input Current vs. Forward Voltage.
13
NORMALIZED CURRENT TRANSFER RATIO
NORMALIZED CURRENT TRANSFER RATIO
8 PIN DIP, SO-8 1.1
WIDEBODY 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 -60 -40 -20 NORMALIZED IF = 16 mA VO = 0.4 V VCC = 5 V TA = 25C 0 20 40 60 80 100 HCNW135/6, HCNW4502/3
1.0 NORMALIZED IF = 16 mA VO = 0.4 V VCC = 5 V TA = 25C 6N135, HCPL-0500 6N136, HCPL-4502/3, HCPL-2502 HCPL-0501, 0452, 0453 0 20 40 60 80 100
0.9
0.8
0.7
0.6 -60 -40 -20
TA - TEMPERATURE - C
TA - TEMPERATURE - C
Figure 4. Current Transfer Ratio vs. Temperature.
8 PIN DIP, SO-8 2000
tp - PROPAGATION DELAY - ns
WIDEBODY 1000
tp - PROPAGATION DELAY - ns
1500
IF = 16 mA, VCC = 5.0 V 6N135, HCPL-0500 (RL = 4.1 k) 6N136, HCPL-0501, HCPL-2502 HCPL-4502/3 (RL = 1.9 k) HCPL-0452/3
800
IF = 16 mA, VCC = 5.0 V HCNW135 (RL = 4.1 k) HCNW136 (RL = 1.9 k) HCNW4502/3
600 tPLH 400 tPHL
1000 tPLH 500 tPHL
200
0 -60
-20
20
60
100
0 -60 -40 -20
0
20
40
60
80 100
TA - TEMPERATURE - C
TA - TEMPERATURE - C
Figure 5. Propagation Delay vs. Temperature.
8 PIN DIP, SO-8 3.0
tP - PROPAGATION DELAY - s
tP - PROPAGATION DELAY - s
WIDEBODY 10.0 6.0 I F = 10 mA I t = 16 mA t PLH
2.0
I F = 10 mA I F = 16 mA VCC = 5.0 V TA = 25 C
4.0 VCC = 5.0 V TA = 25 C
1.0 0.8 0.6 0.4
tPLH
1.0 0.6 0.4 0.2 0.1 t PHL
t PHL
0.2 0.1 1
2
3
4
5
6 7 8 9 10
1
2
4
10
40
100
RL - LOAD RESISTANCE - (k)
RL - LOAD RESISTANCE - (k)
Figure 6. Propagation Delay Time vs. Load Resistance.
14
IOH - LOGIC HIGH OUTPUT CURRENT - nA
8 PIN DIP, SO-8 10+4 10+3 10+2 10+1 100 10 -1 10 -2 -75 IF = 0 VO = VCC = 5.0 V
IOH - LOGIC HIGH OUTPUT CURRENT - nA
10
+3
WIDEBODY
10
+2
IF = 0 VO = VCC = 15 V
10
+1
-50
-25
0
+25 +50 +75 +100
10 -60 -40 -20
0
0
20
40
60
80 100
TA - TEMPERATURE - C
TA - TEMPERATURE - C
Figure 7. Logic High Output Current vs. Temperature.
IO - I F SMALL SIGNAL CURRENT TRANSFER RATIO
8 PIN DIP, SO-8 TA = 25C, RL = 100 , VCC = 5 V
IO I F - SMALL SIGNAL CURRENT TRANSFER RATIO
WIDEBODY TA = 25C, RL = 100 , VCC = 5 V
0.30
0.50 0.40
0.20
0.30
0.20
0.10
0.10 0
0 0 4 8 12 16 20 25 IF - QUIESCENT INPUT CURRENT - mA
0
4
8
12
16
20
25
IF - QUIESCENT INPUT CURRENT - mA
Figure 8. Small-Signal Current Transfer Ratio vs. Quiescent Input Current.
OUTPUT POWER - PS, INPUT CURRENT - IS
800 700 600 500 400 300 200 100 0 0 25
HCPL-4503 OPTION 060 PS (mW) IS (mA)
OUTPUT POWER - PS, INPUT CURRENT - IS
1000 900 800 700 600 500 400 300 200 100 0 0
HCNW135/6, HCNW4502/3 PS (mW) IS (mA)
50
75 100 125 150 175 200
25
50
75
100 125 150 175
TS - CASE TEMPERATURE - C
TS - CASE TEMPERATURE - C
Figure 9. Thermal Derating Curve, Dependence of Safety Limiting Value with Case Temperature per IEC/EN/DIN EN 60747-5-2.
15
6N135/6, HCPL-0500/1, HCPL-2502 +5 TA = 25 C
NORMALIZED RESPONSE - dB
+12 V 0.1 F 2.1 K
6N135/6, HCPL-0500/1, HCPL-2502
1 8 1.2 K 15 K 2 7 9.1 K 47 F VFF 100 3 Q1 4 RT 22 TRIM FOR UNITY GAIN 5 6 0.1 F 100 Q2 470 Q3 VO (1 M 12 pF TEST INPUT) 0.1 F +12 V
0
-5
-10
1 K 51 1N4150
-15 -20 0.1
Q 1 , Q 2 , Q 3 : 2N3904 TYPICAL LINEARITY = 3% AT V IN = 1 Vp-p TYPICAL SNR = 50dB TYPICAL R T = 375 TYPICAL VO dc = 3.8 V TYPICAL I F = 9 mA
1.0
10
100
f - FREQUENCY - MHz
HCNW135/6 HCNW135/6
Figure 10. Frequency Response.
IF 0 VO 1.5 V 5V
PULSE GEN. ZO = 50 t r = 5 ns
IF
1 2 3 4
8 7* 6 0.1F 5 RL
+5 V
10% DUTY CYCLE 1/f < 100 S 1.5 V VOL I F MONITOR RM
VO CL = 1.5 F
t PHL
t PLH
* PIN 7 UNCONNECTED IN HCPL-4502/3, HCPL-0452/3, HCNW4502/3
Figure 11. Switching Test Circuit.
IF 1 B 2 VCM 0V 10% tr VO SWITCH AT A: I F = 0 mA VO SWITCH AT B: I F = 16 mA VOL + 90% 90% 10% tf 5V VFF VCM - A 3 6 0.1 F 4 5 VO 7* RL 8 +5 V
PULSE GEN. *PIN 7 UNCONNECTED IN HCPL-4502/3, HCPL-0542/3, HCNW4502/3
Figure 12. Test Circuit for Transient Immunity and Typical Waveforms.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5989-0305EN December 20, 2004 5989-2112EN


▲Up To Search▲   

 
Price & Availability of HCNW135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X