Part Number Hot Search : 
CR1612 74LVC652 M948B 10005 P921707 UPD17215 LT350 SD204
Product Description
Full Text Search
 

To Download HAD826SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :Preliminary Data Issued Date : 2000.10.01 Revised Date : 2000.10.01 Page No. : 1/3
HAD826SP
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HAD826SP is designed for general purpose amplifier and high speed, medium-power switching applications.
Features
* Low Collector Saturation Voltage * High Speed Switching
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature....................................................................................................... -55 ~ +150 C Junction Temperature ................................................................................................. 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ........................................................................................... 500 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage..................................................................................................... 75 V VCEO Collector to Emitter Voltage ................................................................................................. 40 V VEBO Emitter to Base Voltage ......................................................................................................... 6 V IC Collector Current .................................................................................................................. 500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 *hFE4 *hFE5 *hFE6 fT Cob Min. 75 40 6 35 50 75 100 40 50 300 Typ. Max. 10 10 50 300 1 1.2 2 300 8 Unit V V V nA nA nA mv V V V Test Conditions IC=10uA, IE=0 IC=10mA, IB=0 IE=10uA, IC=0 VCB=60V, IE=0 VCB=60V, VEB(OFF)=3V VEB=3V, IC=0 IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=10V, IC=100uA VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=150mA VCE=10V, IC=500mA VCE=1V, IC=150mA VCE=20V, IC=20mA, f =100MHz VCB=10V, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz pF
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 10000
Spec. No. :Preliminary Data Issued Date : 2000.10.01 Revised Date : 2000.10.01 Page No. : 2/3
Saturation Voltage & Collector Current
VCE=10V VCE=1V 100
Saturation Voltage (mV)
1000 VBE(sat) @ IC=10IB
hFE
100
VCE(sat) @ IC=10IB 10 0.1 1 10 100 1000 10 0.1 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100 1000
Cutoff Frequency & Collector Current
Cutoff Frequency (MHz)
fT 100
Capacitance (pF)
10
Cob
10
1 0.1 1 10 100 1000
1 1 10 100 1000
Reverse Biased Voltage (V)
Collector Current (mA)
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HAD826SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X