Part Number Hot Search : 
AN5070 NJM555V 2SC35 KRA727E 2SC5006 L7603 AXX49S SA12CA
Product Description
Full Text Search
 

To Download HA2-5127883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 October 2004
CT RODU NT LETE P EPLACEME at OBSO DED R nt er EN rt Ce /tsc COMM Suppo NO RE r Technical .intersil.com ww t ou contac TERSIL or w IN Ultra Low Noise, 1- 888-
HA-5127/883
Precision Operational Amplifier
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . .7V/s (Min) * Unity Gain Bandwidth . . . . . . . . . . . . . . . . . .5MHz (Min) * Low Noise Voltage (at 1kHz) . . . . . . . . 4.5nV/Hz (Max) * Low Offset Voltage . . . . . . . . . . . . . . . . . . .100V (Max) * Low Offset Drift With Temperature . . . 1.8V/oC (Max) * High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . 100dB (Min) * High Voltage Gain . . . . . . . . . . . . . . . . . . 700kV/V (Min)
Description
The HA-5127/883 monolithic operational amplifier features an excellent combination of precision DC and wideband high speed characteristics. Utilizing the Intersil D.I. technology and advanced processing techniques, this unique design unites low noise precision instrumentation performance with high speed, wideband capability. This amplifier's impressive list of features include low VOS, wide gain-bandwidth, high open loop gain, and high CMRR. Additionally, this flexible device operates over a wide supply range while consuming only 120mW of power. Using the HA-5127/883 allows designers to minimize errors while maximizing speed and bandwidth. This device is ideally suited for low level transducer signal amplifier circuits. Other applications which can utilize the HA-5127/883's qualities include instrumentation amplifiers, pulse or RF amplifiers, audio preamplifiers, and signal conditioning circuits.
Applications
* High Speed Signal Conditioners * Wide Bandwidth Instrumentation Amplifiers * Low Level Transducer Amplifiers * Fast, Low Level Voltage Comparators * Highest Quality Audio Preamplifiers * Pulse/RF Amplifiers
Part Number Information
PART NUMBER HA2-5127/883 TEMPERATURE RANGE -55oC to +125oC PACKAGE 8 Pin Can
Pinout
HA-5127/883 (METAL CAN) TOP VIEW
BAL 8 BAL 1 + 3 4 V- (CASE) 5 7 V+
-IN
2
6 OUT
+IN
NC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Americas Inc. | Copyright (c) Intersil Americas Inc. 2001, 2004
Spec Number
511008-883
1
FN3751.2
Specifications HA-5127/883
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 44V Differential Input Voltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . 0.7V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to VInput Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Differential Output Current . . . . . . . . . . .Full Short Circuit Protection Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Information
Thermal Resistance JA JC Metal Can Package . . . . . . . . . . . . . . . . . 155oC/W 67oC/W Package Power Dissipation Limit at +75oC for TJ +175oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 645mW Package Power Dissipation Derating Factor Above +75oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5mW/oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V VINCM 1/2 (V+ - V-) RL 600
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 100k, VOUT = 0V, Unless Otherwise Specified. GROUP A SUBGROUPS 1 2, 3 Input Bias Current IB VCM = 0V, RS = 10k, 50 1 2, 3 LIMITS TEMPERATURE +25oC +125 C, -55 C +25 C +125oC, -55oC
o o o
PARAMETERS Input Offset Voltage
SYMBOL VIO
CONDITIONS VCM = 0V
MIN -100 -300 -
MAX 100 300 80 150
UNITS V V nA nA
----------------- 2
+I B + -I B Input Offset Current IIO VCM = 0V, +RS = 10k, -RS = 10k V+ = +4.7V, V- = -25.3V V+ = +25.3V, V- = -4.7V VOUT = 0V and +10V, RL = 2k VOUT = 0V and -10V, RL = 2k VCM = +11V VCM = +10V -CMRR VCM = -11V VCM = -10V Output Voltage Swing +VOUT1 RL = 2k
1 2, 3 1 2, 3 1 2, 3 4 5, 6 4 5, 6 1 2, 3 1 2, 3 4 5, 6
+25oC +125oC, -55oC
-75 -135 10.3 10.3 o
75 135 -10.3 -10.3 -11.5 -11.5 -10
nA nA V V V V kV/V kV/V kV/V kV/V dB dB dB dB V V V V V V
Common Mode Range
+CMR
+25oC +125oC, -55oC
-CMR
+25oC +125 C, -55 C +25 +125o
oC o o
700 300 700 300 100
Large Signal Voltage Gain
+AVOL
C, -55 C
o
-AVOL
+25 C +125oC, -55oC
Common Mode Rejection Ratio
+CMRR
+25 C +125 C, -55 C +25oC +125 C, -55 C +25 C +125
oC, o o o o o
o
100 100 100 11.5 11.5 -
-55oC
-VOUT1
RL = 2k
4 5, 6
+25 C +125 C, -55 C +25oC +25 C
o o o
o
10 -
+VOUT2 -VOUT2
RL = 600 RL = 600
4 4
Spec Number 2
511008-883
Specifications HA-5127/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 100k, VOUT = 0V, Unless Otherwise Specified. GROUP A SUBGROUPS 4 4 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -VIOAdj Note 1 1 2, 3 NOTE: 1. Offset adjustment range is [VIO (Measured) 1mV] minimum referred to output. This test is for functionality only to assure adjustment through 0V. 2. For differential input voltages greater than 0.7V, the input current must be limited to 25mA to protect the back-to-back input diodes. LIMITS TEMPERATURE +25oC +25oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN 16.5 -4 -4 86 86 86 86 VIO-1 VIO-1 VIO+1 VIO+1 MAX -16.5 4 4 UNITS mA mA mA mA mA mA dB dB dB dB mV mV mV mV
PARAMETERS Output Current
SYMBOL +IOUT -IOUT
CONDITIONS VOUT = -10V VOUT = +10V VOUT = 0V, IOUT = 0mA VOUT = 0V, IOUT = 0mA VSUP = 14V VSUP = 13.5V
Quiescent Power Supply Current
+ICC
-ICC
Power Supply Rejection Ratio
+PSRR
-PSRR
VSUP = 14V VSUP = 13.5V
Offset Voltage Adjustment
+VIOAdj
Note 1
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. GROUP A SUBGROUP 7 7 7 7 7 7 LIMITS TEMPERATURE +25oC +25oC +25 C +25oC +25oC +25oC
o
PARAMETERS Slew Rate
SYMBOL +SR -SR
CONDITIONS VOUT = -3V to +3V VOUT = +3V to -3V VOUT = 0 to +200mV 10% TR 90% VOUT = 0 to -200mV 10% TF 90% VOUT = 0 to +200mV VOUT = 0 to -200mV
MIN 7 7 -
MAX 150 150 40 40
UNITS V/s V/s ns ns % %
Rise and Fall Time
tR tF
Overshoot
+OS -OS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V, RLOAD = 2k, CLOAD = 50pF, AV = +1V/V, Unless Otherwise Specified. LIMITS PARAMETERS Average Offset Voltage Drift Differential Input Resistance SYMBOL VIOTC RIN CONDITIONS VCM = 0V VCM = 0V NOTES 1 1 TEMPERATURE -55oC to +125oC +25oC MIN 0.8 MAX 1.8 UNITS V/oC M
Spec Number 3
511008-883
Specifications HA-5127/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V, RLOAD = 2k, CLOAD = 50pF, AV = +1V/V, Unless Otherwise Specified. LIMITS PARAMETERS Low Frequency Peak-to-Peak Noise Input Noise Voltage Density SYMBOL ENP-P EN CONDITIONS 0.1Hz to 10Hz NOTES 1 TEMPERATURE +25oC +25oC +25 C +25oC +25 C +25oC +25 C +25oC +25 C -55oC to +125oC +25oC +25 C -55oC to +125oC
o o o o o
MIN -
MAX 0.25
UNITS VP-P nV/Hz nV/Hz nV/Hz pA/Hz pA/Hz pA/Hz MHz kHz V/V s mW
RS = 20, fO = 10Hz RS = 20, fO = 100Hz RS = 20, fO = 1kHz
1 1 1 1 1 1 1 1, 2 1
5 111 1
10.0 5.6 4.5 4.0 2.3 0.6 -
Input Noise Current Density
IN
RS = 2M, fO = 10Hz RS = 2M, fO = 100Hz RS = 2M, fO = 1kHz
Unity Gain Bandwidth Full Power Bandwidth Minimum Closed Loop Stable Gain Settling Time Output Resistance Quiescent Power Consumption NOTES:
UGBW FPBW CLSG
VO = 100mV VPEAK = 10V RL = 2k, CL = 50pF To 0.1% for a 10V Step Open Loop VOUT = 0V, IOUT = 0mA
tS ROUT PC
1 1 1, 3
-
2 100 120
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on output.)
TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTES: 1. PDA applies to Subgroup 1 only. 2. The Subgroup assignments of the parameters in these tables were patterned after Mil-M-38510/135, with the exception of VIO, which is Subgroups 1, 2, 3. SUBGROUPS (SEE TABLES 1 AND 2) (NOTE 2) 1 1 (Note 1), 2, 3, 4, 5, 6, 7 1, 2, 3, 4, 5, 6, 7 1
Spec Number 4
511008-883
HA-5127/883 Die Characteristics
DIE DIMENSIONS: 104 x 65 x 19 mils 1 mils 2650 x 1650 x 483m 25.4m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA WORST CASE CURRENT DENSITY: 3.6 x 105A/cm2 This device meets Glassivation Integrity Test Requirement per MIL-STD-883 Method 2021 and MIL-I-38535 Paragraph 30.5.5.4. SUBSTRATE POTENTIAL (Powered Up): VTRANSISTOR COUNT: 63 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5127/883
BAL BAL
-IN V+ +IN
OUT
V-
NC
Spec Number 5
511008-883


▲Up To Search▲   

 
Price & Availability of HA2-5127883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X