Part Number Hot Search : 
GW22LCP HHR300SC PA240 L7500 0603X 725BC 3P6MH BP62111
Product Description
Full Text Search
 

To Download H5N2008P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H5N2008P
Silicon N Channel MOS FET High Speed Power Switching
REJ03G0390-0300 Rev.3.00 Nov.24.2004
Features
* Low on-resistance * Low leakage current * High speed switching
Outline
TO-3P
D
G
1. Gate 2. Drain (Flange) 3. Source
S
1
2
3
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to Source voltage Gate to Source voltage Drain current Drain peak current Body-Drain diode reverse Drain current Body-Drain diode reverse Drain peak current Avalanche current Avalanche energy Channel dissipation Channel to case thermal impedance Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1% 2. Value at Tc = 25C 3. STch = 25C, Tch 150C Symbol VDSS VGSS ID ID (pulse)Note1 IDR IDR (pulse)Note1 IAPNote3 EARNote3 Pch Note2 ch-c Tch Tstg Ratings 200 30 96 192 96 192 48 153 150 0.833 150 -55 to +150 Unit V V A A A A A mJ W C/W C C
Rev.3.00 Nov.24.2004 page 1 of 6
H5N2008P
Electrical Characteristics
(Ta = 25C)
Item Drain to Source breakdown voltage Zero Gate voltage Drain current Gate to Source leak current Gate to Source cutoff voltage Forward transfer admittance Static Drain to Source on state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total Gate charge Gate to Source charge Gate to Drain charge Body-Drain diode forward voltage Body-Drain diode reverse recovery time Body-Drain diode reverse recovery charge Notes: 4. Pulse test Symbol V(BR)DSS IDSS IGSS VGS(off) |yfs| RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VDF trr Qrr Min 200 -- -- 3.0 35 -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- 58 0.020 4900 850 95 60 370 220 270 98 25 44 1.1 180 1.5 Max -- 1 0.1 4.5 -- 0.023 -- -- -- -- -- -- -- -- -- -- 1.7 -- -- Unit V A A V S pF pF pF ns ns ns ns nC nC nC V ns C Test conditions ID = 10 mA, VGS = 0 VDS = 200 V, VGS = 0 VGS = 30 V, VDS = 0 VDS = 10 V, ID = 1 mA ID = 48 A, VDS = 10 V Note4 ID = 48 A, VGS = 10 VNote4 VDS = 25 V VGS = 0 f = 1 MHz ID = 48 A VGS = 10 V RL = 2.1 Rg = 10 VDD = 160 V VGS = 10 V ID = 96 A IF = 96 A, VGS = 0 Note4 IF = 96 A, VGS = 0 diF/dt = 100 A/s
Rev.3.00 Nov.24.2004 page 2 of 6
H5N2008P
Main Characteristics
Power vs. Temperature Derating 200
Pch (W)
1000 300
ID (A)
Maximum Safe Operation Area
10 s 1 m 100 s s
1s ho t)
100 30
PW
150
=1
0m s(
Channel Dissipation
Drain Current
10 Operation in
this area is 3 limited by RDS(on)
100
1 0.3 0.1 0.03 0.01 Ta = 25C 1 100 300 1000 30 3 10 Drain to Source Voltage VDS (V) Typical Transfer Characteristics 100 VDS = 10 V Pulse Test 80
ID (A)
50
DC Operation (Tc = 25C)
0
50
100
150 Tc (C)
200
Case Temperature
Typical Output Characteristics 100 10 V 7V 6.5 V
ID (A)
80 6V 60
60
Drain Current
40
Drain Current
5.5 V
40
20
VGS = 5 V Pulse Test
20
Tc = 75C
25C -25C 8 10 VGS (V)
0
4 8 12 Drain to Source Voltage
16 20 VDS (V)
0
2 4 6 Gate to Source Voltage
Drain to Source Saturation Voltage vs. Gate to Source Voltage 8
Drain to Source Saturation Voltage VDS(on) (V) Drain to Source on State Resistance RDS(on) ()
Pulse Test
Static Drain to Source on State Resistance vs. Drain Current 0.1 VGS = 10 V, 15 V 0.05
6
0.02 0.01
4
0.005
2
ID = 96 A 48 A 20 A
0.002 0.001 1 3 Pulse Test 10 30 100 300 Drain Current ID (A) 1000
0
12 4 8 Gate to Source Voltage
16 20 VGS (V)
Rev.3.00 Nov.24.2004 page 3 of 6
H5N2008P
Static Drain to Source on State Resistance vs. Temperature 0.1 VGS = 10 V Pulse Test 0.08 Forward Transfer Admittance vs. Drain Current
Static Drain to Source on State Resistance RDS(on) ()
Forward Transfer Admittance |yfs| (S)
1000 300 100 30 10 3 1 1 75C 25C
Tc = -25C
0.06
ID = 96 A 48 A
0.04 20 A 0.02 0 -25
VDS = 10 V Pulse Test 3 10 30 100 ID (A) 300 1000
0
25
50
75
100 125 150 Tc (C)
Case Temperature
Drain Current
1000
Body-Drain Diode Reverse Recovery Time
100000 30000
Typical Capacitance vs. Drain to Source Voltage VGS = 0 f = 1 MHz Ciss
Reverse Recovery Time trr (ns)
500
Capacitance C (pF)
200 100 50 20 10 5 2 1 0.1 di / dt = 100 A / s VGS = 0, Ta = 25C 0.3 1 3 10 30 100 Reverse Drain Current IDR (A) Dynamic Input Characteristics 400 16 VDD = 50 V 100 V 160 V
10000 3000 1000 300 100 30 10
Coss
Crss
0
50 100 150 Drain to Source Voltage VDS (V) Switching Characteristics VGS = 10 V, VDD = 100 V PW = 5 s, duty < 1 % Rg = 10
10000
VDS (V)
VGS (V)
ID = 96 A 300
VGS 12
Switching Time t (ns)
Drain to Source Voltage
Gate to Source Voltage
1000
tf td(off)
tr
200
VDS
8
100 tr 10 0.1 0.3
tf
td(on)
100
VDD = 160 V 100 V 50 V 40 80 120 160
4
0
0 200
Gate Charge
Qg (nC)
1 3 Drain Current
10 30 ID (A)
100
Rev.3.00 Nov.24.2004 page 4 of 6
H5N2008P
Reverse Drain Current vs. Source to Drain Voltage 100
IDR (A) Gate to Source Cutoff Voltage VGS(off) (V)
Gate to Source Cutoff Voltage vs. Case Temperature 5 VDS = 10 V ID = 10 mA 4 1 mA
80 60
Reverse Drain Current
3 0.1 mA 2
40
10 V 5V VGS = 0 V
20 Pulse Test 0 0.4 0.8 1.2 1.6 VSD (V) 2.0 Source to Drain Voltage
1 0 -25
0
25
50
75
100 125 150 Tc (C)
Case Temperature
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t)
3 Tc = 25C 1 D=1 0.5 0.3
0.2
0.1
0.1
0.05
ch - c(t) = s (t) * ch - c ch - c = 0.833C/W, Tc = 25C
PDM
D=
PW T
0.03
0.02 1 0.0
1s
PW T
h
p ot
uls
e
0.01 10
100
1m
10 m 100 m Pulse Width PW (s)
1
10
Switching Time Test Circuit Vin Monitor D.U.T. RL 10 Vin 10 V V DD = 100 V Vin Vout 10% 10% Vout Monitor
Waveform
90%
10% 90% td(off) tf
90% td(on) tr
Rev.3.00 Nov.24.2004 page 5 of 6
H5N2008P
Package Dimensions
As of January, 2003
5.0 0.3 15.6 0.3 1.0
3.2 0.2
4.8 0.2 1.5
Unit: mm
0.5
14.9 0.2
19.9 0.2
1.6 1.4 Max 2.0 2.8 18.0 0.5
1.0 0.2
2.0
0.6 0.2
3.6
0.9 1.0
5.45 0.5
5.45 0.5
Package Code JEDEC JEITA Mass (reference value) TO-3P -- Conforms 5.0 g
Ordering Information
Part Name H5N2008P-E Quantity 30 pcs Plastic magazine Shipping Container
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.3.00 Nov.24.2004 page 6 of 6
0.3


▲Up To Search▲   

 
Price & Availability of H5N2008P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X