Part Number Hot Search : 
CZT751 S2001 CZT751 NJU7775F IC16C773 DM562P P0720SL 2SD1646
Product Description
Full Text Search
 

To Download GVT71256D36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GALVANTECH, INC.
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
SYNCHRONOUS BURST SRAM PIPELINED OUTPUT
FEATURES
* * * * * * * * * * * Fast access times: 2.5ns, 3.0ns, and 3.5ns Fast clock speed: 225, 200, 166, and 150MHz Fast OE# access times: 2.5ns, 3.0ns, and 3.5ns Optimal for depth expansion (one cycle chip deselect to eliminate bus contention) 3.3V -5% and +10% power supply 3.3V or 2.5V I/O supply 5V tolerant inputs except I/O's Clamp diodes to VSS at all inputs and outputs Common data inputs and data outputs BYTE WRITE ENABLE and GLOBAL WRITE control Multiple chip enables for depth expansion: three chip enables for TA package version and two chip enables for B and T package versions Address pipeline capability Address, data and control registers Internally self-timed WRITE CYCLE Burst control pins (interleaved or linear burst sequence) Automatic power-down for portable applications JTAG boundary scan for B and T package version Low profile 119 bump, 14mm x 22mm PBGA (Ball Grid Array) and 100 pin TQFP packages
256K x 36 SRAM 512K x 18 SRAM
+3.3V SUPPLY, FULLY REGISTERED
technology. Each memory cell consists of four transistors and two high valued resistors. The GVT71256D36 and GVT71512D18 SRAMs integrate 262,144x36 and 524,288x18 SRAM cells with advanced synchronous peripheral circuitry and a 2-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered clock input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining chip enable (CE#), depthexpansion chip enables (CE2 and CE2#), burst control inputs (ADSC#, ADSP#, and ADV#), write enables (BWa#, BWb#, BWc#, BWd#, and BWE#), and global write (GW#). However, the CE2# chip enable input is only available for TA package version. Asynchronous inputs include the output enable (OE#) and burst mode control (MODE). The data outputs (Q), enabled by OE#, are also asynchronous. Addresses and chip enables are registered with either address status processor (ADSP#) or address status controller (ADSC#) input pins. Subsequent burst addresses can be internally generated as controlled by the burst advance pin (ADV#). Address, data inputs, and write controls are registered onchip to initiate self-timed WRITE cycle. WRITE cycles can be one to four bytes wide as controlled by the write control inputs. Individual byte write allows individual byte to be written. BWa# controls DQa. BWb# controls DQb. BWc# controls DQc. BWd# controls DQd. BWa#, BWb# BWc#, and BWd# can be active only with BWE# being LOW. GW# being LOW causes all bytes to be written. The x18 version only has 18 data inputs/outputs (DQa and DQb) along with BWa# and BWb# (no BWc#, BWd#, DQc, and DQd). For the B and T package versions, four pins are used to implement JTAG test capabilities: test mode select (TMS), test data-in (TDI), test clock (TCK), and test data-out (TDO). The JTAG circuitry is used to serially shift data to and from the device. JTAG inputs use LVTTL/LVCMOS levels to shift data during this testing mode of operation. The TA package version does not offer the JTAG capability. The GVT71256D36 and GVT71512D18 operate from a +3.3V power supply. All inputs and outputs are LVTTL compatible
* * * * * * *
OPTIONS
* Clock Cycle Timing 4.4ns (225MHz) 5.0ns (200MHz) 6.0ns (166MHz) 6.7ns (150MHz) Configurations 256K x 36 512K x 18 Package Versions 119-bump PBGA 100-pin TQFP 100-pin TQFP
MARKING
-4.4 -5 -6 -6.7 GVT71256D36 GVT71512D18 B T TA
*
*
GENERAL DESCRIPTIO N
The Galvantech Synchronous Burst SRAM family employs high-speed, low power CMOS designs using advanced triple-layer polysilicon, double-layer metal
Galvantech, Inc. 3080 Oakmead Village Drive, Santa Clara, CA 95051 Tel (408) 566-0688 Fax (408) 566-0699 Web Site http://www.galvantech.com
Rev. 5/99
Galvantech, Inc. reserves the right to change products or specifications without notice .
GALVANTECH, INC.
BWa# BWE# CLK
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
256K X 36 FUNCTIONAL BLOCK DIAGRAM
BYTE a WRITE
D
Q
BYTE b WRITE
BWb#
D
Q
GW#
BYTE c WRITE
BWc#
D
Q
BYTE d WRITE
BWd#
D
Q
byte d write byte b write byte a write DQa,DQb DQc,DQd byte c write Output Buffers
CE# CE2 * CE2# OE# ZZ Power Down Logic
ENABLE
D
Q
D
Q
ADSP# A ADSC# CLR ADV# A1-A0 MODE Binary Counter & Logic
16
Input Register
Address Register 256K x 9 x 4 SRAM Array
OUTPUT REGISTER
D
Q
* Note: CE2# is for TA version only.
512K X 18 FUNCTIONAL BLOCK DIAGRAM
BYTE b WRITE
BWb# BWE#
D
Q
BYTE a WRITE
BWa# GW#
D
Q
byte a write byte b write Output Buffers
CE# CE2 * CE2# ZZ OE# ADSP# Power Down Logic
ENABLE
D
Q
D
Q
Input Register
17
A ADSC#
Address Register 512K x 9 x 2 SRAM Array
OUTPUT REGISTER
CLR ADV# A1-A0 MODE Binary Counter & Logic
D
Q
DQa, DQb
* Note: CE2# is for TA version only.
NOTE:
The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions and timing diagrams for detailed information.
May 18, 199 9
2
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
256Kx36, 100-Pin TQFP, T Package Version
A A CE# CE2 BWd# BWc# BWb# BWa# A VCC VSS CLK GW# BWE# OE# ADSC# ADSP# ADV# A A
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
PIN ASSIGNMENTS (TOP VIEW)
256Kx36, 100-Pin TQFP, TA Package Version
A A CE# CE2 BWd# BWc# BWb# BWa# CE2# VCC VSS CLK GW# BWE# OE# ADSC# ADSP# ADV# A A
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
DQc DQc DQc VCCQ VSS DQc DQc DQc DQc VSS VCCQ DQc DQc NC VCC NC VSS DQd DQd VCCQ VSS DQd DQd DQd DQd VSS VCCQ DQd DQd DQd
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
100-pin TQFP
DQb DQb DQb VCCQ VSS DQb DQb DQb DQb VSS VCCQ DQb DQb VSS NC VCC ZZ DQa DQa VCCQ VSS DQa DQa DQa DQa VSS VCCQ DQa DQa DQa
DQc DQc DQc VCCQ VSS DQc DQc DQc DQc VSS VCCQ DQc DQc NC VCC NC VSS DQd DQd VCCQ VSS DQd DQd DQd DQd VSS VCCQ DQd DQd DQd
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
80 79 78 77 76 75 74 73 72 71 70 69 68 67
100-pin TQFP TA version
66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
DQb DQb DQb VCCQ VSS DQb DQb DQb DQb VSS VCCQ DQb DQb VSS NC VCC ZZ DQa DQa VCCQ VSS DQa DQa DQa DQa VSS VCCQ DQa DQa DQa
MODE A A A A A1 A0 TMS TDI VSS VCC TDO TCK A A A A A A A
256Kx36, 119-Bump PBGA
1 A B C D E F G H J K L M N P R T U VCCQ NC NC DQc DQc VCCQ DQc DQc VCCQ DQd DQd VCCQ DQd DQd NC NC VCCQ 2 A CE2 A DQc DQc DQc DQc DQc VCC DQd DQd DQd DQd DQd A NC TMS 3 A A A VSS VSS VSS BWc# VSS NC VSS BWd# VSS VSS VSS MODE A TDI 4 ADSP# ADSC# VCC NC CE# OE# ADV# GW# VCC CLK NC BWE# A1 A0 VCC A TCK 5 A A A VSS VSS VSS BWb# VSS NC VSS BWa# VSS VSS VSS NC A TDO 6 A A A DQb DQb DQb DQb DQb VCC DQa DQa DQa DQa DQa A NC NC 7 VCCQ NC NC DQb DQb VCCQ DQb DQb VCCQ DQa DQa VCCQ DQa DQa NC ZZ VCCQ
TOP VIEW 119 LEAD BGA
May 18, 199 9
3
Rev. 5/99
MODE A A A A A1 A0 NC NC VSS VCC NC A A A A A A A A
Galvantech, Inc. reserves the right to change products or specifications without notice .
GALVANTECH, INC.
256K X 36 PIN DESCRIPTION S
X36 PBGA PIN S X36 QFP PIN S
SYMBOL
A0 A1 A
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
TYPE
DESCRIPTIO N
37 4P 36 4N 2A, 3A, 5A, 6A, 3B, 5B, 6B, 35, 34, 33, 32, 100, 2C, 3C, 5C, 6C, 2R, 6R, 3T, 99, 82, 81, 44, 45, 46, 47, 48, 49, 50 4T, 5T 92 (T Version) 43 (TA Version) 5L 5G 3G 3L 4M 4H 93 94 95 96 87 88
InputAddresses: These inputs are registered and must meet the setup and hold times Synchronous around the rising edge of CLK. The burst counter generates internal addresses associated with A0 and A1, during burst cycle and wait cycle.
BWa# BWb# BWc# BWd# BWE# GW#
InputByte Write: A byte write is LOW for a WRITE cycle and HIGH for a READ cycle. Synchronous BWa# controls DQa. BWb# controls DQb. BWc# controls DQc. BWd# controls DQd. Data I/O are high impedance if either of these inputs are LOW, conditioned by BWE# being LOW. InputWrite Enable: This active LOW input gates byte write operations and must meet the Synchronous setup and hold times around the rising edge of CLK. InputGlobal Write: This active LOW input allows a full 36-bit WRITE to occur Synchronous independent of the BWE# and BWn# lines and must meet the setup and hold times around the rising edge of CLK. InputClock: This signal registers the addresses, data, chip enables, write control and Synchronous burst control inputs on its rising edge. All synchronous inputs must meet setup and hold times around the clock's rising edge. InputChip Enable: This active LOW input is used to enable the device and to gate Synchronous ADSP#. inputChip enable: This active HIGH input is used to enable the device. Synchronous inputChip enable: This active LOW input is used to enable the device. Not available for B Synchronous and T package versions. Input Output Enable: This active LOW asynchronous input enables the data output drivers.
4K
89
CLK
4E 2B - (not available for PBGA) 4F 4G 4A
98 97 92 (for TA Version only) 86 83 84
CE# CE2 CE2# OE# ADV# ADSP#
InputAddress Advance: This active LOW input is used to control the internal burst Synchronous counter. A HIGH on this pin generates wait cycle (no address advance). InputAddress Status Processor: This active LOW input, along with CE# being LOW, Synchronous causes a new external address to be registered and a READ cycle is initiated using the new address. InputAddress Status Controller: This active LOW input causes device to be de-selected Synchronous or selected along with new external address to be registered. A READ or WRITE cycle is initiated depending upon write control inputs. InputStatic Mode: This input selects the burst sequence. A LOW on this pin selects LINEAR BURST. A NC or HIGH on this pin selects INTERLEAVED BURST.
4B
85
ADSC#
3R 7T
31 64
MODE ZZ
InputSnooze: This active HIGH input puts the device in low power consumption standby Asynchronou mode. For normal operation, this input has to be either LOW or NC (No Connect). s Input/ Output Data Inputs/Outputs: First Byte is DQa. Second Byte is DQb. Third Byte is DQc. Fourth Byte is DQd. Input data must meet setup and hold times around the rising edge of CLK.
(a) 6P, 7P, 7N, 6N, 6M, 6L, (a) 51, 52, 53, 56, 57, 7L, 6K, 7K, 58, 59, 62, 63 (b) 7H, 6H, 7G, 6G, 6F, 6E, (b) 68, 69, 72, 73, 74, 7E, 7D, 6D, 75, 78, 79, 80 (c) 2D, 1D, 1E, 2E, 2F, 1G, (c) 1, 2, 3, 6, 7, 8, 9, 2G, 1H, 2H, 12, 13 (d) 1K, 2K, 1L, 2L, 2M, 1N, (d) 18, 19, 22, 23, 24, 2N, 1P, 2P 25, 28, 29, 30 2U 3U 4U 5U 4C, 2J, 4J, 6J, 4R 38 39 43 for B and T version 42 for B and T version 15, 41,65, 91
DQa DQb DQc DQd TMS TDI TCK TDO VCC VSS
Input
IEEE 1149.1 test inputs. LVTTL-level inputs. Not available for TA package version.
Output Supply Ground
IEEE 1149.1 test output. LVTTL-level output. Not available for TA package version. Core power Supply: +3.3V -5% and +10% Ground: GND.
3D, 5D, 3E, 5E, 3F, 5F, 3H, 5, 10, 17, 21, 26, 40, 5H, 3K, 5K, 3M, 5M, 3N, 55, 60, 67, 71, 76, 90 5N, 3P, 5P 1A, 7A, 1F, 7F, 1J, 7J, 1M, 7M, 1U, 7U 4, 11, 20, 27, 54, 61, 70, 77
VCCQ NC
I/O Supply -
Output Buffer Supply: +2.5V or +3.3V. No Connect: These signals are not internally connected. User can leave it floating or connect it to VCC or VSS.
1B, 7B, 1C, 7C, 4D, 3J, 5J, 14, 16, 66 4L, 1R, 5R, 7R, 1T, 2T, 6T, 6U 38, 39, 42 for TA Version
May 18, 199 9
4
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
512Kx18, 100-Pin TQFP, T Package Version
A A CE# CE2 NC NC BWb# BWa# A VCC VSS CLK GW# BWE# OE# ADSC# ADSP# ADV# A A
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
PIN ASSIGNMENTS (TOP VIEW)
512Kx18, 100-Pin, TQFP, TA Package Version
A A CE# CE2 NC NC BWb# BWa# CE2# VCC VSS CLK GW# BWE# OE# ADSC# ADSP# ADV# A A
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
NC NC NC VCCQ VSS NC NC DQb DQb VSS VCCQ DQb DQb NC VCC NC VSS DQb DQb VCCQ VSS DQb DQb DQb NC VSS VCCQ NC NC NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
100-pin TQFP
A NC NC VCCQ VSS NC DQa DQa DQa VSS VCCQ DQa DQa VSS NC VCC ZZ DQa DQa VCCQ VSS DQa DQa NC NC VSS VCCQ NC NC NC
MODE A A A A A1 A0 TMS TDI VSS VCC TDO TCK A A A A A A A
NC NC NC VCCQ VSS NC NC DQb DQb VSS VCCQ DQb DQb NC VCC NC VSS DQb DQb VCCQ VSS DQb DQb DQb NC VSS VCCQ NC NC NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
80 79 78 77 76 75 74 73 72 71 70 69 68 67
100-pin TQFP TA version
66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
A NC NC VCCQ VSS NC DQa DQa DQa VSS VCCQ DQa DQa VSS NC VCC ZZ DQa DQa VCCQ VSS DQa DQa NC NC VSS VCCQ NC NC NC
512Kx18, 119-Bump PBGA
1 A B C D E F G H J K L M N P R T U VCCQ NC NC DQb NC VCCQ NC DQb VCCQ NC DQb VCCQ DQb NC NC NC VCCQ 2 A CE2 A NC DQb NC DQb NC VCC DQb NC DQb NC DQb A A TMS 3 A A A VSS VSS VSS BWb# VSS NC VSS VSS VSS VSS VSS MODE A TDI 4 ADSP# ADSC# VCC NC CE# OE# ADV# GW# VCC CLK NC BWE# A1 A0 VCC NC TCK 5 A A A VSS VSS VSS VSS VSS NC VSS BWa# VSS VSS VSS NC A TDO 6 A A A DQa NC DQa NC DQa VCC NC DQa NC DQa NC A A NC 7 VCCQ NC NC NC DQa VCCQ DQa NC VCCQ DQa NC VCCQ NC DQa NC ZZ VCCQ
TOP VIEW 119 LEAD BGA
May 18, 199 9
5
Rev. 5/99
A A A A A1 A0 NC NC VSS VCC NC A A A A A A A A
Galvantech, Inc. reserves the right to change products or specifications without notice .
GALVANTECH, INC.
512K X 18 PIN DESCRIPTION S
X18 PBGA PIN S X18 QFP PIN S
SYMBOL
A0 A1 A
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
TYPE
DESCRIPTIO N
37 4P 36 4N 2A, 3A, 5A, 6A, 3B, 5B, 6B, 35, 34, 33, 32, 100, 2C, 3C, 5C, 6C, 2R, 6R, 2T, 99, 82, 81, 80, 48, 47, 46, 45, 44, 49, 50 3T, 5T, 6T 92 (T Version) 43 (TA Version) 5L 3G 4M 4H 93 94 87 88
InputAddresses: These inputs are registered and must meet the setup and hold times Synchronous around the rising edge of CLK. The burst counter generates internal addresses associated with A0 and A1, during burst cycle and wait cycle.
BWa# BWb# BWE# GW#
InputByte Write Enables: A byte write enable is LOW for a WRITE cycle and HIGH for a Synchronous READ cycle. BWa# controls DQa. BWb# controls DQb. Data I/O are high impedance if either of these inputs are LOW, conditioned by BWE# being LOW. InputWrite Enable: This active LOW input gates byte write operations and must meet the Synchronous setup and hold times around the rising edge of CLK. InputGlobal Write: This active LOW input allows a full 18-bit WRITE to occur Synchronous independent of the BWE# and WEn# lines and must meet the setup and hold times around the rising edge of CLK. InputClock: This signal registers the addresses, data, chip enables, write control and Synchronous burst control inputs on its rising edge. All synchronous inputs must meet setup and hold times around the clock's rising edge. InputChip Enable: This active LOW input is used to enable the device and to gate Synchronous ADSP#. inputChip enable: This active HIGH input is used to enable the device. Synchronous inputChip enable: This active LOW input is used to enable the device. Not available for B Synchronous and T package versions. Input Output Enable: This active LOW asynchronous input enables the data output drivers.
4K
89
CLK
4E 2B - (not available for PBGA) 4F 4G 4A
98 97 92 (for TA Version only) 86 83 84
CE# CE2 CE2# OE# ADV# ADSP#
InputAddress Advance: This active LOW input is used to control the internal burst Synchronous counter. A HIGH on this pin generates wait cycle (no address advance). InputAddress Status Processor: This active LOW input, along with CE# being LOW, Synchronous causes a new external address to be registered and a READ cycle is initiated using the new address. InputAddress Status Controller: This active LOW input causes device to be de-selected Synchronous or selected along with new external address to be registered. A READ or WRITE cycle is initiated depending upon write control inputs. InputStatic Mode: This input selects the burst sequence. A LOW on this pin selects LINEAR BURST. A NC or HIGH on this pin selects INTERLEAVED BURST.
4B
85
ADSC#
3R 7T
31 64
MODE ZZ
InputSnooze: This active HIGH input puts the device in low power consumption standby Asynchronou mode. For normal operation, this input has to be either LOW or NC (No Connect). s
(a) 6D, 7E, 6F, 7G, 6H, (a) 58, 59, 62, 63, 7K, 6L, 6N, 7P 68, 69, 72, 73, 74 (b) 1D, 2E, 2G, 1H, 2K, (b) 8, 9, 12, 13, 18, 1L, 2M, 1N, 2P 19, 22, 23, 24
2U 3U 4U 5U 4C, 2J, 4J, 6J, 4R 38 39 43 for B and T version 42 for B and T version 15, 41,65, 91
DQa DQb
TMS TDI TCK TDO VCC VSS
Input/ Output
Data Inputs/Outputs: Low Byte is DQa. High Byte is DQb. Input data must meet setup and hold times around the rising edge of CLK .
Input
IEEE 1149.1 test inputs. LVTTL-level inputs. Not available for TA package version.
Output Supply Ground
IEEE 1149.1 test output. LVTTL-level output. Not available for TA package version. Core power Supply: +3.3V -5% and +10% Ground: GND.
3D, 5D, 3E, 5E, 3F, 5F, 5G, 5, 10, 17, 21, 26, 40, 3H, 5H, 3K, 5K, 3L, 3M, 55, 60, 67, 71, 76, 90 5M, 3N, 5N, 3P, 5P 1A, 7A, 1F, 7F, 1J, 7J, 1M, 7M, 1U, 7U 1B, 7B, 1C, 7C, 2D, 4D, 7D, 1E, 6E, 2F, 1G, 6G, 2H, 7H, 3J, 5J, 1K, 6K, 2L, 4L, 7L, 6M, 2N, 7N, 1P, 6P, 1R, 5R, 7R, 1T, 4T, 6U 4, 11, 20, 27, 54, 61, 70, 77 1-3, 6, 7, 14, 16, 25, 28-30, 51-53, 56, 57, 66, 75, 78, 79, 80, 95, 96 38, 39, 42 for TA Version
VCCQ NC
I/O Supply -
Output Buffer Supply: +2.5V or +3.3V. No Connect: These signals are not internally connected. User can leave it floating or connect it to VCC or VSS.
May 18, 199 9
6
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
BURST ADDRESS TABLE (MODE = NC/VCC )
First Address (external )
A...A00 A...A01 A...A10 A...A11
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
Second Address (internal )
A...A01 A...A00 A...A11 A...A10
Third Address (internal )
A...A10 A...A11 A...A00 A...A01
Fourth Address (internal )
A...A11 A...A10 A...A01 A...A00
BURST ADDRESS TABLE (MODE = GND )
First Address (external )
A...A00 A...A01 A...A10 A...A11
Second Address (internal )
A...A01 A...A10 A...A11 A...A00
Third Address (internal )
A...A10 A...A11 A...A00 A...A01
Fourth Address (internal )
A...A11 A...A00 A...A01 A...A10
May 18, 199 9
7
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
TRUTH TABLE
OPERATION ADDRESS USED CE# CE2#
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
CE2
ADSP# ADSC#
ADV#
WRITE#
OE#
CLK
DQ
Deselected Cycle, Power Dow n Deselected Cycle, Power Dow n Deselected Cycle, Power Dow n Deselected Cycle, Power Dow n Deselected Cycle, Power Dow n READ Cycle, Begin Burs t READ Cycle, Begin Burs t WRITE Cycle, Begin Burs t READ Cycle, Begin Burs t READ Cycle, Begin Burs t READ Cycle, Continue Burs t READ Cycle, Continue Burs t READ Cycle, Continue Burs t READ Cycle, Continue Burs t WRITE Cycle, Continue Burs t WRITE Cycle, Continue Burs t READ Cycle, Suspend Burs t READ Cycle, Suspend Burs t READ Cycle, Suspend Burs t READ Cycle, Suspend Burs t WRITE Cycle, Suspend Burs t WRITE Cycle, Suspend Burs t
None None None None None External External External External External Next Next Next Next Next Next Current Current Current Current Current Current
H L L L L L L L L L X X H H X H X X H H X H
X X H X H L L L L L X X X X X X X X X X X X
X L X L X H H H H H X X X X X X X X X X X X
X L L H H L L H H H H H X X H X H H X X H X
L X X L L X X L L L H H H H H H H H H H H H
X X X X X X X X X X L L L L L L H H H H H H
X X X X X X X L H H H H H H L L H H H H L L
X X X X X L H X L H L H L H X X L H L H X X
L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H
High-Z High-Z High-Z High-Z High-Z Q High-Z D Q High-Z Q High-Z Q High-Z D D Q High-Z Q High-Z D D
Note:
1.
2. 3. 4. 5. 6. 7.
X means "don't care." H means logic HIGH. L means logic LOW. For X36 product, WRITE# = L means [BWE# + BWa#*BWb#*BWc#*BWd#]*GW# equals LOW. WRITE# = H means [BWE# + BWa#*BWb#*BWc#*BWd#]*GW# equals HIGH. For X18 product, WRITE# = L means [BWE# + BWa#*BWb#]*GW# equals LOW. WRITE# = H means [BWE# + BWa#*BWb#]*GW# equals HIGH. BWa# enables write to DQa. BWb# enables write to DQb. BWc# enables write to DQc. BWd# enables write to DQd . All inputs except OE# must meet setup and hold times around the rising edge (LOW to HIGH) of CLK . Suspending burst generates wait cycle. For a write operation following a read operation, OE# must be HIGH before the input data required setup time plus High-Z time for OE# and staying HIGH throughout the input data hold time . This device contains circuitry that will ensure the outputs will be in High-Z during power-up . ADSP# LOW along with chip being selected always initiates a READ cycle at the L-H edge of CLK. A WRITE cycle can be performed by setting WRITE# LOW for the CLK L-H edge of the subsequent wait cycle. Refer to WRITE timing diagram for clarification.
PARTIAL TRUTH TABLE FOR READ/WRIT E
FUNCTIO N READ READ WRITE one byte WRITE all bytes WRITE all bytes GW# H H H H L BWE# H L L L X BWa# X H L L X BWb# X H H L X BWc# X H H L X BWd# X H H L X
Note: For X18 product, There are only BWa# and BWb#.
May 18, 199 9
8
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
ABSOLUTE MAXIMUM RATINGS *
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
*Stresses greater than those listed uunder "Absolute Maximum Ratings" may cause permanent damage to the device.This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability .
Voltage on VCC Supply Relative to VSS........-0.5V to +4.6V VIN ...........................................................-0.5V to VCC+0.5V Storage Temperature (plastic) ..........................-55oC to +150o Junction Temperature .....................................................+150o Power Dissipation ............................................................1.0W Short Circuit Output Current ..........................................50mA
DC ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITION S
(0oC
Ta 70C; VCC = 3.3V -5% and +10% unless otherwise noted)
CONDITION S
Data Inputs (DQx) All Other Inputs
DESCRIPTIO N
Input High (Logic 1) Voltag e Input Low (Logic 0) Voltag e Input Leakage Curren t
SYMBO L
VIHD VIH VIl ILI ILI ILO VOH VOL VCC VCCQ VCCQ
MIN
2.0 2.0 -0.5 -5 -30 -5 2.4
MAX
VCC+0.3 4.6 0.8 5 30 5 0.4
UNITS
V V V uA uA uA V V V V V
NOTES
1,2 1,2 1, 2 6
0V < VIN < VCC
MODE and ZZ Input Leakage 0V < VIN < VCC Current Output Leakage Curren t Output High Voltag e Output Low Voltag e Supply Voltage I/O Supply Voltage (3.3V ) I/O Supply Voltage (2.5V ) Output(s) disabled, 0 V < VOUT < VCC IOH = -5.0mA IOL = 8.0mA
1 1 1 1 1
3.135 3.135 2.375
3.6 VCC VCC
DESCRIPTIO N
Power Supply Current: Operating CMOS Standby
CONDITION S
Device selected; all inputs < VILor > VIH;cycle time > tKC MIN; VCC =MAX; outputs open Device deselected; VCC = MAX ; all inputs < VSS +0.2 or >VCC -0.2; all inputs static; CLK frequency = 0 Device deselected; all inputs < VIL or > VIH; all inputs static; VCC = MAX; CLK frequency = 0 Device deselected ; all inputs < VIL or > VIH; VCC = MAX; CLK cycle time > tKC MIN
SYM
Icc
TYP
150
-4.4
570
-5
510
-6
425
-6.7
380
UNITS NOTES
mA 3, 12, 13
ISB2
5
10
10
10
10
mA
12,13
TTL Standby
ISB3
15
30
30
30
30
mA
12,13
Clock Running
ISB4
40
125
110
90
80
mA
12,13
THERMAL CONSIDERATIO N
DESCRIPTIO N
Thermal Resistance - Junction to Ambien t Thermal Resistance - Junction to Cas e
CONDITION S
Still air, soldered on 4.25 x 1.125 inch 4-layer PC B
SYMBO L
JA JC
TQFP TY P
25 9
UNITS
oC/W oC/W
NOTES
May 18, 199 9
9
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
AC ELECTRICAL CHARACTERISTICS
(Note 5) (0oC
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
TA 70oC; VCC = 3.3V -5% and +10%)
- 4.4 225MHz
SYM MIN MAX
DESCRIPTIO N
Clock Clock cycle time Clock HIGH time Clock LOW time Output Times Clock to output vali d
t t
-5 200MHz
MIN MAX
-6 166MHz
MIN MAX
- 6.7 150MHz
MIN MAX UNITS NOTES
KC KH KL VCCQ =3.3V VCCQ =2.5V
4.4 1.7 1.7 2.5 3.0 1.25 0 1.25 VCCQ =3.3V VCCQ =2.5V 3.0 2.5 3.0 0 2.5 1.5 0.5
5.0 2.0 2.0 3.0 3.5 1.25 0 1.25 3.0 3.0 3.5 0 2.5 1.5 0.5
6.0 2.4 2.4 3.5 4.0 1.25 0 1.25 4.0 3.5 4.0 0 3.5 1.8 0.5
6.7 2.6 2.6 3.5 4.5 1.25 0 1.25 4.0 3.5 4.5 0 3.5 2.0 0.5
ns ns ns ns ns ns ns ns ns ns ns ns ns ns 4, 6,7 4, 6,7 9 9 4, 6,7 4, 6,7 10 10
t
t
KQ
Clock to output invali d Clock to output in Low- Z Clock to output in High- Z OE to output valid
t t
t
KQX
KQLZ OEQ
KQHZ
t
OE to output in Low- Z OE to output in High- Z Setup Times Address, Controls and Data I n Hold Times Address, Controls and Data I n
t t
OELZ
OEHZ
t
S H
t
CAPACITANCE
DESCRIPTIO N
Input Capacitance Input/Output Capacitance (DQ )
CONDITION S
TA = 25oC; f = 1 MHz VCC = 3.3V
SYMBO L
CI CO
TYP
5 7
MAX
7 8
UNITS
pF pF
NOTES
4 4
TYPICAL OUTPUT BUFFER CHARACTERISTIC S
OUTPUT HIGH VOLTAG E
VOH (V) -0.5 0 0.8 1.25 1.5 2.3 2.7 2.9 3.4
PULL-UP CURREN T
(m) in (m) ax -38 -38 -38 -26 -20 0 0 0 0 -105 -105 -105 -83 -70 -30 -10 0 0
OUTPUT LOW VOLTAG E
VOL (V) -0.5 0 0.4 0.8 1.25 1.6 2.8 3.2 3.4
PULL-DOWN CURREN T
L(m) in L(m) ax 0 0 10 20 31 40 40 40 40 0 0 20 40 63 80 80 80 80
May 18, 199 9
10
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
AC TEST CONDITIONS FOR 3.3V I/O Input pulse levels Input rise and fall times Output rise and fall times(max) Input timing reference levels Output reference levels Output load 0V to 3.0V 1ns 1.8ns 1.5V 1.5V See Figures 1
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
OUTPUT LOADS FOR 3.3V I/O
DQ Z0 = 50 50 Vt = 1.5V Fig. 1 OUTPUT LOAD EQUIVALENT 3.3v 317 DQ 351 5 pF
AC TEST CONDITIONS FOR 2.5V I/O Input pulse levels Input rise and fall times Output rise and fall times(max) Input timing reference levels Output reference levels Output load NOTES
1. 2. 3. 4. 5. 6. 7. 8. All voltages referenced to VSS (GND). Overshoot: Undershoot: VIH +6.0V for t tKC /2. VIL -2.0V for t tKC /2
Fig. 2 OUTPUT LOAD EQUIVALENT
0V to 2.5V 1ns 1.8ns 1.25V 1.25V See Figures 1A
OUTPUT LOADS FOR 2.5V I/O
DQ Z0 = 50 50 Vt = 1.25V
Fig. 1A OUTPUT LOAD EQUIVALENT 10. This is a synchronous device. All synchronous inputs must meet specified setup and hold time, except for "don't care" as defined in the truth table. 11. AC I/O curves are available upon request. 12. "Device Deselected" means the device is in POWER -DOWN mode as defined in the truth table. "Device Selected" means the device is active. 13. Typical values are measured at 3.3V, 25oC and 20ns cycle time. 14. MODE pin has an internal pull-up and ZZ pin has an internal pull-down. These two pins exhibit an input leakage current of +30 A. 15. Capacitance derating applies to capacitance different from the load capacitance shown in Fig. 1 or Fig. 1A.
Icc is given with no output current. Icc increases with greater output loading and faster cycle times. This parameter is sampled. Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted. Output loading is specified with CL=5pF as in Fig. 2 . At any given temperature and voltage condition, tKQHZ is less than tKQLZ and tOEHZ is less than tOELZ. A READ cycle is defined by byte write enables all HIGH or ADSP# LOW along with chip enables being active for the required setup and hold times. A WRITE cycle is defined by at one byte or all byte WRITE per READ/WRITE TRUTH TABLE. OE# is a "don't care" when a byte write enable is sampled LOW .
9.
May 18, 199 9
11
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
tKC tKL
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
READ TIMIN G
CLK
tS tKH
ADSP#
tH
ADSC#
tS
ADDRESS BWa#, BWb#, BWc#, BWd#, BWE#, GW# CE# (See Note)
A1
tH
A2
tS
ADV#
tH
OE#
tKQ tKQLZ tOELZ tOEQ tKQ
DQ
Q(A1)
Q(A2)
Q(A2+1)
Q(A2+2)
Q(A2+3)
Q(A2)
Q(A2+1)
SINGLE READ
BURST READ
Note: CE# active in this timing diagram means that all chip enables CE#, CE2#, and CE2 are active. CE2# is only available for TA package version . For X18 product, there are only BWa# and BWb# for byte write control.
May 18, 199 9
12
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
WRITE TIMING
CLK
t
S
ADSP#
t
H
ADSC#
t
S
ADDRESS BWa#, BWb#, BWc#, BWd#, BWE# GW# CE# (See Note)
A1
tH
A2
A3
tS
ADV#
t
H
OE#
tOEHZ t
KQX Q D(A1) D(A2) D(A2+1) D(A2+1) D(A2+2) D(A2+3) D(A3) D(A3+1) D(A3+2)
DQ
SINGLE WRITE
BURST WRITE
BURST WRITE
Note: CE# active in this timing diagram means that all chip enables CE#, CE2#, and CE2 are active. CE2# is only available for TA package version . For X18 product, there are only BWa# and BWb# for byte write control.
May 18, 199 9
13
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
READ/WRITE TIMIN G
CLK
tS
ADSP#
tH
ADSC#
tS
ADDRESS BWa#, BWb#, BWc#, BWd#, BWE#, GW# CE# (See Note) ADV#
A1
A2
tH
A3
A4
A5
OE#
DQ
Q(A1) Single Reads
Q(A2)
D(A3) Single Write
Q(A4)
Q(A4+1) Burst Read
Q(A4+2)
D(A5)
D(A5+1)
Burst Write
Note: CE# active in this timing diagram means that all chip enables CE#, CE2#, and CE2 are active. CE2# is only available for TA package version . For X18 product, there are only BWa# and BWb# for byte write control.
May 18, 199 9
14
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
IEEE 1149.1 SERIAL BOUNDARY SCAN (JTAG)
OVERVIEW
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
determined by the state of the TAP controller state machine and the instruction that is currently loaded in the TAP instruction register (refer to Figure 3, TAP Controller State Diagram). It is allowable to leave this pin unconnected if it is not used in an application. The pin is pulled up internally, resulting in a logic HIGH level. TDI is connected to the most significant bit (MSB) of any register. (See Figure 4.)
This device incorporates a serial boundary scan access port (TAP). This port is designed to operate in a manner consistent with IEEE Standard 1149.1-1990 (commonly referred to as JTAG), but does not implement all of the functions required for IEEE 1149.1 compliance. Certain functions have been modified or eliminated because their implementation places extra delays in the critical speed path of the device. Nevertheless, the device supports the standard TAP controller architecture (the TAP controller is the state machine that controls the TAPs operation) and can be expected to function in a manner that does not conflict with the operation of devices with IEEE Standard 1149.1 compliant TAPs. The TAP operates using LVTTL/LVCMOS logic level signaling.
TDO - TEST DATA OUT (OUTPUT )
The TDO output pin is used to serially clock data-out from the registers. The output that is active depending on the state of the TAP state machine (refer to Figure 3, TAP Controller State Diagram). Output changes in response to the falling edge of TCK. This is the output side of the serial registers placed between TDI and TDO. TDO is connected to the least significant bit (LSB) of any register. (See Figure 4.)
PERFORMING A TAP RESE T
The TAP circuitry does not have a reset pin (TRST#, which is optional in the IEEE 1149.1 specification). A RESET can be performed for the TAP controller by forcing TMS HIGH (VCC) for five rising edges of TCK and preloads the instruction register with the IDCODE command. This type of reset does not affect the operation of the system logic. The reset affects test logic only. At power-up, the TAP is reset internally to ensure that TDO is in a High-Z state.
DISABLING THE JTAG FEATUR E
It is possible to use this device without using the JTAG feature. To disable the TAP controller without interfering with normal operation of the device, TCK should be tied LOW (VSS) to prevent clocking the device. TDI and TMS are internally pulled up and may be unconnected. They may alternately be pulled up to VCC through a resistor. TDO should be left unconnected. Upon power-up the device will come up in a reset state which will not interfere with the operation of the device.
TEST ACCESS PORT (TAP) REGISTERS
OVERVIEW
The various TAP registers are selected (one at a time) via the sequences of ones and zeros input to the TMS pin as the TCK is strobed. Each of the TAPs registers are serial shift registers that capture serial input data on the rising edge of TCK and push serial data out on subsequent falling edge of TCK. When a register is selected, it is connected between the TDI and TDO pins.
TEST ACCESS PORT (TAP )
TCK - TEST CLOCK (INPUT )
Clocks all TAP events. All inputs are captured on the rising edge of TCK and all outputs propagate from the falling edge of TCK.
TMS - TEST MODE SELECT (INPUT )
The TMS input is sampled on the rising edge of TCK. This is the command input for the TAP controller state machine. It is allowable to leave this pin unconnected if the TAP is not used. The pin is pulled up internally, resulting in a logic HIGH level.
INSTRUCTION REGISTE R
The instruction register holds the instructions that are executed by the TAP controller when it is moved into the run test/idle or the various data register states. The instructions are three bits long. The register can be loaded when it is placed between the TDI and TDO pins. The parallel outputs of the instruction register are automatically preloaded with the IDCODE instruction upon power-up or whenever the
TDI - TEST DATA IN (INPUT )
The TDI input is sampled on the rising edge of TCK. This is the input side of the serial registers placed between TDI and TDO. The register placed between TDI and TDO is
May 18, 199 9
15
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
controller is placed in the test-logic reset state. When the TAP controller is in the Capture-IR state, the two least significant bits of the serial instruction register are loaded with a binary "01" pattern to allow for fault isolation of the board-level serial test data path.
TAP CONTROLLER INSTRUCTION SET
OVERWIEW
There are two classes of instructions defined in the IEEE Standard 1149.1-1990; the standard (public) instructions and device specific (private) instructions. Some public instructions are mandatory for IEEE 1149.1 compliance. Optional public instructions must be implemented in prescribed ways. Although the TAP controller in this device follows the IEEE 1149.1 conventions, it is not IEEE 1149.1 compliant because some of the mandatory instructions are not fully implemented. The TAP on this device may be used to monitor all input and I/O pads, but can not be used to load address, data, or control signals into the device or to preload the I/O buffers. In other words, the device will not perform IEEE 1149.1 EXTEST, INTEST, or the preload portion of the SAMPLE/PRELOAD command. When the TAP controller is placed in Capture-IR state, the two least significant bits of the instruction register are loaded with 01. When the controller is moved to the Shift-IR state the instruction is serially loaded through the TDI input (while the previous contents are shifted out at TDO). For all instructions, the TAP executes newly loaded instructions only when the controller is moved to Update-IR state. The TAP instruction sets for this device are listed in the following tables.
BYPASS REGISTE R
The bypass register is a single-bit register that can be placed between TDI and TDO. It allows serial test data to be passed through the device TAP to another device in the scan chain with minimum delay. The bypass register is set LOW (VSS) when the BYPASS instruction is executed.
BOUNDARY SCAN REGISTE R
The Boundary scan register is connected to all the input and bidirectional I/O pins (not counting the TAP pins) on the device. This also includes a number of NC pins that are reserved for future needs. There are a total of 70 bits for x36 device and 51 bits for x18 device. The boundary scan register, under the control of the TAP controller, is loaded with the contents of the device I/O ring when the controller is in Capture-DR state and then is placed between the TDI and TDO pins when the controller is moved to Shift-DR state. The EXTEST, SAMPLE/PRELOAD and SAMPLE-Z instructions can be used to capture the contents of the I/O ring. The Boundary Scan Order table describes the order in which the bits are connected. The first column defines the bit's position in the boundary scan register. The MSB of the register is connected to TDI, and LSB is connected to TDO. The second column is the signal name and the third column is the bump number. The third column is the TQFP pin number and the fourth column is the BGA bump number.
EXTEST
EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the instruction register is loaded with all 0s. EXTEST is not implemented in this device. The TAP controller does recognize an all-0 instruction. When an EXTEST instruction is loaded into the instruction register, the device responds as if a SAMPLE/PRELOAD instruction has been loaded. There is one difference between two instructions. Unlike SAMPLE/PRELOAD instruction, EXTEST places the device outputs in a High-Z state.
INDENTIFICATION (ID) REGISTE R
The ID Register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in Capture-DR state with the IDCODE command loaded in the instruction register. The register is then placed between the TDI and TDO pins when the controller is moved into ShiftDR state. Bit 0 in the register is the LSB and the first to reach TDO when shifting begins. The code is loaded from a 32-bit on-chip ROM. It describes various attributes of the device as described in the Identification Register Definitions table.
IDCODE
The IDCODE instruction causes a vendor-specific, 32-bit code to be loaded into the ID register when the controller is in Capture-DR mode and places the ID register between the TDI and TDO pins in Shift-DR mode. The IDCODE instruction is the default instruction loaded in the instruction upon powerup and at any time the TAP controller is placed in the testlogic reset state.
May 18, 199 9
16
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
SAMPLE-Z
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
If the High-Z instruction is loaded in the instruction register, all output pins are forced to a High-Z state and the boundary scan register is connected between TDI and TDO pins when the TAP controller is in a Shift-DR state.
1
TEST-LOGIC RESET 0
0
REUN-TEST/ IDLE
1
SELECT DR-SCAN 0
1
SELECT IR-SCAN 0 1 CAPTURE-IR 0
1
SAMPLE/PRELOA D
SAMPLE/PRELOAD is an IEEE 1149.1 mandatory instruction. The PRELOAD portion of the command is not implemented in this device, so the device TAP controller is not fully IEEE 1149.1-compliant. When the SAMPLE/PRELOAD instruction is loaded in the instruction register and the TAP controller is in the Capture-DR state, a snap shot of the data in the device's input and I/O buffers is loaded into the boundary scan register. Because the device system clock(s) are independent from the TAP clock (TCK), it is possible for the TAP to attempt to capture the input and I/O ring contents while the buffers are in transition (i.e., in a metastable state). Although allowing the TAP to sample metastable inputs will not harm the device, repeatable results can not be expected. To guarantee that the boundary scan register will capture the correct value of a signal, the device input signals must be stabilized long enough to meet the TAP controller's capture setup plus hold time (tCS plus tCH). The device clock input(s) need not be paused for any other TAP operation except capturing the input and I/O ring contents into the boundary scan register. Moving the controller to Shift-DR state then places the boundary scan register between the TDI and TDO pins. Because the PRELOAD portion of the command is not implemented in this device, moving the controller to the Update-DR state with the SAMPLE/PRELOAD instruction loaded in the instruction register has the same effect as the Pause-DR command.
1
CAPTURE-DR 0 SHIFT-DR 1 EXIT1-DR 0 PAUSE-DR 1 0 1 0
SHIFT-IR 1 EXIT1-IR 0 PAUSE-IR 1 0 EXIT2-IR 1 UPDATE-IR 1 0
0
1
0
0
EXIT2-DR 1 UPDATE-DR 1 0
Note: The 0/1 next to each state represents the value of TMS at the rising edge of TCK.
Figure 3 TAP CONTROLLER STATE DIAGRAM
0
Bypass Register
2 1 0
BYPASS
When the BYPASS instruction is loaded in the instruction register and the TAP controller is in the Shift-DR state, the bypass register is placed between TDI and TDO. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path.
TDI
Selection Circuitry
Instruction Register
31 30 29
... ...
Selection Circuitry
0
TDO
2
1
Identification Register
x
..
2
1
0
Boundary Scan Register*
TDI
RESERVED
Do not use these instructions. They are reserved for future use.
TDI
TAP CONTROLLER
*X = 69 for the x36 configuration; *X = 50 for the x18 configuration.
Figure 4 TAP CONTROLLER BLOCK DIAGRAM 17
Galvantech, Inc. reserves the right to change products or specifications without notice .
May 18, 199 9
Rev. 5/99
GALVANTECH, INC.
TAP AC TEST CONDITIONS Input pulse levels Iutput rise and fall times Input timing reference levels Output reference levels Output load termination supply voltage
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
TAP OUTPUT LOAD S
VSS to 3.0V 1.5ns 1.5V 1.5V 1.5V
TDO Z0 = 50 50 Vt = 1.5V Figure 5 TAP AC OUTPUT LOAD EQUIVALENT 20 pF
TAP DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITION S
(20oC Tj 110C; VCC = 3.3V -0.2V and +0.3V unless otherwise noted)
DESCRIPTIOP N
Input High (Logic 1) voltag e Input Low (Logic 0) Voltag e Input Leakage Curren t TMS and TDI input Leakage Current Output Leakage Curren t LVCMOS Output Low Voltag e LVCMOS Output High Voltag e LVTTL Output Low Voltag e LVTTL Output High Voltag e 0V < VIN < VCC 0V < VIN < VCC Output disabled, 0V < VIN < VCCQ IOLC = 100uA IOHC = 100uA IOLT = 8.0mA IOHT = 8.0mA
CONDITION S
SYMBO L
VIH VIl ILI ILI ILO VOLC VOHC VOLT VOHT
MIN
2.0 -0.3 -5.0 -30 -5.0
MAX
VCC + 0.3 0.8 5.0 30 5.0 0.2
UNITS
V V uA uA uA
NOTES
1, 2 1, 2
1, 3 1, 3 1 1
VCC - 0.2 0.4 2.4
NOTE:
1. 2. All voltages referenced to VSS (GND). Overshoot: VIH(AC) VCC + 1.5V for t tKHKH/2. Undershoot: VIL(AC) -0.5V for t tKHKH/2 Power-up: VIH +3.6V and VCC 3.135V and VCCQ 1.4V for t 200ms During normal operation, VCCQ must not exceed VCC. Control input signals (such as GW#, ADSC#, etc.) may not have pulse widths le ss than tKHKL (MIN). This parameter is sampled.
3.
May 18, 199 9
18
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
TAP TIMING
tTHTH t
THTL
t
TLTH
TEST CLOCK (TCK)
tMVTH tTHMX
TEST MODE SELECT (TMS)
tDVTH tTHDX
TEST DATA IN (TDI)
tTLQV tTLQX
TEST DATA OUT (TDO)
TAP AC ELECTRICAL CHARACTERISTICS
(Notes 1, 2) (20oC Tj 110C; VCC = 3.3V -0.2V and +0.3V)
DESCRIPTIO N Clock
Clock cycle time Clock frequency Clock HIGH time Clock LOW time
t t t
SYM
MIN
MAX
UNITS
THTH
f
20 50 8 8 0 10 5 5 5 5 5 5
ns MHz ns ns ns ns ns ns ns ns ns ns
TF
THTL TLTH
Output Time s
TCK LOW to TDO unknow n TCK LOW to TDO vali d TDI valid to TCK HIG H TCK HIGH to TDI invali d
tTLQX tTLQV tDVTH tTHDX
Setup Time s
TMS setup Capture setup
tMVTH tCS
Hold Time s
TMS hold Capture hold
t
THMX
t
CH
NOTE:
1.
t
CS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register.
2. Test conditions are specified using the load in Figure 5.
May 18, 199 9
19
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
IDENTIFICATION REGISTER DEFINITION S
INSTRUCTION FIELD REVISION NUMBER (31:28) DEVICE DEPTH (27:23) DEVICE WIDTH (22:18) RESERVED (17:12) GALVANTECH JEDEC ID CODE (11:1) ID Register Presence Indicator (0) 256K x 36 XXXX 00110 00100 XXXXXX 00011100100 1
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
512K x 18 XXXX 00111 00011 XXXXXX 00011100100 1
DESCRIPTION Reserved for revision number . Defines depth of 256K or 512K words. Defines width of x36 or x18 bits. Reserved for future use. Allows unique identification of DEVICE vendor. Indicates the presence of an ID register.
SCAN REGISTER SIZE S
REGISTER NAM E BIT SIZE (x36 ) BIT SIZE (x18 )
Instruction Bypass ID Boundary Scan
3 1 32 70
3 1 32 51
INSTRUCTION CODE S
Instructio n EXTEST
IDCODE SAMPLE-Z RESERVED SAMPLE/PRELOAD
RESERVED RESERVED BYPASS
Code Descriptio n 000 Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces all device outputs to High-Z state. This instruction is not IEEE 1149.1-compliant. 001 Preloads ID register with vendor ID code and places it between TDI and TDO. This instruction does not affect device operations. 010 Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces all device outputs to High-Z state. 011 Do not use these instructions; they are reserved for future use. 100 Captures I/O ring contents. Places the boundary scan register between TDI and TDO. This instruction does not affect device operations. This instruction does not implement IEEE 1149.1 PRELOAD function and is therefore not 1149.1-compliant. 101 Do not use these instructions; they are reserved for future use. 110 Do not use these instructions; they are reserved for future use. 111 Places the bypass register between TDI and TDO. This instruction does not affect device operations.
May 18, 199 9
20
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
BIT#
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
BOUNDARY SCAN ORDER (256K x 36 )
SINGAL NAME
A A A A A A A DQa DQa DQa DQa DQa DQa DQa DQa DQa ZZ DQb DQb DQb DQb DQb DQb DQb DQb DQb A A ADV# ADSP# ADSC# OE# BWE# GW# CLK
36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70
A BWa# BWb# BWc# BWd# CE2 CE# A A DQc DQc DQc DQc DQc DQc DQc DQc DQc NC DQd DQd DQd DQd DQd DQd DQd DQd DQd MODE A A A A A1 A0
92 93 94 95 96 97 98 99 100 1 2 3 6 7 8 9 12 13 14 18 19 22 23 24 25 28 29 30 31 32 33 34 35 36 37
6B 5L 5G 3G 3L 2B 4E 3A 2A 2D 1E 2F 1G 2H 1D 2E 2G 1H 5R 2K 1L 2M 1N 2P 1K 2L 2N 1P 3R 2C 3C 5C 6C 4N 4P
TQFP
44 45 46 47 48 49 50 51 52 53 56 57 58 59 62 63 64 68 69 72 73 74 75 78 79 80 81 82 83 84 85 86 87 88 89
BUMP ID
2R 3T 4T 5T 6R 3B 5B 6P 7N 6M 7L 6K 7P 6N 6L 7K 7T 6H 7G 6F 7E 6D 7H 6G 6E 7D 6A 5A 4G 4A 4B 4F 4M 4H 4K
May 18, 199 9
21
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
BIT#
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
BOUNDARY SCAN ORDER (512K x 18 )
SINGAL NAME
A A A A A A A DQa DQa DQa DQa ZZ DQa DQa DQa DQa DQa A A A ADV# ADSP# ADSC# OE# BWE# GW# CLK A BWa# BWb# CE2 CE# A A DQb
36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
DQb DQb DQb NC DQb DQb DQb DQb DQb MODE A A A A A1 A0
9 12 13 14 18 19 22 23 24 31 32 33 34 35 36 37
2E 2G 1H 5R 2K 1L 2M 1N 2P 3R 2C 3C 5C 6C 4N 4P
TQFP
44 45 46 47 48 49 50 58 59 62 63 64 68 69 72 73 74 80 81 82 83 84 85 86 87 88 89 92 93 94 97 98 99 100 8
BUMP ID
2R 2T 3T 5T 6R 3B 5B 7P 6N 6L 7K 7T 6H 7G 6F 7E 6D 6T 6A 5A 4G 4A 4B 4F 4M 4H 4K 6B 5L 3G 2B 4E 3A 2A 1D
May 18, 199 9
22
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
100 Pin TQFP Package Dimension s
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
16.00 + 0.10 14.00 + 0.10
#1
20.00 + 0.10
22.00 + 0.10
1.40 + 0.05
1.60 Max Note: All dimensions in Millimeters
0.65 Basic
0.30 + 0.08
0.60 + 0.15
May 18, 199 9
23
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
GALVANTECH, INC.
7 x 17 (119-lead) BGA Dimension s
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
22.00 + 0.20 20.32 1.27
7 6
14.00 + 0.20
5
7.62 1.27
4 3 2 1
UT R P NML KJ
HGFEDCBA
o 0.75+0.15 (119X)
BOTTOM VIEW
19.50 + 0.10
12.00 + 0.10
0.70 REF.
0.90 + 0.10
30 TYP.
0.56 REF.
0.60 + 0.10
SIDE VIEW
Note: All dimensions in Millimeters
May 18, 199 9
24
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99
2.40 MAX.
PIN 1A CORNER
TOP VIEW
GALVANTECH, INC.
GVT71256D36/GVT71512D18 256K X 36/512K X 18 SYNCHRONOUS SRAM
Ordering Information for 256K x 36 GVT 71256D36 X - X
Galvantech Prefix Part Number for 256K x 36 Speed ( 4.4 = 2.5ns access/4.4ns cycle 5 = 2.5ns access/5.0ns cycle 6 = 3.5ns access/6.0ns cycle 6.7 = 3.5ns access/6.7ns cycle) Package (B = 119 BUMP PBGA, T = 100 PIN TQFP, T Version) TA= 100 PIN TQFP, TA Version)
Ordering Information for 512K x 18 GVT 71512D18 X - X
Galvantech Prefix Part Number for 512K x 18 Speed ( 4.4 = 2.5ns access/4.4ns cycle 5 = 2.5ns access/5.0ns cycle 6 = 3.5ns access/6.0ns cycle 6.7 = 3.5ns access/6.7ns cycle) Package (B = 119 BUMP PBGA, T = 100 PIN TQFP, T Version) TA= 100 PIN TQFP, TA Version)
May 18, 199 9
25
Galvantech, Inc. reserves the right to change products or specifications without notice .
Rev. 5/99


▲Up To Search▲   

 
Price & Availability of GVT71256D36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X