Part Number Hot Search : 
ZNBG3115 3728LX BC848S USD025A 200RL 16C1003 MZO11DAG DR208
Product Description
Full Text Search
 

To Download FMMTA63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
ISSUE 2 MARCH 1995 PARTMARKING DETAIL 7 FMMTA63 - Z2U FMMTA64 - Z2V
FMMTA63 FMMTA64
C B E
COMPLEMENTARY TYPES FMMTA63 - FMMTA13 FMMTA64 - FMMTA14
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Peak Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO 5K 10K -1.5 -2.0 125 125 FMMTA63 MIN. -30 -30 -10 -0.1 -0.1 10K 20K -1.5 -2.0 V V MHz MAX. SYMBOL VCBO VCEO VEBO ICM IC IBM Ptot Tj:Tstg FMMTA64 MIN. -30 -30 -10 -0.1 -0.1 MAX. V V V
A A
SOT23 VALUE -30 -30 -10 -800 -500 -200 330 -55 to +150 UNIT UNIT V V V mA mA mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
CONDITIONS. IC=-10A, IE=0 IC=-10mA, IB=0* IE=-10A, IC=0 VCB=-30V, IE=0 VCE=-10V IC=-10mA, VCE=5V* IC=-100mA, VCE=5V* IC=-100mA, IB=-0.1mA* IC=-100mA, IB=-0.1mA* IC=-50mA, VCE=-5V f=20MHz
Static Forward hFE Current Transfer Ratio Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency VCE(sat) VBE(sat) fT
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% For typical characteristics graphs see FZTA63 datasheet. 3 - 178


▲Up To Search▲   

 
Price & Availability of FMMTA63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X