Part Number Hot Search : 
M1330 MA2Z360 TA1006A TS7010R SLG55550 MBRD660 ZX84C8V A1360
Product Description
Full Text Search
 

To Download FMMTA20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
ISSUE 2 MARCH 1995 PARTMARKING DETAIL FMMTA20 1C FMMTA20R 3C FMMTA70
FMMTA20
E
C B
COMPLEMENTARY TYPE
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCEO VEBO IC Ptot Tj:Tstg VALUE 40 4 100 330 -55 to +150
SOT23 UNIT V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
PARAMETER Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Static Forward Current Transfer Ratio Collector-Emitter Saturation Voltage Transition Frequency Output Capacitance SYMBOL V(BR)CBO V(BR)EBO ICBO hFE VCE(sat) fT Cobo 125 4 40 MIN. 40 4 0.1 400 0.25 V MHz pF MAX. UNIT V V
A
CONDITIONS. IC=1mA, IE=0 IE=100mA, IC=0 VCB=30V, IE=0 IC=5mA, VCE=10V* IC=10mA,IB=1mA IC=5mA, VCE=10V f=100MHz VCB=10V, f=140kHz, IE=0
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device


▲Up To Search▲   

 
Price & Availability of FMMTA20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X