Part Number Hot Search : 
R3000 4850A SLDB105S SWE61900 SB106 MMSZ5245 30201 ATR0797
Product Description
Full Text Search
 

To Download DS2149 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DEMO KIT AVAILABLE
DS2149 5V T1/J1 Line Interface Unit
www.maxim-ic.com
GENERAL DESCRIPTION
The DS2149 is a fully integrated LIU for longhaul or short-haul T1 applications over twistedpair installations. It interfaces to two twisted-pair lines--one pair for transmit and one pair for receive through an appropriate network interface. The device can be configured for control through software or hardware mode. Software control is accomplished over a serial port, in hardware mode; individual pin settings allow standalone operation. The device provides a precise, crystal-less jitter attenuator that can be placed in either the transmit or receive path.
FEATURES
Fully Integrated Line Interface Unit (LIU) Pin Compatible with LevelOne LXT362 Supports Both Long Haul and Short Haul Crystal-Less Jitter Attenuator Jitter Attenuator Programmable for Transmit or Receive Path Meets ANSI T1.102, T1.403, T1.408, and AT&T 62411 Usable Receive Sensitivity of 0dB to -36dB That Allows the Device to Operate on 0.63mm (22AWG) Cables Up to 6k Feet in Length Five Line Build-Out Settings for Short-Haul Applications Four CSU Filters from 0dB to -22.5dB Transmit/Receive Performance Monitors with Driver-Fail, Monitor-Open, and Lossof-Signal Outputs Bipolar or NRZ Interface Programmable B8ZS Encoder/Decoder QRSS Generator/Detector Local, Remote, and Analog Loopbacks Generates and Detects In-Band Loop-Up and Loop-Down Codes Serial Interface Provides Access to Control Registers

APPLICATIONS
Routers Data Service Units (DSUs) Channel Service Units (CSUs) Muxes Switches Channel Banks T1/E1 Test Equipment
PIN CONFIGURATION
TOP VIEW
4 3 2 1 28 27 26 5 6 7 8 9 10 11 25 24 23 22 21 20 19
ORDERING INFORMATION
PART DS2149Q DS2149QN TEMP RANGE 0C to +70C -40C to +85C PIN-PACKAGE 28 PLCC 28 PLCC
DS2149
12 13 14 15 16 17 18
PLCC
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
1 of 32
REV: 012003
DS2149
TABLE OF CONTENTS
1. DETAILED DESCRIPTION ................................................................................................. 4 2. OPERATING MODES......................................................................................................... 5 3. INITIALIZATION AND RESET............................................................................................ 9 4. REGISTER DEFINITIONS .................................................................................................. 9 5. TRANSMITTER................................................................................................................... 15 5.1 TRANSMIT DIGITAL DATA INTERFACE ................................................................................... 15 5.2 TRANSMIT MONITORING ...................................................................................................... 15 5.3 TRANSMIT IDLE MODE......................................................................................................... 15 5.4 TRANSMIT PULSE SHAPE .................................................................................................... 15 6. RECEIVER.......................................................................................................................... 15 6.1 RECEIVE EQUALIZER .......................................................................................................... 15 6.2 RECEIVE DATA RECOVERY.................................................................................................. 15 6.3 RECEIVE DIGITAL-DATA INTERFACE ..................................................................................... 16 6.4 RECEIVE MONITOR MODE ................................................................................................... 16 7. JITTER ATTENUATION ..................................................................................................... 16 8. HARDWARE MODE ........................................................................................................... 16 9. SOFTWARE MODE ............................................................................................................ 17 9.1 INTERRUPT HANDLING ........................................................................................................ 17 10. DIAGNOSTIC MODE OPERATION.................................................................................... 19 10.1 LOOPBACK MODES ............................................................................................................. 20
10.1.1 10.1.2 10.1.3 10.1.4 10.1.5 Local Loopback (LLB).................................................................................................................20 Analog Loopback (ALB)..............................................................................................................20 Remote Loopback (RLB) ............................................................................................................20 Network Loopback......................................................................................................................20 Dual Loopback ...........................................................................................................................20
10.2
INTERNAL PATTERN GENERATION AND DETECTION ............................................................... 21
10.2.1 Transmit Alarm-Indication Signal (TAIS).....................................................................................21 10.2.2 Quasirandom Signal Source (QRSS) .........................................................................................21 10.2.3 In-Band Network Loop-Up or Loop-Down Code Generator.........................................................22
10.3
10.3.1 10.3.2 10.3.3 10.3.4
ERROR INSERTION AND DETECTION ..................................................................................... 22
Bipolar Violation Insertion (INSBPV)...........................................................................................22 Logic Error Insertion (INSLE)......................................................................................................22 Logic Error Detection (QPD).......................................................................................................22 Bipolar Violation Detection (BPV) ...............................................................................................22
10.4
10.4.1 10.4.2 10.4.3 10.4.4
ALARM MONITORING........................................................................................................... 23
Receive-Carrier Loss (RCL) .......................................................................................................23 Alarm-Indication-Signal Detection (AIS)......................................................................................23 Driver-Fail Monitor-Open (DFMO) ..............................................................................................23 Jitter Attenuator Limit Trip (JALT) ...............................................................................................23
10.5 11. 12. 13.
OTHER DIAGNOSTIC REPORTS ............................................................................................ 23 NETWORK INTERFACE .................................................................................................... 24 DC CHARACTERISTICS .................................................................................................... 28 PACKAGE INFORMATION ................................................................................................ 32
2 of 32
10.5.1 Receive Line-Attenuation Indication ...........................................................................................23
DS2149
LIST OF FIGURES
Figure 1-1. Block Diagram....................................................................................................................................... 4 Figure 2-1. Hardware Mode Pinout ........................................................................................................................ 6 Figure 2-2. Serial Port Mode Pinout....................................................................................................................... 6 Figure 9-1. Serial Data Port Operation for Read Access.................................................................................. 18 Figure 9-2. Serial Data Port Operation for Write Access.................................................................................. 18 Figure 10-1. Loopbacks in the DS2149 Block Diagram.................................................................................... 21 Figure 11-1. Basic Network Interface .................................................................................................................. 25 Figure 11-2. T1 Transmit Pulse Template .......................................................................................................... 26 Figure 11-3. Jitter Tolerance ................................................................................................................................. 27 Figure 11-4. Jitter Attenuation............................................................................................................................... 27 Figure 12-1. Serial Bus Read Timing (MODE1 = 1) .......................................................................................... 29 Figure 12-2. Serial Bus Write Timing (MODE1 = 1) .......................................................................................... 29 Figure 12-3. AC Characteristics for Receive Side ............................................................................................. 30 Figure 12-4. AC Characteristics for Transmit Side ............................................................................................ 31
LIST OF TABLES
Table 2-A. Operating Modes ................................................................................................................................... 5 Table 2-B. Control Pins for Hardware and Software Modes .............................................................................. 5 Table 2-C. Signal Descriptions ............................................................................................................................... 7 Table 4-A. Register Map .......................................................................................................................................... 9 Table 4-B. Register Bit Positions............................................................................................................................ 9 Table 4-C. Jitter Attenuator Selection.................................................................................................................. 10 Table 4-D. Line Code and Interface Selection ................................................................................................... 10 Table 4-E. Line Build-out Selection...................................................................................................................... 10 Table 4-F. Data Pattern Selection ........................................................................................................................ 11 Table 9-A. CLKE Pin Selection............................................................................................................................. 17 Table 9-B. Control and Operation Mode Selection............................................................................................ 19 Table 10-A. Diagnostic Modes.............................................................................................................................. 19 Table 11-A. Specifications for Receive Transformer......................................................................................... 24 Table 11-B. Specifications for Transmit Transformer........................................................................................ 24 Table 11-C. Transformer Turns Ratio vs. Series Resistance .......................................................................... 24
3 of 32
DS2149
1. DETAILED DESCRIPTION
The DS2149 is a complete T1 line interface unit (LIU) for short-haul and long-haul applications. Receive sensitivity adjusts automatically to the incoming signal and can be limited to -18dB, -26dB, or -36dB. The device can generate the necessary DSX-1 line build-outs or CSU line build-outs of 0dB, -7.5dB, -15dB, and -22.5dB. The on-board crystal-less jitter attenuator requires a 1.544MHz reference clock. The jitter attenuator FIFO is selectable to either 32 bits or 128 bits in depth and can be placed in either the transmit or receive data paths. The DS2149 has diagnostic capabilities such as loopbacks and QRSS pattern generation and detection. The device can also generate and detect the in-band loop-up and loop-down codes specified in AT&T 62411. The device can be configured for control using a serial interface, or for hardware mode. The device fully meets all of the latest T1 specifications including ANSI T1.102-1999, ANSI T1.403-1999, ANSI T1.408, and AT&T 62411.
Figure 1-1. Block Diagram
MCLK
VCO / PLL
NLOOP RCL/QPD
Clock / Data Recovery
B8ZS Decoder
In Band Loop Code Detector
QRSS Detector
Peak Detect
AIS detect
Filter
RRING RTIP
RCL Detector
RCLK RPOS RNEG
Analog Loopback
Local Loopback
Jitter Attenuator
Remote Loopback
In Band Loop gen.
Logic Error Insert
Wave Shaping
Line Drivers
B8ZS Encoder
CSU Filters
Trnasmit AIS
LOTC mux
QRSS
TRING TTIP
TCLK TPOS TNEG
Power connections
Hardware Interface
Serial Interface
JASEL L0 L1 L2 L3 LLB RLB TBL/QRSS
4 of 32
MODE0 MODE1
VSM TVDD VDD GND GND
INT CLKE SCLK SDI SDO CS
DS2149
2. OPERATING MODES
The DS2149 has several pins with multiple functions and names according to the selected operating mode. These operating modes are summarized in the tables below.
Table 2-A. Operating Modes
PIN 1 2 3 4 6 7 8 13 16 19 20 QRSS DISABLED BIPOLAR NRZ MCLK TCLK TPOS TNEG RNEG RPOS TDATA INSBPV BPV RDATA RCLK TTIP TRING RTIP RRING INSLER INSBPV RNEG RPOS BPV RDATA QRSS ENABLED BIPOLAR NRZ
Control pins are affected by serial port and hardware modes.
Table 2-B. Control Pins for Hardware and Software Modes
PIN 5 9 11 12 23 24 25 17 18 26 27 28 HARDWARE MODE NRZ QRSS MODE1 MODE0 JASEL RCL RCL/QPD L0 L1 L2 L3 NLOOP RLB NLB LLB ALB TAIS QRSS SERIAL PORT MODE NRZ QRSS MODE1 MODE0 N.C. RCL RCL/QPD INT SDI SDO N.C. NLOOP CS SCLK CLKE
5 of 32
DS2149
Figure 2-1. Hardware Mode Pinout
TNEG TPOS TCLK MCLK TAIS/QRSS LLB RLB 4 3 2 1 28 27 26
M OD E1 RN EG RPO S RC L K M OD E0 V SM JA SE L
5 6 7 8 9 10 11
DS2149
25 24 23 22 21 20 19
L2 L1 L0 GND VDD RR IN G RT IP
Figure 2-2. Serial Port Mode Pinout
4 3 2 1 28 27 26 MODE1 RNEG RPOS RCLK MODE0 VSM N/C 5 6 7 8 9 10 11
TNEG TPOS TCLK MCLK CLKE SCLK CS
RCL/QPD TTIP GND TVDD TRING L3 NLOOP
12 13 14 15 16 17 18
DS2149
25 24 23 22 21 20 19
SDO SDI INT GND VDD RRING RTIP
RCL/QPD TTIP GND TVDD TRING N/C NLOOP
12 13 14 15 16 17 18
6 of 32
DS2149
Table 2-C. Signal Descriptions
PIN 1 2 NAME MCLK TCLK TPOS 3 TDATA INSLER TNEG 4 INSBPV 5 MODE1 RNEG 6 BPV RPOS 7 RDATA 8 9 10 RCLK MODE0 VSM O I2 I O O I2 I I I/O I I FUNCTION Master Clock. A 1.544MHz clock source with TTL levels is applied at this pin. This clock is used internally for both clock/data recovery and for jitter attenuation.1 Transmit Clock. A 1.544MHz primary clock. Used to clock data through the transmit side formatter. Can be sourced internally by MCLK or RCLK. Transmit Positive Data. Sampled on the falling edge of TCLK for data to be transmitted out onto the line. Transmit NRZ Data. Sampled on the falling edge of TCLK for data to be transmitted onto the line. Transmit Insert Logic Error. Rising edge on INSLER inserts a logic error into the outbound QRSS pattern. Sampled on falling edge of TCLK. Transmit Negative Data. Sampled on the falling edge of TCLK for data to be transmitted out onto the line. Transmit Insert Bipolar Violation. INSBPV is sampled on the falling edge of TCLK. Rising edge inserts one BPV. Mode Select 1. Connect low to select hardware mode. Connect high to select serial port mode. See also MODE0. Receive Negative Data. Updated on the rising edge (CCR2.0 = 0) or the falling edge (CCR2.0 = 1) of RCLK with the bipolar data out of the line interface. Always valid on rising edge of RCLK in hardware mode. Receive Bipolar Violation. Transitions high for one clock cycle marking an inbound bipolar violation. Valid on rising edge of RCLK. Receive Positive Data. Updated on the rising edge (CCR2.0 = 0) or the falling edge (CCR2.0 = 1) of RCLK with bipolar data out of the line interface. Always valid on rising edge of RCLK in hardware mode. Receive Data. RDATA is the NRZ output from the line interface. Set NRZE (CCR1.6) to a 1 for NRZ applications. In NRZ mode, data is output on RPOS while a received error causes a positive-going pulse synchronous with RCLK at RNEG (Section 6). Receive Clock. Buffered recovered clock from the line. Synchronous to MCLK in absence of signal at RTIP and RRING. Mode Select 0. Set high to disable all output pins (including the serial control port). Set low for normal operation. Useful in board level testing. See also MODE1. Voltage Supply Mode. Connect high for 5V operation. Has 10kW pullup. Jitter Attenuator Select 0 = Place the jitter attenuator on the transmit side 1 = Place the jitter attenuator on the receive side Float = Disable jitter attenuator Not used in software mode Receive Carrier Loss. An output that toggles high during a receive carrier loss. O QPD. Output high when QRSS detector is searching for QRSS data pattern. Output high for one-half clock cycle on bit error. Connect to external counter to count bit errors. Transmit Tip and Ring. Analog line driver outputs. These pins connect through a step-up transformer to the line (Section 5). Ground for Transmitter Block Positive Supply. 5.0V 5% for the transmitter block. See also VSM pin 10.
7 of 32
11
JASEL
I2
RCL 12 13/ 16 14 15 QPD TTIP/ TRING VSS TVDD
O -- --
DS2149
PIN 17 18 19/ 20 21 22 23
NAME L3 NLOOP RTIP/ RRING VDD VSS L0 INT L1
I/O I O I -- -- I/O
FUNCTION LBO3. LBO0 through LBO3 are used to select transmitter output pulse, and receiver gain. Network Loopback Active. Output high when RLB is activated by in-band loop-up command present for 5 seconds. Output is reset when RLP is deactivated by in-band loop-down command present for 5 seconds. Activation of remote loopback through hardware pin 26 or control bit RLB releases the NLOOP output. Receive Tip and Ring. Analog inputs for clock recovery circuitry. These pins connect through a 1:1 transformer to the line (Section 6). Positive Supply. 5V 5%. See also VSM pin 10. Signal Ground LBO0. LBO0 through LBO3 are used to select transmitter output pulse, and receiver gain. INT. Used to alert the host when one or more bits are set in the status register. LBO1. LBO0 through LBO3 are used to select transmitter output pulse, and receiver gain. Serial Data Input. Input for serial address and data stream. Sampled on rising of SCLK. LBO2. LBO0 through LBO3 are used to select transmitter output pulse, and receiver gain. Serial Data Output. Updated on falling edge of SCLK if CLKE is connected high. Updated on rising edge of SCLK if CLKE is connected low. SDO is high-Z during write cycle or when CS is high. Remote Loopback. Used to invoke remote loopback. When held high, the transmitter inputs are ignored and inbound data received at RTIP and RRING is routed to the transmitter outputs, TTIP and TRING and transmitted at the inbound recovered clock rate. Network Loopback. Enables network loopback detection when RLB floats. Chip Select. Must be low to read or write to the device. CS is an active-low signal. Local Loopback. Used to invoke local loopback. When held high, digital inputs TPOS and TNEG are looped back to RPOS and RNEG, through the jitter attenuator if enabled. Floating this input invokes analog loopback. The analog output signal at TTIP and TRING is routed to the receive inputs RTIP and RRING. Serial Clock Input. Input clock to operate serial port. Max clock rate, 2.048MHz. Transmit AIS. Input high forces transmitter to output unframed all ones. Unavailable in remote loopback. QRSS. Floating this pin enables QRSS pattern generator and detector. Input low enables normal transmission of data. Clock Edge Select 0 = Update RNEG/RPOS on falling edge of RCLK, SDO updated on rising edge of SCLK. 1 = Update RNEG/RPOS on rising edge of RCLK, SDO updated on falling edge of SCLK.
24 SDI L2 25 SDO
I
O
RLB 26 NLB CS LLB SCLK TAIS QRSS 28 CLKE I2 I2
27
I2
Note 1: G.703 requires an accuracy of 50ppm for T1. TR62411 and ANSI specifications require an accuracy of 32ppm for T1 interfaces. Note 2: Input pins have three operating modes.
8 of 32
DS2149
3. INITIALIZATION AND RESET
During power-up, all control registers are cleared, disabling the transmitter outputs. The device requires a master clock supplied to the MCLK input pin to operate the PLL. This master clock must be independent, free-running, and jitter free. A reset initializes the status and state machines for the RCL, AIS, NLOOP, and QRSS blocks. Under software control, setting the RESET bit (CR2.7) clears all registers. Allow up to 100ms for the receiver to recover from initialization.
4. REGISTER DEFINITIONS
The DS2149 contains eight registers for configuring the device and reading status. These are accessible using the serial port. Table 4-A lists the register names and addresses. Reading or writing to the internal registers requires writing one address/command byte prior to transferring register data. The first bit written (LSb) of the address/command byte specifies whether the access is a read (1) or a write (0). The next 6 bits identify the register address. The last bit (MSb) of the address/command byte is the burst mode bit. When the burst bit is enabled (set to 1) and a READ operation is performed, addresses 10h through 17h are read sequentially, starting at address 10h. And when the burst bit is enabled and a WRITE operation is performed, addresses 10h through 17h are written sequentially, starting at address 10h. Burst operation is stopped once address 17h is read. All data transfers are initiated by driving the CS input low. All data transfers are terminated if the CS input transitions high. Port control logic is disabled and SDO is tri-stated when CS is high.
Table 4-A. Register Map
REGISTER Control Register 1 Control Register 2 Control Register 3 Interrupt Mask Register Transition Status Register Status Register Information Register Control Register 4 SYMBOL CR1 CR2 CR3 IMR TSR SR IR CR4 ADDRESS B010000 B010001 B010010 B010011 B010100 B010101 B010110 B010111
Table 4-B. Register Bit Positions
SYMBOL 7 (MSb) CR1 JASEL1 CR2 RESET CR3 JA6HZ IMR Z16D TSR Z16D SR -- IR RL3 CR4 -- 6 JASEL0 PAT1 TPD JALT JALT -- RL2 -- 5 4 3 2 ENCENB UNIENB L3 L2 PAT0 TAIS ENLOOP ALB -- EQZMON20 EQZMON26 JA128 DFMO B8ZSD QRSS AIS DFMO B8ZSD QRSS AIS DFMO -- QRSS AIS RL1 RL0 LUP LDN -- -- -- RCL2048 1 L1 LLB LIRST NLOOP NLOOP NLOOP TSCD XFMR2 0 (LSb) L0 RLB TAOZ RCL RCL RCL LOTC XFMR1
Note: Set unused bits to 0 for normal operation.
9 of 32
DS2149
CR1 (B010000): Control Register 1
MSb JASEL1 JASEL0 ENCENB POSITION CR1.7 CR1.6 CR1.5 CR1.4 CR1.3 CR1.2 CR1.1 CR1.0 UNIENB L3 L2 L1 LSb L0
SYMBOL JASEL1 JASEL0 ENCENB UNIENB L3 L2 L1 L0
FUNCTION Jitter attenuator select (Table 4-C) Jitter attenuator select (Table 4-C) B8ZS and NRZ control (Table 4-D) BPV and NRZ control (Table 4-D) Line build-out control (Table 4-E) Line build-out control (Table 4-E) Line build-out control (Table 4-E) Line build-out control (Table 4-E)
Table 4-C. Jitter Attenuator Selection
JASEL1 0 1 X JASEL0 1 1 0 JITTER ATTENUATOR FUNCTION Transmit path Receive path Disabled
Table 4-D. Line Code and Interface Selection
UNIENB 0 1 X ENCENB 0 0 1 LINE CODE AMI AMI B8ZS INTERFACE Bipolar NRZ NRZ
Table 4-E. Line Build-out Selection
L3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 L2 0 0 1 1 0 0 1 1 0 0 1 1 1 1 L1 0 1 0 1 0 1 0 1 0 1 0 0 1 1 L0 0 0 0 0 1 1 1 1 1 1 0 1 0 1 APPLICATION T1 Long Haul T1 Long Haul T1 Long Haul T1 Long Haul T1 Long Haul T1 Long Haul T1 Long Haul T1 Long Haul D4 Short Haul T1 Short Haul T1 Short Haul T1 Short Haul T1 Short Haul T1 Short Haul OUTPUT SIGNAL 0dB -7.5dB -15dB -22.5dB 0dB -7.5dB -15dB -22.5dB 6V DSX-1 (0ft to 133ft) DSX-1 (133ft to 266ft) DSX-1 (266ft to 399ft) DSX-1 (399ft to 533ft) DSX-1 (533ft to 655ft) Rx GAIN (dB) 36 36 36 36 26 26 26 26 18 18 18 18 18 18
10 of 32
DS2149
CR2 (B010001): Control Register 2
MSb RESET SYMBOL RESET PAT1 PAT0 TAIS ENLOOP ALB LLB RLB PAT1 PAT0 TAIS ENLOOP ALB LLB LSb RLB
POSITION CR2.7 CR2.6 CR2.5 CR2.4 CR2.3 CR2.2 CR2.1 CR2.0
FUNCTION Resets device states and clears all registers. Selects output data pattern (Table 4-F). Selects output data pattern (Table 4-F). 0 = Transmit data normally 1 = Transmit unframed all ones 0 = Disable in-band loop-code detection 1 = Enable in-band loop-code detection 0 = Disable analog loopback 1 = Enable analog loopback 0 = Disable local loopback 1 = Enable local loopback 0 = Disable remote loopback 1 = Enable remote loopback
Table 4-F. Data Pattern Selection
PAT0 0 0 1 1 PAT1 0 1 0 1 DATA SOURCE TPOS/TNEG Transmit QRSS In-band loop-up 00001 In-band loop-down 001
CR3 (B010010): Control Register 3
MSb JA6HZ SYMBOL JA6HZ TPD -- EQZMON20 EQZMON26 JA128 LIRST TAOZ TPD -- EQZMON20 EQZMON26 JA128 LIRST LSb TAOZ
POSITION CR3.7 CR3.6 CR3.5 CR3.4 CR3.3 CR3.2 CR3.1 CR3.0
FUNCTION 0 = Set bandwidth of jitter attenuator to 3Hz 1 = Set bandwidth of jitter attenuator to 6Hz; not available if JA128 = 1 0 = Enable transmitter outputs 1 = Disable transmitter outputs -- 0 = Normal receiver operation 1 = Add 20dB of resistive gain to inbound signal 0 = Normal receiver operation 1 = Add 26dB of resistive gain to inbound signal 0 = Jitter attenuator buffer depth = 32 bits 1 = Jitter attenuator buffer depth = 128 bits 0 = Normal operation 1 = Reset the receive LIU state machine 0 = Disable transmit alternate 1s and 0s 1 = Enable transmit alternate 1s and 0s
11 of 32
DS2149
IMR (B010011): Interrupt Mask Register
MSb Z16D SYMBOL Z16D JALT DFMO B8ZSD QRSS AIS NLOOP RCL JALT DFMO B8ZSD QRSS AIS NLOOP LSb RCL
POSITION IMR.7 IMR.6 IMR.5 IMR.4 IMR.3 IMR.2 IMR.1 IMR.0
FUNCTION 0 = Enable 16-zero detect interrupt 1 = Disable 16-zero detect interrupt 0 = Enable jitter-attenuator limit-trip interrupt 1 = Disable jitter-attenuator limit-trip interrupt 0 = Enable driver-open interrupt 1 = Disable driver-open interrupt 0 = Enable B8ZS-detect interrupt 1 = Disable B8ZS-detect interrupt 0 = Enable QRSS interrupt 1 = Disable QRSS interrupt 0 = Enable AIS interrupt 1 = Disable AIS interrupt 0 = Enable network-loopback interrupt 1 = Disable network-loopback interrupt 0 = Enable receive carrier-loss interrupt 1 = Disable receive carrier-loss interrupt
TSR (B010100): Transition Status Register
MSb Z16D SYMBOL Z16D JALT DFMO B8ZSD QRSS AIS NLOOP RCL JALT DFMO B8ZSD QRSS AIS NLOOP LSb RCL
POSITION TSR.7 TSR.6 TSR.5 TSR.4 TSR.3 TSR.2 TSR.1 TSR.0
FUNCTION Set when the receiver detects 16 consecutive 0s; cleared when IMR.7 is cleared. Set when the jitter attenuator FIFO reaches to within 4 bits of its limit; cleared when IMR.6 is cleared. Set when SR.5 changes state; cleared when IMR.5 is cleared. Set when the receiver detects B8ZS codewords; cleared when IMR.4 is cleared. Set when SR.3 changes state; cleared when IMR.3 is cleared. Set when SR.2 changes state; cleared when IMR.2 is cleared. Set when SR.1 changes state; cleared when IMR.1 is cleared. Set when SR.0 changes state; cleared when IMR.0 is cleared.
12 of 32
DS2149
SR (B010101): Status Register
MSb -- SYMBOL -- -- DFMO -- QRSS AIS NLOOP RCL -- DFMO -- QRSS AIS NLOOP LSb RCL
POSITION SR.7 SR.6 SR.5 SR.4 SR.3 SR.2 SR.1 SR.0
FUNCTION -- -- Set when transmitter detects open circuit. -- Set when the QRSS pattern is present at the receiver. Set when the AIS pattern is present at the receiver. Set when the in-band loop-up code is present at the receiver. Set when receiver has detected consecutive s set forth by CR4.2. Cleared when the receiver detects 14 1s in a window of 112 clock cycles.
IR (B010110): Information Register
MSb RL3 SYMBOL RL3 RL2 RL1 RL0 LUP LDN TSCD LOTC RL2 RL1 RL0 LUP LDN FUNCTION -- -- -- -- Set when in-band loop-up code is being received. Set when in-band loop-down code is being received. Set when transmitter detects a short circuit. Set when TCLK has not transitioned for approximately 5ms. TSCD LSb LOTC
POSITION IR.7 IR.6 IR.5 IR.4 IR.3 IR.2 IR.1 IR.0
Receive Level Indication: RL0 is the LSB and RL3 is the MSB of a 4-bit nibble that is used to indicate the inbound signal strength. Convert the binary to decimal and multiply by -2.5dB. The result indicates the approximate attenuation seen at the receiver inputs.
13 of 32
DS2149
CR4 (B010111): Control Register 4
MSb -- SYMBOL -- -- -- -- -- RCL2048 XFMR2 XFMR1 -- POSITION CR4.7 CR4.6 CR4.5 CR4.4 CR4.3 CR4.2 CR4.1 CR4.0 -- -- -- RCL2048 FUNCTION -- -- -- -- -- 0 = RCL threshold: 192 consecutive 0s 1 = RCL threshold: 2048 consecutive 0s Set to 0 for use with standard transformers. Set to 1 for use with alternate transformers (Table 11-C) Set to 0 for use with standard transformers. Set to 1 for use with alternate transformers (Table 11-C) XFMR2 LSb XFMR1
14 of 32
DS2149
5. TRANSMITTER 5.1 Transmit Digital Data Interface
Data is clocked into the device at the TCLK rate. In bipolar mode, TPOS and TNEG are the data inputs; in NRZ mode, TDATA is the data input. Input data can pass through either the jitter attenuator or the B8ZS encoder or both. In software mode, setting ENCENB enables B8ZS encoding. In hardware mode, floating the MODE1 pin enables B8ZS encoding. With B8ZS encoding enabled, the L0 through L3 inputs determine the coding and is listed in Table 4-E. TCLK supplies input synchronization. See Section 12 for the TCLK and MCLK timing requirements.
5.2 Transmit Monitoring
In software mode, the DFMO bit in the status register is set when an open circuit in the transmitter path is detected. A transition on this bit can provide an interrupt, and a transition sets the DFMO bit in the transition status register. Setting CDFMO in the interrupt mask register, leaving a 1 in that bit location masks the interrupt.
5.3 Transmit Idle Mode
Transmit idle mode allows multiple transceivers to be connected to a single line for redundant applications. When TCLK is not present, transmit idle mode becomes active, and TTIP and TRING change to high-impedance state. Remote loopback, dual loopback, TAIS, or detection of network loop-up code in the receive direction temporarily disable the high-impedance state.
5.4 Transmit Pulse Shape
As shown in Table 4-E, line build-out control inputs (L0 through L3) determine the transmit pulse shape. In software mode, these control inputs are located in control register 1; in hardware mode, these control inputs are the L0 through L3 pins. Shaped pulses meeting the various T1, DS1, and DSX-1 specifications are applied to the AMI line driver for transmission onto the line at TTIP and TRING. The transceiver produces DSX-1 pulses for short-haul T1 applications (settings from 0dB to 6dB of cable) and DS1 pulses for long-haul T1 applications (settings from 0dB to -22.5dB). Refer to Table 4-E for pulse mask specifications.
6. RECEIVER
A 1:1 transformer provides the interface between the twisted pair and receiver inputs RTIP and RRING. Recovered data is output at RPOS and RNEG (or RDATA in NRZ mode), and the recovered clock is output at RCLK. See Section 12 for receiver timing specifications.
6.1 Receive Equalizer
The receiver can apply up to 36dB of gain. Control of the equalizer is accomplished by the L0 through L3 control inputs. These control signals are detailed in Table 4-E and determine the maximum gain that is applied. In software mode, these control signals are in Control Register 1; in hardware mode, these control inputs are the L0 through L3 pins. With L0 low, up to 36dB of gain can be applied; when L0 is high, 26dB can be applied in the gain limit to provide better noise immunity in shorter loop operations.
6.2 Receive Data Recovery
The clock and data recovery engine provides input jitter tolerance that exceeds the requirements of AT&T 62411. Inbound signal is filtered, equalized, and over-sampled 16 times. Then it is applied to the B8ZS decoder if enabled.
15 of 32
DS2149
6.3 Receive Digital-Data Interface
Recovered data is routed to the RCL monitor. In software mode, data also goes through the alarm indication signal (AIS) monitor. The jitter attenuator can be enabled or disabled in the receive path or transmit path. Received data can be routed to the B8ZS decoder or bypassed. Finally, the device can send the digital data to the framer as either bipolar or NRZ data.
6.4 Receive Monitor Mode
The receive equalizer can be used in monitor-mode applications. Monitor-mode applications require 20dB of resistive attenuation of the signal, plus an allowance for cable attenuation (less than 20dB). In software mode, setting CR3.4 (EQZMON20) enables the device to operate in monitor-mode applications that require 20dB of resistive attenuation of the signal. Setting CR3.3 (EQZMON26) enables the device to operate in monitor-mode applications that require 26dB of resistve attenuation. Setting both CR3.3 and CR3.4 enables the device to operate in monitor-mode applications that require 32dB of resistive attenuation. The monitor mode feature is not available in hardware mode.
7. JITTER ATTENUATION
The jitter attenuator only requires a jitter-free clock at 1.544MHz applied to the MCLK input. In hardware mode, the jitter attenuator is a 32-bit FIFO buffer. Pulling the JASEL pin high places the jitter attenuator in the receive path. Pulling the JASEL pin low places the jitter attenuator in the transmit path, floating the JASEL pin disables the jitter attenuator. In software mode, clearing CR1.6 (JASEL0) disables the jitter attenuator, setting CR1.6 enables the jitter attenuator. If enabled, clearing CR1.7 (JASEL1) places the jitter attenuator in the transmit path, setting CR1.7 places the jitter attenuator in the receive path. The jitter attenuator FIFO is 32 bits in length if CR3.2 (JA128) is cleared, 128 bits if set. The device clocks data in the jitter attenuator using TCLK if placed in the transmit path, and RCLK if placed in the receive path. Data is clocked out of the jitter attenuator using the dejittered clock produced by the internal PLL. When the jitter attenuator is within two bits of overflowing or underflowing, the jitter attenuator will adjust the output clock by one-eighth of a clock cycle. The jitter attenuator adds an average delay of 16 bits if the buffer depth is 32 bits in length, 64 bits if the buffer depth is 128 bits in length. In the event of an RCL condition, if the jitter attenuator is in the receive path then RCLK is derived from MCLK. Transition Status register bit TSR.6 (JALT) indicates that the jitter attenuator has adjusted the output clock. This bit is latched, when set it remains set until the software reads the bit. The JALT can also produce a hardware interrupt.
8. HARDWARE MODE
The DS2149 operates in hardware mode when the MODE1 pin is pulled low or floated. In hardware mode, configuration of the device is under control of various input pins. RPOS, RNEG, and RDATA are valid on the rising edge of RCLK only. Some functions such as INT, clock edge select, and some diagnostic modes are not available.
16 of 32
DS2149
9. SOFTWARE MODE
The DS2149 operates in software mode when the MODE1 pin is pulled high. In software mode, a microprocessor controls the device and reads its status through the serial port, which provides access to the internal registers. The host processor can completely configure the device as well as get diagnostics and status reports through the serial port. In NRZ mode, bipolar violation insertions and logic error insertions are controlled by the BPV and INSLER pins. Similarly, the recovered clock, data, and BPV detection are available only at output pins. All other mode settings and diagnostic information are available through the serial port. Figure 9-1 and Figure 9-2 show the serial port data structure. The registers are accessible through a 16-bit word composed of an 8-bit command and address byte and a subsequent 8-bit data byte. Software mode allows control of the output timing. The CLKE pin determines when SDO is valid relative to SCLK and when receive data is valid relative to RCLK.
9.1 Interrupt Handling
In software mode, the DS2149 provides a latched interrupt output pin. When enabled, a change in any of the status register bits generates an interrupt. When an interrupt occurs, the INT output pin is driven low. The INT output pin structure is an open-drain only. Each device that shares the INT line requires an external pullup resistor. The interrupt is cleared when the interrupt condition no longer exists, and a 1 is written to the appropriate bit in the interrupt mask register. Leaving a 1 in any of the bits in the interrupt mask register masks that interrupt. Clearing that bit re-enables the interrupt.
Table 9-A. CLKE Pin Selection
CLKE PIN OUTPUT RPOS LOW RNEG RDATA SDO RPOS HIGH RNEG RDATA SDO Falling SCLK Rising RCLK Rising SCLK Falling RCLK OUTPUT UPDATED ON
17 of 32
DS2149
Figure 9-1. Serial Data Port Operation for Read Access
Read Access CLKE = 0
SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
CS
SDI 1 (lsb) SDO A1 A2 A3 A4 A5 0 B (msb) D0 (lsb) D1 D2 D3 D4 D5 D6 D7 (msb)
Read Access CLKE = 1
SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
CS
SDI 1 (lsb) SDO A1 A2 A3 A4 A5 0 B (msb) D0 (lsb) D1 D2 D3 D4 D5 D6 D7 (msb)
Figure 9-2. Serial Data Port Operation for Write Access
SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
CS
SDI 0 (lsb) A1 A2 A3 A4 A5 0 B (msb) DO (lsb) D1 D2 D3 D4 D5 D6 D7 (msb)
WRITE ACCESS ENABLED
SDO
18 of 32
DS2149
Table 9-B. Control and Operation Mode Selection
MODE1 Low Low Low High High High Open Open Open MODE0 Low High Open Low High Open Low High Open HARDWARE SOFTWARE NRZ BIPOLAR AMI B8ZS On On On Off Off Off On On On Off Off Off On On On Off Off Off Off Off On X X X On On On On On Off X X X Off Off Off Off Off On X X X Off Off Off Off Off Off X X X On On On OUTPUTS DISABLED No Yes No No Yes No No Yes No
10. DIAGNOSTIC MODE OPERATION
The DS2149 offers several diagnostic modes as listed in Table 10-A. Various diagnostic modes are only available in software mode. In hardware mode, the diagnostic modes are selected by a combination of pin settings. In software mode, the diagnostic modes are selected by setting appropriate bits in the diagnostic control register.
Table 10-A. Diagnostic Modes
AVAILABILITY HARDWARE SOFTWARE Local Loopback (LLB) Yes Yes Analog Loopback (ALB) Yes Yes Remote Loopback (RLB) Yes Yes In-Band Network Loopback (NLB) Yes Yes Dual Loopback (DLOOP) Yes Yes Internal Data Pattern Generation and Detection Transmit AIS (TAIS) Yes Yes Quasirandom Signal Source (QRSS) Yes Yes In-Band Loop-Up/Down Code Generator No Yes Error Insertion and Detection Bipolar Violation Insertion (INSBPV) Yes Yes Logic Error Insertion (INSLER) Yes Yes Bipolar Violation Detection (BPV) Yes Yes Logic Error Detection, QRSS (QPD) Yes Yes Alarm Condition Monitoring Receive Carrier Loss (RCL) Monitoring Yes Yes Receive Alarm Indication Signal (AIS) Monitoring No Yes Transmit Driver Failure Monitoring (DFMO) No Yes Jitter Attenuator Limit Trip (JALT) No Yes Other Diagnostic Reports Receive Line Attenuation Indicator (LATN) No Yes DIAGNOSTIC MODE SOFTWARE MODE MASKABLE No No No Yes No No Yes No No No No No Yes Yes Yes Yes No
19 of 32
DS2149
10.1 Loopback Modes
10.1.1 Local Loopback (LLB) When local loopback is enabled (set LLB in CR2, or pull the LLB pin high), inbound data at the receiver inputs are ignored. TCLK and TPOS/TNEG pass through the jitter attenuator if enabled and are output at RCLK and RPOS/RNEG. The transmit path is unaffected by LLB, and will continue to transmit data normally (or AIS if TAIS is enabled). 10.1.2 Analog Loopback (ALB) When analog loopback (ALB) is enabled (set ALB in CR2, or float the LLB pin), the receiver input pins are disconnected from the clock and data recovery circuit and replaced by TTIP and TRING. This tests the entire device including the jitter attenuator, transmitter, and receiver circuits. 10.1.3 Remote Loopback (RLB) When remote loopback (RLB) is enabled (set RLB in CR2, or pull RLB pin high), inbound data at the receiver inputs is looped back to the transmitter path. Data passes through the jitter attenuator if enabled. The B8ZS encoder and decoder are not included in the loopback path. The receive path continues to operate normally. 10.1.4 Network Loopback When ENLOOP is enabled (set ENLOOP in CR2, or float the ENLOOP pin), the in-band loop code detector is enabled. The receiver detects the in-band loop code patterns (00001 = loop up and 001 = loop down) present in the inbound data. The detectors detect both framed and unframed loop codes. When the loop-up pattern is detected and present for 5 seconds, the device invokes remote loopback. ENLOOP is dropped when: 1) The in-band loop-down pattern is present for 5 seconds. 2) RLB is activated. 3) ALB is activated. 10.1.5 Dual Loopback Dual loopback is the simultaneous enabling of RLB and LLB. If the jitter attenuator is enabled and, when both loopback paths are enabled, the jitter attenuator is placed in the local loopback path.
20 of 32
DS2149
Figure 10-1. Loopbacks in the DS2149 Block Diagram
MCLK VCO/PLL NLOOP RCL/QPD QRSS Detector B8ZS Decoder RCL Detector
In-Band Loop Code Detector
Peak Detect
Filter
RRING RTIP
AIS Detector
Clock / Data Recovery
RCLK RPOS RNEG
Local Loopback
Jitter Attenuator
Remote Loopback
Logic Error Insert
Wave Shaping
B8ZS Encoder
QRSS
TRING TTIP
In-Band Loop Gen.
Line Drivers
CSU Filters
Transmit AIS
LOTC mux
TCLK TPOS TNEG
10.2 Internal Pattern Generation and Detection
10.2.1 Transmit Alarm-Indication Signal (TAIS) When TAIS is enabled (set TAIS in CR2, or pulling the TAIS pin high), the transmitter inputs TPOS/TNEG and TDATA are ignored and the devices transmits unframed all ones at the transmitter outputs at the TCLK frequency. If TCLK is not present, then the device uses MCLK to transmit. Both TAIS and LLB can be enabled at the same time. The transmitter input data is looped back to the receiver outputs through the jitter attenuator if enabled and the unframed all ones pattern is transmitted at TTIP and TRING. 10.2.2 Quasirandom Signal Source (QRSS) The QRSS data pattern is described in AT&T 62411. The pattern is represented by the polynomial 220- 1 with the additional requirement that no more than 14 consecutive 0s be present in the pattern. When QRSS is enabled (PAT0 = 0 and PAT1 = 1 in CR2 or float the QRSS pin), the data at the transmitter inputs TPOS/TNEG or TDATA is ignored and replaced by the output of the QRSS pattern generator. In addition, logic errors can be inserted into the data pattern with a rising edge on the INSLER input pin. If no logic errors are to be inserted, then the INSLER pin must remain low. If the logic error occurs on the same clock cycle as a 1 that has been inserted to suppress 15 0s, then the logic error is delayed until the next clock cycle. The logic error insertion is available in both NRZ and bipolar data modes. Enabling the QRSS pattern also enables the QRSS detector in the receiver. Pattern synchronization occurs when there are no errors in 64 bits. When synchronized, the QPD output pin goes low. Once synchronized, an error in the pattern causes the QPD output to go high for one-half RCLK cycle. In software mode, the level on the CLKE pin determines the relationship between QPD and RCLK. When CLKE is low, QPD is high when RCLK is high. When CLKE is high, QPD is high when RCLK is low. The QPD output can be used to trigger an external bit error counter. When RCL is active or the receiver is not synchronized to the QRSS pattern, then QPD maintains an output high.
21 of 32
DS2149
In software mode, the device can generate an interrupt to indicate that the QRSS pattern synchronization has been declared or lost. Clearing the QRSS bit in the interrupt mask register enables the interrupt. Use the QPD output to increment an external bit error counter and use the interrupt to reset the counter. The QRSS bit in the status register is set when the QRSS pattern is detected and cleared when pattern is lost (more than 6 bit errors in a window of 64 bits). The QRSS bit in the transition status register indicates that the QRSS status has changed since the last QRSS interrupt clear command. 10.2.3 In-Band Network Loop-Up or Loop-Down Code Generator In-band network loop-up or loop-down transmission is available in software mode only. The loop-up code is transmitted when PAT0 = 1 and PAT1 = 0 in CR2. Logic errors and bipolar violations can still be inserted when loop codes are being transmitted.
10.3 Error Insertion and Detection
10.3.1 Bipolar Violation Insertion (INSBPV) INSBPV is available in NRZ mode. Sampling occurs on the falling edge of TCLK. A rising edge on the NSBPV pin inserts a BPV on the next available mark, except in the following conditions: 1) If the BPV would violate a B8ZS codeword. 2) When LLB and TAIS are both active. In this case, the BPV is looped back to the BPV pin and the line driver transmits all ones with no violation. 3) When RLB is active. 4) When NLOOP is active. BPVs can be inserted in both NRZ and bipolar data modes when the DS2149 is configured to transmit internally generated data patterns (QRSS or in-band loop codes). 10.3.2 Logic Error Insertion (INSLE) When transmitting QRSS or in-band loop codes, a logic error is inserted into the outbound data pattern on a rising edge of the INSLER pin. Remember, when transmitting the QRSS pattern, logic error insertion is inhibited if the error would replace a 1 with a 0 and result in a string of 15 or more consecutive 0s. 10.3.3 Logic Error Detection (QPD) After QRSS pattern synchronization, logic errors are reported at the QPD output pin. If a logic error occurs, the QPD pin goes high for one-half RCLK cycle. In software mode, the CLKE pin determines the phase relationship between QPD and RCLK. When CLKE is low, QPD is high when RCLK is high. When CLKE is high, QPD is high when RCLK is low. To count logic errors, use the QPD output to increment an external error counter. A continuous output high indicates loss of synchronization to the QRSS pattern or receive-carrier loss. 10.3.4 Bipolar Violation Detection (BPV) When the B8ZS encoders and decoders are disabled or when configured for NRZ mode, bipolar violations are reported at the BPV output pin. BPV goes high for a full clock cycle to indicate a bipolar violation. When the B8ZS encoders and decoders are enabled, BPVs that are not part of codewords are not reported.
22 of 32
DS2149
10.4 Alarm Monitoring
10.4.1 Receive-Carrier Loss (RCL) The receiver counts inbound 0s and declares RCL when the counter reaches 192. This applies to hardware mode and software mode if the RCL2048 bit is cleared in CR4. In software mode, setting the RCL2048 bit changes the RCL counter to declare receive-carrier loss after 2048 consecutive 0s. Once set, the RCL bit will remain set until the receiver detects a 12.5% density of 1s in a sliding window of 112 bits, provided that there are no more than 98 consecutive 0s in that 112-bit window. When RCL is active, RCLK is replaced by MCLK. RCL is indicated by an output high on the RCL pin and with a 1 in SR.0. 10.4.2 Alarm-Indication-Signal Detection (AIS) AIS detection is only available in software mode. The receiver declares receipt of AIS when fewer than six 0s are detected in 4632 bits (3ms). AIS is cleared when three or more 0s are received in 4632 bits. The AIS bit in the status register (SR.2) indicates the presence of AIS. When the AIS status bit changes, the AIS bit in the transition status register (TSR.2) is set. A change in the AIS status will generate an interrupt if the AIS interrupt mask bit (IMR.2) bit is cleared. 10.4.3 Driver-Fail Monitor-Open (DFMO) The DFMO bit is set in the status register when the transmitter outputs detect an open circuit. DFMO can generate an interrupt if the DFMO interrupt mask bit (IMR.5) is cleared. This is not supported in hardware mode. 10.4.4 Jitter Attenuator Limit Trip (JALT) If the incoming jitter exceeds either 120 UIp-p (buffer depth is 128 bits) or 28 UIp-p (buffer depth is 32 bits), then the DS2149 will divide the internal nominal 24.704MHz (T1) clock by either 15 or 17 instead of the normal 16 to keep the buffer from overflowing. When the device divides by either 15 or 17, it also sets the jitter attenuator limit trip (JALT) bit in information register 1 (IR1).
10.5 Other Diagnostic Reports
10.5.1 Receive Line-Attenuation Indication The device reports the approximate inbound signal strength in the status register (IR). The four most significant bits indicate the signal strength in approximately 2.5dB increments.
23 of 32
DS2149
11. NETWORK INTERFACE
Transformer specifications are listed in Table 11-A and Table 11-B. Table 11-C illustrates the series resistance necessary for the basic interface and is associated with different transformer turns ratios. Smaller turns ratios result in lower power-supply requirements. However, series resistance provides added protection from potentially damaging voltages that can occur during lightning strikes. A basic network interface is illustrated in Figure 11-1. For a complete discussion of network interface design, refer to Application Note 324: T1/E1 Network Interface Design.
Table 11-A. Specifications for Receive Transformer
SPECIFICATION Turns Ratio (all applications) Primary Inductance Leakage Inductance Interwinding Capacitance Receive Transformer DC Resistance Primary (Device Side) Secondary RECOMMENDED VALUE 1:1 2% 600mH minimum 1.0mH maximum 40pF maximum 1.2 maximum 1.2 maximum
Table 11-B. Specifications for Transmit Transformer
SPECIFICATION Turns Ratio, 5V Primary Inductance Leakage Inductance Interwinding Capacitance Transmit Transformer DC Resistance Primary (Device Side) Secondary RECOMMENDED VALUE 1:2 2% 600mH minimum 1.0mH maximum 40pF maximum 1.0 maximum 2.0 maximum
Table 11-C. Transformer Turns Ratio vs. Series Resistance
XFMR2 (CR4.1) 0 0 XFMR1 (CR4.0) 0 1 OPERATING VOLTAGE (V) 5.0 5.0 APPLICATION Long/Short D4 Long/Short D4 Long/Short 1 0 5.0 D4 1 1 5.0 Long/Short D4 N 1:2 1:2 1:1.15 1:2 1:2 1:2 1:1.6 1:2 1:1.6 1:1.15 1:2 1:2 Rt () 0 0 0 9.1 0 4:3 0 4.3 0 0 9.1 0
24 of 32
DS2149
Figure 11-1. Basic Network Interface
Rt
C TTIP TRING VDD (15) VSS (14) VDD (21) VSS (22)
+VDD 0.1F 0.01F 0.1F 10F 10F
TRANSMIT LINE
Rt
N:1 (larger winding toward the network)
DS2149
RECEIVE LINE
1:1
RTIP RRING
Rr
0.1F
MCLK
1.544MHz
Rr
Note 1: All resistor values are 1%. Note 2: The Rr resistors should be 50 each for T1 lines. Note 3: C = 1mF if using a 1:2 transformer; C = 2mF if using a 1:3 transformer.
25 of 32
DS2149
Figure 11-2. T1 Transmit Pulse Template
1.2 1.1 1.0 0.9 0.8 0.7 NORMALIZED AMPLITUDE 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 -500 -400 -300 -200 -100 0 100 200 300 400 500 600 700
T1.102/87, T1.403, CB 119 (Oct. 79), & I.431 Template
MAXIMUM CURVE UI Time Amp. -0.77 -0.39 -0.27 -0.27 -0.12 0.00 0.27 0.35 0.93 1.16 -500 -255 -175 -175 -75 0 175 225 600 750 0.05 0.05 0.80 1.15 1.15 1.05 1.05 -0.07 0.05 0.05 MINIMUM CURVE UI Time Amp. -0.77 -0.23 -0.23 -0.15 0.00 0.15 0.23 0.23 0.46 0.66 0.93 1.16 -500 -150 -150 -100 0 100 150 150 300 430 600 750 -0.05 -0.05 0.50 0.95 0.95 0.90 0.50 -0.45 -0.45 -0.20 -0.05 -0.05
TIME (ns)
26 of 32
DS2149
Figure 11-3. Jitter Tolerance
1k
UNIT INTERVALS (UIp-p)
100 TR 62411 (DEC. 90) 10
DS2149 TOLERANCE
1
0.1 1 10 100 1k 10k 100k
FREQUENCY (Hz)
Figure 11-4. Jitter Attenuation
0dB
JITTER ATTENUATION (dB)
-20dB
r Cu ve A
T1 TR 62411 (Dec. 90) Prohibited Area
-40dB
rve Cu B
-60dB 1 10 100 1K FREQUENCY (Hz) 10K 100K
27 of 32
DS2149
12. DC CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground Operating Temperature Range for DS2149QN Storage Temperature Range -1.0V to +6.0V -40C to +85C -55C to +125C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40C to +85C) PARAMETER Logic 1 Logic 0 Supply for 5V Operation (Note 1) SYMBOL VIH VIL VDD MIN 2.0 -0.3 4.75 TYP MAX 5.5 +0.8 5.25 UNITS V V V
5
CAPACITANCE
(TA = +25C) PARAMETER Input Capacitance Output Capacitance SYMBOL CIN COUT MIN TYP 5 7 MAX UNITS pF pF
DC CHARACTERISTICS
(VDD = 5V 5%, TA = -40C to +85C.) PARAMETER Input Leakage (Note 2) Output Leakage (Note 3) Output Current (2.4V) Output Current (0.4V) Power Dissipation at 5V (Notes 4, 5)
Note 1: Applies to VDD. Note 2: 0V < VIN < VDD. Note 3: Applied to INT when tri-stated Note 4: TCLK = MCLK = 1.544MHz. Note 5: Power dissipation for an all-ones data density.
SYMBOL IIL ILO IOH IOL PDD
MIN -1.0 -1.0 +4.0
TYP
MAX +1.0 1.0
UNITS mA mA mA mA mW
500
28 of 32
DS2149
AC CHARACTERISTICS: SERIAL PORT (MODE1 = 1)
(VDD = 5.0V 5%, TA = -40C to +85C.) (Figure 12-1 and Figure 12-2) PARAMETER Setup Time CS to SCLK Setup Time SDI to SCLK Hold Time SCLK to SDI SCLK High/Low Time SCLK Rise/Fall Time SCLK to CS Inactive CS Inactive Time SCLK to SDO Valid SCLK to SDO Tri-State CS Inactive or SCLK to SDO Tri-State SYMBOL tCSS tSSS tSSH tSLH tSRF tLSC tCM tSSV tSSH tCSH MIN 50 50 50 200 50 50 250 50 100 100 TYP MAX UNITS ns ns ns ns ns ns ns ns ns ns
Figure 12-1. Serial Bus Read Timing (MODE1 = 1)
CS CLKE = 0
tLSC
SCLK SDO
HIGH-Z tSSV LSB MSB
tCSH HIGH-Z
CS CLKE = 1
tLSC
SCLK
tSSV
tCSH MSB HIGH-Z
SDO
HIGH-Z
LSB
Figure 12-2. Serial Bus Write Timing (MODE1 = 1)
tCM
CS SCLK SDI
tCSS tSSS LSB
Control Byte
tSRF
tSLH
tLSC
tSSH MSB LSB
Data Byte
MSB
29 of 32
DS2149
AC CHARACTERISTICS: RECEIVE SIDE
(VDD = 5V 5%, TA = -40C to +85C.) (Figure 12-3) PARAMETER RCLK Period RCLK Pulse Width (Note 6) RCLK Pulse Width (Note 7) Delay RCLK to RPOS, RNEG Valid SYMBOL tCP tCH tCL tCH tCL tDD 200 150 50 MIN TYP 648 MAX UNITS ns ns ns ns
Note 6: Jitter attenuator enabled in the receive path. Note 7: Jitter attenuator disabled or enabled in the transmit path.
Figure 12-3. AC Characteristics for Receive Side
tDD
RCLK RPOS RNEG IN SOFTWARE MODE: CLKE = 1 RPOS RNEG IN SOFTWARE AND HARDWARE MODE: CLKE = 0
tDD
tCH tCP
tCL
30 of 32
DS2149
AC CHARACTERISTICS: TRANSMIT SIDE
(VDD = 5V 5%, TA = -40C to +85C.) (Figure 12-4) PARAMETER TCLK Period TCLK Pulse Width TPOS/TNEG Setup to TCLK Falling or Rising TPOS/TNEG Hold from TCLK Falling or Rising TCLK Rise and Fall Times SYMBOL tCP tCH tCL tSU tHD tR, tF 75 20 20 25 MIN TYP 648 MAX UNITS ns ns ns ns ns
Figure 12-4. AC Characteristics for Transmit Side
tCP tCH tCL tR tF
TCLK TPOS TNEG
tSU
tHD
31 of 32
DS2149
13. PACKAGE INFORMATION
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
32 of 32


▲Up To Search▲   

 
Price & Availability of DS2149

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X