Part Number Hot Search : 
MBRB7H35 CHDTA 1N5996 A7500 4ACT118 SMB20 DTW2070 AON6244
Product Description
Full Text Search
 

To Download BTS113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPFET(R)
BTS 113A
Features
q q q q q
N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic The drain pin is electrically shorted to the tab
1
2
3
Pin
1 G
2 D
3 S
Type BTS 113A
VDS
60 V
ID
11.5 A
RDS(on)
0.17
Package TO-220AB
Ordering Code C67078-S5015-A2
Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Continuous drain current, TC = 25 C ISO drain current TC = 85 C, VGS = 10 V, VDS = 0.5 V Pulsed drain current, Short circuit current, Symbol Values 60 60 10 11.5 2.2 46 27 400 40 - 55 ... + 150 E 55/150/56 K/W 3.1 75 C - W A Unit V
VDS VDGR VGS ID ID-ISO ID puls ISC PSCmax Ptot Tj, Tstg
- -
TC = 25 C Tj = - 55 ... + 150 C
Short circuit dissipation, Tj = - 55 ... + 150 C Power dissipation Operating and storage temperature range DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal resistance Chip-case Chip-ambient
Rth JC Rth JA
Semiconductor Group
1
04.97
BTS 113A
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = 0, ID = 0.25 mA Gate threshold voltage VGS = VDS, ID = 1 mA Zero gate voltage drain current VGS = 0 V, VDS = 60 V Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Tj = 25 C Tj = 150 C Drain-source on-state resistance VGS = 4.5 V, ID = 5.8 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID = 5.8 A Input capacitance VGS = 0, VDS = 25 V, f = 1 MHz Output capacitance VGS = 0, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0, VDS = 25 V, f = 1 MHz Turn-on time ton, (ton = td(on) + tr) VCC = 30 V, VGS = 5.0 V, ID = 3.0 A, RGS = 50 Turn-off time toff, (toff = td(off) + tf) VCC = 30 V, VGS = 5.0 V, ID = 3.0 A, RGS = 50 Values typ. max. Unit
V(BR)DSS
60 - 2.0 - 2.5
V
VGS(th)
1.6
IDSS
- - 0.1 10 1.0 100
A
IGSS
- - 10 2 0.14 100 4 0.17 nA A -
RDS(on)
gfs
4.5 7.5 420 160 60 15 55 45 40 -
S pF - 560 250 110 25 80 60 55 ns
Ciss Coss
-
Crss
-
td(on) tr td(off) tf
- - - -
Semiconductor Group
2
BTS 113A
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Reverse Diode Continuous source current Pulsed source current Diode forward on-voltage I F = 28 A, VGS = 0 Reverse recovery time I F = I S, diF/dt = 100 A/s, VR = 30 V Reverse recovery charge I F = I S, diF/dt = 100 A/s, VR = 30 V Temperature Sensor Forward voltage I TS(on) = 5 mA, Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Forward current Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Holding current, VTS(off) = 5.0 V, Tj = 25 C Tj = 150 C Switching temperature VTS = 5.0 V Turn-off time Values typ. max. Unit
IS I SM VSD
- - -
- - 1.5 60 0.10
11.5 46
A V
1.8 ns - C -
t rr
-
Q rr
-
VTS(on)
- - 1.4 - - - 0.3 0.2 - - 1.5 10
V
ITS(on)
- - 5 600 0.5 0.3
mA
IH TTS(on)
0.05 0.05 150
C - s 0.5 2.5
toff
VTS = 5.0 V, ITS(on) = 2 mA
Semiconductor Group
3
BTS 113A
Examples for short-circuit protection at Tj = - 55 ... + 150 C, unless otherwise specified. Parameter Symbol 1 Examples 2 - Unit
Drain-source voltage Gate-source voltage Short-circuit current Short-circuit dissipation Response time Tj = 25 C, before short circuit
VDS VGS ISC PSC tSC(off)
15 5.0 27 400 20
30 3.5 12.6 380 20
- - - - -
V A W ms
Short-circuit protection ISC = f (VDS) Parameter: VGS Diagram to determine ISC for Tj = - 55 ... + 150 C
Max. gate voltage VGS(SC) = f (VDS) Parameter: Tj = - 55 ... + 150 C
Semiconductor Group
4
BTS 113A
Max. power dissipation Ptot = f (TC)
Typ. drain-source on-state resistance RDS(on) = f (ID) Parameter: VGS
Typical output characteristics ID = f (VDS) Parameter: tp 80 = s
Safe operating area ID = f (VDS) Parameter: D = 0.01, TC = 25 C
Semiconductor Group
5
BTS 113A
Drain-source on-state resistance RDS(on) = f (Tj) Parameter: ID = - 5 A, VGS = 4.5 V
Gate threshold voltage VGS(th) = f (Tj) Parameter: VDS = VGS, ID = - 1 mA
Typ. transfer characteristic ID = f (VGS) Parameter: tp = 80 s, VDS = - 25 V
Typ. transconductance gfs = f (ID) Parameter: tp = 80 s, VDS = - 25 V
Semiconductor Group
6
BTS 113A
Continuous drain current ID = f (TC) Parameter: VGS 4.5 V
Forward characteristics of reverse diode IF = f (VSD) Parameter: Tj, tp = 80 s
Typ. gate-source leakage current IGSS = f (TC) Parameter: VGS = 10 V, VDS = 0
Typ. capacitances C = f (VDS) Parameter: VGS = 0, f = 1 MHz
Semiconductor Group
7
BTS 113A
Transient thermal impedance ZthJC = f (tp) Parameter: D = tp/T
Semiconductor Group
8
BTS 113A Package Outlines
TO 220 AB Standard
Ordering Code C67078-S5015-A3
TO 220 AB Ordering Code SMD Version E 3045 A C67078-S5015-A4 (Tape & reel)
9.9 9.5
2.8
3.7
4.4 1.3
12.8
17.5
1
4.6
3)
9.2
1)
0.75 2.54 1.05 2.54
0.5 2.4
GPT05155
1) punch direction, burr max. 0.04 2) dip tinning 3) max. 14.5 by dip tinning press burr max. 0.05
Semiconductor Group
13.5
2)
15.6
9


▲Up To Search▲   

 
Price & Availability of BTS113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X