Part Number Hot Search : 
UFS1200 13191 ES3HB B0737 1SMB170A 70M6T CS5460A 02M166VL
Product Description
Full Text Search
 

To Download BR600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR600 - BR610
PRV : 50 - 1000 Volts Io : 6.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board
SILICON BRIDGE RECTIFIERS
BR6
0.158 (4.00) 0.142 (3.60) 0.445 (11.30) 0.405 (10.30) AC
0.62 (15.75) 0.58 (14.73) 0.127 (3.20) 0.047 (1.20) AC
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL - STD 202 , Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 3.6 grams
Rating at 25 C ambient temperature unless otherw ise specified. Single phase, half w ave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.042 (1.06) 0.038 (0.96) 0.75 (19.1) Min. 0.27 (6.9) 0.23 (5.8)
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc=50C Peak Forward Surge Current, Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF =3 A. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL BR600
BR601
BR602
BR604
BR606
BR608
BR610
UNITS Volts Volts Volts Amps.
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 6.0
600 420 600
800 560 800
1000 700 1000
IFSM I2t VF IR IR(H) RJC TJ TSTG
200 64 1.0 10 200 8.0 - 40 to + 150 - 40 to + 150
Amps. A2S Volts A A C/W C C
Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
Notes : 1. Thermal Resistance from junction to case w ith units mounted on a 2.6" x 1.4" x 0.06" THK (6.5cm.x 3.5cm.x 0.15cm.) Al. Plate. Heatsink.
UPDATE : APRIL 23, 1998
RATING AND CHARACTERISTIC CURVES ( BR600 - BR610 )
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
6.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
240
5.0
200
4.0
160
TJ = 50 C
3.0
120
2.0
80
1.0
HEAT-SINK MOUNTING, Tc 2.6" x 1.4" x 0.06" THK. (6.5cm x 3.5cm x 0.15cm) Al.-PLATE 0 25 50 75 100 125 150 175
40
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
PER DIODE
100
REVERSE CURRENT, MICROAMPERES
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
FORWARD CURRENT, AMPERES
TJ = 100 C
10
1.0
1.0
Pulse Width = 300 s 1 % Duty Cycle
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of BR600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X