Part Number Hot Search : 
AN78N12 J100567 RF120 ISL59 24C64AW M74HC258 2700115 SK9124
Product Description
Full Text Search
 

To Download ATS278 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ATS278
Two Phase Hall Effect Latch With FG Output Features
- On-chip Hall plate - Operating voltage: 3.5V~20V - Internal bandgap regulator allows temperature compensated operations and a wide operating voltage range - High output sinking capability up to 400mA for driving large load - Built-in protection diode only for chip reverse power connecting - Frequency Generation (FG) output - Package: SIP-5L
General Description
ATS278 is an integrated Hall sensor with two output drivers and rotor speed output, typically designed for electronic commutation of two-phase brush-less DC fan applications. On-chip Hall sensor will generate Hall voltage due to magnetics sensing. The amplifier will amplify the Hall voltage. The Schmitt trigger determines switching hysteresis and then control internal driver's on/off to sink load current. Meanwhile, An internal bandgap regulator is used to provide stable bais due to temperature-compensation. FG pin will provide switching frequency of driver. Major feature is to minimize the external components by building-in FG output transistor. If a magnetic flux density larger than threshold Bop, DO is turned on (low) and DOB is turned off (high). The output state is held until a magnetic flux density reversal falls below Brp causing DO to be turned off and DOB turned on.
Applications
- Dual-coil Brush-less DC Motor - Dual-coil Brush-less DC Fan - Revolution Counting - Speed Measurement
Ordering Information
ATS278 X - X X - X
Wafer Body Blank or A~Z : if necessary to specify
Package P: SIP-5L
Lead L : Lead Free
Magnetic Characteristics A or B
*Packing: Bulk
Typical Application Circuit
5V/12V + C1 Rpu
1 2 3 4 5
278
Coil1 Coil2
Speed
R1 = R2 = 47 C1 = C2 = 2.2 F The R, C value need to be fine tuned base on coils design.
R1 C1
R2 C2
5V/12V DC Brush-less Fan with FG output function
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 1/6
Oct 4, 2005
ATS278
Two Phase Hall Effect Latch With FG Output Block Diagram
VCC
2 3
REG. Comparators Hall Plane Amp DO
4
DOB
5
GND
1
FG
Pin Configuration
278
( Front View )
1 : FG 2 : VCC 3 : DO 4 : DOB 5 : GND
123 45
Name FG VCC DO DOB GND
P/I/O O P O O P
Pin # 1 2 3 4 5
Description Frequency detection output Positive power input Driver Output Driver Output ( Inverting ) Ground
Anachip Corp. www.anachip.com.tw 2/6
Rev. 1.0 Oct 4, 2005
ATS278
Two Phase Hall Effect Latch With FG Output Absolute Maximum Ratings
Characteristics Supply voltage Reverse VCC Polarity Voltage Magnetic flux density Continuous Output "on" current Hold Peak (Start Up) Sink current of FG Operating temperature range Storage temperature range Package Power Dissipation Symbol VCC VRCC B Ic IFG Ta Ts PD Values 20 -20 Unlimited 0.4 0.5 0.7 40 -20~+85 -65~+150 550 Unit V V
A mA C C mW
Electrical Characteristics ( Ta=+25C )
Characteristic Supply Voltage Output Saturation Voltage Output Zener Breakdown Output Leakage Current Supply Current Output Rise Time Output Falling Time Switch Time Differential Symbol VCC Vce(sat) Vz* Icex Icc tr tf t Conditions Vcc=14V, IL=300mA Vce=14V, Vcc=14V Vcc=20V, Output Open Vcc=14V, RL=820, CL=20pF (Test Circuit) Vcc=14V, RL=820, CL=20pF (Test Circuit) Vcc=14V, RL=820, CL=20pF (Test Circuit) Vcc=14V, IL=20 mA Min 3.5 ------------------Typ ---300 46 <0.1 16 3.0 0.3 3.0 Max 20 800 10 25 10 1.5 10 Unit V mV V A mA s s s
FG saturation voltage ---200 700 mV VFG *Note: The Vz may vary with the inductance/resistance of DC Fan. In order to reduce the risk of dynamic operation, the capacitor/ resistor is recommended to add below the DO/DOB as Application Circuit (on page 1).
RL1 = RL2 = 820 CL1 = CL2 = 20 pf
1 2 3 4 5
278
14V
RL1 RL2 CL1 CL2
DO DOB
( Test circuit )
Anachip Corp. www.anachip.com.tw 3/6
Rev. 1.0 Oct 4, 2005
ATS278
Two Phase Hall Effect Latch With FG Output Magnetic Characteristics( Ta=+25oC)
(1mT=10 Gauss) A grade Characteristic Operate Point Release Point Hysteresis B grade Characteristic Operate Point Release Point Hysteresis
DOB
Symbol BOP BRP BHYS
Min. 10 -60 -
Typ. 75
Max. 60 -10 -
Unit Gauss Gauss Gauss
Symbol BOP BRP BHYS
Min. 5 -80 -
Typ. 75
DO
Max. 80 -5 -
Unit Gauss Gauss Gauss
Output Voltage in Volts
RP
OFF
Output Voltage in Volts
12 10 8 6 4 2
OFF
12 10 8 6 4 2
OP
ON
OP Vsat
RP Vsat -200 -100 0
ON
-200
-100
0
100
200
100
200
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
Anachip Corp. www.anachip.com.tw 4/6
Rev. 1.0 Oct 4, 2005
ATS278
Two Phase Hall Effect Latch With FG Output Performance Characteristics (SIP5)
Ta (C) Pd (mW) Ta (C) Pd (mW)
Pd (mW)
1000 800 600 400 200 0 0 25 50 75 85 100 125
25 550 105 198
50 440 110 176
60 396 115 154
70 352 120 132
80 308 125 110
85 286 130 88
90 264 135 66
95 242 140 44
100 220 150 0
Power Dissipation Curve
Ta (C)
150
Timing Diagram
Rotor state Rotatory Locked Rotatory Locked
DO
DOB
FG
Marking Information
( Front View ) Part Number
278
X XX X x
Wafer Lot ID: L & a~z is lead-free products ID Code: A~Z Nth week: 01~52 Year: "1" = 2001 "2" = 2002
Anachip Corp. www.anachip.com.tw 5/6
Rev. 1.0 Oct 4, 2005
ATS278
Two Phase Hall Effect Latch With FG Output Package Information
Package type: SIP-5L ( unit: mm / [inch] )
5.22 0.1 [0.206 0.003 ]
2 ~ 3
2-0.3C [0.079-0.012C] 2 ~ 5 1.55 0.1 [0.061 0.003] 4.2 REF [0.165 REF] 2 ~ 5 3.65 0.1 [0.144 0.003] 0.48 0.1 [0.019 0.003] 14.3 0.3 [0.563 0.012] 0.41 0.03 [0.016 0.001] 0.73 0.1 [0.029 0.003] 2 ~ 3
0.95 0.03 [0.037 0.001]
0.38 0.03 [0.015 0.001]
Location of Sensing Point
2.006 mm [0.079 inch]
( Top View)
1.016 mm [0.04 inch]
1
2
3
4
5
Anachip Corp. www.anachip.com.tw 6/6
Rev. 1.0 Oct 4, 2005


▲Up To Search▲   

 
Price & Availability of ATS278

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X