Part Number Hot Search : 
EUP3476 T6000 SFR204 5953A D1217UK SMF12 48D05 240128
Product Description
Full Text Search
 

To Download AT12016-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT12016-21
SILICON ABRUPT VARACTOR DIODE
DESCRIPTION:
The AT12016-21 is Designed for High Performance RF and Microwave Applications Requiring an Abrupt Variable Capacitance Characteristic.
PACKAGE STYLE 21 FEATURES INCLUDE:
* High Quality Factor, Q = 300 MIN. CP = .20 pF * Hermetic Pkg, LS = .42 nH
* High Tuning Ratio, CT = 9.0 MIN.
MAXIMUM RATINGS
IF VR PDISS TJ TSTG JC
O O
200 mA 120 V 1.75W @ TC 25 C -55 C to +150 C -55 C to +150 C 70 C/W
NONE
O O O O
CHARACTERISTICS
SYMBOL
VR VF IR CT CT Q RS IR = 10 A IF = 1 mA VR = 100 V VR = 4 V CT0/ CT120 VR = 4 V IF = 10 mA
TC = 25 C
O
TEST CONDITIONS
MINIMUM TYPICAL
120
MAXIM
1.0 100
UNITS
V V A pF -----
f = 1.0 MHz f = 1.0 MHz f = 50 MHz f = 2400 MHz
16 9.0 300
18
20
0.9
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AT12016-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X