Part Number Hot Search : 
BZG4748 BM2P051 BU2523 EL7562C LT100 AM3456N R1C10 SMA36
Product Description
Full Text Search
 

To Download APL5521KC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APL5521
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
Features
* Fixed Output Voltage : VOUT1=3.3V/500mA VOUT2=2.5V/300mA Low Dropout Voltage (defined as the minimum input/output voltage difference): Output 1 Dropout Voltage : 1.25V (at 500mA) Output 2 Dropout Voltage : 1.2V (at 300mA) Stable with 10uF Output Capacitor(at VOUT1) Stable with 10uF Output Capacitor(at VOUT2) No Protection Diodes Needed Built in Thermal Protection Built in Current Limit Protection Fast transient Response Short Setting Time SOP-8 Package Available
General Description
The APL5521 is a dual low dropout regulator with output 1 with 3.3V/0.5A and output2 with 2.5V/0.3A output capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications, the APL5221 has been optimized. The dropout voltages are guaranteed at 1.25V at 0.5A for output1 and 1.2V at 0.3A for output 2. Current limit is trimmed to ensure specified output current and controlled short-circuit current. On-chip thermal limiting provides protection against any combination of overload that would create excessive junction temperatures. The APL5521 regulator comes in a SOP-8 package.
*
* * * * * * *
Pin Configuration
SOP - 8
Applications
* * * Desktop Computer Networking Systems Optical Data Storage Systems
VOUT1 VIN VIN VOUT2
1 2 3 4
8 7 6 5
G ND G ND G ND G ND
APL5521
Ordering and Marking Information
APL5521
L e a d F re e C o d e H a n d lin g C o d e Tem p. R ange P a ck ag e C od e A P L5521 XXXXX P ackage C ode K : S O -8 O p e ra tin g J u n c tio n T e m p . R a n g e C : 0 to 1 5 0 C H a n d lin g C o d e TU : Tube TR : Tape & R eel L e a d F re e C o d e L : L e a d F re e D e v ic e B la n k : O rig in a l D e v ic e X X X X X - D a te C o d e
A P L5521 K :
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003 1 www.anpec.com.tw
APL5521
Pin Description
No. 1 2 3 4 5 6 7 8 PIN Name VOUT1 VIN VIN VOUT2 GND GND GND GND I/O O I I O Description VOUT1 output Voltage 3.3V. sources up to 500 mA. Supply Voltage. Voltage can range from 4.75V to 8V Supply Voltage. Voltage can range from 4.75V to 8V VOUT2 output Voltage 2.5V. sources up to 300 mA. Ground also functions as a heatsink. Solder to the ground plane to maximize thermal dissipation
Absolute Maximum Ratings
Symbol VIN, VOUT RTH,JA PD TJ Parameter Input Voltage or Out Voltage Thermal Resistance - Junction to Ambient Power Dissipation Operating Junction Temperature Control Section Power Transistor TSTG TL Storage Temperature Range Lead Temperature (Soldering, 10 second) Rating 9 80 Internally Limited 0 to 125 0 to 150 -65 to +150 260 C C Unit V C/W W C
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, TJ=0 to 125C. Typical values refer to TJ=25C. APL5521 Symbol Parameter Test Conditions Unit Min. Typ. Max.
VIN IQ OTS Input Voltage Quiescent Current IOUT1=0mA, IOUT2=0mA Over Temperature Shutdown Over Temperature Hysteresis Shutdown Hysteresis Output Voltage Temperature Coefficient 4.75 10 150 10 50 8 16 V mA C C ppm/C
TC
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
2
www.anpec.com.tw
APL5521
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature, TJ=0 to 125C. Typical values refer to TJ=25C. APL5521 Symbol Parameter Test Conditions Unit Min. Typ. Max.
Output1 (500mA) VOUT1 Output 1 Voltage Output 1 Current IOUT1 Capability REGLINE Line Regulation REGLOAD Load Regulation Load Transient VDROP Dropout Voltage
(Note)
4.75< VIN<8.0V, 0mA< IOUT1 < 500mA VIN=5V 4.75< VIN1<8.0V, IOUT1 =0mA VIN=5V, 0mA< IOUT1 < 500mA VIN= 5V, IOUT1=1mA~500mA in 30us IOUT1 =500mA F1kHz, 1Vpp at VIN = 5V COUT1 4.75< VIN<8.0V, 0mA< IOUT 2< 300mA VIN=5 V 4.75< VIN<8.0V, IOUT2 =0mA VIN =5V, 0mA< IOUT2< 300mA VIN=5V, IOUT2=1mA~300mA in 20us
3.234 500
3.3
3.366
V mA
1 14 70 1.25 55 65 10 2.450 300 1 8 70 1.2 55 65 10 2.5
10 24 150 1.4
mV mV mV V dB F
PSRR Ripple Rejection COUT Output Capacitor Output2 (300mA) VOUT2 Output 2 Voltage IOUT2 Output 2 Current Capability
2.550
V mA
REGLINE Line Regulation REGLOAD Load Regulation Load Transient VDROP Dropout Voltage
(Note)
10 18 150 1.35
mV mV mV V dB F
IOUT1 =300mA F1kHz, 1Vpp at VIN = 5V COUT2
PSRR Ripple Rejection COUT Output Capacitor
Note: Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 1.4V
Application Circuit
VOUT1 10 F VIN 4.7 F 3 6 2 7 1 8
VOUT2 10 F
4 APL5521
5
www.anpec.com.tw
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
3
APL5521
Typical Characteristics
Output Voltage vs. Input Voltage
3.5 3
3.4
Output 1 Voltage vs. Temperature
Output Voltage (V)
2.5 2 1.5 1 0.5 0 0 1 2 3 4 5 6 7 8 9
Output Voltage (V)
3.3
3.2
3.1
3 -50
-25
0
25
50
75
100
125
Input Voltage (V)
Temperature (C)
Output2 Voltage vs. Temperature
3 2.9 2.8
Dropout Voltage vs. Temperature
1.5 1.45 1.4
Output2 Voltage (V)
Drpout Voltage (V)
2.7 2.6 2.5 2.4 2.3 2.2 2.1 2 -50 -25 0 25 50 75 100 125
1.35 1.3 1.25 1.2 1.15 1.1 1.05 1 -50 -25 0 25 50 75 100 125 150
IOUT=500mA
Temperature (C)
Temperature (C)
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
4
www.anpec.com.tw
APL5521
Typical Characteristics (Cont.)
Line Transient
50 40 7 6 10 5
Load Transient
3.5 3 2.5 2 1.5 1 0.5 0 -0.5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
Load Regulation (mV)
Line Regulation (mV)
-5 -10 -15 -20 -25 -30
20 10 0 -10 -20 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
4 3 2 1 0
Time (ms)
Time (ms)
Load Regulation vs. Output Current
14 12
Dropout Voltage vs. IOUT
1.6
Load Regulation (mV)
1.4
10 8 6 4 2 0 0 100 200 300 400 500
Dropout Voltage (V)
1.2
1
0.8
0.6 0 100 200 300 400 500
Output Current (mA)
IOUT (mA)
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
5
www.anpec.com.tw
Load Current (A)
Line Current (A)
30
5
0
APL5521
Packaging Information
SOP-8 pin ( Reference JEDEC Registration MS-012)
E
H
e1 D
e2
A1
A
1 L
0.004max.
Dim A A1 D E H L e1 e2 1
Mi ll im et er s Min . 1. 35 0. 10 4. 80 3. 80 5. 80 0. 40 0. 33 1. 27B S C 8 Max . 1. 75 0. 25 5. 00 4. 00 6. 20 1. 27 0. 51 Min. 0. 053 0. 004 0. 189 0. 150 0. 228 0. 016 0. 013
0.015X45
Inche s Max . 0. 069 0. 010 0. 197 0. 157 0. 244 0. 050 0. 020 0. 50B S C 8
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
6
www.anpec.com.tw
APL5521
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb) Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
Reference JEDEC Standard J-STD-020A APRIL 1999
temperature
Peak temperature
183C Pre-heat temperature
Time
Classification Reflow Profiles
Convection or IR/ Convection Average ramp-up rate(183C to Peak) 3C/second max. 120 seconds max Preheat temperature 125 25C) 60 - 150 seconds Temperature maintained above 183C Time within 5C of actual peak temperature 10 -20 seconds Peak temperature range 220 +5/-0C or 235 +5/-0C Ramp-down rate 6 C /second max. 6 minutes max. Time 25C to peak temperature VPR 10 C /second max.
60 seconds 215-219C or 235 +5/-0C 10 C /second max.
Package Reflow Conditions
pkg. thickness 2.5mm and all bgas Convection 220 +5/-0 C VPR 215-219 C IR/Convection 220 +5/-0 C pkg. thickness < 2.5mm and pkg. volume 350 mm pkg. thickness < 2.5mm and pkg. volume < 350mm Convection 235 +5/-0 C VPR 235 +5/-0 C IR/Convection 235 +5/-0 C
www.anpec.com.tw
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
7
APL5521
R e lia b ilit y te s t p r o g r a m
Te s t ite m S O L D E R A B IL IT Y H O LT PCT TST ESD L a tc h -U p M e th o d M IL -S T D -8 8 3 D -2 0 0 3 M IL -S T D -8 8 3 D -1 0 0 5 .7 J E S D -2 2 - B , A 1 0 2 M IL -S T D -8 8 3 D -1 0 11 .9 M IL -S T D -8 8 3 D -3 0 1 5 .7 JESD 78 D e s c rip tio n 2 45 C , 5 S E C 1 0 0 0 H rs B ia s @ 1 2 5 C 1 6 8 H rs , 1 0 0 % R H , 1 2 1 C -6 5 C ~ 1 5 0 C , 2 0 0 C y c le s V H B M > 2 K V, V M M > 2 0 0 V 1 0 m s , I tr > 1 0 0 m A
Carrier Tape
Po E P1 P D
t
F W
Bo
Ao
Ko D1
T2
J C A B
T1
Application
SOP-8 Application SOP-8
A 3301 F 5.5 0.1
B 62 1.5
C 12.75 + 0.1 5
J 2 + 0.5
T1 12.4 +0.2 P1 2.0 0.1
T2 2 0.2 Ao 6.4 0.1
W 12 + 0.3 - 0.1 Bo 5.2 0.1
P 8 0.1
E 1.75 0.1
D D1 Po 1.550.1 1.55+ 0.25 4.0 0.1
Ko t 2.1 0.1 0.30.013
(mm)
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
8
www.anpec.com.tw
APL5521
Cover Tape Dimensions
Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. A.5 - Oct., 2003
9
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APL5521KC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X