Part Number Hot Search : 
BPC25 CPZ37R L1021 LB11669M 161505J 2SC5820 16160 FQS4903
Product Description
Full Text Search
 

To Download AN6540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN6540
4-pin Voltage Regulator with Adjustable Rise Time
s Overview
The AN6540 is an integrated circuit designed for a 4pin voltage regulator with adjustable rise time. An external capacitor allows any setting of output voltage rise time and noise reduction at power on, and are best suited for power circuits with current capacitance up to 240mA. It can be used up to the minimum input/output voltage difference 0.3V(typ.).
9.6 - 0.1 o 3.1
4.0
+ 0.5
Unit:mm
12.5max.
s Features
* Low dropout voltage:0.3V(typ.) * Control of output voltage rise time * Internal short-circuit protection * Low temperature coefficient of output voltage
2.3 2.3 2.3
0.70.2
3.3max.
9.0min.
3-1.0 1.8
2.0
0.50.1 1.5 1.3
4-pin SIL Plastic Package with Fin (SSIP004-P-0000)
s Block Diagram
1
Input
Q1 Current Source Pass Tr
4
Output
R2
Error Amp. Rise Time Control Current Limiter Voltage Reference R1
2
Common
CR
3
s Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Supply surge voltage Power dissipation (Tc=25C) Operating ambient temperature Storage temperature * t=200ms Symbol VCC Vsurge * PD Topr Tstg Rating 20 40 6 -30 to +80 -40 to +150 Unit V V W C C
s Electrical Characteristics (Ta=25C)
Parameter Output voltage Bias current Load regulation Line regulation Output voltage temperature coefficient Minimum input/output voltage difference Ripple rejection ratio Maximum output current Output short current Rise time Symbol VO Ibias REGL REGIN VO/Ta VDIF (min.) Regin IO (max.) IOS tr Condition VI=13.2V, IO=200mA VI=13.2V, IO=200mA VI=13.2V, IO=0 to 200mA VI=9.5 to 16V, IO=100mA VI=13.2V, IO=100mA, Topr=-30 to+80C input/output voltage difference with input voltage 8.0V, IO=100mA VI=13.2V, IO=100mA, f=100Hz, ein=1VP-P VI=13.2V VI=13.2V Cr=10F10% 0.01 0.3 50 240 50 0.5 1 600 160 2 0.6 min 8.1 typ 8.5 25 max 8.9 50 50 50 Unit V mA mV mV %/C V dB mA mA s
Note) After the load short, return with I0=230mA or over.
s Characteristics Curve
tr - Cr
100 50 8 7
PD -Ta
8.8 8.7
VO -VI
Power Dissipation PD (W)
Rise Time tr (s)
10 5 3 2 1 0.5 0.3 0.2 0.1 1 2 3 5 10 20 30 50 100
5 4 3 2
Output Voltage VO (V)
30 20
IO=0mA
i fin In
6
C 5
15
8.6 8.5 8.4 8.3 8.2 8.1 8.0
te He at Si
Witho
/W
C
1 0
ut Hea
He
/W
100mA 200mA
at
He
nk
Si nk
Si nk
at
t Sink
0
20
40
60
80 100 120 140 160
6
8
10
12
14
16
18
Capacity Cr (F)
Ambient Temperature Ta (C)
Input Voltage VI (V)
VO -VDIF
8.7 8.6 8.8
VO -Ta
10 8.7
VO - IO
VI=13.2V IO=100mA
VI=13.2V 9 8
IO=0mA
Output Voltage VO (V)
Output Voltage VO (V)
8.4 8.3 8.2 8.1 8.0 7.9
100mA 200mA
Output Voltage VO (V)
20 40 60 80
8.5
8.6 8.5 8.4 8.3 8.2 8.1 8.0 -40
7 6 5 4 3 2 1
0
0.1
0.2
0.3
0.4
0.5
0.6
-20
0
0
0
100
200
300
400
Input/Output Voltage Difference VDIF (V)
Ambient Temperature Ta (C)
Output Current IO (mA)
s Basic Regulator Circuit
VI
1
4
VO
AN6540
+ + 1F - 2 3 - Cr + - 47F
Note) Choose the oscillation control capacitor 47F which has a small capacitance reduction even at a low temperature. For example, use the tantalum capacitor.


▲Up To Search▲   

 
Price & Availability of AN6540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X