Part Number Hot Search : 
R8810 DN8899SE VMX1198 BFV420 HFA1145 AD1671J MUR8100E LPC2290
Product Description
Full Text Search
 

To Download AMSREF-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Monolithic Systems
FEATURES
* 10 Volt Output ................................... 0.3% Max * Adjustment Range ................................. 3% Min * Excellent Temperature Stability............... 8.5ppm/C * Low Noise ......................................... 30VP-P Max * Low Supply Current ............................ 650A Typ * Wide Input Voltage Range ...................... 12V to 40V * High Load-Driving Capability......................... 20mA * No External Components * Short -Circuit Proof
AMSREF-01
+10V PRECISION VOLTAGE REFERENCE
APPLICATIONS
* A/D, D/A Converters * Portable Instrumentation * Digital Voltmeters * Current sources
GENERAL DESCRIPTION
The AMSREF-01 is a precision voltage reference, which provides a stable +10V output, which can be adjusted over a 3% range with minimal effect on temperature stability. Careful design of this device improved its bandgap and as a result excellent temperature stability is achieved. The operating supply range is 12V to 40V with a typical current drain of 650A. Low cost, low noise and low power makes the AMSREF-01 an excellent choice whenever a stable voltage reference is required. Applications include D/A and A/D converters, portable instrumentation and digital voltmeters. The AMSREF-01 is operational in the full industrial temperature range of -40C to +85C and is available in the 8 lead SOIC and plastic dip (PDIP) packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE 8 LEAD PDIP AMSREF-01EP AMSREF-01HP AMSREF-01CP
8 LEAD SOIC 30mV AMSREF-01ES 50mV AMSREF-01HS 100mV AMSREF-01CS
OPERATING TEMPERATURE RANGE -40 to 85 C -40 to 85 C -40 to 85 C
PIN CONNECTIONS
8L SOIC/ 8L PDIP
N/C 1 VIN N/C 2 3 8 N/C 7 N/C 6 VOUT 5 TRIM
GND 4
Top View
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-01
ABSOLUTE MAXIMUM RATINGS (Note1)
Input Voltage Output Short Circuit Duration (to Ground or VIN) Operating Temperature Range Junction Temperature 40V Indefinite -40C to 85C -65C to +150C Storage temperature Soldering information (60 sec) Thermal Resistance 8 L SOIC 8 L PDIP -65C to +125C 300C 160C/W 110C/W
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =+15V and TA = +25C unless otherwise specified. Parameter Conditions AMSREF-01E AMSREF-01 H Min Typ Max Min Typ Max
Output Voltage Output Adjustment Range Output Voltage Noise Line Regulation (Note 5) Load Regulation (Note 5) Turn-on Setting Time Quiescent Supply Current Load Current Sink Current Short Circuit Current (Note 6) VO = 0 IL = 0 RP =10k 0.1Hz to 10Hz VIN = 13V to 33V IL = 0 to 10 mA, TO 0.1% of final value No Load 10 -5 9.97 3.0 10.0 3.3 20 0.006 0.005 5 0.65 21 -10 30 1.0 10 -5 30 0.010 0.008 10.03 9.95 3.0 10.0 3.3 20 0.006 0.006 5 0.65 21 -10 30 1.0 8 -5 30 0.010 0.010 10.05
AMSREF-01 C Min Typ Max
9.90 2.7 10.0 3.3 25 0.009 0.006 5 0.65 21 -10 30 1.0 35 0.015 0.015 10.10
Units
V % VP-P %V % mA s mA mA mA mA
Electrical Characteristics at VIN = 15, IL = 0mA, and -40C TA +85C unless otherwise specified. Parameter Conditions AMSREF-01E AMSREF-01 H AMSREF-01 C Min Typ Max Min Typ Max Min Typ Max
Output Voltage Change with Temp. Output Voltage Temp. Coefficient Change in VO Temp. Coefficient with Output Adjustment Line Regulation (Note 5) Load Regulation (Note 5) (Notes 2,3) (Note 4) RL = 10k 0.02 3 0.7 0.06 8.5 0.07 10 0.7 0.17 25 0.14 20 0.7 0.45 65
ELECTRICAL CHARACTERISTICS
Units
% ppm/C ppm/C
VIN = 13V to 33V IL = 0 to 8 mA,
0.007 0.006
0.012 0.010
0.007 0.007
0.012 0.012
0.011 0.008
0.018 0.018
%V % mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-01
Note 2: The output voltage change with temperature (VOT) is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed as a percentage of 10V: VOT = [(VMAX -VMIN)/10V] x 100 Note 3: VOT specification applies trimmed to +10.000V or untrimmed Note 4: TCVO is defined as VOT divided by the temperature range: TCVO (-40C to +85C)= [VOT (-40C to +85C)] / 125C Note 5: Line and Load Regulation specifications include the effect of self heating. Note 6: During sink current test, the device meets the output voltage specified.
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Load Current vs Input Voltage MAXIMUM LOAD CURRENT (mA)
SHORT CIRCUIT PROTECTION
Normalized Load Regulation (IL = 10mA) vs Temperature LOAD REG (T)/ LOAD REG (25 C) 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN = 15V
Normalized Line Regulation (IL = 10mA vs Temperature 1.4 LINE REG (T)/ LINE REG (25 C) 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
35 30 25 20 15 10 5
500mW MAXIMUM DISSIPATION
TA = 25 C
0
0
15 20 25 INPUT VOLTAGE (V)
30
0.6 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
Maximum Load Current vs Temperature MAXIMUM LOAD CURRENT (mA) 30 25 20 15 10 5
VIN = 15V
Quiescent Current vs Temperature 1.3 QUIESCENT CURRENT (mA) 1.2 1.1 1.0 0.9 0.8
VIN = 15V
0 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
0.7 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-01
OUTPUT ADJUSTMENT
+15V
The REF-01 trim terminal can be used to adjust the 10V output voltage 300mV. This feature allows the system designer to trim system errors by setting the reference to a voltage other than 10V. The system can also be set exactly 10.000V, or to 10.240V for binary applications. Adjustment of the output does not significantly affect the temperature performance of the device. The temperature coefficient change is approximately 0.7ppm/C for 100mV of output adjustment.
2 VIN VO REF-01 TRIM GND 4 5 10k 6 OUTPUT
TYPICAL APPLICATIONS
10V Reference
+15V
Precision Calibration Standard
2 VIN VO REF-01 TRIM 0.1 F GND 4 5k OP-02 + -15V -10V 5 6 10k 10k 9V +15V 9V +10V
1.1mA
2 VIN VO 0.1 F REF-01 TRIM GND 4 5 100k 6 +
10.000V
Supply Bypassing For best results, it is recommended that the power supply pin is bypassed with a 0.1F disk ceramic capacitor.
Current Source
Current Sink
IOUT +15V 2 VIN VO REF-01 TRIM GND 4 5 R 6 REF-01
VOLTAGE COMPLIANCE: -25V TO +3V
2 VIN VO 6
VOLTAGE COMPLIANCE: -3V TO +25V
IOUT= (10.0V/R)+1mA
5 R
IOUT= (10.0V/R)+1mA
TRIM GND 4
-15V IOUT
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-01
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
8 LEAD SOIC PLASTIC PACKAGE (S)
0.189-0.197* (4.801-5.004) 8 7 6 5
0.228-0.244 (5.791-6.197)
0.150-0.157** (3.810-3.988)
1
2
3
4
0.053-0.069 (1.346-1.752) 0.004-0.010 (0.101-0.254) 0.008-0.010 (0.203-0.254)
0.010-0.020 x 45 (0.254-0.508) 0-8 TYP
0.014-0.019 (0.355-0.483)
0.050 (1.270) TYP
0.016-0.050 (0.406-1.270)
S (SO-8 ) AMS DRW# 042293
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
8 LEAD PLASTIC DIP PACKAGE (P)
0.400* (10.160) MAX 8 7 6 5
0.2550.015* (6.4770.381)
1
2
3
4
0.045-0.065 (1.143-1.651)
0.1300.005 (3.3020.127)
0.300-0.325 (7.620-8.255)
0.065 (1.651) TYP 0.005 (0.127) MIN 0.1000.010 (2.5400.254) 0.125 (3.175) MIN 0.0180.003 (0.4570.076) 0.015 (0.380) MIN
0.009-0.015 (0.229-0.381) 0.325 +0.025 -0.015 (8.255 +0.635 -0.381
)
P (8L PDIP ) AMS DRW# 042294
*DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTUSIONS. MOLD FLASH OR PROTUSIONS SHALL NOT EXCEED 0.010" (0.254mm)
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140


▲Up To Search▲   

 
Price & Availability of AMSREF-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X