Part Number Hot Search : 
ILI9225 MKW2500 MC68A00S PB2041NL M61512FP PJ1084P9 BFC47 BA20D3
Product Description
Full Text Search
 

To Download AC4830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AudioCodes Enabling Technology Products
AC48304
Voice over Packet Processor for Client Applications
The AC48304 is an ideal voice processing engine for a variety of Voice over IP, Voice over DSL and other voice over packet client applications. The AC48304 VoP processor is a four ports voice over packet processor that combines toll quality low bit rate voice compression, T.38 compliant fax relay and other voice band processing functions. Field-proven, feature-rich software enables the rapid development and fast time-to-market of the complete solution.
Deliver Feature-Rich Solution
The AC48304 voice over packet processor combines four channels of toll quality low bit rate voice compression, with an adaptive G.168-2000 compliant echo canceller, and complete voice band processing functions in a single device. Field-proven G3 Fax Relay, compliant with the T.38 ASN.1 standard, is a major enhancement to the AC48304 offering. Other advanced features include dynamic packet size programming, high quality DTMF/MF R1/MF R2/Call Progress Tones, detection and generation of user defined tones and Caller ID, silence suppression, and automatic voice/fax/data discriminator. The AC48304 is supported by the VoicePacketizer TM software stack which enables the processor to create a VoIP-compliant media stream as part of a client entity. The VoicePacketizer is an ANSI-C software stack that supports the RTP/RTCP protocol. The software stack also provides a simple API for initialization and configuration of the AC48304 and for run-time call control.
Fast Integration with Software Stacks

Low per-channel cost and power Independent channel operation Toll quality voice compression Robust bandwidth-saving fax relay
Software Upgrades
Small footprint Proprietary evaluation & development tools
The complete functionality of the AC48304 is implemented in the internal DSP software. The software image is downloaded into the AC48304 by the host processor prior to start of operation. This allows the addition of new features in future product releases without any system hardware modifications.
Benefit from Extensive Experience
AudioCodes is one of the world's leading providers of DSP solutions since 1996. During this period, the company successfully passed numerous interoperability tests while maintaining high levels of performance. AudioCodes' commitment to innovation yields consistently high-quality voice processing products that are feature-rich and field-proven. AudioCodes has deployed close to 10 million VoP ports to date.
AC48304 Features

Low bit rate Vocoders Low power consumption & small footprint G.168-2000 compliant Echo Canceller T.38 and FRF.11 compliant Fax Relay In Band Signaling detection & generation Caller ID detection & generation
AudioCodes Enabling Technology Products AudioCoded* Platforms for Enhanced Voice Services
AC48304
Specifications
Software Specifications
Applications
Four low bit rate G.729 A CS-ACELP at 8 kbps G.723.1 MP-MLQ at 6.3 kbps, ACELP at 5.3 kbps G.727 E-ADPCM at 16-40 kbps G.726 ADPCM at 16-40 kbps G.711 PCM (-Law/A-Law) at 64 kbps NetCoder(R) at 6.4-9.6 kbps, 800 bps steps Optional: G.728 LD-CELP at 16 kbps (2 channels only) Automatic switching G3 2.4 - 14.4 kbps, T.38 compliant fax relay or automatic switch to PCM Up to V.92 rates, automatic switch to PCM G.168-2000 compliant 25 msec tail length Bellcore Type 1 & 2, ETSI Type 1 & 2 NTT Number Display DTMF (TIA 464B), MFR1, MFR2, AC15, SS4, SS5, User Defined and Call Progress tones CAS ABCD (when connected to Standard Framers) 1 msec -31dB +31dB, 1.0 dB steps 2.048, 4.096 or 8.192 Mbps, -Law/A-Law (selectable) 8 bit Bidirectional +1.8V (core), +3.3V (I/O) 3.3V logic compatible 180 mW (typ) 144 pin TQFP
Channel Density Voice Coders

Small Residential Gateways and IADs Cable Telephony Access Devices Voice over IP Gateways SOHO Voice/data/fax Access Devices DSL Access Devices Voice-enabled Set-top Boxes
About AudioCodes
Voice/Fax/Data Fax Support Modem Support Echo Canceller Caller ID Detection and Generation In-band Signaling Detection and Generation Out-of-band Signaling E&M Sampling Resolution Input/Output Gain Control
Hardware Specifications
PCM Interface Host Port Interface Power Supply Digital Interface Levels Power Consumption Package
AudioCodes Ltd. (NASDAQ: AUDC) enables the new voice infrastructure by providing innovative, reliable and cost-effective technology, products and system solutions to network equipment providers and system integrators. AudioCodes provides its customers and partners with a diverse range of flexible, comprehensive voiceover-packet media gateway and media processing technologies and systems, leading the transition to converged voice and data communications networks. The company is a market leader in voice compression technology and the key originator of the ITU G.723.1 standard for the emerging Voice over IP market. AudioCodes product lines include media gateway system solutions for packet networks in the wireline, wireless, broadband access, media server and enhanced voice services markets, as well as enabling technology products such as VoIP communication boards, VoIP media gateway modules and CPE devices. International Headquarters 4 HaHoresh Street Yehud, Israel 56470 Tel: +972-3-539-4000 Fax: +972-3-539-4040 US Headquarters 2890 Zanker Road, Suite 200 San Jose, CA 95134 Tel: +1-408-577-0488 Fax: +1-408-577-0492 AudioCodes Offices Worldwide Boston, Chicago, Beijing, Tokyo, Paris info@audiocodes.com www.audiocodes.com
(c) 2003 AudioCodes Ltd. All rights reserved. AC, AudioCodes, AudioCodes logo, AudioCoded, IPmedia, Mediant, MediaPack, MP-MLQ, NetCoder, Stretto, TrunkPack, VoicePacketizer and VoIPerfect are trademarks or registered trademarks of AudioCodes Ltd. All other marks are the property of their respective owners. The information and specifications in this document and the product(s) are subject to change without notice. Ref # LTRT-00215 10/03 V.6


▲Up To Search▲   

 
Price & Availability of AC4830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X