![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SK2048-L,S F-III Series > Features High Current Low On-Resistance No Secondary Breakdown Low Driving Power High Forward Transconductance N-channel MOS-FET 30V 0,022 35A 60W > Outline Drawing > Applications - Motor Control - General Purpose Power Amplifier - DC-DC converters > Maximum Ratings and Characteristics - Absolute Maximum Ratings (TC=25C), unless otherwise specified Item Drain-Source-Voltage Drain-Gate-Voltage (RGS=20K) Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS V DGR ID I D(puls) V GS PD T ch T stg Rating 30 30 35 140 20 60 150 -55 ~ +150 Unit V V A A V W C C > Equivalent Circuit - Electrical Characteristics (TC=25C), unless otherwise specified Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Continous Reverse Drain Current Pulsed Reverse Drain Current Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge - Thermal Characteristics Item Thermal Resistance Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t I I V t Q GSS DS(on) fs iss oss rss d(on) r d(off) f DR DRM SD rr rr Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=30V Tch=25C VGS=0V Tch=125C VGS=20V VDS=0V ID=17,5A VGS=4V ID=17,5A VGS=10V ID=17,5A VDS=12V VDS=25V VGS=0V f=1MHz VCC=12V ID=35A VGS=10V RGS=25 Min. 30 1,0 Typ. 1,5 10 0,2 10 0,025 0,016 17 1750 800 400 25 100 300 180 Max. 2,5 500 1,0 100 0,037 0,022 2630 1200 600 38 150 450 270 35 140 2,0 8 IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C 1,35 100 0,5 Unit V V A mA nA S pF pF pF ns ns ns ns A A V ns C Symbol R th(ch-a) R th(ch-c) Test conditions channel to air channel to case Min. Typ. Max. 125 2,08 Unit C/W C/W Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX - 75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com N-channel MOS-FET 30V 0,022 35A 2SK2048-L,S F-III Series Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics 60W > Characteristics Typical Output Characteristics ID [A] 1 RDS(ON) [] 2 ID [A] 3 VDS [V] Tch [C] VGS [V] Typical Drain-Source-On-State-Resistance vs. ID Typical Forward Transconductance vs. ID Gate Threshold Voltage vs. Tch RDS(ON) [] 4 gfs [S] 5 VGS(th) [V] 6 ID [A] ID [A] Tch [C] Typical Capacitance vs. VDS Typical Input Charge Forward Characteristics of Reverse Diode C [nF] 7 VDS [V] 8 VGS [V] IF [A] 9 VDS [V] Qg [nC] VSD [V] Allowable Power Dissipation vs. TC Safe operation area Zth(ch-c) [K/W] Transient Thermal impedance PD [W] 10 ID [A] 12 11 Tc [C] VDS [V] t [s] This specification is subject to change without notice! |
Price & Availability of 2SK2048-L
![]() |