Part Number Hot Search : 
BD601 2SA1369 16360 DM204 TC07COA SSG9975 DG2721 LS655
Product Description
Full Text Search
 

To Download 1N4150W-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1N4150W / 1N4151W
SURFACE MOUNT FAST SWITCHING DIODE
Features
! ! ! High Conductance A
SOD-123 Dim A Min 3.6 2.5 1.4 0.5 -- 0.4 0.95 -- Max 3.9 2.8 1.8 0.7 0.2 -- 1.35 0.12
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion ! For General Purpose Switching Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E
D B
B C D E G H J
Mechanical Data
! ! ! ! ! Case: SOD-123, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.01 grams (approx.) Marking: 1N4150W A4 1N4151W A5
@TA=25C unless otherwise specified
H
G
J
All Dimensions in mm
Maximum Ratings
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t = 1.0s @ t = 1.0s
Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RJA Tj, TSTG
1N4150W 50 50 35 400 200 4.0 1.0 410 300 -65 to +150
1N4151W 75
Unit V V V
300 150 2.0 0.5 500
mA mA A mW K/W C
Electrical Characteristics
Characteristic Forward Voltage Drop (Note 4) Peak Reverse Leakage Current
@TA=25C unless otherwise specified
Symbol VFM @ VR = 50V IRM Cj trr
1N4150W 1.0 100 2.5 4.0
1N4151W
Unit V
50 2.0 2.0
nA pF nS
Typical Junction Capacitance (VR = 0V DC, f = 1.0MHz) Reverse Recovery Time (Note 2, 3)
Note: 1. Valid provided that terminals are kept at ambient temperature. 2. 1N4150W: Measured with IF = IR = 200mA, IRR = 0.1 x IR, RL = 100. 3. 1N4151W: Measured with IF = IR = 10mA, IRR = 1.0 x IR, RL = 100. 4. 1N4150W: Measured with IF = 200mA. 1N4151W: Measured with IF = 10mA
1N4150W / 1N4151W
1 of 2
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
1N4150W-T1 1N4150W-T3 1N4151W-T1 1N4151W-T3
Package Type
SOD-123 SOD-123 SOD-123 SOD-123
Shipping Quantity
3000/Tape & Reel 10000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel
Products listed in bold are WTE Preferred devices. ! T1 suffix refers to a 7" reel. T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.04 (1.02)
0.055 (1.40)
0.094 (2.40)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
1N4150W / 1N4151W
2 of 2


▲Up To Search▲   

 
Price & Availability of 1N4150W-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X