Part Number Hot Search : 
TLE42 TC124 1N4583 MKW2000 MCF527 LM2903 WT6920AM 856331
Product Description
Full Text Search
 

To Download WFC02R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R
DESCRIPTION
The WFC02R is a family of high performance DC/DC converters that offers regulated outputs over input voltage ranges of 9-36V and 18-72V while offering a wide operating temperature range of -40C to +85C without derating. Each WFC02R contains input filtering to minimize conducted noise. The design utilizes surface mounted components, including magnetics, to provide enhanced reliability. The converter is designed to meet the requirements of EN60950 with the "L" pinout having 1,500 VDC isolation. All WFC02R converters are designed to withstand input voltage transients to 200% of nominal input voltage. An additional feature is the ability of the WFC02R to drive high capacitive loads.
FEATURES
! ! ! ! ! ! ! ! Low Cost, High Performance Small DIP Package Full Power to +85C Extended Temperature Range: -40C to +85C Industry Standard Pinouts Full Short Circuit Protection High Capacitive Loading Capability Protected Against High Input Voltage
APPLICATIONS
! ! ! ! ! ! Telecommunications Battery Powered Systems Portable Instruments Process Control Equipment Transportation Equipment Distributed Power Systems
SIMPLIFIED CIRCUIT DIAGRAM
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.770.9369 Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141 Page 1
WFC02R 11/98 REV B
ABSOLUTE MAXIMUM RATINGS
Output Short Circuit Protection ------------ Continuous Internal Power Dissipation --------------------------- 1.5W Lead Temp (soldering, 10s Max) ---------------- +300C Max Case Temperature --------------------------- +100C
ELECTRICAL SPECIFICATIONS
Specifications typical at TA=25C, nominal input voltage, rated output current unless otherwise stated. Nominal Rated Input Output Voltage Voltage (Volts) (Volts) 24 24 24 24 24 24 48 48 48 48 48 48 5.0 12.0 15.0 +5.0 +12.0 +15.0 5.0 12.0 15.0 +5.0 +12.0 +15.0 Output Current (mA) Min Load Rated Load 40 16 12 +20 +8 +7 40 16 12 +20 +8 +7 400 167 125 +200 +80 +67 400 167 125 +200 +80 +67 Max Input Current (mA) Rated Load 300 306 306 315 315 315 152 152 152 156 156 155 Max Capacitive Load (F) Efficiency %
Model WFC02R24S05 WFC02R24S12 WFC02R24S15 WFC02R24D05 WFC02R24D12 WFC02R24D15 WFC02R48S05 WFC02R48S12 WFC02R48S15 WFC02R48D05 WFC02R48D12 WFC02R48D15
400 167 125 +200 +80 +67 400 167 125 +200 +80 +67
77 76 77 75 76 76 74 74 76 74 76 77
ORDERING INFORMATION
WFC02R xxyzz E
Device Family Indicates wide input power 2W regulated DC/DC Model Number Selected from Table of Electrical Characteristics xx=input voltage y=number of outputs: S=single, D=dual zz=output voltage Pinout option E or L
Page 2
WFC02R 11/98 REV B
COMMON SPECIFICATIONS
Specifications typical at TA=25C, nominal input voltage, rated output current unless otherwise stated. Parameter Input Voltage Range Reflected Ripple Current Isolation Safety Standards Rated Voltage Test Voltage--60 Hz, 10 secs Resistance Capacitance Leakage Current Output Rated Power Voltage Setpoint Accuracy Temperature Coefficient Line Regulation-singles Line Regulation-duals Load Regulation-singles Load Regulation-duals Ripple & Noise General MTTF per MIL-HDBK-217, Rev F Temperature Operation Storage Conditions Min 9 18 Typ 24 48 50 Max 36 72 Units Vdc Vdc mA p-p
Designed to meet requirements of EN60950, EN41003 & UL1950
"L" Pinout "E" Pinout "L" Pinout "E" Pinout
1500 1000 1500 1000 10 220 30 2 +3.0 +0.02
Viso=240Vac, 60 Hz
Vdc Vdc Vpk Vpk G pF Arms W % %/C % % % % mV p-p Hours +85 +125 C C
Low line to high line Low line to high line Min load to rated load Min load to rated load BW=5 Hz to 20 MHz TA=25 -40 -55
50 1,000,000
+1.5% +1.5% +2% +2% 100
WFC02R 11/98 REV B
Page 3
MECHANICAL SPECIFICATIONS
PINOUT "E"
Pin Number 1 2 3 10 11 12 13 14 15 22 23 24 Pin Function Singles Duals +Vin +Vin No connection -Vout No connection Common -Vout Common +Vout +Vout -Vin -Vin -Vin -Vin +Vout +Vout -Vout Common No connection Common No connection -Vout +Vin +Vin
PINOUT "L"
Pin Number 2 3 9 11 14 16 22 23 Pin Function Singles Duals -Vin -Vin No connection No connection +Vout -Vout +Vin +Vin -Vin -Vin Common -Vout +Vout Common +Vin +Vin
TECHNICAL INFORMATION
Notes: 1. All dimensions in inches and (millimeters). 2. Units are encapsulated with a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range and good electrical properties under high humidity environments. The encapsulant and outer shell have UL94V-0 ratings. Lead material is brass with a solder plated surface to allow ease of solderability. 3. GRID: 0.100 inches, (2.54 mm). 4. Pin Placement Tolerance: +0.015", (+.381 mm).
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
Page 4
WFC02R 11/98 REV B


▲Up To Search▲   

 
Price & Availability of WFC02R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X