Part Number Hot Search : 
TA0363F M38C82M5 FDS4885 14002 A101M E45H11 SMBJ33 20040
Product Description
Full Text Search
 

To Download UPD17P218 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD17P218
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROLLER
DESCRIPTION
The PD17P218 is a model of the PD17218 with a one-time PROM instead of an internal mask ROM. Since the user can write programs to the PD17P218, it is ideal for experimental production or small-scale production of the PD17215, 17216, 17217 or 17218 systems. When reading this document, also read the documents related to the PD17215, 17216, 17217 and 17218. Detailed functions are described in the following user's manual. Read this manual when designing your system. 5
PD172xx Series User's Manual: IEU-1317
FEATURES
* Pin compatible with PD17215, 17216, 17217 and 17218 (except PROM programming function) * Carrier generator circuit for infrared remote controller (REM output) * 17K architecture: General-purpose register method * Program memory (one-time PROM): 16K bytes (8192 x 16) * Data memory (RAM): 223 x 4 bits * Pull-up resistor can be connected to RESET pin Note. * Low-voltage detection circuit (WDOUT output) Note * Operating voltage range: 2.0 to 5.5 V (fx = 4 MHz: normal mode, 8 s) 2.2 to 5.5 V (fx = 4 MHz: high-speed mode, 4 s) 3.5 to 5.5 V (fx = 8 MHz: high-speed mode, 2 s) Note: Can be selected by mask option with the mask model.
APPLICATIONS
Preset remote controllers, toys, and portable systems
ORDERING
INFORMATION
Package 28-pin plastic SOP (375 mil) 28-pin plastic shrink DIP (400 mil) Quality Grade Standard Standard
Part Number
PD17P218GT PD17P218CT
Please refer to "Quality Grade on NEC Semiconductor Devices" (Document number IEI-1209) published by NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
The information in this document is subject to change without notice. The mark 5 shows major revised points.
Document No. IC - 3252 (O. D. No. IC - 8797) Date Published September 1994 P Printed in Japan
(c)
1994
PD17P218
PIN CONFIGURATION (TOP VIEW)
(1) Normal operation mode
P0D 2 P0D 3 INT P0E 0 P0E 1 P0E 2 P0E 3 REM V DD X OUT X IN GND RESET WDOUT
1 2 3 4 5
28 27 26 25 24
P0D 1 P0D 0 P0C 3 P0C 2 P0C 1 P0C 0 P0B 3 P0B 2 P0B 1 P0B 0 P0A 3 P0A 2 P0A 1 P0A 0
PD17P218GT PD17P218CT
6 7 8 9 10 11 12 13 14
23 22 21 20 19 18 17 16 15
GND INT P0A0-P0A3 P0B0-P0B3 P0C0-P0C3 P0D0-P0D3 P0E0-P0E3 REM RESET VDD WDOUT XIN, XOUT
: Ground : External interrupt request signal input : Port 0A (CMOS input) : Port 0B (CMOS input) : Port 0C (N-ch open-drain output) : Port 0D (N-ch open-drain output) : Port 0E (CMOS push-pull output) : Remote controller transmission output (CMOS push-pull output) : Reset input : Positive power supply : Hang-up detection/low-voltage detection output (N-ch open-drain output) : Oscillation connection
2
PD17P218
(2) PROM programming mode
D2 D3 V PP
1 2 3 4 5
28 27 26 25 24
D1 D0 D7 D6 D5 D4 MD 3 MD 2 MD 1 MD 0
(L) 6 7 (Open) V DD (Open) CLK GND (L) (Open) 8 9 10 11 12 13 14
PD17P218GT PD17P218CT
23 22 21 20 19 18 17
(L) 16 15
Note:
Those enclosed in parentheses indicate the processing of the pins not used in PROM programming mode. L : Ground these pins through a resistor (470 W). Open : Do not connect anything to these pins. CLK D0-D7 GND VDD VPP : PROM clock input : PROM data I/O : Ground : Positive power supply : PROM writing power supply
MD0-MD3 : PROM mode selection
3
PD17P218
BLOCK DIAGRAM
P0A 0 P0A 1 P0A 2 P0A 3
P0A
RF RAM 223 x 4 bits
Remote Control Divider
REM
P0B 0 /MD 0 P0B 1 /MD 1 P0B 2 /MD 2 P0B 3 /MD 3
8-bit Timer/ Counter
P0B
SYSTEM REG. Interrupt Controller ALU INT/V PP
P0C 0 /D 4 P0C 1 /D 5 P0C 2 /D 6 P0C 3 /D 7
P0C
P0D 0 /D 0 P0D 1 /D 1 P0D 2 /D 2 P0D 3 /D 3
One Time PROM 8192 x 16 bits P0D
Instruction Decoder
RESET WDOUT Program Counter
P0E 0 P0E 1 P0E 2 P0E 3
P0E Stack 5 x 13 bits
Power Supply Circuit CPU Clock
V DD GND
Basic Interval/ Watchdog Timer
XIN /CLK OSC XOUT
4
PD17P218
CONTENTS
1. DIFFERENCES BETWEEN PD17P218 AND PD17215/17216/17217/17218 ..................................
6
2. PIN FUNCTIONS .................................................................................................................................
2.1 2.2 2.3 2.4 2.5 IN NORMAL MODE ................................................................................................................................ IN PROM PROGRAMMING MODE ........................................................................................................ PIN I/O CIRCUITS ................................................................................................................................... PROCESSING OF UNUSED PINS .......................................................................................................... NOTES ON USING INT AND RESET PINS ...........................................................................................
7
7 8 8 11 11 5 5
3. WRITING/VERIFYING ONE-TIME PROM (PROGRAM MEMORY) .................................................. 12
3.1 3.2 3.3 OPERATION MODE FOR WRITING/VERIFICATION OF PROGRAM MEMORY .................................. PROGRAM MEMORY WRITE PROCEDURE ......................................................................................... PROGRAM MEMORY READ PROCEDURE ........................................................................................... 12 13 14
4.
ELECTRICAL SPECIFICATIONS (PRELIMINARY) ........................................................................... 15
5.
PACKAGE DRAWINGS .................................................................................................................... 23
6.
RECOMMENDED SOLDERING CONDITIONS ................................................................................ 25
5
APPENDIX A. FUNCTION OF PD17215 SUB-SERIES PRODUCTS ................................................. 26
APPENDIX B.
DEVELOPMENT TOOLS ............................................................................................... 27
5
PD17P218
5
1.
DIFFERENCES BETWEEN PD17P218 AND PD17215/17216/17217/17218
The PD17P218 is a model of the PD17218 provided with a one-time PROM as the program memory, to which
the user can write data, instead of an internal mask ROM. Table 1-1 shows the differences among the PD17P218, PD17215, 17216, 17217, and 17218. These five products have different memory capacities and mask options but the same CPU function and internal hardware. Therefore, the PD17P218 can be used to evaluate the program of a system using the PD17215, 17216, 17217, or 17218. Note that part of the electrical specifications of the PD17P218 such as supply current and lowvoltage detection voltage are different from those of the PD17215, 17216, 17217, and 17218. For the detail of the CPU functions and internal hardware, refer to the Data Sheet of the PD17215, 17216, 17217, and 17218.
Table 1-1 Differences between PD17P218 and 17215/17216/17217/17218
Product Name Item
PD17P218
One-time PROM
PD17215
PD17216
PD17217
PD17218
Mask ROM 8 K bytes (4096 x 16) 12 K bytes (6144 x 16) 16 K bytes (8192 x 16) (0000H-0FFFH) (0000H-17FFH) (0000H-1FFFH) 223 x 4 bits Any (mask option) Any (mask option) Not provided 2 s (8 MHz ceramic oscillator: in high-speed mode) 4 s (4 MHz ceramic oscillator: in high-speed mode) 16 s (1 MHz ceramic oscillator: in high-speed mode) Retain output level immediately before standby mode 2.2 to 5.5 V (at 4 MHz, in high-speed mode) 28-pin plastic SOP (375 mil) 28-pin plastic shrink DIP (400 mil)
Program Memory
16 K bytes (8192 x 16) 4 K bytes (2048 x 16) (0000H-1FFFH) (0000H-07FFH) 223 x 4 bits Provided Provided Provided
Data Memory Pull-Up Resistor of RESET Pin Low-Voltage Detector Circuit
Note
111 x 4 bits
VPP Pin, Operation Mode Select Pin
Instruction Execution Time
Operation When P0C, P0D Are Standby Operating Voltage Range Package
Note: Although the circuit configuration of the low-voltage detector circuit is identical, its electrical specifications differ depending on the product.
6
PD17P218
2.
2.1
PIN FUNCTIONS
IN NORMAL MODE
Symbol P0A0 P0A1 P0A2 P0A3 P0B0 P0B1 P0B2 P0B3 P0C0 P0C1 P0C2 P0C3 P0D0 P0D1 P0D2 P0D3 4-bit N-ch open-drain output port. Can be used for key source output of key matrix. This port retains output level immediately before standby mode is set when standby mode is set, and outputs low level on reset. 4-bit N-ch open-drain output port. Can be used for key source output of key matrix. This port retains output level immediately before standby mode is set when standby mode is set, and outputs low level on reset. 4-bit I/O port which can be set in input or output mode in bit units. In output mode, this port serves as high-current CMOS output port. In input mode, it serves as CMOS input port to which pull-up resistor can be connected by program in bit units. On reset, this port is set as input port. Infrared remote controller transmission output pin. Outputs low level on reset. System reset input pin. By inputting low level to this pin, CPU can be reset. While low level is input to this pin, oscillation circuit stops oscillating. RESET pin of PD17P218 is provided with pull-up resistor. Positive power supply pin Ground External interrupt request input Output for detection of hang-up or voltage drop. Outputs low level when watchdog timer overflows, when stack overflows/underflows, or when low voltage is detected. Connect this pin to RESET pin. Connect ceramic oscillator for system clock oscillation across these pins. 4-bit CMOS input port with pull-up resistor. Can be used for key return input of key matrix. This port can release standby mode when at least one of pins goes low. Function 4-bit CMOS input port with pull-up resistor. Can be used for key return input of key matrix. This port can release standby mode when at least one of pins goes low. Output Format On Reset
Pin No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 1 2
--
Input
--
Input
N-ch open-drain
Low-level output
N-ch open-drain
Low-level output
4 5 6 7
P0E0 P0E1 P0E2 P0E3
CMOS push-pull
Input
8
REM
CMOS push-pull
Low-level output
13
RESET
--
Input
9 12 3
VDD GND INT
-- -- --
-- -- Input High-impedance or low-level output (Oscillation stops)
14
WDOUT
N-ch open-drain
11 10
XIN XOUT
--
7
PD17P218
2.2 IN PROM PROGRAMMING MODE
Pin No.
Symbol
Function Power supply for PROM programming. Apply 12.5 V to this pin as the program voltage when writing/verifying program memory. Positive power supply. Apply 6 V to this pin when writing/ verifying program memory. Inputs clock for PROM programming. Ground Input pins used to select operation mode when PROM is programmed.
Output Format
On Reset
3
VPP
--
--
9
VDD
--
--
11 12 19 | 22 23 | 26 27 28 1 2
CLK GND MD0 | MD3 D4 | D7 D0 D1 D2 D3
-- --
-- --
--
Input
Input/output 8-bit data for PROM programming.
CMOS push-pull
Input
Remarks: Pins other than above are not used in the PROM programming mode. For the processing of the unused pins, refer to PIN CONFIGURATION (2) PROM programming mode.
2.3
PIN I/O CIRCUITS This section shows the I/O circuits of the PD17P218 pins in simplified schematic diagrams. (1) P0A0-P0A3, P0B0/MD0-P0B3/MD3
V DD
Input buffer
8
PD17P218
(2) P0C0/D4-P0C3/D7, P0D0/D0-P0D3/D3
Data
Output latch
N-ch
Input buffer
(3)
P0E0-P0E3
V DD
Data
Pull-up resistor
P-ch
VDD Output latch
Data
P-ch
Output disable
N-ch
Multiplexer
Input buffer
9
PD17P218
(4) RESET
V DD
Pull-up resistor Note
Input buffer
Note: Can be selected with mask option when mask products such as PD17215, 17216, 17217, and 17218 are used. Remarks: Schmitt trigeer input with hysteresis characteristics (5) INT (Schmitt trigger input)
Input buffer
Remarks: Schmitt trigeer input with hysteresis characteristics
10
PD17P218
2.4 PROCESSING OF UNUSED PINS Process the unused pins as follows: 5
Table 2-1 Processing of Unused Pins
Pin P0A0-P0A3 P0B0-P0B3 P0C0-P0C3 P0D0-P0D3 P0E0-P0E3 REM INT WDOUT Recommended Connection Connect to VDD Connect to VDD Connect to GND Connect to GND Input : Connect to VDD or GND Output : Open Open Connect to GND Connect to GND
2.5
NOTES ON USING INT AND RESET PINS In addition to the functions shown in 2 PIN FUNCTIONS, the INT and RESET pins also have a function to set a
5
test mode (for IC testing) in which the internal operations of the PD17P218 are tested. When a voltage higher than VDD is applied to either of these pins, the test mode is set. This means that, even during normal operation, the PD17P218 may be set in the test mode and malfunction if a noise exceeding VDD is applied. For example, if the wiring length of the INT or RESET pin is too long, noise superimposed on the wiring line of the pin may cause the above problem. Therefore, keep the wiring length of these pins as short as possible to suppress the noise; otherwise, take noise preventive measures as shown below by using external components. * Connect diode with low VF between VDD and INT/RESET pin * Connect capacitor between VDD and INT/RESET pin
V DD
V DD
Diode with low V F INT, RESET
V DD
V DD
INT, RESET
Moreover, if the test mode is set by the INT pin, low level is output from the WDOUT pin. In this case, connect the WDOUT pin to the RESET pin.
11
PD17P218
3. WRITING/VERIFYING ONE-TIME PROM (PROGRAM MEMORY)
The program memory of the PD17P218 is a one-time PROM of 8192 x 16 bits. To write data to or verify this onetime PROM, the pins shown in the following table are used. No address input pin is used, as the address is updated by the clock input from the CLK pin.
Table 3-1 Pins Used to Write/Verify Program Memory
Pin Name VPP Function Applies voltage when program memory is written/verified. Apply +12.5 V to this pin. Positive power supply. Apply +6 V to write/verify program memory. Input clock to update address when program memory is written/verified. Program memory address is updated when four pulses are input to this pin. Select operation mode when program memory is written/verified. Input/output 8-bit data when program memory is written/verified.
VDD
CLK
MD0-MD3 D0-D7
3.1
OPERATION MODE FOR WRITING/VERIFICATION OF PROGRAM MEMORY If +6 V is applied to the VDD and +12.5 V to the VPP pin after PD17P218 has been placed in the reset status for a
fixed time (VDD = 5V, RESET = 0V), PD17P218 enters program memory write/verify mode. The MD0 to MD3 pins are used to set the operating modes listed in the following table. Leave the pins not used for program memory writing/verification open or connect to GND through pull-down resistors (470 ) (Refer to PIN CONFIGRATION (2) PROM programming mode).
Table 3-2 Operating Mode Specification
Operating Mode Specification Operating Mode VPP VDD MD0 H L +12.5 V +6 V L H L x H H H H Verify mode Program inhibit mode MD1 L H MD2 H H MD3 L H Program memory address 0 clear mode Write mode
Remarks: x: don`t care (L or H)
12
PD17P218
3.2 PROGRAM MEMORY WRITE PROCEDURE The program memory write procedure is as follows. High-speed program memory write is possible. (1) (2) (3) (4) (5) (6) (7) (8) (9) Ground the unused pins through pull-down resistors. The CLK pin must be low. Supply 5 V to the VDD pin. The VPP pin must be low. After waiting for 10 microseconds, supply 5 V to the VPP pin. Operate the MD0 to MD3 pins to set program memory address 0 clear mode. Supply 6 V to the VDD pin and 12.5 V to the VPP pin. Set program inhibit mode. Write data in 1-millisecond write mode. Set program inhibit mode. Set verify mode. If data has been written connectly, proceed to step (10). If data has not yet been written,
repeat steps (7) to (9). (10) Write additional data for (the number of times data was written (x) in steps (7) to (9)) times 1 milliseconds. (11) Set program inhibit mode. (12) Supply a pulse to the CLK pin four times to update the program memory address by 1. (13) Repeat steps (7) to (12) to the last address. (14) Set program memory address 0 clear mode. (15) Change the voltages of VDD and VPP pins to 5 V. (16) Turn off the power supply. Steps (2) to (12) are illustrated below.
X-time repetition Reset Write Verify Additional data write Address increment
VPP VPP VDD GND VDD+1 VDD VDD GND CLK
Data output
D 0 -D 7
Data input
Data input
MD 0
MD 1
MD 2
MD 3
Remarks: Broken line indicates high impedance. 13
PD17P218
3.3 (1) (2) (3) (4) (5) (6) (7) (8) (9) PROGRAM MEMORY READ PROCEDURE Ground the unused pins through pull-down resistors. The CLK pin must be low. Supply 5 V to the VDD pin. The VPP pin must be low. After waiting for 10 microseconds, supply 5 V to the VPP pin. Operate the MD0 to MD3 pins to set program memory address 0 clear mode. Supply 6 V to the VDD pin and 12.5 V to the VPP pin. Set program inhibit mode. Set verify mode. Data of each address is sequentially output each time a clock pulse is input to the Set program inhibit mode. Set program memory address 0 clear mode.
CLK pin four times.
(10) Change the voltages of VDD and VPP pins to 5 V. (11) Turn off the power supply. Steps (2) to (9) are illustrated below.
VPP VPP VDD GND VDD+1 VDD VDD GND 1 cycle
CLK
D 0 - D7
Hi-Z
Data output
Data output
Hi-Z
MD 0
MD 1
L
MD 2
MD 3
14
PD17P218
4. ELECTRICAL SPECIFICATIONS (PRELIMINARY)
ABSOLUTE MAXIMUM RATINGS (Ta = 25 C)
Item Supply Voltage Input Voltage Output Voltage Symbol VDD VI VO Peak value REM pin Effective value High-Level Output Current Note Peak value IOH 1 pin (P0E pin) Effective value Peak value Total of P0E pins Effective value Peak value 1 pin Effective value Low-Level Output Current Note Peak value IOL Total of P0E pins Effective value Total of P0C, P0D, WDOUT pins Operating Temperature Storage Temperature Power dissipation Topt Tstg Pd Ta = 85C Peak value Effective value 20.0 22.5 15.0 -40 to +85 -60 to +150 180 mA mA mA C C mW 5.0 30.0 mA mA -15.0 7.5 mA mA -5.0 -22.5 mA mA -24.0 -7.5 mA mA Conditions Ratings -0.3 to +7.0 -0.3 to VDD +0.3 -0.3 to VDD +0.3 -36.0 Unit V V V mA
5 5
Note: Effective value = Peak value x Duty.
5
Caution: Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality 5 of the product may be degraded. The absolute maximum rating therefore specifies the upper or lower limit of the value at which the product can be used without physical damages. Be sure not to exceed or fall below this value when using the product. RECOMMENDED OPERATING RANGE (VDD = 2.0 to 5.5 V, Ta = -40 to +85 C)
Item Symbol VDD1 Supply Voltage VDD2 fx = 4 MHz VDD3 VDD4 Oscillation Frequency fX fx = 8 MHz fx = 1 MHz Conditions Note High-speed mode (16 s) Normal mode (8 s) High-speed mode (4 s) High-speed mode (2 s) MIN. 2.0 2.2 3.5 1.0 TYP. 3.0 3.0 5.0 4.0 MAX. 5.5 V 5.5 5.5 8.0 MHz Unit
5
Note: Figures in parentheses indicate instruction execution time.
15
PD17P218
SYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS (Ta = -40 to +85C, VDD = 2.0 to 5.5 V)
Recommended Constants
Oscillator
Item Oscillation frequency (fx) Note 1 Oscillation stabilization timeNote 2
Conditions
MIN.
TYP.
MAX.
Unit
XIN Ceramic Oscillator
XOUT
1.0 After VDD has reached MIN value of oscillation voltage range
4.0
8.0
MHz
4
ms
XIN
XOUT
Oscillation frequency (fx) Note 1
1.0
4.0
8.0
MHz
5
Crystal Oscillator
Oscillation stabilization timeNote 2
VDD = 4.5 to 5.5 V
10 30
ms ms
Note 1: The oscillation frequency indicates only the characteristics of the oscillation circuit. 2: The oscillation stabilization time is the time required for oscillation to stabilize after VDD has been applied or the STOP mode has been released. Caution: Wire the shaded portion in the above figures as follows to prevent adverse influence of wiring capacitance when the system clock oscillation circuit is used: * Keep the wiring length as short as possible. through which a high alternating current flows. * Always keep the ground of the capacitor of the oscillation circuit at the same potential as GND. Do not ground the capacitor to a ground pattern through which a high current flows. * Do not extract a signal from the oscillation circuit.
* Do not cross the wiring with the other signal lines. Do not place the wiring in the vicinity of lines
16
PD17P218
DC CHARACTERISTICS (VDD = 2.0 to 5.5 V, Ta = -40 to +85 C)
Item Symbol VIH1 VIH2 High-Level Input Voltage VIH3 VIH4 VIH5 VIL1 VIL2 Low-Level Input Voltage VIL3 VIL4 High-Level Output Voltage VOH VOL1 Low-Level Output Voltage VOL2 High-Level Input Current Low-Level Input Current High-Level Input Leakage Current IIH IIL ILIH P0E XIN P0E, REM P0C, P0D, REM, WDOUT P0E XIN XIN INT, RESET, P0A, P0B, P0E INT P0E IOH = -0.5 mA IOL = 0.5 mA 0 0 VDD-0.3 0 0.35VDD 0.2VDD VDD 0.3 V V V V RESET, INT pin P0A, P0B P0E P0E XIN RESET, INT pins P0A, P0B 2.0 V VDD < 3.0 V 3.0 V VDD 5.5 V Conditions MIN. 0.8VDD 0.7VDD VDD-0.3 VDD-0.5 0.8VDD 0 0 TYP. MAX. VDD VDD VDD VDD VDD 0.2VDD 0.3VDD Unit V V V V V V V
IOL = 1.5 mA VIH = VDD VIL = 0 V VIH = VDD
0
0.3 20 -20 3.0
V
A A A A A
ILIL1 Low-Level Input Leakage Current ILIL2
VIL = 0 V VIL = 0 V w/o pull-up resistor VOH = 1.0 V, VDD = 3 V VOH = VDD -6.0 -13.0
-3.0 -3.0
High-Level Output Current High-Level Output Leakage Current
IOH ILOH
REM P0C, P0D, P0E, WDOUT WDOUT P0E
-24.0 3.0
mA
A A A
ILOL1 Low-Level Output Leakage Current ILOL2
VOL = 0 V VOL = 0 V w/o pull-up resistor VDD = 3 V 10 % 25 25 100 100 0.5 50 50 200 200 1.4
-3.0 -3.0
100 100 400 400 2.0
k k k k V
RU1 Internal Pull-Up Resistor RU2
RESET, P0E
VDD = 5 V 10 % VDD = 3 V 10 %
P0A, P0B
VDD = 5 V 10 %
Low-Voltage Detector Voltage
VDT
WDOUT = Low level, VDT = VDD
5
17
PD17P218
5 DC CHARACTERISTICS (VDD = 2.0 to 5.5 V, Ta = -40 to +85 C)
Item Symbol IDD1 fX = 8 MHz Conditions Operating mode (High-speed mode) HALT mode Operating mode (High-speed mode) VDD = 5 V 10 % VDD = 5 V 10 % VDD = 5 V 10 % VDD = 3 V 10 % VDD = 5 V 10 % Operating mode (Normal mode) VDD = 3 V 10 % VDD = 2.0 to 2.2 V VDD = 5 V 10 % IDD4 fX = 4 MHz HALT mode VDD = 3 V 10 % VDD = 2.0 to 2.2 V Operating mode (High-speed mode) VDD = 3 V 10 % VDD = 2.0 to 2.2 V VDD = 3 V 10 % IDD6 fX = 1 MHz HALT mode VDD = 2.0 to 2.2 V VDD = 5 V 10 % IDD7 STOP mode (Ta = -40 to +85 C) VDD = 3 V 10 % VDD = 2.0 to 2.2 V VDD = 5 V 10 % IDD8 STOP mode (Ta = -20 to +70 C) VDD = 3 V 10 % VDD = 2.0 to 2.2 V VDD = 5 V 10 % IDD9 STOP mode (Ta = 25 C) VDD = 3 V 10 % VDD = 2.0 to 2.2 V Data Retention Voltage VDDR RESET = Low level or in STOP mode 1.3 0.2 1 1 1 1 1 1 1 1 1 0.6 30 20 16 20 10 8 5 5 5 5.5 mA MIN. TYP. 3.8 MAX. 7.6 Unit mA
IDD2
fX = 8 MHz
2.6 2.3 1.2 2.0 1.0 0.55 1.8 1.0 0.5 0.7 0.3 0.6
5.2 4.6 2.5 4.0 2.0 1.1 3.6 2.0 1.0 2.1 0.9 1.8
mA mA mA mA mA mA mA mA mA mA mA mA
IDD3
fX = 4 MHz
Supply Current
IDD5
fX = 1 MHz
A A A A A A A A A
V
18
PD17P218
AC CHARACTERISTICS (Ta = -40 to +85 C)
Item CPU Clock Cycle Time Note (Instruction Execution Time) Symbol tCY1 tCY2 tCY3 tIOH1 INT High-Level Width tIOH2 tIOL1 INT Low-Level Width tIOL2 tRSL1 RESET Low-Level Width tRSL2 VDD = 2.0 to 5.5 V 50.0 VDD = 2.0 to 5.5 V VDD = 4.5 to 5.5 V 50.0 10.0 VDD = 2.0 to 5.5 V VDD = 4.5 to 5.5 V 50.0 10.0 Conditions VDD = 3.5 to 5.5 V VDD = 2.2 to 5.5 V VDD = 2.0 to 5.5 V VDD = 4.5 to 5.5 V MIN. 1.99 3.98 7.96 10.0 TYP. MAX. 32.2 32.2 32.2 Unit
s s s s s s s s s
Note: CPU clock cycle time (instruction execution time) is determined depending on the connected oscillation frequency and SYSCK (RF: address 02H) in the register file. The following figure shows CPU clock cycle time tCY characteristics versus supply voltage VDD.
tCY vs VDD 40 32
5
CPU clock cycle time tCY [s]
10 9 8 7 6 5 4 3
2
2.2 V 0 1 2 3 4 5 6
Supply voltage VDD [V]
19
PD17P218
DC PROGRAMMING CHARACTERISTICS (Ta = 25C, VDD = 6.0 0.25 V, VPP = 12.5 0.3 V)
Item High-Level Input Voltage Symbol VIH1 VIH2 Low-Level Input Voltage Input Leakage Current High-Level Output Voltage Low-Level Output Voltage VDD Supply Current VPP Supply Current VIL1 VIL2 ILI VOH VOL IDD IPP MD0 = VIL, MD1 = VIH Other than CLK CLK Other than CLK CLK VIN = VIL or VIH IOH = -1 mA IOL = 1.6 mA VDD -1.0 0.4 30 30 Conditions MIN. 0.7 VDD VDD -0.5 0 0 TYP. MAX. VDD VDD 0.3 VDD 0.4 10 Unit V V V V
A
V V mA mA
Caution 1: VPP must not exceed +13.5 V, including the overshoot. 2: Apply VDD before VPP and disconnect it after VPP.
20
PD17P218
AC PROGRAMMING CHARACTERISTICS (Ta = 25C, VDD = 6.0 0.25 V, VPP = 12.5 0.3 V)
Item Address Setup Time
Note 2
Symbol Note 1 (vs.MD0) tAS tM1S tDS tAH tDH tDF tVPS tVDS tPW tOPW tMOS tDV tM1H tM1R tPCR tXH,tXL fX tI tM3S tM3H tM3SR tDAD tHAD tM3HR tDFR tRES tAS tOES tDS tAH tDH tDF tVPS tVCS tPW tOPW tCES tDV tOEH tOR - - - - - - - tACC tOH - -
Conditions
MIN. 2 2 2 2 2 0 2 2 0.95 0.95 2
TYP.
MAX.
Unit
s s s s s
130 ns
MD1 Setup Time (vs. MD0) Data Setup Time (vs. MD0) Address Hold Time Note 2 (vs.MD0)
Data Hold Time (vs. MD0) MD0 Data Output Float Delay Time VPP Setup Time (vs. MD3) VDD Setup Time (vs. MD3) Initial Program Pulse Width Additional Program Pulse Width MD0 Setup Time (vs. MD1) MD0 Data Output Delay Time MD1 Hold Time (vs. MD0) MD1 Recovery Time (vs. MD0) Program Counter Reset Time CLK Input High-/Low- Level Width CLK Input Frequency Initial Mode Set Time MD3 Setup Time (vs. MD1) MD3 Hold Time (vs. MD1) MD3 Setup Time (vs. MD0) Address Note 2 Data Output Delay Time Address Note 2 Data Output Hold Time MD3 Hold Time (vs. MD0) MD3 Data Output Float Delay Time Reset Setup Time
s s
1.0 1.05 21.0 ms ms
s
1
MD0 = MD1 = VIL tM1H + tM1R 50 s 2 2 10 0.125
s s s s s
4.19 2 2 2
When data is read from program memory When data is read from program memory When data is read from program memory When data is read from program memory When data is read from program memory
MHz
s s s s s
130 ns
2 2 0 2 2 10
s s s
Note 1: These symbols are the corresponding PD27C256A symbols. 2: The internal address is incremented by 1 at the third falling edge of CLK (with four clocks constituting as one cycle). The internal address is not connected to any pin.
21
PD17P218
PROGRAM MEMORY WRITE TIMING
tRES VPP VDD GND VDD+1 VDD GND CLK D 0 -D 7 tI MD 0 tPW MD 1 tPCR MD 2 tM3S MD 3 tM3H tM1S tM1H tM1R tM0S tOPW Data input tDS tOH
Data output
tVPS
VPP
tVDS tXH
VDD
Data input tDF tDS tDH tAH
tXL tAS
Data input
tDV
Remarks: Broken line indicates high impedance. PROGRAM MEMORY READ TIMING
tRES tVPS VPP VPP VDD GND VDD+1 VDD GND CLK tXL D 0 -D 7 tI MD 0 Hi-Z tDV tHAD Data output tDAD Data output tM3HR Hi-Z tDFR
tVDS
VDD
tXH
MD 1
L tPCR
MD 2 tM3SR MD 3
22
PD17P218
5. PACKAGE DRAWINGS 28 PIN PLASTIC SOP (375 mil)
28
15
detail of lead end
1 A
14
G
3 +7 -3 H I J K L
F E
C D MM
B
N
P28GM-50-375B-2 NOTE Each lead centerline is located within 0.12 mm (0.005 inch) of its true position (T.P.) at maximum material condition. ITEM A B C D E F G H I J K L M N MILLIMETERS 18.07 MAX. 0.78 MAX. 1.27 (T.P.) 0.40 +0.10 -0.05 0.1 0.1 2.9 MAX. 2.50 10.3 0.3 7.2 1.6 0.15 +0.10 -0.05 0.8 0.2 0.12 0.15 INCHES 0.712 MAX. 0.031 MAX. 0.050 (T.P.) 0.016+0.004 -0.003 0.004 0.004 0.115 MAX. 0.098 0.406+0.012 -0.013 0.283 0.063 0.006+0.004 -0.002 0.031 -0.008 0.005 0.006
+0.009
23
PD17P218
28 PIN PLASTIC SHRINK DIP (400 mil)
28 15
1 A
14
K I L J
G
H
F D N
M
C
B
M
R
NOTES 1) Each lead centerline is located within 0.17 mm (0.007 inch) of its true position (T.P.) at maximum material condition. 2) Item "K" to center of leads when formed parallel.
ITEM A B C D F G H I J K L M N R MILLIMETERS 28.46 MAX. 2.67 MAX. 1.778 (T.P.) 0.500.10 0.85 MIN. 3.20.3 0.51 MIN. 4.31 MAX. 5.08 MAX. 10.16 (T.P.) 8.6 0.25 +0.10 -0.05 0.17 0 15 INCHES 1.121 MAX. 0.106 MAX. 0.070 (T.P.) 0.020 +0.004 -0.005 0.033 MIN. 0.1260.012 0.020 MIN. 0.170 MAX. 0.200 MAX. 0.400 (T.P.) 0.339 0.010 +0.004 -0.003 0.007 0 15 S28C-70-400B-1
24
PD17P218
6. RECOMMENDED SOLDERING CONDITIONS
For the PD17P218, soldering must be performed under the following conditions. For details of recommended conditions for surface mounting, refer to information document "Semiconductor device mounting technology manual" (IEI-1207). For other soldering methods, please consult with NEC sales personnel. 5
Table 6-1 Soldering Conditions of Surface-Mount Type
PD17P218GT: 28-pin plastic SOP (375 mil)
Soldering Method Soldering Conditions Package peak temperature: 230 C, Time: 30 seconds max. (more than 210 C), Number of soldering operations: 1, Maximum number of days: 3 days Note (Afterwards, 20 hours prebaking at 125 C is required) Pin temperature: 300 C max., Time: 3 seconds max. (per side) Recommended Conditions Reference Code
Infrared Reflow
IR30-203-1
Pin Partial Heating
--
Note: This means the number of days after unpacking the dry pack. Storage conditions are 25 C and 65 % RH max. Caution: Do not use one soldering method in combination with another. (However, pin partial heating can be performed with other soldering methods.)
Table 6-2 Soldering Conditions of Through-Hole Type
PD17P218CT: 28-pin plastic shrink DIP (400 mil)
Soldering Method Wave Soldering (Only for lead part) Pin Partial Heating Soldering Conditions Solder bath temperature: 260 C max., Time: 10 seconds max. Pin temperature: 300 C max., Time: 10 seconds max.
Caution:
The wave soldering must be performed at the lead part only. Note that the solder must not be directly contacted to the package body.
25
PD17P218
5
APPENDIX A.
Item ROM Capacity
FUNCTION OF PD17215 SUB-SERIES PRODUCTS
Product
PD17215
PD17216
PD17217
PD17218
PD17P218
4K bytes (2048 x 16) 8K bytes (4096 x 16) 12K bytes (6144 x 16) 16K bytes (8192 x 16) 16K bytes (8192 x 16) (mask ROM) (mask ROM) (mask ROM) (mask ROM) (one-time PROM) 111 x 4 bits 223 x 4 bits Provided (without LED output) 20 1 (rising-edge, falling-edge detection)
2 channels 8-bit modulo timer : 1 channel Basic interval timer: 1 channel
RAM Capacity Infrared Remote Controller Carrier Generator Circuit (REM) Number of I/O Ports External Interrupt (INT) Timer
Watchdog Timer Low-Voltage Detector Circuit Note Serial Interface Stack Instruction Execution Time Operation of P0C and P0D in Standby Mode Operating Voltage Range Standby Function Package
Provided (WDOUT output) Provided (WDOUT output) None 5 levels (3 levels of multiplexed interrupts) 2 s (8-MHz ceramic oscillator: high-speed mode) 4 s (4-MHz ceramic oscillator: high-speed mode) 16 s (1-MHz ceramic oscillator: high-speed mode) Retain output level immediately before standby mode 2.2 to 5.5 V (4 MHz, high-speed mode) STOP mode, HALT mode 28-pin plastic SOP (375 mil) 28-pin plastic shrink DIP (400 mil)
Note : Although the circuit configuration of the low-voltage detection circuit is identical, its electrical specifications differ depending on the product.
26
PD17P218
APPENDIX B. DEVELOPMENT TOOLS
5
To develop the programs for the PD17P218, the following development tools are available: Hardware
Name In-Circuit Emulator Remarks IE-17K, IE-17K-ET, and EMU-17K are the in-circuit emulators used in common with the 17K series microcomputer. IE-17K and IE-17K-ET are connected to a PC-9800 series or IBM PC/ATTM as the host machine with RS-232C. EMU-17K is inserted into the expansion slot of a PC-9800 series. By using these in-circuit emulators with a system evaluation board corresponding to the microcomputer, the emulators can emulate the microcomputer. A higher level debugging environment can be provided by using man-machine interface SIMPLEHOSTTM. EMU-17K also has a function by which you can check the contents of data memory realtime. This is an SE board for PD17215 sub-series. It can be used alone to evaluate a system or in combination with an in-circuit emulator for debugging. EP-17K28CT is an emulation probe for 17K series 28-pin shrink DIP (400mil).
IE-17K, IE-17K-ET Note 1, EMU-17K Note 2
SE Board (SE-17215) Emulation Probe (EP-17K28CT) Emulation Probe (EP-17K28GT) Conversion Adapter (EV-9500GT-28 Note 3) PROM Programmer (AF-9703 Note 4, AF-9704 Note 4, 5, AF-9706 Note 4) Program Adapter (AF-9808JNote 4, AF-9808H Note 4)
EP-17K28GT is an emulation probe for 17K series 28-pin SOP (375 mil). When used with EV-9500GT-28 Note 3, it connects an SE board to the target system. EV-9500GT-28 is a conversion adapter for 28-pin SOP (375 mil) and is used to connect EP-17K28GT to the target system. AF-9703, AF-9704, and AF-9706 are PROM programmers corresponding to PD17P218. By connecting program adapter AF-9808J or AF-9808H to this PROM programmer, PD17P218 can be programmed. AF-9808J and AF-9808H are adapters that is used to program PD17P218CT and PD17P218GT respectively, and is used in combination with AF-9703, AF-9704, or AF-9706.
Note 1: Low-cost model: External power supply type 2: This is a product from IC Corp. For details, consult IC Corp. 3: Two EV-9500GT-28s are supplied with the EP-17K28GT. Five EV-9500GT-28s are optionally available as a set. 4: These are products from Ando Electric. For details, consult Ando Electric. 5: Maintenance product (This is no longer produced.)
27
PD17P218
Software
Name Outline Host Machine OS Media Supply 5" 2HD PC-9800 series MS-DOS
TM
Order Code
17K Series Assembler (AS17K)
AS17K is an assembler that can be used in common with the 17K series products. When developing the program of the PD17P218, AS17K is used in combination with a device file (AS17215, AS17216, AS17217, or AS17218).
S5A10AS17K S5A13AS17K S7B10AS17K S7B13AS17K
S5A10AS17215 Note S5A13AS17215 Note S7B10AS17215 Note S7B13AS17215 Note
3.5" 2HD
5" 2HC IBM PC/AT PC DOS
TM
3.5" 2HC
5" 2HD Device File AS17215 AS17216 AS17217 AS17218 AS17215, AS17216, AS17217, and AS17218 are device files for PD17215, 17216, 17217, and 17218 respectirely, and are used in combination with an assembler for the 17K series (AS17K). PC-9800 series MS-DOS 3.5" 2HD
5" 2HC IBM PC/AT PC DOS 3.5" 2HC
5" 2HD SIMPLEHOST is a software package that enables manmachine interface on the WindowsTM when a program is developed by using an incircuit emulator and a personal computer. PC-9800 series MS-DOS 3.5" 2HD Windows 5" 2HC IBM PC/AT PC DOS 3.5" 2HC
S5A10IE17K S5A13IE17K S7B10IE17K S7B13IE17K
Support Software (SIMPLEHOST)
Note: SxxxxAS17215 includes AS17215, AS17216, AS17217, and AS17218. Remarks: The corresponding OS versions are as follows:
OS MS-DOS PC DOS Windows Ver. 3.30 to Ver. 5.00A Version
Note
Ver. 3.1 to Ver. 5.0 Note Ver. 3.0 to Ver. 3.1
Note: Ver. 5.00/5.00A of MS-DOS and Ver. 5.0 of PC DOS have a task swap function, but this function cannot be used with this software.
28
PD17P218
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be Semiconductor adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it.
2 HANDLING OF UNUSED INPUT PINS FOR CMOS
Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices.
3 STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
29
PD17P218
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. The devices listed in this document are not suitable for use in aerospace equipment, submarine cables, nuclear reactor control systems and life support systems. If customers intend to use NEC devices for above applications or they intend to use "Standard" quality grade NEC devices for applications not intended by NEC, please contact our sales people in advance. Application examples recommended by NEC Corporation Standard: Computer, Office equipment, Communication equipment, Test and Measurement equipment, Machine tools, Industrial robots, Audio and Visual equipment, Other consumer products, etc. Special: Automotive and Transportation equipment, Traffic control systems, Antidisaster systems, Anticrime systems, etc.
M4 92.6
SIMPLEHOST is a trademark of NEC Corporation. MS-DOS and Windows are trademarks of Microsoft Corporation. PC/AT and PC DOS are trademarks of IBM Corporation.


▲Up To Search▲   

 
Price & Availability of UPD17P218

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X