Part Number Hot Search : 
HCT00 CXA35 RT2515A HEM385B PKD43A C03GV GS6B60KD SI531
Product Description
Full Text Search
 

To Download UPA810TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
NPN SILICON RF TWIN TRANSISTOR
PA810TC
NPN SILICON EPITAXIAL TRANSISTOR (WITH BUILT-IN 2 x 2SC5006) FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
DESCRIPTION
The PA810TC has built-in low-voltage two transistors which are designed to amplify low noise in the VHF band to the UHF band.
FEATURES
* Low noise: NF = 1.2 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA * High gain: |S21e|2 = 9.0 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA * Flat-lead 6-pin thin-type ultra super minimold * Built-in 2 transistors (2 x 2SC5006)
ORDERING INFORMATION
Part Number Package Flat-lead 6-pin thin-type ultra super minimold Quantity Loose products (50 pcs) Supplying Form Embossed tape 8 mm wide. Pin 6 (Q1 Base), Pin 5 (Q1 Emitter), Pin 4 (Q2 Emitter) face to perforation side of the tape.
PA810TC
PA810TC-T1
Taping products (3 kp/reel)
Remark To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
PA810TC. Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = +25C)
Parameter Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Symbol VCBO VCEO VEBO IC PTNote Ratings 20 12 3 100 200 in 1 element 230 in 2 elements 150 -65 to +150 Unit V V V mA mW
Junction Temperature Storage Temperature
Tj Tstg
C C
Note
Mounted on 1.08 cm2 x 1.0 mm glass epoxy substrate. Caution Electro-static sensitive devices
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. P14550EJ1V0DS00 (1st edition) Date Published November 1999 N CP(K) Printed in Japan
(c)
1999
PA810TC
ELECTRICAL CHARACTERISTICS (TA = +25 C)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Feedback Capacitance Insertion Power Gain Noise Figure Symbol ICBO IEBO hFE fT Cre |S21e|2 NF Conditions VCB = 10 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 7 mANote 1 VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 3 V, IE = 0, f = 1 MHzNote 2 MIN. - - 70 3.0 - 7.0 - TYP. - - - 4.5 0.7 9.0 1.2 MAX. 1.0 1.0 140 - 1.5 - 2.5 GHz pF dB dB Unit
A A
VCE = 3 V, IC = 7 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz
Notes 1. Pulse Measurement: PW 350 s, Duty Cycle 2 % 2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank Marking hFE Value FB 75 70 to 140
2
Data Sheet P14550EJ1V0DS00
PA810TC
TYPICAL CHARACTERISTICS (TA = +25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 230 200 2 Elements in total Free Air
Collector Current IC (mA)
COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE 20 VCE = 3 V
Total Power Dissipation PT (mW)
Per Element
10
100
0
0
50
100
150
0
0
0.5 Base to Emitter Voltage VBE (V) DC CURRENT GAIN vs. COLLECTOR CURRENT
1.0
Ambient Temperature TA (C) COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE 25 1 000
VCE = 3 V
Collector Current IC (mA)
20 IB = 160 A 15 IB = 140 A IB = 120 A 10 IB = 100 A IB = 80 A 5 IB = 60 A IB = 40 A IB = 20 A 0 1 2 3 4 5 6 Collector to Emitter Voltage VCE (V) GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 6.00 14.00
Insertion Power Gain S21e2 (dB) DC Current Gain hFE
100
0
10 0.1
1
10
100
Collector Current IC (mA) INSERTION POWER GAIN vs. COLLECTOR CURRENT VCE = 3 V f = 1 GHz
Gain Bandwidth Product fT (GHz)
5.00 4.00 3.00 2.00 1.00 0.00
VCE = 3 V f = 1 GHz
12.00 10.00 8.00 6.00 4.00 2.00
1
10 Collector Current IC (mA)
100
1
10 Collector Current IC (mA)
100
Data Sheet P14550EJ1V0DS00
3
PA810TC
NOISE FIGURE vs. COLLECTOR CURRENT 6.00 5.00
Noise Figure NF (dB) Insertion Power Gain S21e2 (dB)
INSERTION POWER GAIN vs. FREQUENCY 25.0 VCE = 3 V IC = 7 mA 20.0
VCE = 3 V f = 1 GHz
4.00 3.00 2.00 1.00 0.00
15.0
10.0
5.0
1
10 Collector Current IC (mA) FEEDBACK CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE
100
0.0 0.1
1.0 Frequency f (GHz)
10.0
0.900
Feedback Capacitance Cre (pF)
0.800 0.700 0.600 0.500 0.400 0.300 0.200 0.100 0.000 1 10
f = 1 MHz
100
Collector to Base Voltage VCB (V)
4
Data Sheet P14550EJ1V0DS00
PA810TC
S-PARAMETERS Q1
VCE = 3 V, IC = 1 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.949 0.916 0.883 0.835 0.808 0.774 0.764 0.748 0.738 0.729 0.733 0.727 0.733 0.732 0.737 0.739 0.744 0.746 0.752 0.752 0.758 0.759 0.767 0.768 0.770 0.775 0.779 0.779 0.782 0.791 ANG. -30.7 -58.0 -82.5 -106.7 -127.0 -146.3 -163.4 -179.2 165.9 152.0 138.9 126.4 115.0 103.2 92.6 81.7 71.5 61.4 51.8 42.2 32.8 23.8 15.0 6.0 -2.3 -11.0 -19.0 -26.7 -34.4 -42.1 MAG. 3.885 3.492 3.150 2.819 2.566 2.282 2.074 1.892 1.730 1.607 1.490 1.394 1.307 1.230 1.162 1.105 1.048 1.003 0.955 0.910 0.871 0.832 0.802 0.768 0.740 0.711 0.691 0.667 0.649 0.616 S21 ANG. 156.9 136.7 118.8 101.2 85.6 71.3 57.7 45.6 33.6 22.3 11.4 0.7 -9.2 -19.5 -29.1 -38.6 -48.0 -57.5 -66.2 -75.1 -83.6 -92.5 -100.4 -108.8 -116.5 -124.6 -132.1 -139.8 -147.6 -155.5 MAG. 0.056 0.077 0.107 0.126 0.135 0.145 0.155 0.153 0.151 0.150 0.146 0.140 0.134 0.129 0.126 0.116 0.116 0.110 0.108 0.108 0.111 0.112 0.120 0.132 0.144 0.161 0.178 0.196 0.207 0.216 S12 ANG. 46.5 53.1 35.9 22.2 7.8 -2.5 -13.9 -24.1 -31.6 -39.8 -48.3 -54.3 -59.8 -65.4 -71.9 -75.3 -77.5 -79.5 -81.9 -81.8 -83.7 -82.2 -83.3 -84.4 -88.2 -92.7 -97.7 -105.0 -113.2 -122.8 MAG. 0.990 0.942 0.897 0.838 0.786 0.747 0.713 0.684 0.662 0.643 0.625 0.615 0.603 0.595 0.583 0.576 0.570 0.565 0.561 0.555 0.549 0.545 0.539 0.537 0.528 0.522 0.515 0.505 0.488 0.482 S22 ANG. -13.3 -26.2 -38.0 -48.3 -57.4 -65.9 -73.9 -82.4 -89.9 -97.9 -106.2 -114.4 -122.7 -131.0 -139.8 -148.3 -157.5 -167.0 -176.6 174.3 164.4 153.7 143.2 132.7 121.7 110.5 99.2 88.0 77.9 69.4
VCE = 3 V, IC = 3 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.872 0.789 0.735 0.686 0.660 0.636 0.625 0.623 0.617 0.616 0.618 0.614 0.625 0.629 0.634 0.639 0.645 0.651 0.656 0.661 0.668 0.672 0.678 0.683 0.691 0.698 0.701 0.714 0.722 0.736 ANG. -40.4 -76.2 -105.5 -131.0 -150.8 -169.3 175.0 160.9 147.7 135.7 123.9 112.8 102.4 92.2 82.5 72.6 63.5 54.2 45.4 36.5 27.8 19.8 11.3 2.9 -4.7 -12.4 -19.9 -27.6 -34.9 -42.3 MAG. 9.566 8.034 6.761 5.671 4.890 4.198 3.707 3.325 2.991 2.731 2.513 2.324 2.169 2.035 1.912 1.805 1.711 1.621 1.545 1.471 1.409 1.348 1.297 1.243 1.202 1.158 1.111 1.067 1.026 0.983 S21 ANG. 149.6 126.3 107.1 90.2 75.8 62.8 51.3 40.2 29.8 19.5 9.7 0.2 -9.2 -18.3 -27.3 -36.6 -45.3 -54.3 -62.8 -71.5 -79.8 -88.5 -96.7 -105.0 -113.1 -121.3 -129.3 -137.7 -145.4 -152.9 MAG. 0.049 0.068 0.082 0.091 0.098 0.106 0.107 0.110 0.112 0.111 0.114 0.119 0.119 0.120 0.124 0.128 0.132 0.139 0.145 0.153 0.156 0.163 0.172 0.183 0.194 0.208 0.218 0.231 0.233 0.234 S12 ANG. 43.5 46.8 32.8 19.2 9.2 1.4 -7.9 -13.8 -19.4 -24.1 -28.5 -33.8 -37.1 -42.1 -45.3 -50.3 -54.1 -58.5 -62.5 -66.8 -72.1 -75.8 -81.3 -86.4 -92.4 -98.4 -104.9 -113.3 -121.0 -129.9 MAG. 0.952 0.832 0.722 0.630 0.562 0.512 0.476 0.443 0.421 0.400 0.382 0.372 0.359 0.347 0.340 0.329 0.320 0.314 0.309 0.297 0.293 0.286 0.276 0.274 0.268 0.263 0.258 0.255 0.248 0.261 S22 ANG. -20.7 -38.1 -50.9 -61.6 -69.7 -77.2 -83.7 -90.7 -97.9 -104.5 -112.5 -120.0 -127.7 -135.5 -144.2 -151.8 -161.2 -169.5 -179.4 172.1 162.5 152.4 141.0 130.8 119.4 107.8 96.8 86.6 77.8 69.1
Data Sheet P14550EJ1V0DS00
5
PA810TC
VCE = 3 V, IC = 5 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.788 0.712 0.649 0.610 0.596 0.582 0.571 0.570 0.568 0.574 0.577 0.579 0.588 0.586 0.596 0.603 0.609 0.615 0.623 0.626 0.633 0.638 0.648 0.654 0.655 0.666 0.669 0.682 0.696 0.715 ANG. -51.6 -90.1 -120.7 -144.4 -164.3 179.5 164.9 151.3 139.2 127.9 117.2 106.4 96.9 86.9 77.7 68.5 59.8 50.9 42.4 33.8 25.4 17.4 9.5 1.5 -6.1 -13.8 -20.8 -28.3 -35.4 -42.9 MAG. 13.755 10.866 8.673 7.054 5.936 5.078 4.415 3.924 3.531 3.199 2.937 2.708 2.523 2.353 2.210 2.079 1.974 1.872 1.779 1.692 1.621 1.548 1.490 1.431 1.375 1.324 1.280 1.225 1.176 1.128 S21 ANG. 144.7 119.6 100.1 84.3 70.7 58.8 48.0 37.5 27.5 17.9 8.5 -0.8 -9.8 -18.5 -27.5 -36.1 -44.6 -53.3 -61.8 -70.3 -78.7 -87.2 -95.1 -103.4 -111.0 -119.4 -127.2 -135.5 -143.2 -150.7 MAG. 0.031 0.064 0.068 0.078 0.082 0.090 0.094 0.098 0.099 0.105 0.113 0.118 0.120 0.127 0.131 0.139 0.148 0.154 0.160 0.169 0.176 0.184 0.192 0.203 0.212 0.223 0.237 0.244 0.250 0.246 S12 ANG. 52.4 46.6 30.2 18.2 12.2 7.5 -1.4 -6.1 -8.2 -13.6 -18.5 -24.0 -28.6 -32.8 -37.1 -43.3 -47.0 -51.8 -58.6 -63.8 -69.2 -75.2 -80.7 -86.9 -93.4 -99.8 -106.9 -115.0 -123.5 -131.7 MAG. 0.911 0.739 0.607 0.514 0.442 0.397 0.361 0.335 0.314 0.295 0.280 0.265 0.258 0.246 0.237 0.225 0.219 0.210 0.202 0.196 0.188 0.181 0.176 0.171 0.168 0.164 0.165 0.164 0.161 0.178 S22 ANG. -26.2 -46.1 -59.3 -68.4 -76.0 -83.4 -89.4 -95.7 -103.5 -110.0 -117.1 -124.0 -132.1 -140.0 -148.1 -156.5 -166.4 -174.6 175.3 165.5 155.2 144.2 132.7 120.5 108.1 96.2 84.0 73.7 65.2 56.6
VCE = 3 V, IC = 7 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.719 0.635 0.579 0.563 0.545 0.538 0.540 0.539 0.543 0.546 0.551 0.554 0.561 0.564 0.575 0.582 0.588 0.594 0.602 0.607 0.616 0.619 0.629 0.633 0.639 0.649 0.659 0.671 0.698 0.717 ANG. -60.9 -105.8 -134.7 -158.0 -176.3 169.1 155.1 143.2 132.1 121.6 111.1 101.4 92.5 82.9 74.1 65.2 56.9 48.4 40.2 31.9 23.6 16.0 8.2 0.4 -7.0 -13.9 -21.1 -27.8 -35.2 -43.2 MAG. 18.194 13.362 10.199 8.075 6.672 5.657 4.904 4.348 3.880 3.520 3.225 2.972 2.759 2.577 2.415 2.267 2.155 2.024 1.940 1.838 1.762 1.681 1.616 1.551 1.488 1.434 1.380 1.315 1.262 1.217 S21 ANG. 138.9 112.4 94.0 79.1 66.7 55.5 44.9 35.3 25.6 16.5 7.3 -1.7 -10.2 -18.8 -27.7 -36.4 -44.4 -53.2 -61.3 -69.7 -77.8 -86.2 -94.2 -102.3 -110.1 -118.6 -126.1 -134.1 -141.5 -148.4 MAG. 0.045 0.051 0.062 0.068 0.074 0.077 0.081 0.087 0.097 0.105 0.110 0.119 0.123 0.132 0.139 0.148 0.159 0.164 0.174 0.182 0.188 0.200 0.207 0.221 0.230 0.242 0.255 0.255 0.255 0.243 S12 ANG. 46.4 45.0 30.2 23.4 18.5 13.1 9.9 3.7 -2.0 -5.3 -10.2 -15.8 -20.9 -26.3 -31.9 -37.4 -43.3 -48.3 -55.2 -60.5 -67.2 -73.3 -79.5 -86.2 -93.3 -99.8 -108.1 -116.9 -126.0 -132.8 MAG. 0.866 0.637 0.504 0.414 0.342 0.312 0.279 0.254 0.235 0.220 0.207 0.195 0.184 0.171 0.163 0.154 0.145 0.139 0.134 0.125 0.117 0.111 0.110 0.107 0.105 0.109 0.105 0.105 0.111 0.137 S22 ANG. -32.7 -52.7 -65.7 -74.9 -81.1 -87.7 -93.2 -99.6 -106.7 -113.3 -121.0 -127.3 -136.1 -144.6 -153.3 -163.5 -171.9 178.9 166.8 155.6 145.2 129.8 115.2 100.7 86.1 73.3 59.7 52.2 46.6 40.2
6
Data Sheet P14550EJ1V0DS00
PA810TC
S-PARAMETERS Q2
VCE = 3 V, IC = 1 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.725 0.618 0.554 0.510 0.488 0.475 0.471 0.470 0.467 0.467 0.470 0.471 0.473 0.473 0.480 0.481 0.482 0.488 0.489 0.493 0.497 0.500 0.505 0.505 0.507 0.517 0.518 0.519 0.521 0.524 ANG. -58.0 -99.7 -128.8 -153.2 -170.9 173.4 160.2 147.1 135.4 123.9 113.7 103.3 94.2 84.3 75.2 66.0 57.5 48.5 40.0 31.3 22.7 15.0 6.7 -1.6 -9.7 -17.6 -25.6 -33.5 -41.5 -48.6 MAG. 15.087 11.136 8.515 6.744 5.601 4.751 4.115 3.661 3.277 2.985 2.742 2.536 2.365 2.223 2.088 1.984 1.885 1.796 1.731 1.655 1.598 1.537 1.492 1.443 1.400 1.360 1.328 1.291 1.267 1.232 S21 ANG. 138.9 112.1 93.3 78.1 65.6 53.8 43.5 33.4 23.6 14.3 5.1 -4.0 -12.6 -21.2 -30.0 -38.4 -46.8 -55.1 -63.2 -71.6 -79.6 -87.8 -95.5 -103.5 -111.1 -119.4 -126.7 -134.2 -142.0 -149.3 MAG. 0.039 0.066 0.077 0.088 0.091 0.106 0.111 0.121 0.130 0.139 0.151 0.161 0.170 0.181 0.193 0.204 0.217 0.228 0.241 0.252 0.263 0.276 0.288 0.302 0.315 0.327 0.343 0.356 0.370 0.382 S12 ANG. 60.2 41.7 31.6 26.7 20.7 17.7 10.9 5.4 2.8 -2.9 -8.4 -13.3 -18.5 -23.8 -30.2 -36.0 -40.7 -47.3 -54.0 -59.7 -66.2 -72.5 -78.6 -85.2 -91.6 -98.1 -104.6 -111.8 -118.3 -125.4 MAG. 0.850 0.645 0.508 0.421 0.353 0.315 0.288 0.264 0.246 0.233 0.219 0.214 0.207 0.199 0.195 0.189 0.188 0.180 0.179 0.174 0.168 0.166 0.162 0.158 0.156 0.156 0.155 0.154 0.156 0.159 S22 ANG. -34.1 -54.8 -68.5 -78.2 -85.5 -92.7 -99.7 -106.4 -113.4 -119.4 -127.6 -134.2 -141.5 -148.8 -157.4 -165.8 -174.4 178.2 168.5 160.1 150.8 141.5 130.8 121.2 110.8 99.5 88.5 78.5 67.3 57.6
VCE = 3 V, IC = 3 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.853 0.773 0.695 0.628 0.602 0.576 0.557 0.552 0.545 0.543 0.542 0.540 0.543 0.546 0.550 0.549 0.553 0.557 0.559 0.561 0.568 0.567 0.571 0.572 0.576 0.584 0.586 0.587 0.587 0.590 ANG. -42.4 -78.7 -108.6 -131.6 -152.3 -170.1 174.3 160.2 146.8 134.7 123.0 112.4 101.4 90.9 81.2 71.4 62.2 52.5 43.3 33.9 25.6 16.6 7.9 -0.6 -9.2 -17.7 -26.1 -34.2 -42.4 -50.4 MAG. 8.913 7.359 6.081 5.025 4.325 3.701 3.257 2.905 2.630 2.402 2.215 2.060 1.913 1.806 1.704 1.612 1.538 1.470 1.412 1.360 1.303 1.258 1.217 1.178 1.145 1.117 1.082 1.056 1.033 1.010 S21 ANG. 147.9 123.2 103.3 86.5 72.0 59.2 47.4 36.5 25.8 15.8 5.9 -3.5 -12.8 -21.9 -31.1 -39.5 -48.1 -57.0 -65.0 -73.7 -81.5 -90.1 -97.8 -105.9 -113.6 -121.5 -129.0 -136.8 -143.9 -151.3 MAG. 0.049 0.083 0.092 0.108 0.112 0.119 0.122 0.127 0.132 0.132 0.138 0.145 0.152 0.157 0.164 0.171 0.182 0.190 0.203 0.213 0.224 0.240 0.253 0.266 0.282 0.298 0.315 0.331 0.344 0.361 S12 ANG. 45.5 44.9 28.0 18.0 11.4 4.5 -1.9 -7.8 -10.4 -15.8 -21.5 -25.2 -28.7 -32.4 -35.8 -40.8 -44.9 -49.6 -54.3 -59.6 -65.0 -70.3 -75.8 -81.6 -87.6 -93.7 -99.8 -106.5 -113.0 -119.5 MAG. 0.949 0.796 0.684 0.593 0.523 0.478 0.442 0.416 0.399 0.380 0.368 0.354 0.352 0.347 0.339 0.335 0.332 0.326 0.325 0.320 0.315 0.313 0.308 0.308 0.304 0.303 0.301 0.303 0.299 0.303 S22 ANG. -24.5 -41.9 -55.5 -66.5 -74.4 -82.8 -90.0 -96.9 -104.3 -111.5 -119.3 -126.1 -134.4 -141.5 -149.8 -158.0 -166.2 -174.5 176.3 168.1 158.9 149.6 140.2 130.6 120.5 110.5 100.7 90.7 80.1 70.4
Data Sheet P14550EJ1V0DS00
7
PA810TC
VCE = 3 V, IC = 5 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.798 0.688 0.613 0.555 0.532 0.516 0.500 0.499 0.493 0.493 0.493 0.493 0.497 0.496 0.503 0.506 0.508 0.511 0.513 0.515 0.521 0.524 0.526 0.531 0.533 0.540 0.538 0.544 0.542 0.544 ANG. -51.1 -90.5 -120.7 -143.7 -163.5 -179.9 165.1 152.4 139.9 128.6 117.5 107.3 97.2 87.3 77.9 68.4 59.5 50.4 41.8 32.7 24.3 16.2 7.8 -0.6 -9.1 -17.5 -25.1 -32.9 -40.8 -48.3 MAG. 12.419 9.685 7.637 6.155 5.148 4.399 3.832 3.399 3.066 2.784 2.564 2.377 2.217 2.078 1.966 1.856 1.767 1.687 1.623 1.555 1.494 1.445 1.403 1.360 1.316 1.277 1.242 1.213 1.191 1.160 S21 ANG. 143.0 116.7 97.3 81.4 68.0 55.8 45.1 34.6 24.7 15.0 5.5 -3.6 -12.5 -21.3 -30.1 -38.9 -47.3 -55.7 -63.9 -72.2 -80.2 -88.4 -96.4 -104.5 -112.2 -120.0 -127.7 -135.4 -142.8 -150.1 MAG. 0.039 0.071 0.085 0.090 0.101 0.107 0.110 0.120 0.129 0.137 0.144 0.153 0.160 0.172 0.184 0.194 0.205 0.215 0.227 0.240 0.252 0.264 0.276 0.291 0.302 0.316 0.332 0.347 0.359 0.374 S12 ANG. 25.4 43.1 31.9 22.0 13.3 12.7 4.9 1.9 -0.9 -6.9 -12.8 -16.6 -22.6 -26.7 -32.2 -37.7 -42.8 -48.0 -54.0 -59.5 -66.1 -71.7 -77.8 -83.9 -90.4 -96.3 -103.0 -110.0 -116.6 -123.5 MAG. 0.905 0.711 0.582 0.482 0.418 0.377 0.340 0.317 0.296 0.283 0.272 0.263 0.256 0.248 0.244 0.238 0.237 0.232 0.223 0.221 0.217 0.213 0.211 0.207 0.205 0.203 0.202 0.204 0.201 0.204 S22 ANG. -31.1 -49.4 -64.1 -74.2 -82.1 -88.9 -96.0 -103.5 -109.2 -116.5 -124.5 -130.3 -138.4 -146.0 -153.7 -162.0 -171.0 -178.4 172.4 163.5 155.7 145.7 135.9 126.3 115.9 105.5 95.6 84.8 74.2 64.2
VCE = 3 V, IC = 7 mA
FREQUENCY GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 S11 MAG. 0.725 0.618 0.554 0.510 0.488 0.475 0.471 0.470 0.467 0.467 0.470 0.471 0.473 0.473 0.480 0.481 0.482 0.488 0.489 0.493 0.497 0.500 0.505 0.505 0.507 0.517 0.518 0.519 0.521 0.524 ANG. -58.0 -99.7 -128.8 -153.2 -170.9 173.4 160.2 147.1 135.4 123.9 113.7 103.3 94.2 84.3 75.2 66.0 57.5 48.5 40.0 31.3 22.7 15.0 6.7 -1.6 -9.7 -17.6 -25.6 -33.5 -41.5 -48.6 MAG. 15.087 11.136 8.515 6.744 5.601 4.751 4.115 3.661 3.277 2.985 2.742 2.536 2.365 2.223 2.088 1.984 1.885 1.796 1.731 1.655 1.598 1.537 1.492 1.443 1.400 1.360 1.328 1.291 1.267 1.232 S21 ANG. 138.9 112.1 93.3 78.1 65.6 53.8 43.5 33.4 23.6 14.3 5.1 -4.0 -12.6 -21.2 -30.0 -38.4 -46.8 -55.1 -63.2 -71.6 -79.6 -87.8 -95.5 -103.5 -111.1 -119.4 -126.7 -134.2 -142.0 -149.3 MAG. 0.039 0.066 0.077 0.088 0.091 0.106 0.111 0.121 0.130 0.139 0.151 0.161 0.170 0.181 0.193 0.204 0.217 0.228 0.241 0.252 0.263 0.276 0.288 0.302 0.315 0.327 0.343 0.356 0.370 0.382 S12 ANG. 60.2 41.7 31.6 26.7 20.7 17.7 10.9 5.4 2.8 -2.9 -8.4 -13.3 -18.5 -23.8 -30.2 -36.0 -40.7 -47.3 -54.0 -59.7 -66.2 -72.5 -78.6 -85.2 -91.6 -98.1 -104.6 -111.8 -118.3 -125.4 MAG. 0.850 0.645 0.508 0.421 0.353 0.315 0.288 0.264 0.246 0.233 0.219 0.214 0.207 0.199 0.195 0.189 0.188 0.180 0.179 0.174 0.168 0.166 0.162 0.158 0.156 0.156 0.155 0.154 0.156 0.159 S22 ANG. -34.1 -54.8 -68.5 -78.2 -85.5 -92.7 -99.7 -106.4 -113.4 -119.4 -127.6 -134.2 -141.5 -148.8 -157.4 -165.8 -174.4 178.2 168.5 160.1 150.8 141.5 130.8 121.2 110.8 99.5 88.5 78.5 67.3 57.6
8
Data Sheet P14550EJ1V0DS00
PA810TC
PACKAGE DIMENSIONS
FLAT-LEAD 6 PIN THIN-TYPE ULTRA SUPER MINIMOLD (UNIT: mm)
(Top View) B1
1.500.1 1.100.1 0.20 +0.1 -0.05
E1 5
E2 4 Q2
6
Q1 1 2
1
0.48 0.48
1.500.1
6
75
0.96
2
3
4
5
3
C1
0.550.05
B2
C2
PIN CONNECTIONS 1. Collector (Q1) 2. Base (Q2) 3. Collector (Q2)
0.11 +0.1 -0.05
4. Emitter (Q2) 5. Emitter (Q1) 6. Base (Q1)
Data Sheet P14550EJ1V0DS00
9
PA810TC
[MEMO]
10
Data Sheet P14550EJ1V0DS00
PA810TC
[MEMO]
Data Sheet P14550EJ1V0DS00
11
PA810TC
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98.8


▲Up To Search▲   

 
Price & Availability of UPA810TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X