Part Number Hot Search : 
HN1D03F LB1263AR AT91SA 74HC244A P6KE33 M61509FP BCF81 13007
Product Description
Full Text Search
 

To Download TPC8113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC8113
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPC8113
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
* * * * * Small footprint due to small and thin package Low drain-source ON resistance: RDS (ON) = 8 m (typ.) High forward transfer admittance: |Yfs| = 23 S (typ.) Low leakage current: IDSS = -10 A (max) (VDS = -30 V) Enhancement-mode: Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1 mA) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR EAR Tch Tstg Rating -30 -30 20 -11 -44 1.9 1.0 31.5 -11 0.19 150 -55 to 150 Unit V V V A
Pulse (Note 1)
JEDEC
W W mJ A mJ C C
2-6J1B
Drain power dissipation (t = 10 s) (Note 2a) Drain power dissipation (t = 10 s) (Note 2b) Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Note 2a) (Note 4) Channel temperature Storage temperature range
JEITA TOSHIBA
Weight: 0.080 g (typ.)
Circuit Configuration
8 7 6 5
Note 1, Note 2, Note 3 and Note 4: See the next page. This transistor is an electrostatic-sensitive device. Please handle with caution.
1 2 3 4
1
2004-07-06
TPC8113
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (Note 2a) (t = 10 s) Thermal resistance, channel to ambient (Note 2b) (t = 10 s) Symbol Rth (ch-a) Rth (ch-a) Max 65.8 125 Unit C/W C/W
Marking (Note 5)
TPC8113
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Note 1: Ensure that the channel temperature does not exceed 150C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
(a)
(b)
Note 3: VDD = -24 V, Tch = 25C (initial), L = 0.2 mH, RG = 25 , IAR = -11 A Note 4: Repetitive rating: pulse width limited by maximum channel temperature Note 5: * on lower left of the marking indicates Pin 1. Weekly code: (Three digits)
Week of manufacture (01 for the first week of a year: sequential number up to 52 or 53) Year of manufacture (The last digit of a year)
2
2004-07-06
TPC8113
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-ON time Switching time Fall time Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("miller") charge tf toff Qg Qgs1 Qgd Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton 0V VGS -10 V ID = -5.5 A VOUT VDS = -10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = -30 V, VGS = 0 V ID = -10 mA, VGS = 0 V ID = -10 mA, VGS = 20 V VDS = -10 V, ID = -1 mA VGS = -4 V, ID = -5.5 A VGS = -10 V, ID = -5.5 A VDS = -10 V, ID = -5.5 A Min Typ. Max Unit
-30 -15 -0.8
11

12 8 23 4500 540 650 6 13 120 340 107 12 20
10 -10 -2.0
18 10
A A
V V m S


VDD -24 V, VGS = -10 V, - ID = -11 A
pF
RL = 2.7
4.7
ns

nC
VDD -15 V - Duty < 1%, tw = 10 s =

Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition Min Typ. Max Unit A V
IDR = -11 A, VGS = 0 V


-44
1.2
3
2004-07-06
TPC8113
ID - VDS
-10 -10 -5 -3 -4 -2.5 -2.4 -2.3 -6 -2.2 -4 -2.1 -2 VGS = -2 V Common source Ta = 25C Pulse test -20 -10 -3 -2.7 -5 -4 -12
ID - VDS
-2.6 -2.5 Common source Ta = 25C Pulse test
-8
-16
(A)
(A)
ID
Drain current
Drain current
ID
-2.4
-2.3 -8 -2.2 -4 VGS = -2.1 V
0 0
-2
-4
-6
-8
-10
0 0
-4
-8
-12
-16
-20
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
-40 Common source VDS = -10 V Pulse test -0.5
VDS - VGS
Common source Ta = 25C Pulse test
(V) VDS Drain-source voltage
ID
(A)
-30
-0.4
-0.3
Drain current
-20
-0.2 ID = -11 A -0.1 -5.5
-10 25 100 0 0 -1 -2 Ta = -55C -3 -4 -5
0 0
-2.5 -4 -8 -12 -16 -20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
|Yfs| - ID
100 100 50 Ta = -55C 25 10 5 3 100
RDS (ON) - ID
(S)
50
|Yfs|
Drain-source ON resistance RDS (ON) (m)
30
30 VGS = -4.5 V 10 5 3 -10
Forward transfer admittance
1 0.5 0.3 -0.1 -0.3 -0.5 -1 -3 -5 Common source VDS = -10 V Pulse test -10 -30 -50
1 0.5 0.3 -0.1 -0.3 -0.5 -1 -3 -5 Common source Ta = 25C Pulse test -10 -30 -50
Drain current
ID (A)
Drain current
ID (A)
4
2004-07-06
TPC8113
RDS (ON) - Ta
25 Common source 20 ID = -11 A, -5.5 A, -2.5 A Pulse test -100 -10
IDR - VDS
-5 -3 -10
Drain-source ON resistance RDS (ON) (m)
VGS = -4.5 V 10 ID = -11 A, -5.5 A, -2.5 A 5 -10
Drain reverse current
15
IDR (A)
-1 -1
VGS = 0 V
0 -80
-40
0
40
80
120
160
-0.1 0
Common source Ta = 25C Pulse test 0.2 0.4 0.6 0.8 1
Ambient temperature
Ta
(C)
Drain-source voltage
VDS (V)
Capacitance - VDS
50000 30000 -2.5
Vth - Ta
Common source VDS = -10 V -2 ID = -1 mA Pulse test -1.5
(pF)
10000 5000 3000 Ciss
Gate threshold voltage
Capacitance
C
Vth (V)
Common source VGS = 0 V f = 1 MHz Ta = 25C -0.3 -1 -3 -10 Coss Crss
1000 500 300
-1
-0.5
100 -0.1
-30
-100
0 -80
-40
0
40
80
120
160
Ambient temperature
Ta
(C)
Drain-source voltage
VDS (V)
PD - Ta
2.0 (1) (1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b) t = 10 s -30
Dynamic Input/Output Characteristics
-12
(W)
(V)
1.6
VDD = -24 V -12 VDS -12
-6 -8 VDD = -24 V -6 Common source VGS ID = -11 A Ta = 25C Pulse test -4
-20
Drain power dissipation
Drain-source voltage
(2) 0.8
-15 -6 -10
0.4
-5
-2
0 0
25
50
75
100
125
150
175
0 0
20
40
60
80
100
120
0 140
Ambient temperature
Ta
(C)
Total gate charge Qg (nC)
5
2004-07-06
Gate-source voltage
1.2
VGS (V)
-25
-10
PD
VDS
TPC8113
rth - tw
1000
(C/W)
(1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b) 100 t = 10 s
(2) (1)
Normalized transient thermal impedance
rth
10 1
Single pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
Safe Operating Area
100 ID max (pulse)* 1 ms* 10 10 ms*
Drain current
ID
1 0.1
(A)
*: Single pulse Ta = 25C Curves must be derated linearly with increase in temperature. 0.1 1
0.01 0.01
VDSS max 10 100
Drain-source voltage
VDS (V)
6
2004-07-06


▲Up To Search▲   

 
Price & Availability of TPC8113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X