Part Number Hot Search : 
SS8550 SG6741 GSC7811 ASI30 HFC03 UR3KB100 128MP 020LF
Product Description
Full Text Search
 

To Download TFT0675F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Anti-Aliasing and Reconstruction TFT range
YUV COMPONENT SAMPLING
These very small, low cost filters are intended for use with A-D and D-A video converters where some deviation from full ITU-R BT601 standard can be tolerated, ie single pass applications. These filters are designed for use in 4:2:2 sampling systems, ie 13.5 MHz for the luminance (Y) channel and 6.75 MHz for the chrominance (U and V) channels. * Ideal for single pass or monitor outputs * Small size * Choice of package format to suit requirement * Excellent pulse characteristics
Type Number Impedance (ohms) Filter Shape Passband Shape Sampling Frequency Insertion loss at 100 kHz End of Passband Amplitude ripple Delay time at 200 kHz Group delay ripple Attenuation at /2 S.F.
wrt loss at 100 kHz
1
TFT1350F 75 Lowpass Flat 13.50 MHz < 1.5 dB 5.5 MHz < 0.2 dB 287 ns < 15 ns 12 2 dB 8.00 MHz > 40 dB
TFT1350S 75 Lowpass Sinx/x 13.50 MHz < 4.5 dB 5.5 MHz < 0.3 dB 306 ns < 15 ns > 5.0 MHz 12 2 dB 8.00 MHz > 40 dB < 0.5% Yes DR00008B
1
TFT0675F 75 Lowpass Flat 6.75 MHz
TFT0675S 75 Lowpass Sinx/x 6.75 MHz < 3.0 dB 2.2 MHz < 0.3 dB2 417 ns < 30 ns > 2.2 MHz 12 2 dB 4.20 MHz 40 dB nominal < 4% Yes DR00008B
< 1.5 dB
2.2 MHz < 0.2 dB 430 ns < 30 ns > 2.2 MHz 12 2 dB 4.20 MHz 40 dB nominal < 4% Yes DR00005A
Group delay equalised bandwidth > 5.0 MHz
Start of stopband Stopband attenuation
T=100 ns
Kp-rating - 2T sinesquared pulse < 0.5% Aqueous Washable Package size Yes DR00008B
1 2
Measured against sinx/x roll-off for a sampling frequency of 13.5 MHz. Measured against sinx/x roll-off for a sampling frequency of 6.75 MHz.
(c) Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA056d
Page 1 of 2
Dec-99(B)
PACKAGE DETAIL
Faraday Technology Ltd. Croft Road Industrial Estate, Newcastle, Staffordshire ST5 0QZ. England. FARA056d
Tel: Fax: Email: Web site: Page 2 of 2
+ 44 (0)1782 661501 + 44 (0)1782 630101 sales@faradaytech.co.uk http://www.faradaytech.co.uk Dec-99(B)


▲Up To Search▲   

 
Price & Availability of TFT0675F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X