|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TDA7319 3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR ONE STEREO INPUT ONE STEREO OUTPUT TWO INDEPENDENT VOLUME CONTROL IN 1.0dB STEPS TREBLE, MIDDLE AND BASS CONTROL IN 1.0dB STEPS ALL FUNCTIONS PROGRAMMABLE VIA SERIAL I2 CBUS DESCRIPTION The TDA7319 is a volume and tone (bass , middle and treble) processor for quality audio application in car radio and Hi-Fi system. Control is accomplished by serial I2C bus microprocessor interface. The AC signal setting is obtained by resistor networks and switches combined with operational amplifiers. BLOCK DIAGRAM AND APPLICATION CIRCUIT R1 2.7K C3 5.6nF TREBLE(L) 3 C1 2.2F L 2 1st VOL TREBLE MIDDLE BASS C5 15nF MOUT(L) 5 C6 22nF 6 C9 100nF BIN(L) 7 2nd VOL R3 5.6K C10 100nF BOUT(L) DIP20 SO20 ORDERING NUMBERS: TDA7319 (DIP20) TDA7319D (SO20) Thanks to the used BIPOLAR/MOS Technology, Low Distortion, Low Noise and Low Dc stepping are obtained. MIN(L) 4 8 OUT L 10 9 11 19 R 1st VOL TREBLE MIDDLE BASS 2nd VOL SCL SDA DIGGND I2C BUS SERIAL BUS DECODE & LATCHES C2 2.2F 13 OUT R VS 1 SUPPLY 12 AGND CREF 20 TREBLE(R) C REF 10F C4 5.6nF 18 MIN(R) 17 MOUT(R) C7 15nF R2 2.7K C8 22nF 16 15 BIN(L) C11 100nF R4 5.6K 14 BOUT(R) C12 100nF D93AU042E May 1995 1/16 TDA7319 ABSOLUTE MAXIMUM RATINGS Symbol VS Tamb Tstg Operating Supply Voltage Operating Ambient Temperature Storage Temperature Range Parameter Value 10.5 -40 to 85 -55 to 150 Unit V C C PIN CONNECTION VS IN L TREBLE L M IN L M OUT L B IN L B OUT L OUT L SDA SCL 1 2 3 4 5 6 7 8 9 10 D93AU041A 20 19 18 17 16 15 14 13 12 11 CREF IN R TREBLE R M IN R M OUT R B IN R B OUT R OUT R GND DIG GND THERMAL DATA Symbol Rth j-amb Parameter Thermal Resistance Junction-pins DIP20 150 SO20 150 Unit C/W QUICK REFERENCE DATA Symbol VS VCL THD S/N SC Supply Voltage Max. input signal handling Total Harmonic Distortion V = 1Vrms f = 1KHz Signal to Noise Ratio Channel Separation f = 1KHz 1st and 2nd Volume Control 1dB step Bass, Middle and Treble Control 1dB step Mute Attenuation -47 -14 100 Parameter Min. 6 2 0.01 106 100 0 +14 0.08 Typ. 9 Max. 10.5 Unit V Vrms % dB dB dB dB dB 2/16 TDA7319 ELECTRICAL CHARACTERISTICS (VS = 9V; RL = 10K; f = 1KHz; all control = flat (G = 0); Tamb = 25C Refer to the test circuit, unless otherwise specified.) Symbol Parameter Test Condition Min. Typ. Max. Unit INPUT R in Input Resistance 35 50 65 K 1st VOLUME CONTROL C RANGE AVMAX Astep EA Et Amute VDC Control Range Maximum Attenuation Step Resolution Attenuation Set Error Tracking Error Mute Attenuation DC Steps 45 45 0.5 -1.0 -1.5 47 47 1.0 49 49 1.5 1.0 1.5 1 2 100 0 0.5 3 5 dB dB dB dB dB dB dB dB mV mV G = 0 to -24dB G = -24 to -47dB G = 0 to -24dB G = 24 to -47dB Adiacent Attenuation Steps From 0dB to AVMAX 80 2nd VOLUME CONTROL C RANGE AVMAX Astep EA Et AMUTE VDC Control Range Maximum Attenuation Step Resolution Attenuation Set Error Tracking Error Mute Attenuation DC Steps G = 0 to -24dB G = -24 to -47dB G = 0 to -24dB G = 24 to -47dB Adiacent Attenuation Steps From 0dB to AVMAX 45 45 0.5 -1.0 -1.5 47 47 1.0 49 49 1.5 1.0 1.5 1 2 100 0 0.5 3 5 dB dB dB dB dB dB dB dB mV mV 80 BASS Rb C RANGE Astep Internal Feedback Resistance Control Range Step Resolution 32 11.5 0.5 44 14 1 56 16 1.5 K dB dB MIDDLE Rb C RANGE Astep Internal Feedback Resistance Control Range Step Resolution 18 11.5 0.5 13 0.5 25 14 1 14 1 32 16 1.5 15 1.5 K dB dB TREBLE C RANGE Astep Control Range Step Resolution dB dB SUPPLY VS IS SVR Supply Voltage (note1) Supply Current Ripple Rejection 6 4 60 9 7 90 10.5 10 V mA dB AUDIO OUTPUT Vclip R Ol RO VDC Clipping Level Output Load Resistance Output Impedance DC Voltage Level d = 0.3% 2 2 100 2.6 180 3.8 300 Vrms K V 3/16 TDA7319 ELECTRICAL CHARACTERISTICS (continued) Symbol Parameter Test Condition Min. Typ. Max. Unit V dB dB dB dB % GENERAL e NO Et S/N SC d Output Noise Total Tracking Error Signal to Noise Ratio Channel Separation Distortion All Gains 0dB (B = 20 to 20kHz flat) AV = 0 to -24dB AV = -24 to -47dB All Gains = 0dB; VO = 1V rms 80 AV = 0; Vin = 1Vrms 5 0 0 106 100 0.01 15 1 2 0.08 BUS INPUTS Vil Vih Iin VO Input Low Voltage Input High Voltage Input Current Output Voltage SDA Acknowledge Vin = 0.4V IO = 1.6mA 3 -5 0.4 1 5 0.8 V V A V Note 1: the device is functionally good at Vs = 5V. A step down, on VS, to 4V does't reset the device. APPLICATION SUGGESTIONS The first and the last stages are volume control blocks. The control range is 0 to -47dB (mute) with a 1dB step. The very high resolution allows the implementation of systems free from any noisy acoustical effect. The TDA7319 audioprocessor provides 3 bands tones control. Bass, Middle Stages The Bass and the middle cells have the same structure. The Bass cell has an internal resistor Ri = 44K typical. The Middle cell has an internal resistor Ri = 25K typical. Several filter types can be implemented, connecting external components to the Bass/Middle IN and OUT pins. Figure 1. The fig.1 refers to basic T Type Bandpass Filter starting from the filter component values (R1 internal and R2,C1,C2 external) the centre frequency Fc, the gain Av at max. boost and the filter Q factor are computed as follows: FC = 1 2 Ri, R2, C1, C2 R2 C2 + R2 C1 + Ri C1 R2 C1 + R2 C2 Ri R2 + C1 C2 R2 C1 + R2 C2 AV = Q= Viceversa, once Fc, Av, and Ri internal value are fixed, the external components values will be: C1 = AV - 1 2 Ri Q C2 = Q2 C1 AV - 1 Q2 R2 = Ri internal IN C1 R2 D95AU313 AV - 1 - Q2 2 C1 FC (AV - 1) Q OUT C2 Treble Stage The treble stage is a high pass filter whose time constant is fixed by an internal resistor (25K typical) and an external capacitor connected between treble pins and ground Typical responses are reported in Figg. 10 to 13. CREF The suggested 10F reference capacitor (CREF) value can be reduced to 4.7F if the application requires faster power ON. 4/16 TDA7319 Figure 2: Noise vs. volume setting Figure 3: SVRR vs. frequency Figure 4: THD vs. frequency Figure 5: THD vs. RLOAD Figure 6: Channel separation vs. frequency Figure 7: Output clip level vs. Supply voltage 5/16 TDA7319 Figure 8: Quiescent current vs. supply voltage Figure 9: Quiescent current vs. temperature Figure 10: Bass response Figure 11: Middle response Ri = 44k C9 = C10 = 100nF (Bout, Bin) R3 = 5.6k R i = 25k C9 = 15nF (MIN) C6 - 22nF (MOUT) R1 = 2.7k Figure 12: Treble response Figure 13: Typical tone response C TREBLE = 5.6nF 6/16 TDA7319 I2C BUS INTERFACE Data transmission from microprocessor to the TDA7319 and viceversa takes place thru the 2 wires I2C BUS interface, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage must be externally connected). Data Validity As shown in fig. 3, the data on the SDA line must be stable during the high period of the clock. The HIGH and LOW state of the data line can only change when the clock signal on the SCL line is LOW. Start and Stop Conditions As shown in fig.4 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH. Byte Format Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit. The MSB is transferred first. Data Validity on the I2CBUS Acknowledge The master (P) puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig. 5). The peripheral (audioprocessor) that acknowledges has to pull-down (LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse. The audioprocessor which has been addressed has to generate an acknowledge after the reception of each byte, otherwise the SDA line remains at the HIGH level during the ninth clock pulse time. In this case the master transmitter can generate the STOP information in order to abort the transfer. Transmission without Acknowledge Avoiding to detect the acknowledge of the audioprocessor, the P can use a simplier transmission: simply it generates the 9th clock pulse without checking the slave acknowledging, and then sends the new data. This approach of course is less protected from misworking and decreases the noise immunity. Timing Diagram of I2CBUS Acknowledge on the I2CBUS 7/16 TDA7319 SDA, SCL I2CBUS TIMING Symbol fSCL tBUF tHD:STA tLOW tHIGH tSU:STA tHD:DA tSU:DAT tR tF tSU:STO SCL clock frequency Bus free time between a STOP and START condition Hold time (repeated) START condition. After this period, the first clock pulse is generated LOW period of the SCL clock HIGH period of the SCL clock Set-up time for a repeated START condition Data hold time Data set-up time Rise time of both SDA and SCL signals Fall time of both SDA and SCL signals Set-up time for STOP condition Parameter Min. 0 1.3 0.6 1.3 0.6 0.6 0.300 100 20 20 0.6 300 300 Typ. Max. 400 Unit kHz s s s s s s ns ns (*) ns (*) s All values referred to VIH min. and VIL max. levels (*) Must be guaranteed by the I2C BUS master. Definition of timing on the I2C-bus SDA t BUF tR tF tHIGH tHD;STA tSP tSU;STO SCL tLOW P S tHD;STA tF tSU;STA tSU;DAT Sr P tHD;DAT D95AU314 P = STOP S = START 8/16 TDA7319 SOFTWARE SPECIFICATION Interface Protocol The interface protocol comprises: A start condition (s) A chip address byte, containing the TDA7319 address (the 8th bit of the byte must be 0). The TDA7319 must always acknowledge at the end of each transmitted byte. A sequence of data (N-bytes + acknowledge) A stop condition (P) TDA7319 ADDRESS MSB S 1 0 first byte 0 0 0 1 A LSB 0 ACK MSB DATA LSB AC K MSB DATA LSB AC P K Data Transferred (N-bytes + Acknowledge) ACK = Acknowledge S = Start P = Stop MAX CLOCK SPEED 400kbits/s SOFTWARE SPECIFICATION Chip address 1 MSB 0 0 0 0 1 1 0 LSB FUNCTION CODES MSB 1st VOLUME 2nd VOLUME TREBLE MIDDLE BASS MUTMUX 0 0 1 1 1 1 F6 F6 F6 0 0 1 1 F5 F5 F5 0 1 0 1 F4 F4 F4 F4 F4 F4 F4 F3 F3 F3 F3 F3 F3 F3 F2 F2 F2 F2 F2 F2 F2 F1 F1 F1 F1 F1 F1 F1 LSB 0 1 F0 F0 F0 F0 POWER ON RESET: 1st volume = 2nd volume = Mute Treble = Middle = Bass = -14dB Mutmux = Active Input 9/16 TDA7319 1st VOLUME CODES MSB 0 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 1 0 0 1 1 0 0 1 0 1 0 1 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 F6 F5 F4 F3 F2 F1 LSB 0 FUNCTION step 1dB 0dB -1dB -2dB -3dB -4dB -5dB -6dB -7dB step 8dB 0dB -8dB -16dB -24dB -32dB -40dB MUTE 2nd VOLUME CODES MSB 0 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 1 0 0 1 1 0 0 1 0 1 0 1 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 1 F6 F5 F4 F3 F2 F1 LSB 1 FUNCTION step 1dB 0dB -1dB -2dB -3dB -4dB -5dB -6dB -7dB step 8dB 0dB -8dB -16dB -24dB -32dB -40dB MUTE 10/16 TDA7319 TREBLE CODES MSB 1 F6 0 F5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 F4 F3 F2 F1 LSB FUNCTION TREBLE BOOST 0dB 1dB 2dB 3dB 4dB 5dB 6dB 7dB 8dB 9dB 10dB 11dB 12dB 13dB 14dB 14dB TREBLE CUT 0dB -1dB -2dB -3dB -4dB -5dB -6dB -7dB -8dB -9dB -10dB -11dB -12dB -13dB -14dB -14dB 11/16 TDA7319 MIDDLE CODES MSB 1 F6 0 F5 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 F4 F3 F2 F1 LSB FUNCTION MIDDLE BOOST 0dB 1dB 2dB 3dB 4dB 5dB 6dB 7dB 8dB 9dB 10dB 11dB 12dB 13dB 14dB 14dB MIDDLE CUT 0dB -1dB -2dB -3dB -4dB -5dB -6dB -7dB -8dB -9dB -10dB -11dB -12dB -13dB -14dB -14dB 12/16 TDA7319 BASS CODES MSB 1 F6 1 F5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 F4 F3 F2 F1 LSB FUNCTION BASS BOOST 0dB 1dB 2dB 3dB 4dB 5dB 6dB 7dB 8dB 9dB 10dB 11dB 12dB 13dB 14dB 14dB BASS CUT 0dB -1dB -2dB -3dB -4dB -5dB -6dB -7dB -8dB -9dB -10dB -11dB -12dB -13dB -14dB -14dB MUTMUX CODES MSB 1 F6 1 F5 1 X X X X X X X 1 X X X 1 0 0 1 1 0 1 0 1 F4 F3 F2 F1 LSB FUNCTION INPUTS NOT ALLOWED NOT ALLOWED NOT ALLOWED IN 13/16 TDA7319 SO20 PACKAGE MECHANICAL DATA DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.4 0.5 12.6 10 1.27 11.43 7.6 1.27 0.75 8 (max.) 0.291 0.020 13.0 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.394 0.050 0.450 0.299 0.050 0.030 0.512 0.419 0.1 mm TYP. MAX. 2.65 0.3 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.012 0.096 0.019 0.013 14/16 TDA7319 DIP20 PACKAGE MECHANICAL DATA DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 mm TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX. 15/16 TDA7319 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1995 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A. 16/16 |
Price & Availability of TDA7319 |