Part Number Hot Search : 
BAT54 VC823 TSH22I LM144 P161G NE68100 HIP9010 MBR1015
Product Description
Full Text Search
 

To Download STV2310D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STV2310
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
DATABRIEF
MAIN FEATURES
Worldwide TV Standards Compatible Automatic NTSC/PAL/SECAM Digital Chroma Decoder NTSC/PAL Adaptive 4H/2D Comb Filter VBI Data Slicer for Teletext, Closed Caption, WSS and other systems Analog RGB/Fast Blanking Capture and Insertion in YCrCb Output Flow (SCART legacy) Analog YCrCb inputs with Tint Control 10-bit, 30-MSPS A/D Converter for Y/CVBS input 8-bit, 30-MSPS A/D Converter for C and RGB/ CrCb inputs Hue control and automatic flesh control for NTSC CVBS/YC signals Programmable Horizontal Scaling (x0.25 to x4 Scaling Factor) and Panorama Vision Copy-Protection System compatible H and V Synchronisation Processing that is robust to non-standard sources such as VCR, and to weak and noisy signals 8-bit Pixel Output Interface Line-Locked ITUR BT_656/601 or square pixel YCrCb outputs Single System Clock for all Video Input Formats Two-wire IC Bus Interface up to 400 kHz Typical Power Consumption: 550 mW Power Supply: 1.8 V and 3.3 V
TQFP64 10x10x1.4 mm (Thin Quad Flat Package) ORDER CODE: STV2310SD/SDT TQFP64 14x14x1.4 mm (Thin Quad Flat Package) ORDER CODE: STV2310D/DT
The STV2310 is a high-quality front-end video circuit for processing all analog NTSC/PAL/SECAM standards into a 4:2:2 YCrCb digital video format ,as well as conventional analog RGB or YCrCb signals. The STV2310 is programmable through an IC interface. The STV2310 provides a cost-effective solution for digitized TV, LCD TV/monitors, digital TV, STB, video surveillance/security, video conferencing, video capturing devices and PC video card. It can be used as a stand-alone chip working with third-party products, as a companion chip to the TV processor STV3500, STV3600 for digitized 100-Hz/ ProScan CRT TVs, or as a companion chip to the TV processor STV3550 for LCD-TVs.
July 2003
Revision 1.0
1/3
2/3 Luma Chroma Separator 4H/2D Comb Filter Adaptive Luminance Delay Fully Automatic PAL/ NTSC/SECAM Decoder Line Format Converter and Output Scaler Data Slicer (TxT, CC, ...) Cr Cb Tint Control Figure 1: Block Diagram Data Selection and Output Interface
C
CVBS1/Y CVBS2/Y
Analog to Digital Conversion and SRC
R/Cr G B/Cb
I2C Bus Clock Generation
Analog to Digital Conversion
YCrCb[7:0] Clock HSYNC VSYNC Field
Synchronization and IC Monitoring
STV2310
STV2310
STV2310
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States www.st.com
3/3


▲Up To Search▲   

 
Price & Availability of STV2310D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X