Part Number Hot Search : 
00600 B0354A MUR1660 MC68E BC558 LRMS2D HCF4081 MC14422
Product Description
Full Text Search
 

To Download STPR830DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPR805DF - STPR860DF
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER Features
* * * * * * * Glass Passivated Die Construction Diffused Junction Super-Fast Switching Times for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 125A Peak Low Reverse Leakage Current Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AC
L B C K D A
Pin 1 Pin 2
M
Dim A B C D E G J
Min 14.22 9.65 2.54 5.84 3/4 12.70 0.51 3.53AE 3.56 1.14 0.30 2.03 4.83
Max 15.88 10.67 3.43 6.86 6.35 14.73 1.14 4.09AE 4.83 1.40 0.64 2.92 5.33
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
J R
E N G
K L M
P
Pin 1 Pin 2 Case
N P R
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance Junction to Case Operating and Storage Temperature Range @ IF = 8.0A @TC = 25C @ TC = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJC Tj, TSTG STPR 805DF 50 35 STPR 810DF 100 70
STPR 815DF 150 105
STPR 820DF 200 140
STPR 830DF 300 210
STPR 840DF 400 280
STPR 850DF 500 350
STPR 860DF 600 420
Unit V V A A
8.0 125 0.95 5.0 500 35 85 6.3 -65 to +150 50 60 1.3 1.5
V mA ns pF C/W C
Notes:
1. Case mounted on heatsink. 2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. 3. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
DS14010 Rev. C-2
1 of 2
STPR805DF-STPR860DF
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
I(AV), AVERAGE FORWARD CURRENT (A)
50V - 200V
10
300V - 400V
6
500V - 600V
4
1.0
2
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
150
IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
125
500V - 600V
100 75
Cj, CAPACITANCE (pF)
100
50V - 400V
50 25 0
10
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
10
TC = 100C
1.0
TC = 75C
0.1
TC = 25C
0.01
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS14010 Rev. C-2
2 of 2
STPR805DF-STPR860DF


▲Up To Search▲   

 
Price & Availability of STPR830DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X