Part Number Hot Search : 
AD7896BN LT4275 SA532 B9034 1106FC 2SD1906 DJ33A SG6520DZ
Product Description
Full Text Search
 

To Download STP80NF55-06FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STP80NF55-06 STP80NF55-06FP
N - CHANNEL 55V - 0.005 - 80A TO-220/TO-220FP STripFETTM POWER MOSFET
PRELIMINARY DATA TYPE STP80NF55-06 STP80NF55-06FP
s s s s
V DSS 55 V 55 V
R DS(on) < 0.0065 < 0.0065
ID 80 A 60 A
TYPICAL RDS(on) = 0.005 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED APPLICATION ORIENTED CHARACTERIZATION
3 1 2
3 1 2
DESCRIPTION This Power Mosfet is the latest development of STMicroelectronics unique "Single Feature SizeTM " strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalance characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC CONVERTERS s AUTOMOTIVE ENVIRONMENT
TO-220
TO-220FP
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Value STP80NF55-06 V DS V DGR V GS ID ID I DM (*) P tot V ISO dv/dt Ts tg Tj July 1999 Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 o C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) T otal Dissipation at Tc = 25 o C Derating Factor Insulation W ithstand Voltage (DC) Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o
Unit
STP55NF 55-06FP 55 55 20 V V V 60 42 240 50 0.33 2000 7 A A A W W/ oC V V/ns
o o
80 57 320 210 1.43 -65 to 175 175
C C 1/6
(*) Pulse width limited by safe operating area
( 1) ISD 80 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX
STP80NF55-06/FP
THERMAL DATA
TO-220 R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Max 0.7 62.5 0.5 300 TO-220FP 3
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 30 V) Max Value 80 650 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 55 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c = 125 C
o
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Con ditions ID = 250 A ID = 40 A 80 Min. 2 Typ. 3 0.005 Max. 4 0.0065 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D =40 A V GS = 0 Min. Typ. 50 8000 1100 220 Max. Unit S pF pF pF
2/6
STP80NF55-06/FP
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 27 V I D = 40 A V GS = 10 V R G = 4.7 (Resistive Load, see fig. 3) V DD = 44 V I D = 80 A VGS = 10 V Min. Typ. 35 240 178 29 61 230 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf t d(of f) tr (Voff) tf tc Parameter Turn-off Delay T ime Fall T ime Turn-off Delay T ime Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 27 V I D = 40 A V GS = 10 V R G =4.7 (Resistive Load, see fig. 3) V DD = 44 V I D = 80 A V GS = 10 V R G = 4.7 (Induct ive Load, see fig. 5) Min. Typ. 260 80 225 55 145 205 Max. Unit ns ns ns ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 80 A V GS = 0 80 0.24 6 di/dt = 100 A/s I SD = 80 A T J = 150 o C V DD = 20 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 80 320 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/6
STP80NF55-06/FP
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
4/6
H2
P011C
STP80NF55-06/FP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7 F1 F
D
G1
E
H
F2
123 L2 L4
G
5/6
STP80NF55-06/FP
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
6/6
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STP80NF55-06FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X