Part Number Hot Search : 
DB104 SA604A MT6L58AE AK4523 LM293 SA601DK SB1660F GPI0W
Product Description
Full Text Search
 

To Download SR160-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
SR120 - SR160
1.0A SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring Die Construction for Transient Protection High Current Capability Low Power Loss, High Efficiency High Surge Current Capability For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications
A
B
A
C D
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.34 grams (approx.) Mounting Position: Any Marking: Type Number
DO-41 Dim Min Max A 25.4 -- B 4.06 5.21 C 0.71 0.864 D 2.00 2.72 All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TL = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RJL RJA Tj, TSTG
@TA=25C unless otherwise specified
SR120 20 14
SR130 30 21
SR140 40 28 1.0 40
SR150 50 35
SR160 60 42
Unit V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range @IF = 1.0A @TA = 25C @TA = 100C
0.50 0.5 10 110 15 50 -65 to +150
0.70
V mA
80
pF K/W K/W C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SR120 - SR160
1 of 3
(c) 2002 Won-Top Electronics
IF, INSTANTANEOUS FORWARD CURRENT (A)
20 10
SR120 - SR140
I(O), AVERAGE FORWARD CURRENT (A)
1.0
SR150 - SR160
0.5
1.0
Tj = 25C IF Pulse Width = 300s
0 25 50 75 100 125 150
0.1 0.1 0.5 0.9 1.3 1.7 2.1
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
40
Tj = 150C
1000 Cj, JUNCTION CAPACITANCE (pF)
Single Half Sine-Wave (JEDEC Method)
Tj = 25C f = 1.0MHz
30
SR120 - SR140
20
100
SR150 - SR160
10
0 1 10 100
10 0.1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
Tj = 100C
1.0
Tj = 75C
0.1
0.01
Tj = 25C
0.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
SR120 - SR160
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
SR120-T3 SR120-TB SR120 SR130-T3 SR130-TB SR130 SR140-T3 SR140-TB SR140 SR150-T3 SR150-TB SR150 SR160-T3 SR160-TB SR160
Package Type
DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41
Shipping Quantity
5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
SR120 - SR160
3 of 3


▲Up To Search▲   

 
Price & Availability of SR160-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X