Part Number Hot Search : 
MV833 TFA37S LF1640 45DB321 THI0513 ISL55005 ISL55005 10D47
Product Description
Full Text Search
 

To Download SMT820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT820
Specifications 1) Product Name 2) Type No. 3) Chip (1) Chip Material (2) Peak Wavelength 4) Package (1) Lead Frame Die (2) Package Resin (3) Lens
High Performance Infrared TOP IR LED
SMT820 consists of an AlGaAs LED mounted on the lead frame as TOP LED package and is 15mW typical of output power. It emits a spectral band of radiation at 820nm. Outer dimensionUnit:mm
TOP IR LED SMT820 AlGaAs 820 . Silver Plated PPA Resin Epoxy Resin
Absolute Maximum Rating Item Power Dissipation Forward Current Pulse Forward Current Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol PD IF IFP VR TOPR Maximum Rated Value 190 100 500 5 -20 ~ +80 -30 ~ +80 240 Unit mW mA mA V C C C Ambient Temperature Ta=25C Ta=25C Ta=25C Ta=25C
TSTG
TSOL
Pulse Forward Current condition: Duty=1% and Pulse Width=10us. Soldering condition: Soldering condition must be completed within 3 seconds at 260C
Electro-Optical Characteristics [Ta=25C] Item Symbol Condition Minimum Forward Voltage VF IF=50mA Reverse Current IR VR=5V Total Radiated Power PO IF=50mA 8.0 Radiant Intensity IE IF=50mA 3.0 Peak Wavelength IF=50mA P Half Width IF=50mA Viewing Half Angle IF=50mA 1/2 Rise Time tr F=50mA Fall Time tf F=50mA Total Radiated Power is measured by Photodyne #500 Radiant Intensity is measured by Tektronix J-6512.
Typical 1.60 15.0 6.0 820 40 55 60 40
Maximum 1.80 10
Unit V uA mW mW/sr nm nm deg. ns ns


▲Up To Search▲   

 
Price & Availability of SMT820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X