Part Number Hot Search : 
2SA11 SE809 Z84C2010 THN6702 OP181GP GAANU SBL1650 4AHCT1
Product Description
Full Text Search
 

To Download SM6004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT INFORMATION
(R)
APPLICATIONS: * PDA * Digital Camera
Integrated Circuits Group
SM6004/SM6006 16-Bit Single-Chip Microcomputers
FEATURES
* ROM capacity: - 61,440 x 8-bits (SM6004) - 126,976 x 8-bits (SM6006) * RAM capacity: - 2,048 x 8-bits (SM6004) - 3,584 x 8-bits (SM6006) * External memory expansion function - On chip bus controller for external memory - Bus multiplexing/nonmultiplexing selection - Bus width selection - Auto wait control * CPU - General purpose registers 16-bit x 16 - 62 basic instructions (bit manipulation instructions Suitable for controlling, bit transfer instructions, bit branch instructions, high speed multiplication and division instructions (16-bits x 16-bits, 16-bits / 16-bits, 32-bits / 16-bits)) * 10 addressing modes - 16M of address space - An interrupt request starts a high performance automatic data transfer (DTS). Appropriate settings of interrupts and registers enable hardware automatic data transfer. Various functions can be operated successively and the resultant data can also successively be stored. - System clock cycle 0.133 s (MIN.) (VDD = 4.5 V to 5.5 V at 30 MHz main clock cycle) - 0.2 s (MIN.) (VDD = 2.5 V to 5.5 V at 20 MHz main clock cycle) - Selectable system clocks divided by 2 up to 16 main clocks for low power operation. * 27 total software interrupts - 24 maskable interrupts (external 4, internal 20) - 3 nonmaskable interrupts - A nonmaskable interrupt, when used in conjunction with BST instruction, can trigger the software reset
The information for this document is from the Microcomputer Databook, issued in March 1997.
* Built-in main clock oscillator for system clock * Standby function: Halt mode/stop mode * I/O ports x 88/specific purpose function pin x 3 - Input ports x 8 (also serve as A/D input) - I/O ports x 80 (also serve as function pins) - Specific purpose function pins x 3 (D/A output pin x 2, bus mode selection pin x 1) * Timer - 16-bit multifunction timers x 6 - 5-stage capture and 2-stage compare type x 1 - 1-stage compare type x 2 - 2-stage capture type (or capture and compare) x 2 - 2-stage compare, PWM output type x 1 * Watchdog timer (overrun detect timer): 8-bit x 1 * Serial interface - Selectable universal asynchronous receiver transmitter (UART)/serial I/O interface (SIO) x 2 - Serial I/O interface (SIO) x 1 * A/D converter - Resolution 10-bits - 8 channels - Auto start by triggering with timer output * D/A converter 8-bit x 2 * High precision PWM outputs - 14-bit x 2 - Bit modulated PWM * Real time outputs 4-bit x 2 * Supply voltages - 4.5 V to 5.5 V (main clock at 30 MHz) - 2.5 V to 5.5 V (main clock at 20 MHz) * Packages - 100-pin LQFP (LQFP100-P-1414) - 100-pin QFP (QFP100-P-1420)
DESCRIPTION
The SM6004/SM6006 are single-bit single-chip microcomputers incorporating a 16-bit CPU core, ROM, RAM, timer unit, watchdog timer, serial interface (UART, SIO), PWM output, real time output, A/D converter, D/A converter and bus controller.
Copyright (c)1998, Sharp Electronics Corp. All rights reserved. All tradenames are the registered property of their respective owners. Specifications are subject to change without notice.
SMT98023
PRODUCT INFORMATION
(R)
100-PIN LQFP PINOUT
100-PIN LQFP TOP VIEW
P312
P311
P310
P215
P214
P213
P212
P211
P210
VDD
P39
P38
P37
P36
P35
P34
P33
P32
P31
P30
P29
P28
P27
P26
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 P313 P314 P315 P40 P41 P42 P43 P44 P45 P46 P47 P48 P49 P410 P411 P412 P413 P414 P415 RESETB ADVR P50 P51 P52 P53 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 P24 P23 P22 P21 P20 P115 P114 P113 P112 P111 P110 P19 P18 P17 P16 P15 P14 P13 P12 P11 P10 P015 P014 P013 P012
51 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
AGND
MBUS
DAVR
TEST
P01
P010
GND
P011
X1
P54
P55
P56
P57
X2
P00
P02
P03
P04
P05
P06
P07
P08
DA0
DA1
P09
P25
6003-1
SM6004/SM6006 16-Bit Single-Chip Microcomputers
2
PRODUCT INFORMATION
(R)
100-PIN QFP PINOUT
100-PIN QFP TOP VIEW
P215
P214
P213
P212
P211
P310
P210
P39
P38
P36
P35
P34
P33
P32
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 P311 P312 P313 P314 P315 P40 P41 P42 P43 P44 P45 P46 P47 P48 P49 P410 P411 P412 P413 P414 P415 RESETB ADVR P50 P51 P52 P53 P54 P55 P56 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 P27 P26 P25 P24 P23 P22 P21 P20 P115 P114 P113 P112 P111 P110 P19 P18 P17 P16 P15 P14 P13 P12 P11 P10 P015 P014 P013 P012 P011 P010
AGND
MBUS
TEST
DAVR
GND
P57
DA0
DA1
X1
X2
P31
P00
P01
P02
P03
P04
P05
P06
P07
P08
P09
VDD
P37
P30
P29
P28
6003-2
3
SM6004/SM6006 16-Bit Single-Chip Microcomputers


▲Up To Search▲   

 
Price & Availability of SM6004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X