Part Number Hot Search : 
53200 SMBJ75A 1431C SMBJ75A 00SERI S1033 NCV2901 TC153
Product Description
Full Text Search
 

To Download SL1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1003 Series Gas Plasma Arresters
(R)
The SL1003 series has been especially developed for Broadband equipment. Unique design features offer high levels of performance on fast rising transients in the domain of 100V/S to 1KV/S, which are those most likely from induced Lightning disturbances. These devices have Ultra low capacitance ( typically 1.2pF or less ) and present insignificant signal losses up to 1.5GHz. These devices are extremely robust and are able to divert a 5000A pulse without destruction. For AC Power Cross of long duration, overcurrent protection is recommended.
FEATURES
* RoHS compliant * Low insertion loss * Surface mountable * 5KA surge capability tested with 8/20S pulse as defined by
IEC 61000-4-5
* GHz working frequency. * Excellent response to fast rising transients. * Can be used to meet Telcordia GR1089 without
series resistance
* 10/700 6KV capability, as per ITUT k.21, enhanced test level * 2000 Amp 2/10S surge rating
Applications:
* Broadband equipment. * ADSL equipment. * XDSL equipment. * Satellite and CATV equipment. * General telecom equipment.
3 ELECTRODE GDT GRAPHICAL SYMBOL
ORDERING INFORMATION
SL 1003 A XXX
All dimensions in mm
Pin Configuration Voltage
Type 3 Pole Arrester
C= Core R= Leaded
w w w. l i t t e l f u s e . c o m
331
Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1003 Series Gas Plasma Arresters
(R)
LITTELFUSE 3 TERMINAL MINI ARRESTER SERIES TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Max Dynamic Max Dynamic Max Repetitive Breakover Impulse Breakover DC Voltage Voltage @ Discharge Voltage @ @100V/sec 100 V/s (Vbr) 1 kV/s (Vbr) Current2 (kA) (V)
Part Number SL1003A090 SL1003A230 SL1003A250 SL1003A260 SL1003A300 SL1003A350 SL1003A400 SL1003A450
90 230 250 260 300 350 400 450
600 350 400 420 450 500 550 650
700 500 600 600 650 700 800 800
5 5 5 5 5 5 5 5
Nominal Max Holdover On-State Alternating Capacitance4 Voltage1 Voltage @ Discharge (pF) (V) Current3 (A) 1A (V) 1.2 9 @50V 50 5 20 1x10 1.2 135 5 20 1x109 @100V 1.2 135 5 20 1x109 @100V Insulation Resistance7 () 1x109 @100V 1x109 @100V 1x109 @100V 1x109 @100V 1x109 @100V 5 5 5 5 5 1.2 1.2 1.2 1.2 1.2 135 135 135 135 135 20 20 20 20 20
Notes: (1) Tested according to ITU-T Rec.K12 (2) 10 shots, 8/20s wave form per IEC 61000-4-5 (3) Measured @ 100 Volts (4) Measured @ 1 MHz, 0 volt bias (5) Measured with 2/10s wave form (6) Measured with 10/350s wave form (7) Measured @ 100VDC except 90V which is measured at 50VDC
GAS DISCHARGE TUBES
8
Voltage vs Time Characteristic
Max dynamic breakover voltage
Typ ical Inser loss figures tion @1.0 GHz = 0.01dB @1.4 GHz = 0.1dB @1.8 GHz = 0.53dB
Voltage (V)
@2.1 GHz = 0.81dB @2.45 GHz = 1.0dB
Hold-over voltage
@2.8 GHz = 1.2dB @3.1 GHz= 1.5dB
On-State voltage
@3.5 GHz = 2.1dB
0
200
400
600 Time (ns)
800
1000
1200
332
w w w. l i t t e l f u s e . c o m
Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1003 Series Gas Plasma Arresters
(R)
Profile for reflow soldering
250 225 200
300
Profile for wave soldering
Temperature C
175 150 125 100
Temperature (C)
Solder Flow Area
o T 1 max = 266C
o T 1 = 239 C
200
75 50 25 0 0 50 100 150 200 250 300 350 400 450 500 Time in seconds
Tm = 179oC
Forced Cooling
Preheating Area
100
10
20
Time(seconds)
30
40
Notes: T1 max T1 Tm Tam b
o = Maximum TabTemperature = 266 C = Flow Tempearture of Solder = 239oC o = Melting Point of Solder = 179 C
= 25 C
o
o
Maximum permissible rate of temperature change = 7 / sec C
w w w. l i t t e l f u s e . c o m
333


▲Up To Search▲   

 
Price & Availability of SL1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X