Part Number Hot Search : 
IC18F S2CCMK RF310 PF5102 1001A MAX267 OPB609GU LA1654FN
Product Description
Full Text Search
 

To Download SF303C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
SF301C THRU SF306C
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 30 Amperes
FEATURES
* * * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability Good for switching mode circuit
.245 (6.2) .225 (5.7)
TO-247
.645 (16.0) .625 (15.9) .085 (2.16) .075 (1.90) .135 (3.4) .115 (2.9) .203 (5.16) .193 (4.90)
MECHANICAL DATA
* * * * * Case: TO-247 molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 5.60 grams
.840 (21.3) .820 (20.8)
.093 (2.30) .076 (1.97)
.086 (2.18) .076 (1.93) .095 (2.4) .085 (2.1) .127 (3.22) .117 (2.97) .030 (.76) .020 (.51)
.160 (4.1) .140 (3.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.795 (20.2) .775 (19.7)
.225 (5.7) .205 (5.2)
.048 (1.22) .044 (1.12)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 100 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ, TSTG 120 -65 to + 150 SF301C 50 35 50 SF302C 100 70 100 SF303C 150 105 150 30.0 300 3 100 SF304C 200 140 200 SF305C 300 210 300 SF306C 400 280 400 UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 15.0A DC @TC = 25 o C Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Suffix "A" =Common Anode. @TC = 100 oC SYMBOL VF IR trr 35 SF301C SF302C SF303C SF304C 10 500 50 SF305C SF306C UNITS Volts uAmps nSec 2001-5
1.0
1.35
RATING AND CHARACTERISTIC CURVES ( SF301C THRU SF306C )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT, (A)
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
36 30 24 12 6.0 0
Single Phase Half Wave 60Hz Inductive or Resistive Load
1000
INSTANTANEOUS REVERSE CURRENT, (uA)
TC = 100
100
10
0
50 100 CASE TEMPERATURE, (
150 )
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
TC = 25
300 250 200 150 100 50 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDED Method)
1.0
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
INSTANTANEOUS FORWARD CURRENT, (A)
80 40 20 10 4
3 SF 01 C~ S 0 F3 4C
175 150 125
SF 30
S
0 F3
5C
~S
0 F3
6C
100
SF 30 5C
1C
~S
F3
04
C
1.0 .4
TJ = 25 Pulse Width=300us 1% Duty Cycle
50
TJ = 25
~S
F3
06
C
25 0 .1
.1 .5
.6 .7 .8 .9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V)
.5 1.0 2 5 10 20 50 100 200 REVERSE VOLTAGE, ( V )
RECTRON


▲Up To Search▲   

 
Price & Availability of SF303C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X