Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download PS150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PS150~PS1510
PLASTIC SILICON RECTIFIER VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
* Low cost * High current capability * Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * 1.5 Ampere operation at TA =50C with no thermal runaway. * Exceeds environmental standards of MIL-S-19500/228 * Low leakage
1.0(25.4) MIN.
DO-15
.034(.86) .028(.71)
Unit: inch ( mm )
.300(7.6) .230(5.8)
.140(3.6) .104(2.6)
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable to MIL-STD-202,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PS150 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375"(9.5mm) lead length at TA=60C Peak Forward Surge Current, IFM (surge):8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C Maximum DC Reverse Current at Rated DC Blocking Voltage TA=100C Typical Junction capacitance (Note 1) Typical Junction Resistance(Note 2) RJA Operating and Storage Temperature Range TJ ,TSTG 50 35 50 PS151 100 70 100 PS152 200 140 200 PS154 400 280 400 1.5 PS156 600 420 600 PS158 800 560 800 PS1510 1000 700 1000
1.0(25.4) MIN.
MECHANICAL DATA
UNIT
V V V A
50.0 1.10 5.0 500 25.0 45.0 -55 to +150
A V A A pF C/ W C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
DATE : SEP.14.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
FORWARD SURGE CURRENT, AMPERES pk (HALF-SINE WAVE)
10
50
INSTANTANEOUS FORWARD CURRENT AMPERES
40
1.0
30
20
0.1
10
0 .01 .2
0
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
1
2
4
6
8 10
20
40
60 80100
INSTAN I TANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60HZ
Fig. 1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
2.00 1.75 1.50 1.25 1.00 0.75 .50 .25 0 0
20
Fig.2-MAXIMUM OVERLOAD SURGE-CURRENT
MAXIMUM AVERAGE CURRENT RAING SINGLEPHASE, HALF-WAVE,60Hz RESISTIVE OR INDUCTIVELOAD .375"(9mm) LEAD LENGTH
40
60
80
100
120
140
160
180
O AMBIENT TEMPERATURE, C
Fig.3-FORWARD DERATING CURVE
100
JUNCTION CAPACITANCE,pF
O T J =25 C
10
1
1 10
100
REVERSE VOLTAGE, VOLTS
Fig.4- TYPICAL JUNCTION CAPACITANCE
DATE : SEP.14.2002
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PS150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X