Part Number Hot Search : 
10S47 20N50C1D TCMT1113 FX6SMH2 WR100K EVB90109 C3207
Product Description
Full Text Search
 

To Download NJU7328 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7328 Single-phase DC Brushless Motor Driver IC
GENERAL DESCRIPTION
The NJU7328 is a single-phase DC brushless motor driver IC for small fan-motor application. It features MOS-FET driver circuit for better saturation characteristics. Slew late of amplifiers and feedback resistors are optimized to achieve low-noise motor operation. The NJU7328 also includes. Frequency generator (FG) output for various control needs.
PACKAGE OUTLINE
NJU7328RB1
FEATURES
* Single Supply * Operating Voltage VDD =2.4 5.5V * Low Operating Current * Low Saturation Output Voltage Vsat=0.35V @Io=250mA * C-MOS Technology * FG Output * Package Outline TVSP8
PIN CONFIGURATIONS
PIN FUNCTION
1 2 3 4
A -+ B -+
8 7 6 5
1: A OUTPUT 2: Reverse INPUT 3: Non-Reverse INPUT 4: Vss 5: FG 6: NC 7: B OUTPUT 8: VDD
- 1-
NJU7328
ABUSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Input Voltage Operating Temperature Range Storage Temperature Range Power Dissipation
VDD=2.4V5.5V (Ta=25C)
RATINGS +7.0 -0.3 VDD +0.3 -40 +85 -50 +150 400
SYNBOL(unit) VDD (V) VID (V) Topr (C) Tstg (C) PD (mW)
NOTE
TVSP8 (Single)
RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS
PARAMETER Operating Voltage Range Operating Current Input Offset Voltage Input Common Mode Voltage Range Maximum Output Voltage Range Feedback Resistance FG H Leak Current FG L Voltage SYSMBOL VDD IDD VIO VICM CONDITION Io=+250mA Io= -250mA RF FGH FGL 2pin=0V,pin=5V,RP=10k 2pin=5V, 3pin=0V,RP=10k MIN. 2.4 -15 0.44.0 4.55 22.0 TYP. 5.0 3.0 4.65 0.35 27.5 (V+=5V, Ta=25C)
MAX. 5.5 4.0 -15 0.45 33.0 1.0 0.3
UNIT V mA mV V
VOM
V k A V
- 2-
NJU7328
APPLICATION
M
VDD
1 2 3 4 VSS
A -+ B +-
8 7 6 5
Hall Sensor
The specifications on this data book are only given for information, without any guarantee as regards either mistakes or omissions. The application circuit in this data book are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 3-


▲Up To Search▲   

 
Price & Availability of NJU7328

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X