|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC 72 MCD 72 Thyristor Modules Thyristor/Diode Modules ITRMS = 2x180 A ITAVM = 2x115 A VRRM = 800-1800 V TO-240 AA 2 1 3 6 7 VRSM VDSM V 900 1300 1500 1700 1900 VRRM VDRM V 800 1200 1400 1600 1800 Type Version MCC 72-08 MCC 72-12 MCC 72-14 MCC 72-16 MCC 72-18 1B 8B Version MCD 72-08 MCD 72-12 MCD 72-14 MCD 72-16 MCD 72-18 1B 8B 4 5 io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B Symbol ITRMS, IFRMS ITAVM, IFAVM ITSM, IFSM Conditions TVJ = TVJM TC = 63C; 180 sine TC = 85C; 180 sine TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine Maximum Ratings 180 115 85 1700 1800 1540 1640 14 450 13 500 11 850 11 300 150 A A A A A A A A2s A2 s A2 s A2 s A/s MCD Version 8 B 500 1000 10 5 0.5 10 -40...+125 125 -40...+125 A/s Features 2 3 671 542 MCC Version 1 B 3 1 5 42 MCD Version 1 B 3 6 1 52 i2dt TVJ = 45C VR = 0 TVJ = TVJM VR = 0 MCC Version 8 B 3 1 52 (di/dt)cr TVJ = TVJM repetitive, IT = 250 A f = 50 Hz; tP =200 s VD = 2/3 VDRM IG = 0.45 A diG/dt = 0.45 A/s non repetitive, IT = ITAVM (dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight TVJ = TVJM; VDR = /3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM; IT = ITAVM; tP = 30 s tP = 300 s V/s W W W V C C C V~ V~ * International standard package, JEDEC TO-240 AA * Direct copper bonded Al2O3 -ceramic base plate * Planar passivated chips * Isolation voltage 3600 V~ * UL registered, E 72873 * Gate-cathode twin pins for version 1B Applications * DC motor control * Softstart AC motor controller * Light, heat and temperature control Advantages * Space and weight savings * Simple mounting with two screws * Improved temperature and power cycling * Reduced protection circuits 419 50/60 Hz, RMS; IISOL 1 mA; t = 1 min t=1s 3000 3600 Mounting torque (M5) Terminal connection torque (M5) Typical including screws 2.5-4.0/22-35 Nm/lb.in. 2.5-4.0/22-35 Nm/lb.in. 90 g Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions (c) 2004 IXYS All rights reserved 1-4 MCC 72 MCD 72 Symbol IRRM, IDRM VT /VF VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT /IF = 300 A; TVJ = 25C For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = TVJM; TVJ TVJ TVJ TVJ = 25C = -40C = 25C = -40C Characteristic Values 5 1.74 0.85 3.2 2.5 2.6 150 200 0.2 10 450 200 2 typ. 185 170 45 0.3 0.15 0.5 0.25 12.7 9.6 50 mA V V m V V mA mA V mA mA mA s s C A K/W K/W K/W K/W mm mm m/s2 Fig. 1 Gate trigger characteristics VD = 2/3 VDRM TVJ = 25C; tP = 10 s; VD = 6 V IG = 0.45 A; diG/dt = 0.45 A/s TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.45 A; diG/dt = 0.45 A/s TVJ = TVJM; IT = 150 A, tP = 200 s; -di/dt = 10 A/s VR = 100 V; dv/dt = 20 V/s; VD = 2/3 VDRM TVJ = TVJM; IT /IF = 50 A, -di/dt = 6 A/s per per per per thyristor/diode; DC current module thyristor/diode; DC current module other values see Fig. 8/9 Creepage distance on surface Strike distance through air Maximum allowable acceleration Optional accessories for module-type MCC 72 version 1 B Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red Type ZY 200L (L = Left for pin pair 4/5) UL 758, style 1385, Type ZY 200R (R = right for pin pair 6/7) CSA class 5851, guide 460-1-1 Fig. 2 Gate trigger delay time Dimensions in mm (1 mm = 0.0394") MCC / MCD Version 1 B MCC Version 8 B MCD Version 8 B IXYS reserves the right to change limits, test conditions and dimensions 2-4 (c) 2004 IXYS All rights reserved 419 MCC 72 MCD 72 Fig. 3 Surge overload current ITSM, IFSM: Crest value, t: duration Fig. 4 i2dt versus time (1-10 ms) Fig. 4a Maximum forward current at case temperature Fig. 5 Power dissipation versus onstate current and ambient temperature (per thyristor or diode) Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature IXYS reserves the right to change limits, test conditions and dimensions (c) 2004 IXYS All rights reserved 3-4 419 MCC 72 MCD 72 Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d: d DC 180 120 60 30 RthJC (K/W) 0.3 0.31 0.33 0.35 0.37 Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.008 0.054 0.238 ti (s) 0.0019 0.047 0.3 Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 0.5 0.51 0.53 0.55 0.57 Constants for ZthJK calculation: i 1 2 3 4 IXYS reserves the right to change limits, test conditions and dimensions Rthi (K/W) 0.008 0.054 0.238 0.2 ti (s) 0.0019 0.047 0.3 1.25 419 4-4 (c) 2004 IXYS All rights reserved |
Price & Availability of MCD72-08IO1B |