Part Number Hot Search : 
2961367 AD7507JN F55215RF BC847N3 P4SMA130 C74VH 24012 11A00
Product Description
Full Text Search
 

To Download M68701M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING
ELETROSTATIC SENSITIVE DEVICES
MITSUBISHI RF POWER MODULE
M68701M
Silicon MOS FET Power Amplifier, 860-915MHz 6W FM /Digital Mobile
D im e n s i o n s i n m m
O U T L IN E D R A W I N G
B L O C K D IAG R A M
60.5 +/-1 57.5 +/-0.5 50.2+/-1 2-R1.6 +0.2 0
11+/-0.5 14+/-0.5
2
3
1
4 5
1
2 phai 0.45 +/-0.2
3
4
5 6+/-1
8.3 +/-1 21.3 +/-1 43.3 +/-1 51.3 +/-1
PIN:
1 P in
: R F IN P U T
2 VGG : GATE BIAS SUPPLY 3 V D D : D R A IN B I A S S U P P L Y 4 PO
: RF OUTPUT
5 G N D : FIN
2.3+/-0.3
3.4+0.8
-0.4
H11
MAXIMUM RATINGS (Tc=25deg C UNLESS OTHERWISE NOTED)
SYMBOL PARAMETER VDD SUPPLY VOLTAGE VGG GATE BIAS VOLTAGE Pin INPUT POWER Po OUTPUT POWER Tc(OP) OPERATION CASE TEMPERATURE Tstg STORAGE TEMPERATURE Note:Above parameters are guaranteed independently. CONDITIONS VGG<5V,ZG=ZL=50 ohms f=860-915MHz,ZG=ZL=50 ohms f=860-915MHz,ZG=ZL=50 ohms f=860-915MHz,ZG=ZL=50 ohms RATINGS 17 5.5 10 10 -30 to +100 -40 to +110 UNIT V V mW W deg. C deg. C
ELECTRICAL CHARACTERISTICS (Tc=25deg. C ,Zg=Zl=50 ohms UNLESS OTHERWISE NOTED)
SYMBOL f Po Efficiency 2fo VSWR in PARAMETER FREQUENCY RANGE OUTPUT POWER TOTAL EFFICIENCY 2nd HARMONIC INPUT VSWR LOAD VSWR TOLERANCE TEST CONDITIONS LIMITS MIN MAX 860 915 6 35 -30 4 No degradation or destroy UNIT MHz W % dBc -
VDD=12.5V,VGG=5V,Pin=1mW VDD=12.5V, Pout=6W (VGG adjust) Pin=1mW VDD=15.2V,Pin=1mW,Po=6W(VGG adjust) ZG=50 ohms, LOAD VSWR=20:1
ABOVE PARAMETERS, RATINGS, LIMITS AND CONDITIONS ARE SUBJECT TO CHANGE .
Keep safety first in your circuit designs! Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap.
(6.4)


▲Up To Search▲   

 
Price & Availability of M68701M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X