Part Number Hot Search : 
DN8899SE SPU07N20 BYW84GP 700ETT HA00245 MIC845H CXA15 MBR1060C
Product Description
Full Text Search
 

To Download M66701P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI DIGITAL ASSP MITSUBISHI DIGITAL ASSP
M66701P M66701P
DUAL HIGH-SPEED CCD CLOCK DRIVER DUAL HIGH-SPEED CCD CLOCK DRIVER
DESCRIPTION M66701P Semiconductor Integrated Circuit is built in facsimiles and photocopiers to drive CCD linear image sensor data transfer clocks at high speeds. Because this IC takes in data on the TTL (transistor-transistor logic) level, it can be driven directly by a TTL integrated circuit. FEATURES * Wide operating voltage range VCC = 8V~13.2V APPLICATION Driving of CCD image sensors in facsimiles, image scanners and photocopiers
PIN CONFIGURATION (TOP VIEW)
NC INTPUT INTPUT GND
1
8
NC VCC
INA 2
3
7 OUTA OUTPUT 6 5 OUTB OUTPUT
INB 4
Outline 8P4
NC: No Connection
ABSOLUTE MAXIMUM RATINGS (Ta = 0 ~ 70C unless otherwise noted)
Symbol VCC VI VO Pd Tstg Supply voltage Input voltage Output voltage Power dissipation Storage temperature Parameter Conditions Ratings -0.5 ~ +15 -0.5 ~ +15 VCC 950 -65 ~ 150 Unit V V V mW C
Output: "H" For single integrated circuit; Ta = 25C (Note 1)
Note 1: When Ta is 25C or higher, conduct derating as follows: 7.7mW/C (P) /14.4mW/C (WP).
RECOMMENDED OPERATIONAL CONDITIONS
Symbol VCC VIH VIL Topr Parameter Supply voltage "H" input voltage "L" input voltage Operating temperature Min. 8.0 2.0 0 Limits Typ. 12.0 Max. 13.2 0.8 70 Unit V V V C
ELECTRICAL CHARACTERISTICS (VCC = 8.0 ~ 13.2V, Ta = 0 ~ 70C unless otherwise noted)
Symbol VIH VIL VIC VOH VOL IIH IIL ICC H ICC L Parameter "H" input voltage "L" input voltage Input clamp voltage "H" output voltage "L" output voltage "H" input current "L" input current "H" supply current "L" supply current Test conditions Min. 2.0 Limits Typ. (Note 2) Max. 0.8 -1.5 0.5 100 -0.4 8 35 Unit V V V V V A mA mA mA
IIC = -18mA VI = 0.4V, IOH = -1mA VI = 2.0V, IOL = +1mA VI = 5.5V VCC = 12V, VI = 0.4V VCC = 12V, VI = 0.0V VCC = 12V, VI = 4.5V
VCC - 1
-0.82 11.3 0.23 -0.13 5.3 26
Note 2: Standard values are measured under VCC = 12V and Ta = 25C.
1
MITSUBISHI DIGITAL ASSP
M66701P
DUAL HIGH-SPEED CCD CLOCK DRIVER
SWITCHING CHARACTERISTICS (VCC = 12V, Ta = 25C unless otherwise noted)
Symbol ton toff tr tf Turn-on time Turn-off time Rise time Fall time Parameter Test conditions VCC = 12V RD = 10 (Note 3) CL = 1000pF See test circuit. Limits Min. Typ. 8 12 26 35 Max. 30 30 50 50 Unit ns ns ns ns
Note 3: When M66701 is activated at high speeds, overshoot or undershoot may occur. To prevent it, connect damping resistance RD 10~30 to output.
TEST CIRCUIT
Input VCC = 12V Output
TIMING CHART
3V Input 1.5V ton 1.5V toff 90% 90% 0V VOH Output
P.G.
RD
50
CL tf
10%
10% VOL tr
Input/Output Voltage Waveform PG (pulse generator) output conditions are as follows: Rise time: tr 6ns Fall time: tf 6ns Repeat frequency: PRR = 1MHz Pulse width: tW = 500 ns Pulse amplitude: VP = 3VP-P
TYPICAL CHARACTERISTICS
SUPPLY CURRENT VS SUPPLY VOLTAGE
SUPPLY CURRENT VS OPERATING FREQUENCY 100
50
SUPPLY CURRENT Icc (mA)
SUPPLY CURRENT Icc (mA)
40 30
Ta = 0C Ta = 25C Ta = 70C ICCL
CL = 1000pF CL = 680pF 50 CL = 390pF CL = 200pF
20 10 0
Ta = 0C Ta = 25C Ta = 70C ICCH 5 10 SUPPLY VOLTAGE Vcc (V) 15
CL = 100pF CL = 50pF 0 0.1 0.5 1.0 5.0 OPERATING FREQUENCY f (MHz)
2
MITSUBISHI DIGITAL ASSP
M66701P
DUAL HIGH-SPEED CCD CLOCK DRIVER
"H" OUTPUT VOLTAGE VS "H" OUTPUT CURRENT 15 "H" OUTPUT VOLTAGE VOH (V) Ta = 70C Ta = 25C Ta = 0C 10 Vcc = 12V VI = 0.4V
"L" OUTPUT VOLTAGE VS "L" OUTPUT CURRENT 1.0
"L" OUTPUT VOLTAGE VOL (V)
Vcc = 12V VI = 2.0V
0.8 Ta = 0C Ta = 25C T a= 70C
0.6
0.4
0.2
5
0
_
20
_
40
_
60
_
80
_
100
0
20
40
60
80
100
"H" OUTPUT CURRENT IOH (mA)
"L" OUTPUT CURRENT IOL (mA)
TURN-ON TIME VS AMBIENT TEMPERATURE 15 Vcc = 12V PRR = 1MHz tw = 500ns RD = 10 CL = 1000pF CL= 680pF 5 CL = 390pF CL = 200pF CL = 100pF 0
TURN-OFF TIME VS AMBIENT TEMPERATURE 15 CL = 1000pF CL = 680pF CL = 390pF 10 CL = 200pF CL = 100pF 5
10
TURN-OFF TIME toff (ns)
TURN-ON TIME ton (ns)
Vcc = 12V PRR = 1MHz tw = 500ns RD = 10 0 25 50 75 AMBIENT TEMPERATURE Ta (C)
0
25
50
75
0
AMBIENT TEMPERATURE Ta (C)
RISE TIME VS AMBIENT TEMPERATURE 40 Vcc = 12V PRR = 1MHz tw = 500ns RD = 10
FALL TIME VS AMBIENT TEMPERATURE 40 Vcc = 12V 30 PRR = 1MHz tw = 500ns RD = 10 CL = 1000pF
RISE TIME tr (ns)
30
20
CL = 680pF CL = 390pF
FALL TIME tf (ns)
CL = 1000pF
CL = 680pF
20
CL = 390pF CL = 200pF CL = 100pF
10
CL = 200pF CL = 100pF
10
0
0
25
50
75
0
0
25
50
75
AMBIENT TEMPERATURE Ta (C)
AMBIENT TEMPERATURE Ta (C)
3
MITSUBISHI DIGITAL ASSP
M66701P
DUAL HIGH-SPEED CCD CLOCK DRIVER
APPLICATION CIRCUIT EXAMPLE
+12V +12V 0.1F + -10F Shift gate 1/6 M74HC04 RS 1/6 M74HC04 M66701 Reset gate
SH
+12V 0.1F
+ -10F
CCD linear image sensor
Signal out
Final stage Clock 1 Clock 1
1 1/6 M74HC04 2 1/6 M74HC04 M66701
Final stage Clock 2 Clock 2
4


▲Up To Search▲   

 
Price & Availability of M66701P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X