Part Number Hot Search : 
TCSH0303 2405E2 63MZP5 LPC2290 37101E3 ALO40 MAX80307 ARS50G
Product Description
Full Text Search
 

To Download LA5619M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number :ENN5673
Monolithic linear IC
LA5619M
Lead Battery Charger IC with Battery Voltage Detection Function
Overview
The LA5619M is a single-chip IC that integrates a battery voltage detection function and a lead battery charger to support compact sets.
Package Dimensions
unit: mm 3097-MFP16FS
[LA5619M]
16 9
0.625 5.4 1.8max 0.15 1.35 2.8 0.1 1.5 0.625
Functions
* Charge voltage can be switched between cycle voltage and trickle voltage (4.9 V typ. 4.6 V typ.). * Charge current limit can be set with an external resistor (125 mA typ.). * Built-in charge current detection circuit * Built-in battery voltage detection circuit
1
12.6
8
0.35 1.0
SANYO: MFP16FS
Specifications
Maximum Rating at Ta = 25C
Parameter Supply voltage Battery pin voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC max VBattery max Pd max Topr Tstg Conditions Ratings 15 6 0.7 -20 to +80 -30 to +125 Unit V V W C C
Operating Conditions at Ta = 25C
Parameter Supply voltage Battery pin voltage CHARGE LED sink current DET.LED sink current VBAT sink current Symbol VCC VBattery IN ICHG-LED IDET-LED IBAT-LED Conditions Ratings 5.5 to 14.5 0 to 5.5 0 to 40 0 to 40 0 to 40 Unit V V mA mA mA
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
22500RM (OT) No. 5673-1/8
6.35 7.6
LA5619M Operating Characteristics at Ta = 25C, VCC = 9 V, Batt. IN = 4 V
Parameter [Charge System] Charge voltage (when trickle is selected) Charge voltage (when cycle is selected) Differential charge voltage Cycle trickle switching current Trickle cycle switching current Output peak current Line regulation (when trickle is selected) Line regulation (when cycle is selected) Load regulation (when trickle is selected) Load regulation (when cycle is selected) VO1 VO2 Vdif ICT1 ICT2 IOP VOLN1 VOLN2 VOLD1 VOLD2 ICC1 Current drain ICC2 ICC3 CHG DET, OUT remaining voltage CHG DET, OUT leak voltage CHARGE detection current VCC DET remaining voltage VCC DET leak voltage VCC DET detection voltage VCC DET hysteresis width [Battery System] Battery detection voltage VBatt DET OUT1 pin's remaining voltage VBatt DET OUT1 pin's leak current Current drain when detection circuit is off Current drain when detection circuit is on Current drain during Battery SAVE VBatt DET OUT2 pin's remaining voltage [Internal Transistors for Reset] REST OUT remaining voltage REST OUT leak current [VBatt CTRL Pin] Threshold voltage VBatt CTRL pin input current VBatt-CTRL IBatt-CTRL VIN = 4 V 1.10 1.27 17 1.50 24 V A VREST IREST REST.IN = 2 A, IIN = 50 A VIN = 5 V 0.3 0.5 200 V nA VBatt VBAT-OUT1 IIN = 40 mA IBAT-OUT1 VIN = 5 V IOFF ION ISAVE batt = 2.5 V No load VBatt CTRL = 4 V 5 350 20 1.1 3.17 3.3 0.3 3.43 0.5 200 6 500 30 1.3 V V nA A A A V ICHG-LED RL = 33 VCC = 8 to 14.5 V, IO = 10 mA VCC = 8 to 14.5 V, IO = 50 mA IO = 0.5 to 30 mA IO = 50 to 60 mA IO = 0 mA IO = 50 mA (ICC2 includes IO) RL = 33 (ICC3 includes IO) VIN = 9 V 0.15 0.8 0.25 1.0 1.1 IO = 10 mA IO = 50 mA VO = VO2 - VO1 4.4 4.7 0.2 20 35 112.5 4.6 4.9 0.3 23 41 125 50 100 50 100 6 65 155 1.1 4.7 5.0 0.4 26 47 137.5 100 150 100 150 10 73 175 1.3 200 0.35 1.2 1.3 200 4.95 0.05 5.2 0.1 5.3 0.2 V V V mA mA mA mV mV mV mV mV mA mA V nA mA mA V nA V V Symbol Conditions Ratings min typ max Unit
VCHG-LED IIN = 40 mA ICHG-DET1 on off ICHG-DET2 off on VDET IDET VCC-DET VCC-DET, HYS IIN = 40 mA VIN = 9 V
VBAT-OUT2 IIN = 40 mA
Pin Assignment
Allowable power dissipation, Pd max -- mW
Recommended board mounting
Copper plating 180 mm2 Board material: Paper phenol t = 1.5 mm
Independent IC
Operating temperature, Ta -- C
No. 5673-2/8
LA5619M Battery Charger Charging Characteristics
Cycle charge Current limiting with current limiter
Trickle charge
Battery pin voltage
Charge current characteristics Detects charge current of 23 mA and switches charge voltage from 4.9 V to 4.6 V * Charge current is variable
Charge current
Charge voltage characteristics
Charging time
Current Drain Characteristics
(+Vbat circuit current) Reset on Batt SAVE on current Reset off current
(+reset circuit current)
Relationship between Reset and Battery Circuit
Battery voltage Rest voltage 2.8 [V] 3.3 [V] or higher
The VBatt circuit operates at the edge where the reset voltage becomes Hi. (At this time, the output transistors are set on and the load is put on; If this voltage is 3.3 [V] or higher, the VBatt circuit operates, and if it is lower than 3.3 [V], it does not start up.
No. 5673-3/8
LA5619M Cycle Trickle Switching Hysteresis
Charge current VBatt [V]
Charge current IBatt [mA]
Charge Detection Hysteresis
LED off
LED on
Charge current IBatt [mA]
No. 5673-4/8
LA5619M Timing Charts
(Battery provided)
(Battery only)
No. 5673-5/8
LA5619M Block Diagram
To current limiter
Overdrive control Reset IC OUT GND (frame)
Notes: 1. Use capacitors with little temperature-related capacitance fluctuation. 2. Do not provide capacitors to the Batt pin (Pin 10) 3. The reset IC must be provided externally.
No. 5673-6/8
LA5619M
Battery detection voltage, VBatt -- V
Battery detection voltage, VBatt -- V
Cycle selected (75 load)
Trickle selected (no load)
Charge current, IBatt -- mA
Supply voltage, VCC -- V
VCHGDETOUT voltage, VCHGDETOUT -- V
VCCDET voltage, VCCDET -- V
LED off
LED off
LED on
LED on
Supply voltage, VCC -- V VBattDETOUT2 voltage, VBattDETOUT2 -- V
Charge current, IBatt -- mA
VCHGmode voltage, VCHGmode -- V
LED off
LED off
LED on
LED on
Charge current, IBatt -- mA
Battery pin voltage, VBatt -- V
Battery detection voltage, VBatt -- V
Operating temperature, Ta -- C
Output peak current, Iop -- mA
Operating temperature, Ta -- C No. 5673-7/8
LA5619M
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of February, 2000. Specifications and information herein are subject to change without notice. PS No. 5673-8/8


▲Up To Search▲   

 
Price & Availability of LA5619M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X