Part Number Hot Search : 
ITC1000 EC3SM AB805 EC3SM C59RM71 2812D 7687M00 LT3782
Product Description
Full Text Search
 

To Download KTA2012E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING APPLICATION. FEATURES
A Collector Current is Large. Collector Saturation Voltage is low. : VCE(sat) -250mV at IC=-200mA/IB=-10mA.
A G H
2 1
KTA2012E
EPITAXIAL PLANAR PNP TRANSISTOR
E B
D 3
DIM A B
C D E G H J
Complementary to KTC4072E.
MILLIMETERS _ 1.60 + 0.10 _ 0.85 + 0.10 _ 0.70 + 0.10
0.27+0.10/-0.05 _ 1.60 + 0.10 _ 1.00 + 0.10 0.50 _ 0.13 + 0.05
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range * Single pulse Pw=1mS.
SYMBOL VCBO VCEO VEBO IC ICP * PC Tj Tstg
RATING -15 -12 -6 -500 -1 100 150 -55 150
UNIT V V V mA A mW
1. EMITTER 2. BASE 3. COLLECTOR
C
MAXIMUM RATING (Ta=25
)
J
ESM
Marking
Type Name
SZ
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance ICBO V(BR)CBO V(BR)CEO V(BR)EBO hFE VCE(sat) fT Cob
)
TEST CONDITION VCB=-15V, IE=0 IC=-10 A IC=-1mA IE=-10 A VCE=-2V, IC=-10mA IC=-200mA, IB=-10mA VCE=-2V, IC=-10mA, fT=100MHz VCB=-10V, IE=0, f=1MHz MIN. -15 -12 -6 270 TYP. -100 260 6.5 MAX. -100 680 -250 UNIT nA V V V mV MHz pF
SYMBOL
2002. 2. 20
Revision No : 1
1/3
KTA2012E
h FE - I C
1K DC CURRENT GAIN h FE 500 300
Ta=125 C Ta=25 C Ta=-40 C
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (mV) -1K -500 -300 -100 -50 -30 -10 -5 -3 -1 -1 -3 -10 -30 -100 -300 -1K
Ta= 125
I C /IB =20
C
100 50 30
VCE =-2V
25 C C Ta= =-40 Ta
10 -1
-3
-10
-30
-100
-300
-1K
COLLECTOR CURRENT I C (mA)
COLLECTOR CURRENT I C (mA)
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (mV) -1K -500 -300 -100 -50 -30 -10 -5 -3 -1 -1 -3 -10 -30 -100 -300 -1K
I C /IB =50 I C /IB =20 I C /IB =10
VBE(sat) - I C
BASE-EMITTER SATURATION VOLTAGE VBE(sat) (mV) -10K -5K -3K
I C /IB =20
Ta=25 C
-1K -500 -300
Ta=-40 C
Ta=25 C C Ta=125
-100 -1 -3 -10 -30 -100 -300 -1K COLLECTOR CURRENT I C (mA)
COLLECTOR CURRENT I C (mA)
I C - V BE
TRANSITION FREQUENCY f T (MHz) -1K COLLECTOR CURRENT I C (mA) -500 -300 -100
Ta=1 25 C C Ta=40 C Ta=2 5
VCE =-2V
fT - IC
1K 500 300
VCE =-2V Ta=25 C
-50 -30 -10 -5 -3 -1 0
100 50 30
10 -1 -3 -10 -30 -100 -300 -1K COLLECTOR CURRENT I C (mA)
-0.5
-1.0
-1.5
BASE-EMITTER VOLTAGE VBE (V)
2002. 2. 20
Revision No : 1
2/3


▲Up To Search▲   

 
Price & Availability of KTA2012E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X