![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KM416S1020C CMOS SDRAM 1M x 16 SDRAM 512K x 16bit x 2 Banks Synchronous DRAM LVTTL Revision 0.6 September 1998 Samsung Electronics reserves the right to change products or specification without notice. -1- Rev. 0.6 (Sep. 1998) KM416S1020C Revision History Revision 0.6 (September 10, 1998) CMOS SDRAM * Removed KM416S1020C-H/L product (-H: 100MHz @ CL=2, -L: 100MHz @ CL3 ) * Changed the clock cycle time of KM416S1020C-8 @ CL2 from 12ns to 10ns, accordingly, the AC and DC parameters of KM416S1020C-8 @ CL2 are changed in AC/DC CHARACTERISTICS. For this part, the VDD condition of AC Operating Test is 3.135V ~ 3.6V * Changed ICC1 of KM416S1020C-7 @ CL2 from 115mA to 120mA in DC CHARACTERISTICS. * Changed ICC1 of KM416S1020C-10 @ CL3 from 80mA to 85mA in DC CHARACTERISTICS. * Changed tRDL of KM416S1020C-10 @ CL3 from 2CLK to 1CLK in OPERATING AC PARAMETER. * Removed CL2 from KM416S1020C-6 Revision 0.5 (July 13, 1998) - Prelimianry * Added -6(166MHz) binning product. For this part, the VDD condition of AC Operating Test is 3.135V ~ 3.6V. * Changed the clock cycle time of KM416S1020C-7 @ CL2 from 12ns to 8.7ns, accordingly, the AC and DC parameters of KM416S1020C-7 @ CL2 are changed in AC/DC CHARACTERISTICS. For this part, the VDD condition of AC Operating Test is 3.135V ~ 3.6V. * Changed ICC1 of KM416S1020C-7 @ CL3 from 95mA to 105mA in DC CHARACTERISTICS. * Changed DC/AC Test Output Load of KM416S1020C-7/6 from 50pF to 30pF in AC OPERATING TEST CONDITIONS. * Defined tMRSmin(Mode Register Set cycle time) as 2 CLK in AC CHARACTERISTICS. Revision 0.4 (April 17, 1998) * Changed DC/AC Test Output Load from 30pF to 50pF in AC OPERATING TEST CONDITIONS. * Changed tOH from 2.5ns to 3ns in KM416S1020C-8/H/L/10 in AC CHARACTERISTICS. Revision 0.3 (April 2, 1998) * Changed DC/AC Test Output Load from 50pF to 30pF in AC OPERATING TEST CONDITIONS. * Changed tSAC from 6ns to 7ns, tSHZ from 6ns to 7ns @ CL=2 in KM416S1020C-8, tOH from 3ns to 2.5ns in KM416S1020C-8/H/L/10 in AC CHARACTERISTICS. Revision 0.2 (February 1998) * Input Leakage Currents (Inputs / DQ) are changed(IIL(Inputs) : 5uA to 1uA, IIL(DQ) : 5uA to 1.5uA.). * Cin to be measured at VDD = 3.3V, TA = 23C, f = 1MHz, VREF =1.4V 200 mV. * Bining -7 is added. * Refresh cycle changed 2K/32ms to 4K/64ms. * AC Operating Condition is changed as defined : - VIH(max) = 5.6V AC. The overshoot voltage duration is 3ns. - VIL(min) = -2.0V AC. The undershoot voltage duration is 3ns. Revision 0.1 (November 1997) * tRDL has changed 10ns to 12ns. -2- Rev. 0.6 (Sep. 1998) KM416S1020C 512K x 16Bit x 2 Banks Synchronous DRAM FEATURES * * * * 3.3V power supply LVTTL compatible with multiplexed address Dual banks operation MRS cycle with address key programs -. CAS Latency ( 2 & 3) -. Burst Length (1, 2, 4, 8 & full page) -. Burst Type (Sequential & Interleave) All inputs are sampled at the positive going edge of the system clock Burst Read Single-bit Write operation DQM for masking Auto & self refresh 64ms refresh period (4K cycle) CMOS SDRAM GENERAL DESCRIPTION The KM416S1020C is 16,777,216 bits synchronous high data rate Dynamic RAM organized as 2 x 524,288 words by 16 bits, fabricated with SAMSUNGs high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications. * * * * * ORDERING INFORMATION Part NO. KM416S1020CT-G/F6 KM416S1020CT-G/F7 KM416S1020CT-G/F8 KM416S1020CT-G/F10 MAX Freq. 166MHz 143MHz 125MHz 100MHz LVTTL 50 TSOP(II) Interface Package FUNCTIONAL BLOCK DIAGRAM I/O Control LWE Data Input Register Bank Select Refresh Counter LDQM Output Buffer Row Decoder Sense AMP 512K x 16 Row Buffer DQi Address Register CLK ADD 512K x 16 Column Decoder Col. Buffer Latency & Burst Length LRAS LCBR LCKE LRAS LCBR LWE LCAS Programming Register LWCBR LDQM Timing Register CLK CKE CS RAS CAS WE L(U)DQM * Samsung Electronics reserves the right to change products or specification without notice. -3- Rev. 0.6 (Sep. 1998) KM416S1020C PIN CONFIGURATION (TOP VIEW) VDD DQ0 DQ1 VSSQ DQ2 DQ3 VDDQ DQ4 DQ5 VSSQ DQ6 DQ7 VDDQ LDQM WE CAS RAS CS BA A10/AP A0 A1 A2 A3 VDD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 VSS DQ15 DQ14 VSSQ DQ13 DQ12 VDDQ DQ11 DQ10 VSSQ DQ9 DQ8 VDDQ N.C/RFU UDQM CLK CKE N.C A9 A8 A7 A6 A5 A4 VSS CMOS SDRAM 50PIN TSOP (II) (400mil x 825mil) (0.8 mm PIN PITCH) PIN FUNCTION DESCRIPTION Pin CLK CS Name System Clock Chip Select Input Function Active on the positive going edge to sample all inputs. Disables or enables device operation by masking or enabling all inputs except CLK, CKE and L(U)DQM Masks system clock to freeze operation from the next clock cycle. CKE should be enabled at least one cycle prior to new command. Disable input buffers for power down in standby. Row / column addresses are multiplexed on the same pins. Row address : RA0 ~ RA10, column address : CA0 ~ CA7 Selects bank to be activated during row address latch time. Selects bank for read/write during column address latch time. Latches row addresses on the positive going edge of the CLK with RAS low. Enables row access & precharge. Latches column addresses on the positive going edge of the CLK with CAS low. Enables column access. Enables write operation and row precharge. Latches data in starting from CAS, WE active. Makes data output Hi-Z, tSHZ after the clock and masks the output. Blocks data input when L(U)DQM active. Data inputs/outputs are multiplexed on the same pins. Power and ground for the input buffers and the core logic. Isolated power supply and ground for the output buffers to provide improved noise immunity. This pin is recommended to be left No Connection on the device. CKE Clock Enable A0 ~ A10/AP BA RAS CAS WE L(U)DQM DQ0 ~ 15 Address Bank Select Address Row Address Strobe Column Address Strobe Write Enable Data Input/Output Mask Data Input/Output Power Supply/Ground Data Output Power/Ground No Connection/ Reserved for Future Use VDD/VSS VDDQ/VSSQ N.C/RFU -4- Rev. 0.6 (Sep. 1998) KM416S1020C ABSOLUTE MAXIMUM RATINGS Parameter Voltage on any pin relative to Vss Voltage on VDD supply relative to Vss Storage temperature Power dissipation Short circuit current Symbol VIN, VOUT VDD, VDDQ TSTG PD IOS Value -1.0 ~ 4.6 -1.0 ~ 4.6 -55 ~ +150 1 50 CMOS SDRAM Unit V V C W mA Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability. DC OPERATING CONDITIONS Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70C) Parameter Supply voltage Input logic high votlage Input logic low voltage Output logic high voltage Output logic low voltage Input leakage current(Inputs) Input leakage current (I/O pins) Symbol VDD, VDDQ VIH VIL VOH VOL IIL IIL Min 3.0 2.0 -0.3 2.4 -1 -1.5 Typ 3.3 3.0 0 Max 3.6 VDDQ+0.3 0.8 0.4 1 1.5 Unit V V V V V uA uA Note 5 1 2 IOH = -2mA IOL = 2mA 3 3,4 Note : 1. VIH (max) = 5.6V AC. The overshoot voltage duration is 3ns. 2. VIL (min) = -2.0V AC. The undershoot voltage duration is 3ns. 3. Any input 0V VIN VDDQ. Input leakage currents include HI-Z output leakage for all bi-directional buffers with Tri-State outputs. 4. Dout is disabled, 0V VOUT VDDQ. 5. The VDD condition of KM416S1020C-7/8@CL2 and KM416S1020C-6@CL3 is 3.135V~3.6V. CAPACITANCE (VDD = 3.3V, TA = 23C, f = 1MHz, VREF =1.4V 200 mV) Pin Symbol CCLK CIN CADD COUT Min 2.5 2.5 2.5 4.0 Max 4.0 5.0 5.0 6.5 Unit pF pF pF pF Clock RAS, CAS, WE, CS, CKE, L(U)DQM Address DQ0 ~ DQ15 DECOUPLING CAPACITANCE GUIDE LINE Recommended decoupling capacitance added to power line at board. Parameter Decoupling Capacitance between VDD and VSS Decoupling Capacitance between VDDQ and VSSQ Symbol CDC1 CDC2 Value 0.1 + 0.01 0.1 + 0.01 Unit uF uF Note : 1. VDD and VDDQ pins are separated each other. All VDD pins are connected in chip. All VDDQ pins are connected in chip. 2. VSS and VSSQ pins are separated each other All VSS pins are connected in chip. All VSSQ pins are connected in chip. -5- Rev. 0.6 (Sep. 1998) KM416S1020C DC CHARACTERISTICS (Recommended operating condition unless otherwise noted, TA = 0 to 70C) Parameter Symbol Test Condition Burst Length =1 tRCtRC(min) IOL = 0 mA CKEVIL(max), tCC = 15ns CKE & CLKVIL(max), tCC = CKEVIH(min), CSVIH(min), tCC = 15ns Input signals are changed one time during 30ns CKEVIH(min), CLKVIL(max), tCC = Input signals are stable CKEVIL(max), tCC = 15ns CKE & CLKVIL(max), tCC = CKEVIH(min), CSVIH(min), tCC = 15ns Input signals are changed one time during 30ns CKEVIH(min), CLKVIL(max), tCC = Input signals are stable IOL = 0 mA Page Burst 2Banks Activated tCCD = 2CLKs tRCtRC(min) 2 Self Refresh Current ICC6 CKE0.2V 250 Note : 1. Measured with outputs open. Addresses are changed only one time during tcc(min). 2. Refresh period is 64ms. Addresses are changed only one time during tcc(min). 3. KM416S1020CT-G** 4. KM416S1020CT-F** 100 1 3 2 3 Refresh Current ICC5 150 100 140 125 90 CAS Latency 3 2 CMOS SDRAM Version Unit -6 115 -7 105 120 1 mA 1 15 mA 4 2 mA 1 25 15 130 115 90 90 115 mA 100 80 mA 80 mA uA 3 4 2 1 mA mA -8 95 95 -10 85 mA 80 1 Note Operating Current (One Bank Active) Precharge Standby Current in power-down mode ICC1 ICC2P ICC2PS ICC2N Precharge Standby Current in non power-down mode ICC2NS Active Standby Current in power-down mode ICC3P ICC3PS ICC3N ICC3NS Active Standby Current in non power-down mode (One Bank Active) Operating Current (Burst Mode) ICC4 -6- Rev. 0.6 (Sep. 1998) KM416S1020C AC OPERATING TEST CONDITIONS (VDD = 3.3V0.3V*2, TA = 0 to 70C) Parameter Input levels (Vih/Vil) Input timing measurement reference level Input rise and fall time Output timing measurement reference level Output load condition 3.3V CMOS SDRAM Value 2.4 / 0.4 1.4 tr / tf = 1 / 1 1.4 See Fig. 2 Vtt=1.4V Unit V V ns V 1200 Output 870 50pF*2 VOH (DC) = 2.4V, IOH = -2mA VOL (DC) = 0.4V, IOL = 2mA Output Z0=50 50 50pF*1 (Fig. 1) DC Output Load Circuit (Fig. 2) AC Output Load Circuit Note : 1. The DC/AC Test Output Load of KM416S1020C-7/6 is 30pF. 2. The VDD condition of KM416S1020C-7/8@CL2 and KM416S1020C-6@CL3 is 3.135V~3.6V. OPERATING AC PARAMETER (AC operating conditions unless otherwise noted) Parameter CAS Latency CLK cycle time Row active to row active delay RAS to CAS delay Row precharge time Row active time Row cycle time Last data in to row precharge Last data in to new col.address delay Last data in to burst stop Col. address to col. address delay Mode Register Set cycle time Number of valid output data Symbol CL tCC(min) tRRD(min) tRCD(min) tRP(min) tRAS(min) tRAS(max) tRC(min) tRDL(min) tCDL(min) tBDL(min) tCCD(min) tMRS(min) CAS Latency=3 CAS Latency=2 11 1 10 1 7 1 1 1 1 2 2 1 3 3 8 3 3 7 2 2 5 100 9 1 7 1 8 1 6 1 3 6 Version -6 3 7 -7 2 8.7 2 3 3 6 2 2 5 3 3 5 2 2 4 3 8 -8 2 10 3 10 -10 2 13 Unit CLK ns CLK CLK CLK CLK us CLK CLK CLK CLK CLK CLK ea 4 1 1, 2 2 2 3 1 1 1 1 Note Note : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. Minimum delay is required to complete write. 3. All parts allow every cycle column address change. 4. In case of row precharge interrupt, auto precharge and read burst stop. -7- Rev. 0.6 (Sep. 1998) KM416S1020C AC CHARACTERISTICS (AC operating conditions unless otherwise noted) Parameter CAS Latency=3 CAS Latency=2 CLK to valid output delay Output data CLK high pulse width CAS Latency=3 CAS Latency=2 CLK low pulse width CAS Latency=3 CAS Latency=2 Input setup time Input hold time CLK to output in Low-Z CLK to output in Hi-Z CAS Latency=3 CAS Latency=2 CAS Latency=3 CAS Latency=2 tSH tSLZ tSHZ tSS tCL CAS Latency=3 CAS Latency=2 tOH tCH tSAC Symbol Min CLK cycle time tCC 6 2.5 2.5 - CMOS SDRAM -6 Max 1000 5.5 Min 7 8.7 2.5 2.5 3 2.5 3 5.5 2 2.5 1 1 6 7.7 1 1 6 7 1 1 7 8 ns ns ns 3 2 2 2.5 ns 3 3 3.5 ns 3 6 7.7 -7 Max 1000 Min 8 10 3 3 6 7 -8 Max 1000 Min 10 13 3 3.5 7 8 ns ns 2 3 ns 1, 2 -10 Max 1000 ns 1 Unit Note 2.5 - 2 - 1 1 - Note : 1. Parameters depend on programmed CAS latency. 2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter. 3. Assumed input rise and fall time (tr & tf)=1ns. If tr & tf is longer than 1ns, transient time compensation should be considered, i.e., [(tr + tf)/2-1]ns should be added to the parameter. -8- Rev. 0.6 (Sep. 1998) KM416S1020C SIMPLIFIED TRUTH TABLE COMMAND Register Mode Register Set Auto Refresh Refresh Entry Self Refresh Exit L H H CKEn-1 CKEn CS RAS CAS WE DQM BA CMOS SDRAM A10/AP A9~ A0 Note H H X H L H X X L L L H L L H X L H L L H X H L L H H X H H X X OP CODE X 1, 2 3 3 X X X V V X Row Address L H Column Address (A0~A7) Column Address (A0~A7) 3 3 Bank Active & Row Addr. Read & Column Address Write & Column Address Burst Stop Precharge Bank Selection Both Banks Clock Suspend or Active Power Down Entry Exit Entry Precharge Power Down Mode Exit DQM No Operation Command Auto Precharge Disable Auto Precharge Enable Auto Precharge Disable Auto Precharge Enable L L 4 4, 5 4 4, 5 6 H H H X X X L L L H L H H L X V X X H X V X L H H X V X X H X V L L L X V X X H X V X X X V L H X V X L H X H L H L H L X X X X X X V X X 7 X H L L H H H H L X H L X H X H X H X (V=Valid, X=Dont Care, H=Logic High, L=Logic Low) Note : 1. OP Code : Operand Code A0 ~ A10/AP, BA : Program keys. (@MRS) 2. MRS can be issued only at both banks precharge state. A new command can be issued after 2 clock cycle of MRS. 3. Auto refresh functions are as same as CBR refresh of DRAM. The automatical precharge without row precharge command is meant by "Auto". Auto/self refresh can be issued only at both banks precharge state. 4. BA : Bank select address. If "Low" at read, write, row active and precharge, bank A is selected. If "High" at read, write, row active and precharge, bank B is selected. If A10/AP is "High" at row precharge, BA is ignored and both banks are selected. 5. During burst read or write with auto precharge, new read/write command can not be issued. Another bank read/write command can be issued after the end of burst. New row active of the assoiated bank can be issued at tRP after the end of burst. 6. Burst stop command is valid at every burst length. 7. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0), but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2) -9- Rev. 0.6 (Sep. 1998) KM416S1020C MODE REGISTER FIELD TABLE TO PROGRAM MODES Register Programmed with MRS Address Function BA RFU A10/AP RFU A9 W.B.L A8 TM A7 A6 A5 A4 CAS Latency A3 BT CMOS SDRAM A2 A1 Burst Length A0 Test Mode A8 0 0 1 1 A9 0 1 A7 0 1 0 1 Type Mode Register Set Reserved Reserved Reserved Length Burst Single Bit A6 0 0 0 0 1 1 1 1 CAS Latency A5 0 0 1 1 0 0 1 1 A4 0 1 0 1 0 1 0 1 Latency Reserved 2 3 Reserved Reserved Reserved Reserved 0 1 Burst Type A3 Type Sequential Interleave A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 Burst Length A0 0 1 0 1 0 1 0 1 BT = 0 1 2 4 8 BT = 1 1 2 4 8 Write Burst Length Reserved Reserved Reserved Reserved Reserved Reserved Full Page Reserved Full Page Length : x4 (1024), x8 (512), x16 (256) POWER UP SEQUENCE 1. Apply power and start clock, Attempt to maintain CKE= "H", DQM= "H" and the other pins are NOP condition at the inputs. 2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us. 3. Issue precharge commands for all banks of the devices. 4. Issue 2 or more auto-refresh commands. 5. Issue a mode register set command to initialize the mode register. cf.) Sequence of 4 & 5 is regardless of the order. The device is now ready for normal operation. Note : 1. If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled. 2. RFU (Reserved for future use) should stay "0" during MRS cycle. - 10 Rev. 0.6 (Sep. 1998) KM416S1020C BURST SEQUENCE (BURST LENGTH = 4) Initial Address A1 0 0 1 1 A0 0 1 0 1 0 1 2 3 1 2 3 0 Sequential 2 3 0 1 3 0 1 2 0 1 2 3 1 0 3 2 CMOS SDRAM Interleave 2 3 0 1 3 2 1 0 BURST SEQUENCE (BURST LENGTH = 8) Initial Address A2 A1 A0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 0 2 3 4 5 6 7 0 1 Sequential 3 4 5 6 7 0 1 2 4 5 6 7 0 1 2 3 5 6 7 0 1 2 3 4 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 1 0 3 2 5 4 7 6 2 3 0 1 6 7 4 5 Interleave 3 2 1 0 7 6 5 4 4 5 6 7 0 1 2 3 5 4 7 6 1 0 3 2 6 7 4 5 2 3 0 1 7 6 5 4 3 2 1 0 - 11 Rev. 0.6 (Sep. 1998) KM416S1020C DEVICE OPERATIONS CLOCK (CLK) The clock input is used as the reference for all SDRAM operations. All operations are synchronized to the positive going edge of the clock. The clock transitions must be monotonic between VIL and VIH. During operation with CKE high all inputs are assumed to be in a valid state (low or high) for the duration of set-up and hold time around positive edge of the clock in order to function well Q perform and ICC specifications. CMOS SDRAM ADDRESS INPUTS (A0 ~ A10/AP) : In case x 4 The 21 address bits are required to decode the 2,097,152 word locations are multiplexed into 11 address input pins (A0 ~ A10/ AP). The 11 bit row addresses are latched along with RAS and BA during bank activate command. The 10 bit column addresses are latched along with CAS, WE and BA during read or write command. CLOCK ENABLE (CKE) The clock enable(CKE) gates the clock onto SDRAM. If CKE goes low synchronously with clock (set-up and hold time are the same as other inputs), the internal clock is suspended from the next clock cycle and the state of output and burst address is frozen as long as the CKE remains low. All other inputs are ignored from the next clock cycle after CKE goes low. When all banks are in the idle state and CKE goes low synchronously with clock, the SDRAM enters the power down mode from the next clock cycle. The SDRAM remains in the power down mode ignoring the other inputs as long as CKE remains low. The power down exit is synchronous as the internal clock is suspended. When CKE goes high at least "1CLK + tSS" before the high going edge of the clock, then the SDRAM becomes active from the same clock edge accepting all the input commands. : In case x 8 The 20 address bits are required to decode the 1,048,576 word locations are multiplexed into 11 address input pins (A0 ~ A10/ AP). The 11 bit row addresses are latched along with RAS and BA during bank activate command. The 9 bit column addresses are latched along with CAS, WE and BA during read or write command. : In case x 16 The 19 address bits are required to decode the 524,288 word locations are multiplexed into 11 address input pins (A0 ~ A10/ AP). The 11 bit row addresses are latched along with RAS and BA during bank activate command. The 8 bit column addresses are latched along with CAS, WE and BA during read or write command. BANK ADDRESS (BA) : In case x 4 This SDRAM is organized as two independent banks of 2,097,152 words x 4 bits memory arrays. The BA input is latched at the time of assertion of RAS and CAS to select the bank to be used for the operation. The bank select BA is latched at bank active, read, write, mode register set and precharge operations. NOP and DEVICE DESELECT When RAS, CAS and WE are high, the SDRAM performs no operation (NOP). NOP does not initiate any new operation, but is needed to complete operations which require more than single clock cycle like bank activate, burst read, auto refresh, etc. The device deselect is also a NOP and is entered by asserting CS high. CS high disables the command decoder so that RAS, CAS, WE and all the address inputs are ignored. : In case x 8 This SDRAM is organized as two independent banks of 1,048,576 words x 8 bits memory arrays. The BA input is latched at the time of assertion of RAS and CAS to select the bank to be used for the operation. The bank select BA is latched at bank active, read, write, mode register set and precharge operations. POWER-UP 1. Apply power and start clock, Attempt to maintain CKE= "H", DQM= "H" and the other pins are NOP condition at the inputs. 2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us. 3. Issue precharge commands for both banks of the devices. 4. Issue 2 or more auto-refresh commands. 5. Issue a mode register set command to initialize the mode register. cf.) Sequence of 4 & 5 is regardless of the order. : In case x 16 This SDRAM is organized as two independent banks of 524,288 words x 16 bits memory arrays. The BA input is latched at the time of assertion of RAS and CAS to select the bank to be used for the operation. The bank select BA is latched at bank active, read, write, mode register set and precharge operations. The device is now ready for normal operation. - 12 Rev. 0.6 (Sep. 1998) KM416S1020C DEVICE OPERATIONS (Continued) MODE REGISTER SET (MRS) The mode register stores the data for controlling the various operating modes of SDRAM. It programs the CAS latency, burst type, burst length, test mode and various vendor specific options to make SDRAM useful for variety of different applications. The default value of the mode register is not defined, therefore the mode register must be written after power up to operate the SDRAM. The mode register is written by asserting low on CS, RAS, CAS and WE (The SDRAM should be in active mode with CKE already high prior to writing the mode register). The state of address pins A0 ~ A10/AP and BA in the same cycle as CS, RAS, CAS and WE going low is the data written in the mode register. Two clock cycles is required to complete the write in the mode register. The mode register contents can be changed using the same command and clock cycle requirements during operation as long as all banks are in the idle state. The mode register is divided into various fields depending on the fields of functions. The burst length field uses A0 ~ A2, burst type uses A3, CAS latency (read latency from column address) uses A4 ~ A6, vendor specific options or test mode use A7 ~ A8, A10/AP and BA. The write burst length is programmed using A9. A7 ~ A8, A10/AP, BA must be set to low for normal SDRAM operation. Refer to the table for specific codes for various burst length, burst type and CAS latencies. CMOS SDRAM active to initiate sensing and restoring the complete row of dynamic cells is determined by tRAS(min). Every SDRAM bank activate command must satisfy tRAS(min) specification before a precharge command to that active bank can be asserted. The maximum time any bank can be in the active state is determined by tRAS(max). The number of cycles for both tRAS(min) and tRAS(max) can be calculated similar to tRCD specification. BURST READ The burst read command is used to access burst of data on consecutive clock cycles from an active row in an active bank. The burst read command is issued by asserting low on CS and CAS with WE being high on the positive edge of the clock. The bank must be active for at least tRCD(min) before the burst read command is issued. The first output appears in CAS latency number of clock cycles after the issue of burst read command. The burst length, burst sequence and latency from the burst read command is determined by the mode register which is already programmed. The burst read can be initiated on any column address of the active row. The address wraps around if the initial address does not start from a boundary such that number of outputs from each I/O are equal to the burst length programmed in the mode register. The output goes into high-impedance at the end of the burst, unless a new burst read was initiated to keep the data output gapless. The burst read can be terminated by issuing another burst read or burst write in the same bank or the other active bank or a precharge command to the same bank. The burst stop command is valid at every page burst length. BANK ACTIVATE The bank activate command is used to select a random row in an idle bank. By asserting low on RAS and CS with desired row and bank address, a row access is initiated. The read or write operation can occur after a time delay of tRCD(min) from the time of bank activation. tRCD is an internal timing parameter of SDRAM, therefore it is dependent on operating clock frequency. The minimum number of clock cycles required between bank activate and read or write command should be calculated by dividing tRCD(min) with cycle time of the clock and then rounding off the result to the next higher integer. The SDRAM has two internal banks in the same chip and shares part of the internal circuitry to reduce chip area, therefore it restricts the activation of two banks simultaneously. Also the noise generated during sensing of each bank of SDRAM is high, requiring some time for power supplies to recover before the other bank can be sensed reliably. tRRD(min) specifies the minimum time required between activating different bank. The number of clock cycles required between different bank activation must be calculated similar to tRCD specification. The minimum time required for the bank to be BURST WRITE The burst write command is similar to burst read command and is used to write data into the SDRAM on consecutive clock cycles in adjacent addresses depending on burst length and burst sequence. By asserting low on CS, CAS and WE with valid column address, a write burst is initiated. The data inputs are provided for the initial address in the same clock cycle as the burst write command. The input buffer is deselected at the end of the burst length, even though the internal writing can be completed yet. The writing can be completed by issuing a burst read and DQM for blocking data inputs or burst write in the same or another active bank. The burst stop command is valid at every burst length. The write burst can also be terminated by using DQM for blocking data and procreating the bank tRDL after the last data input to be written into the active row. OPERATION also. See DQM - 13 Rev. 0.6 (Sep. 1998) KM416S1020C DEVICE OPERATIONS (Continued) DQM OPERATION The DQM is used to mask input and output operations. It works similar to OE during read operation and inhibits writing during write operation. The read latency is two cycles from DQM and zero cycle for write, which means DQM masking occurs two cycles later in read cycle and occurs in the same cycle during write cycle. DQM operation is synchronous with the clock. The DQM signal is important during burst interruptions of write with read or precharge in the SDRAM. Due to asynchronous nature of the internal write, the DQM operation is critical to avoid unwanted or incomplete writes when the complete burst write is not required. Please refer to DQM timing diagram also. CMOS SDRAM AUTO REFRESH The storage cells of SDRAM need to be refreshed every 64ms to maintain data. An auto refresh cycle accomplishes refresh of a single row of storage cells. The internal counter increments automatically on every auto refresh cycle to refresh all the rows. An auto refresh command is issued by asserting low on CS, RAS and CAS with high on CKE and WE. The auto refresh command can only be asserted with both banks being in idle state and the device is not in power down mode (CKE is high in the previous cycle). The time required to complete the auto refresh operation is specified by tRFC(min). The minimum number of clock cycles required can be calculated by driving tRFC with clock cycle time and them rounding up to the next higher integer. The auto refresh command must be followed by NOP's until the auto refresh operation is completed. Both banks will be in the idle state at the end of auto refresh operation. The auto refresh is the preferred refresh mode when the SDRAM is being used for normal data transactions. The auto refresh cycle can be performed once in 15.6us or a burst of 4096 auto refresh cycles once in 64ms. PRECHARGE The precharge operation is performed on an active bank by asserting low on CS, RAS, WE and A10/AP with valid BA of the bank to be precharged. The precharge command can be asserted anytime after tRAS(min) is satisfied from the bank active command in the desired bank. tRP is defined as the minimum number of clock cycles required to complete row precharge is calculated by dividing tRP with clock cycle time and rounding up to the next higher integer. Care should be taken to make sure that burst write is completed or DQM is used to inhibit writing before precharge command is asserted. The maximum time any bank can be active is specified by tRAS(max). Therefore, each bank activate command. At the end of precharge, the bank enters the idle state and is ready to be activated again. Entry to Power down, Auto refresh, Self refresh and Mode register set etc. is possible only when both banks are in idle state. SELF REFRESH The self refresh is another refresh mode available in the SDRAM. The self refresh is the preferred refresh mode for data retention and low power operation of SDRAM. In self refresh mode, the SDRAM disables the internal clock and all the input buffers except CKE. The refresh addressing and timing are internally generated to reduce power consumption. The self refresh mode is entered from both banks idle state by asserting low on CS, RAS, CAS and CKE with high on WE. Once the self refresh mode is entered, only CKE state being low matters, all the other inputs including the clock are ignored in order to remain in the self refresh mode. The self refresh is exited by restarting the external clock and then asserting high on CKE. This must be followed by NOP's for a minimum time of tRFC before the SDRAM reaches idle state to begin normal operation. If the system uses burst auto refresh during normal operation, it is recommended to use burst 4096 auto refresh cycles immediately after exiting in self refresh mode. AUTO PRECHARGE The precharge operation can also be performed by using auto precharge. The SDRAM internally generates the timing to satisfy tRAS(min) and "tRP" for the programmed burst length and CAS latency. The auto precharge command is issued at the same time as burst read or burst write by asserting high on A10/AP. If burst read or burst write by asserting high on A10/AP, the bank is left active until a new command is asserted. Once auto precahrge command is given, no new commands are possible to that particular bank until the bank achieves idle state. BOTH BANKS PRECHARGE Both banks can be precharged at the same time by using precharge all command. Asserting low on CS, RAS, and WE with high on A10/AP after both banks have satisfied tRAS(min) requirement, performs precharge on both banks. At the end of tRP after performing precharge to all the banks, both banks are in idle state. - 14 Rev. 0.6 (Sep. 1998) KM416S1020C BASIC FEATURE AND FUNCTION DESCRIPTIONS 1. CLOCK Suspend 1) Clock Suspended During Write (BL=4) CLK CMD CKE Masked by CKE CMOS SDRAM 2) Clock Suspended During Read (BL=4) WR RD Masked by CKE Internal CKE DQ(CL2) DQ(CL3) D0 D0 D1 D1 D2 D2 Not Written D3 D3 Q0 D0 Q1 Q0 Q2 Q1 Q3 Q2 Q3 Suspended Dout 2. DQM Operation 1) Write Mask (BL=4) CLK CMD DQM Masked by DQM Masked by DQM Hi-Z Hi-Z 2) Read Mask (BL=4) WR RD DQ(CL2) DQ(CL3) D0 D0 D1 D1 D3 D3 Q0 Q2 Q1 Q3 Q2 Q3 DQM to Data-in Mask = 0 DQM to Data-out Mask = 2 3) DQM with Clock Suspended (Full Page Read) Note 2 CLK CMD CKE DQM Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z RD DQ(CL2) DQ(CL3) Q0 Q2 Q1 Q4 Q3 Q6 Q5 Q7 Q6 Q8 Q7 *Note : 1. CKE to CLK disable/enable = 1CLK. 2. DQM makes data out Hi-Z after 2CLKs which should masked by CKE " L" 3. DQM masks both data-in and data-out. - 15 Rev. 0.6 (Sep. 1998) KM416S1020C 3. CAS Interrupt (I) Note 1 CMOS SDRAM 1) Read interrupted by Read (BL=4) CLK CMD ADD DQ(CL2) DQ(CL3) tCCD Note 2 RD A RD B QA0 QB0 QA0 QB1 QB0 QB2 QB1 QB3 QB2 QB3 2) Write interrupted by Write (BL=2) CLK CMD WR WR Note 2 3) Write interrupted by Read (BL=2) WR tCCD RD Note 2 tCCD ADD DQ A DA0 B DB0 DB1 DQ(CL2) DQ(CL3) A DA0 DA0 tCDL Note 3 B QB0 QB1 QB0 QB1 tCDL Note 3 *Note : 1. By " Interrupt", It is meant to stop burst read/write by external command before the end of burst. By "CAS Interrupt", to stop burst read/write by CAS access ; read and write. 2. tCCD : CAS to CAS delay. (=1CLK) 3. tCDL : Last data in to new column address delay. (=1CLK) - 16 Rev. 0.6 (Sep. 1998) KM416S1020C 3. CAS Interrupt (I) Note 1 CMOS SDRAM 1) Read interrupted by Read (BL=4) CLK CMD ADD DQ(CL2) DQ(CL3) tCCD Note 2 RD A RD B QA0 QB0 QA0 QB1 QB0 QB2 QB1 QB3 QB2 QB3 2) Write interrupted by Write (BL=2) CLK CMD WR WR Note 2 3) Write interrupted by Read (BL=2) WR tCCD RD Note 2 tCCD ADD DQ A DA0 B DB0 DB1 DQ(CL2) DQ(CL3) A DA0 DA0 tCDL Note 3 B QB0 QB1 QB0 QB1 tCDL Note 3 *Note : 1. By " Interrupt", It is meant to stop burst read/write by external command before the end of burst. By "CAS Interrupt", to stop burst read/write by CAS access ; read and write. 2. tCCD : CAS to CAS delay. (=1CLK) 3. tCDL : Last data in to new column address delay. (=1CLK) - 17 Rev. 0.6 (Sep. 1998) KM416S1020C ( Continued ) (b) CL=3, BL=4 CLK i) CMD DQM DQ ii) CMD DQM DQ iii) CMD DQM DQ iii) CMD DQM DQ iv) CMD DQM DQ Q0 Hi-Z Note 1 CMOS SDRAM RD WR D0 RD D1 WR D2 D3 D0 RD D1 WR D2 D3 D0 RD D1 WR D2 D3 Hi-Z D0 D1 WR D2 D3 RD D0 D1 D2 D3 5. Write Interrupted by Precharge & DQM CLK CMD DQM DQ D0 D1 D2 D3 Masked by DQM WR PRE Note 3 Note 2 *Note : 1. To prevent bus contention, DQM should be issued which makes at least one gap between data in and data out. 2. To inhibit invalid write, DQM should be issued. 3. This precharge command and burst write command should be of the same bank, otherwise it is not precharge interrupt but only the other bank precharge of dual banks operation. - 18 Rev. 0.6 (Sep. 1998) KM416S1020C 6. Precharge 1) Normal Write (BL=4) CLK CMD DQ WR D0 D1 D2 D3 tRDL Note 2 CMOS SDRAM PRE 2) Normal Read (BL=4) CLK CMD DQ(CL2) DQ(CL3) RD PRE 1 Q0 Q1 Q0 Q2 Q1 Q3 Note 2 Q2 Q3 2 7. Auto Precharge 1) Normal Write (BL=4) CLK CMD DQ WR D0 D1 D2 D3 Note 3 Auto Precharge Starts 2) Normal Read (BL=4) CLK CMD DQ(CL2) DQ(CL3) RD Q0 Q1 Q0 Q2 Q1 Q3 Q2 Q3 Note 3 Auto Precharge Starts *Note : 1. tRDL : Last data in to row precharge delay 2. Number of valid output data after row precharge : 0, 1, 2 for CAS Latency =1, 2, 3 respectively. 3. The row active command of the precharge bank can be issued after tRP from this point. The new read/write command of the other activated bank can be issued from this point. At burst read/write with auto precharge, CAS interrupt of the same/other bank is illegal. - 19 Rev. 0.6 (Sep. 1998) KM416S1020C 8. Burst Stop & Interrupted by Precharge 1) Normal Write (BL=4) CLK CMD DQM DQ D0 D1 D2 tRDL CMOS SDRAM 2) Write Burst Stop (BL=8) CLK WR PRE CMD DQM WR STOP D3 Note 1 DQ D0 D1 D2 D3 tBDL D4 Note 2 D5 3) Read Interrupted by Precharge (BL=4) CLK CMD DQ(CL2) DQ(CL3) RD PRE Q0 Q1 Q0 1 Note 3 2 4) Read Burst Stop (BL=4) CLK CMD DQ(CL2) DQ(CL3) RD STOP Q0 Q1 Q0 1 Note 3 Q1 Q1 2 9. MRS 1) Mode Register Set CLK Note 4 CMD PRE tRP MRS ACT tMRS = 2CLK *Note : 1. tRDL : 1 CLK 2. tBDL : 1 CLK ; Last data in to burst stop delay. Read or write burst stop command is valid at every burst length. 3. Number of valid output data after row precharge or burst stop : 1, 2 for CAS latency= 2, 3 respectiviely. 4. PRE : Both banks precharge if necessary. MRS can be issued only at both banks precharge state. - 20 Rev. 0.6 (Sep. 1998) KM416S1020C 10. Clock Suspend Exit & Power Down Exit 1) Clock Suspend (=Active Power Down) Exit CLK CKE tSS CMOS SDRAM 2) Power Down (=Precharge Power Down) CLK CKE Internal CLK RD CMD Note 2 tSS Internal CLK CMD Note 1 NOP ACT 11. Auto Refresh & Self Refresh 1) Auto Refresh & Self Refresh CLK o Note 4 Note 5 Note 3 CMD CKE PRE AR o o tRP tRFC o CMD 2) Self Refresh CLK Note 6 o Note 4 CMD CKE PRE SR CMD o tRP o tRFC *Note : 1. Active power down : one or both banks active state. 2. Precharge power down : both banks precharge state. 3. The auto refresh is the same as CBR refresh of conventional DRAM. No precharge commands are required after auto refresh command. During tRFC from auto refresh command, any other command can not be accepted. 4. Before executing auto/self refresh command, both banks must be idle state. 5. MRS, Bank Active, Auto/Self Refresh, Power Down Mode Entry. 6. During self refresh mode, refresh interval and refresh operation are perfomed internally. After self refresh entry, self refresh mode is kept while CKE is low. During self refresh mode, all inputs expect CKE will be don't cared, and outputs will be in Hi-Z state. For the time interval of tRFC from self refresh exit command, any other command can not be accepted. Before/After self refresh mode, burst auto refresh cycle (4096 cycles) is recommended. - 21 Rev. 0.6 (Sep. 1998) KM416S1020C 12. About Burst Type Control Sequential Counting Basic MODE Interleave Counting Random column Access tCCD = 1 CLK CMOS SDRAM At MRS A3 = "0". See the BURST SEQUENCE TABLE. (BL=4,8) BL=1, 2, 4, 8 and full page. At MRS A3 = "1". See the BURST SEQUENCE TABLE. (BL=4,8) BL=4, 8. At BL=1, 2 Interleave Counting = Sequential Counting Every cycle Read/Write Command with random column address can realize Random Column Access. That is similar to Extended Data Out (EDO) Operation of conventional DRAM. Random MODE 13. About Burst Length Control 1 2 Basic MODE 4 8 Full Page Special MODE Random MODE BRSW Burst Stop At MRS A2,1,0 = "000". At auto precharge, tRAS should not be violated. At MRS A2,1,0 = "001". At auto precharge, tRAS should not be violated. At MRS A2,1,0 = "010". At MRS A2,1,0 = "011". At MRS A2,1,0 = "111". At the end of the burst length, burst will be stop automatically. At MRS A9 = "1". Read burst =1, 2, 4, 8, full page write Burst =1 At auto precharge of write, tRAS should not be violated. tBDL= 1, Valid DQ after burst stop is 1, 2 for CAS latency 2, 3 respectively Using burst stop command, any burst length control is possible. Before the end of burst, Row precharge command of the same bank stops read/write burst with Row precharge. tRDL= 1 with DQM, valid DQ after burst stop is 1, 2 for CAS latency 2, 3 respectively. During read/write burst with auto precharge, RAS interrupt can not be issued. Before the end of burst, new read/write stops read/write burst and starts new read/write burst. During read/write burst with auto precharge, CAS interrupt can not be issued. Interrupt MODE RAS Interrupt (Interrupted by Precharge) CAS Interrupt - 22 Rev. 0.6 (Sep. 1998) KM416S1020C FUNCTION TRUTH TABLE (TABLE 1) Current State CS H L L IDLE L L L L L H L L Row Active L L L L L H L L Read L L L L L H L L Write L L L L L H L Read with Auto Precharge L L L L H L Write with Auto Precharge L L L L H L Precharging L L L L RAS X H H H L L L L X H H H H L L L X H H H H L L L X H H H H L L L X H H H L L X H H H L L X H H H L L CAS X H H L H H L L X H H L L H H L X H H L L H H L X H H L L H H L X H H L H L X H H L H L X H H L H H WE X H L X H L H L X H L H L H L X X H L H L H L X X H L H L H L X X H L X X X X H L X X X X H L X H L BA X X X BA BA BA X OP code X X X BA BA BA BA X X X X BA BA BA BA X X X X BA BA BA BA X X X X BA BA X X X X BA BA X X X X BA BA BA ADDR X X X CA, A10/AP RA A10/AP X OP code X X X CA, A10/AP CA, A10/AP RA A10/AP X X X X CA, A10/AP CA, A10/AP RA A10/AP X X X X CA, A10/AP CA, A10/AP RA A10/AP X X X X CA, A10/AP RA, RA10 X X X X CA, A10/AP RA, RA10 X X X X CA RA A10/AP NOP NOP ILLEGAL ILLEGAL Row (& Bank) Active ; Latch RA NOP Auto Refresh or Self Refresh Mode Register Access NOP NOP ILLEGAL ACTION CMOS SDRAM Note 2 2 4 5 5 2 Begin Read ; latch CA ; determine AP Begin Write ; latch CA ; determine AP ILLEGAL Precharge ILLEGAL NOP (Continue Burst to End --> Row Active) NOP (Continue Burst to End --> Row Active) Term burst --> Row active Term burst, New Read, Determine AP Term burst, New Write, Determine AP ILLEGAL Term burst, Precharge timing for Reads ILLEGAL NOP (Continue Burst to End --> Row Active) NOP (Continue Burst to End --> Row Active) Term burst --> Row active Term burst, New read, Determine AP Term burst, New Write, Determine AP ILLEGAL Term burst, precharge timing for Writes ILLEGAL NOP (Continue Burst to End --> Precharge) NOP (Continue Burst to End --> Precharge) ILLEGAL ILLEGAL ILLEGAL ILLEGAL NOP (Continue Burst to End --> Precharge) NOP (Continue Burst to End --> Precharge) ILLEGAL ILLEGAL ILLEGAL ILLEGAL NOP --> Idle after tRP NOP --> Idle after tRP ILLEGAL ILLEGAL ILLEGAL NOP --> Idle after tRPL 2 2 2 4 2 2 3 3 2 3 3 2 2 - 23 Rev. 0.6 (Sep. 1998) KM416S1020C FUNCTION TRUTH TABLE (TABLE 1) Current State CS L H L Row Activating L L L L L H L Refreshing L L L H Mode Register Accessing L L L L RAS L X H H H L L L X H H L L X H H H L CAS L X H H L H H L X H L H L X H H L X WE X X H L X H L X X X X X X X H L X X BA X X X X BA BA BA X X X X X X X X X X X ADDR X X X X CA RA A10/AP X X X X X X X X X X X ILLEGAL NOP --> Row Active after tRCD NOP --> Row Active after tRCD ILLEGAL ILLEGAL ILLEGAL ILLEGAL ILLEGAL NOP --> Idle after tRFC NOP --> Idle after tRFC ILLEGAL ILLEGAL ILLEGAL NOP --> Idle after 2 clocks NOP --> Idle after 2 clocks ILLEGAL ILLEGAL ILLEGAL ACTION CMOS SDRAM Note 2 2 2 2 Abbreviations : RA = Row Address NOP = No Operation Command BA = Bank Address CA = Column Address AP = Auto Precharge *Note : 1. All entries assume the CKE was active (High) during the precharge clock and the current clock cycle. 2. Illegal to bank in specified state ; Function may be Iegal in the bank indicated by BA, depending on the state of that bank. 3. Must satisfy bus contention, bus turn around, and/or write recovery requirements. 4. NOP to bank precharging or in idle state. May precharge bank indicated by BA (and A10/AP). 5. Illegal if any bank is not idle. - 24 Rev. 0.6 (Sep. 1998) KM416S1020C FUNCTION TRUTH TABLE (TABLE 2) Current State CKE (n-1) H L Self Refresh L L L L L H All Banks Precharge Power Down L L L L L L H H H H All Banks Idle H H H H L Any State other than Listed above H H L L CKE n X H H H H H L X H H H H H L H L L L L L L L L H L H L CS X H L L L L X X H L L L L X X H L L L L L L X X X X X RAS X X H H H L X X X H H H L X X X H H H L L L X X X X X CAS X X H H L X X X X H H L X X X X H H L H L L X X X X X WE X X H L X X X X X H L X X X X X H L X H H L X X X X X ADDR X X X X X X X X X X X X X X X X X X X RA X OP Code X X X X X INVALID CMOS SDRAM ACTION Note Exit Self Refresh --> Idle after tRFC (ABI) Exit Self Refresh --> Idle after tRFC (ABI) ILLEGAL ILLEGAL ILLEGAL NOP (Maintain Self Refresh) INVALID Exit Power Down --> ABI Exit Power Down --> ABI ILLEGAL ILLEGAL ILLEGAL NOP (Maintain Low Power Mode) Refer to Table 1 Enter Power Down Enter Power Down ILLEGAL ILLEGAL Row (& Bank) Active Enter Self Refresh Mode Register Access NOP Refer to Operations in Table 1 Begin Clock Suspend next cycle Exit Clock Suspend next cycle Maintain Clcok Suspend 6 6 7 7 8 8 8 9 9 Abbreviations : ABI = All Banks Idle, RA = Row Address *Note : 6. CKE low to high transition is asynchronous. 7. CKE low to high transition is asynchronous if restarts internal clock. A minimum setup time 1CLK + tSS must be satisfied before any command other than exit. 8. Power down and self refresh can be entered only from the both banks idle state. 9. Must be a legal command. - 25 Rev. 0.6 (Sep. 1998) KM416S1020C Single Bit Read-Write-Read Cycle(Same Page) @CAS Latency=3, Burst Length=1 tCH CMOS SDRAM 0 CLOCK 1 2 3 4 tCL 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 tCC CKE *Note 1 HIGH tRAS tRC tSH CS tRCD tSH tSS tRP RAS tSS tCCD tSH CAS tSH tSS Ca tSS Cb tSH *Note 2,3 *Note 2,3 *Note 2,3 *Note 4 *Note 2 ADDR Ra tSS *Note 2 Cc Rb BA BS BS BS BS BS BS A10/AP Ra *Note 3 *Note 3 *Note 3 *Note 4 Rb tRAC tSAC tSH Qa Db tSS tOH tSH Qc DQ tSLZ WE tSS tSS tSH DQM Row Active Read Write Read Precharge Row Active : Don't care - 26 Rev. 0.6 (Sep. 1998) KM416S1020C CMOS SDRAM 0 1 *Note : 1. All inputs expect CKE & DQM can be don C t care when CS is high at the CLK high going edge. 2. Bank active & read/write are controlled by BA. 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 BA 0 1 Active & Read/Write Bank A Bank B 3. Enable and disable auto precharge function are controlled by A10/AP in read/write command. A10/AP BA 0 0 1 0 1 Operation Disable auto precharge, leave bank A active at end of burst. Disable auto precharge, leave bank B active at end of burst. Enable auto precharge, precharge bank A at end of burst. Enable auto precharge, precharge bank B at end of burst. 1 4. A10/AP and BA control bank precharge when precharge command is asserted. A10/AP BA 0 0 1 0 1 X Precharge Bank A Bank B Both Banks - 27 Rev. 0.6 (Sep. 1998) KM416S1020C Power Up Sequence 0 CLOCK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CMOS SDRAM 16 17 18 19 CKE High level is necessary CS tRP tRC tRC RAS CAS ADDR Key RAa BA A10/AP RAa High-Z DQ WE DQM High level is necessary Precharge (All Banks) Auto Refresh Auto Refresh Mode Register Set Row Active (A-Bank) : Don't care - 28 Rev. 0.6 (Sep. 1998) KM416S1020C Read & Write Cycle at Same Bank @Burst Length=4 0 CLOCK CKE tRC CMOS SDRAM 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 HIGH *Note 1 CS tRCD RAS *Note 2 CAS ADDR Ra Ca0 Rb Cb0 BA A10/AP Ra tOH Rb DQ CL=2 tRAC *Note 3 Qa0 tSAC Qa1 Qa2 Qa3 tSHZ *Note 4 Db0 Db1 Db2 Db3 tRDL tOH CL=3 tRAC *Note 3 Qa0 tSAC Qa1 Qa2 Qa3 tSHZ *Note 4 Db0 Db1 Db2 Db3 tRDL WE DQM Row Active (A-Bank) Read (A-Bank) Precharge (A-Bank) Row Active (A-Bank) Write (A-Bank) Precharge (A-Bank) : Don't care *Note : 1. Minimum row cycle times is required to complete internal DRAM operation. 2. Row precharge can interrupt burst on any cycle. [CAS Latency - 1] number of valid output data is available after Row precharge. Last valid output will be Hi-Z(tSHZ) after the clcok. 3. Access time from Row active command. tCC *(tRCD + CAS latency - 1) + tSAC 4. Ouput will be Hi-Z after the end of burst. (1, 2, 4, 8 & Full page bit burst) - 29 Rev. 0.6 (Sep. 1998) KM416S1020C Page Read & Write Cycle at Same Bank @Burst Length=4 0 CLOCK CKE CS tRCD CMOS SDRAM 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 HIGH RAS *Note 2 CAS ADDR Ra Ca0 Cb0 Cc0 Cd0 BA A10/AP Ra tRDL DQ CL=2 Qa0 Qa1 Qb0 Qb1 Qb2 Dc0 Dc1 Dd0 Dd1 CL=3 Qa0 Qa1 Qb0 Qb1 Dc0 Dc1 Dd0 Dd1 tCDL WE *Note 1 *Note 3 DQM Row Active (A-Bank) Read (A-Bank) Read (A-Bank) Write (A-Bank) Write (A-Bank) Precharge (A-Bank) : Don't care *Note : 1. To write data before burst read ends, DQM should be asserted three cycle prior to write command to avoid bus contention. 2. Row precharge will interrupt writing. Last data input, tRDL before Row precharge, will be written. 3. DQM should mask invalid input data on precharge command cycle when asserting precharge before end of burst. Input data after Row precharge cycle will be masked internally. - 30 Rev. 0.6 (Sep. 1998) KM416S1020C Page Read Cycle at Different Bank @Burst Length=4 0 CLOCK CKE *Note 1 CMOS SDRAM 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 HIGH CS RAS *Note 2 CAS ADDR RAa CAa RBb CBb CAc CBd CAe BA A10/AP RAa RBb DQ CL=2 QAa0 QAa1 QAa2 QAa3 QBb0 QBb1 QBb2 QBb3 QAc0 QAc1 QBd0 QBd1 QAe0 QAe1 CL=3 QAa0 QAa1 QAa2 QAa3 QBb0 QBb1 QBb2 QBb3 QAc0 QAc1 QBd0 QBd1 QAe0 QAe1 WE DQM Row Active (A-Bank) Row Active (B-Bank) Read (A-Bank) Read (B-Bank) Read (A-Bank) Read (B-Bank) Read (A-Bank) Precharge (A-Bank) : Don't care *Note : 1. CS can be don't cared when RAS, CAS and WE are high at the clock high going dege. 2. To interrupt a burst read by row precharge, both the read and the precharge banks must be the same. - 31 Rev. 0.6 (Sep. 1998) KM416S1020C Page Write Cycle at Different Bank @Burst Length=4 0 CLOCK CKE CS HIGH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CMOS SDRAM 16 17 18 19 RAS *Note 2 CAS ADDR RAa CAa RBb CBb CAc CBd BA A10/AP RAa RBb DQ DAa0 DAa1 DAa2 DAa3 DBb0 DBb1 DBb2 DBb3 DAc0 DAc1 DBd0 DBd1 tCDL tRDL WE *Note 1 DQM Row Active (A-Bank) Row Active (B-Bank) Write (A-Bank) Write (B-Bank) Write (A-Bank) Write (B-Bank) Precharge (Both Banks) : Don't care *Note : 1. To interrupt burst write by Row precharge, DQM should be asserted to mask invalid input data. 2. To interrupt burst write by Row precharge, both the write and the precharge banks must be the same. - 32 Rev. 0.6 (Sep. 1998) KM416S1020C Read & Write Cycle at Different Bank @Burst Length=4 0 CLOCK CKE CS HIGH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CMOS SDRAM 16 17 18 19 RAS CAS ADDR RAa CAa RBb CBb RAc CAc BA A10/AP RAa RBb RAc tCDL *Note 1 DQ CL=2 QAa0 QAa1 QAa2 QAa3 DBb0 DBb1 DBb2 DBb3 QAc0 QAc1 QAc2 CL=3 QAa0 QAa1 QAa2 QAa3 DBb0 DBb1 DBb2 DBb3 QAc0 QAc1 WE DQM Row Active (A-Bank) Read (A-Bank) Precharge (A-Bank) Row Active (B-Bank) Write (B-Bank) Row Active (A-Bank) Read (A-Bank) : Don't care *Note : 1. tCDL should be met to complete write. - 33 Rev. 0.6 (Sep. 1998) KM416S1020C Read & Write Cycle with Auto Precharge I @Burst Length=4 0 CLOCK CKE CS HIGH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CMOS SDRAM 16 17 18 19 RAS CAS ADDR Ra Rb Ca Cb Ra Ca BA A10/AP Ra Rb Ra DQ CL=2 Qa0 Qa1 Qb0 Qb1 Qb2 Qb3 Da0 Da1 CL=3 Qa0 Qa1 Qb0 Qb1 Qb2 Qb3 Da0 Da1 WE DQM Row Active (A-Bank) Read with Auto Pre charge (A-Bank) Row Active (B-Bank) Read without Auto precharge(B-Bank) Auto Precharge Start Point (A-Bank)*c Precharge (B-Bank) Row Active (A-Bank) Write with Auto Precharge (A-Bank) : Don't care *Note: c When Read(Write) command with auto precharge is issued at A-Bank after A and B Bank activation. - if Read(Write) command without auto precharge is issued at B-Bank before A Bank auto precharge starts, A Bank auto precharge will start at B Bank read command input point . - any command can not be issued at A Bank during tRP after A Bank auto precharge starts. . - 34 Rev. 0.6 (Sep. 1998) KM416S1020C Read & Write Cycle with Auto Precharge II @Burst Length=4 0 CLOCK CKE CS HIGH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CMOS SDRAM 16 17 18 19 RAS CAS ADDR Ra Ca Rb Cb BA A10/AP Ra Rb DQ CL=2 Qa0 Qa1 Qa2 Qa3 Qb0 Qb1 Qb2 Qb3 CL=3 Qa0 Qa1 Qa2 Qa3 Qb0 Qb1 Qb2 Qb3 WE DQM *c Row Active (A-Bank) Read with Auto Precharge (A-Bank) Auto Precharge Start Point (A-Bank) Row Active (B-Bank) Read with Auto Precharge (B-Bank) Auto Precharge Start Point (B-Bank) : Don't care *Note : c Any command to A-bank is not allowed in this period. tRP is determined from at auto precharge start point - 35 Rev. 0.6 (Sep. 1998) KM416S1020C Clock Suspension & DQM Operation Cycle @CAS Latency=2, Burst Length=4 0 CLOCK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CMOS SDRAM 16 17 18 19 CKE CS RAS CAS ADDR Ra Ca Cb Cc BA A10/AP Ra DQ Qa0 Qa1 Qa2 Qa3 tSHZ Qb0 Qb1 tSHZ Dc0 Dc2 WE *Note 1 DQM Row Active Read Clock Suspension Read Read DQM Write Write DQM Clock Suspension Write DQM : Don't care *Note : 1. DQM is needed to prevent bus contention. - 36 Rev. 0.6 (Sep. 1998) KM416S1020C CMOS SDRAM Read Interrupted by Precharge Command & Read Burst Stop Cycle @Burst Length=Full page 0 CLOCK CKE CS HIGH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 RAS CAS ADDR RAa CAa CAb BA A10/AP RAa 1 1 QAb0 QAb1 QAb2 QAb3 QAb4 QAb5 *Note 2 DQ CL=2 QAa0 QAa1 QAa2 QAa3 QAa4 2 2 QAb0 QAb1 QAb2 QAb3 QAb4 QAb5 CL=3 QAa0 QAa1 QAa2 QAa3 QAa4 WE DQM Row Active (A-Bank) Read (A-Bank) Burst Stop Read (A-Bank) Precharge (A-Bank) : Don't care *Note : 1. At full page mode, burst is end at the end of burst. So auto precharge is possible. 2. About the valid DQs after burst stop, it is same as the case of RAS interrupt. Both cases are illustrated above timing diagram. See the label 0. 1, 2 on them. But at burst write, Burst stop and RAS interrupt should be compared carefully. Refer the timing diagram of "Full page write burst stop cycle". 3. Burst stop is valid at every burst length. - 37 Rev. 0.6 (Sep. 1998) KM416S1020C CMOS SDRAM Write Interrupted by Precharge Command & Write Burst Stop Cycle @ Burst Length=Full page 0 CLOCK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 CKE HIGH CS RAS CAS ADDR RAa CAa CAb BA A10/AP RAa tBDL *Note 2 tRDL DAb0 DAb1 DAb2 DAb3 DAb4 DAb5 DQ DAa0 DAa1 DAa2 DAa3 DAa4 WE DQM Row Active (A-Bank) Write (A-Bank) Burst Stop Write (A-Bank) Precharge (A-Bank) : Don't care *Note : 1. At full page mode, burst is end at the end of burst. So auto precharge is possible. 2. Data-in at the cycle of interrupted by precharge can not be written into the corresponding memory cell. It is defined by AC parameter of tRDL. DQM at write interrupted by precharge command is needed to prevent invalid write. DQM should mask invalid input data on precharge command cycle when asserting precharge before end of burst. Input data after Row precharge cycle will be masked internally. 3. Burst stop is valid at every burst length. - 38 Rev. 0.6 (Sep. 1998) KM416S1020C Burst Read Single bit Write Cycle @Burst Length=2 0 CLOCK *Note 1 CMOS SDRAM 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 CKE CS HIGH RAS *Note 2 CAS ADDR RAa CAa RBb CAb RAc CBc CAd BA A10/AP RAa RBb RAc DQ CL=2 DAa0 QAb0 QAb1 DBc0 QAd0 QAd1 CL=3 DAa0 QAb0 QAb1 DBc0 QAd0 QAd1 WE DQM Row Active (A-Bank) Row Active (B-Bank) Write (A-Bank) Row Active (A-Bank) Write with Auto Precharge (B-Bank) Read (A-Bank) Precharge (A-Bank) Read with Auto Precharge (A-Bank) : Don't care *Note : 1. BRSW modes is enabled by setting A9 "High" at MRS (Mode Register Set). At the BRSW Mode, the burst length at write is fixed to "1" regaredless of programmed burst length. 2. When BRSW write command with auto precharge is executed, keep it in mind that tRAS should not be violated. Auto precharge is executed at the burst-end cycle, so in the case of BRSW write command, the next cycle starts the precharge. - 39 Rev. 0.6 (Sep. 1998) KM416S1020C Active/Precharge Power Down Mode @CAS Latency=2, Burst Length=4 0 CLOCK tSS CMOS SDRAM 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 *Note 1 tSS *Note 2 CKE tSS *Note 2 *Note 3 CS RAS CAS ADDR Ra Ca BA A10/AP Ra tSHZ DQ Qa0 Qa1 Qa2 WE DQM Precharge Power-down Entry Row Active Read Precharge Precharge Power-down Exit Active Power-down Entry Active Power-down Exit : Don't care *Note : 1. Both banks should be in idle state prior to entering precharge power down mode. 2. CKE should be set high at least 1CLK + tss prior to Row active command. 3. Can not violate minimum refresh specification. (64ms) - 40 Rev. 0.6 (Sep. 1998) KM416S1020C Self Refresh Entry & Exit Cycle 0 CLOCK *Note 2 *Note 1 CMOS SDRAM 1 2 3 4 5 6 7 8 9 10 11 *Note 4 12 13 14 15 16 17 18 19 tRCmin *Note 6 CKE tSS *Note 3 *Note 5 CS RAS *Note 7 CAS ADDR BA A10/AP DQ Hi-Z Hi-Z WE DQM Self Refresh Entry Self Refresh Exit Auto Refresh : Don't care *Note : TO ENTER SELF REFRESH MODE 1. CS, RAS & CAS with CKE should be low at the same clcok cycle. 2. After 1 clock cycle, all the inputs including the system clock can be don't care except for CKE. 3. The device remains in self refresh mode as long as CKE stays "Low". cf.) Once the device enters self refresh mode, minimum tRAS is required before exit from self refresh. TO EXIT SELF REFRESH MODE 4. System colck restart and be stable before returning CKE high. 5. CS starts from high. 6. Minimum tRC is required after CKE going high to complete self refresh exit. 7. 4K cycle of burst auto refresh is required before self refresh entry and after self refresh exit if the system uses burst refresh. - 41 Rev. 0.6 (Sep. 1998) KM416S1020C Mode Register Set Cycle 0 CLOCK CKE CS *Note 2 CMOS SDRAM Auto Refresh Cycle 6 7 8 0 9 1 10 2 11 3 12 4 13 5 14 6 15 7 16 8 17 9 18 10 19 1 2 3 4 5 HIGH HIGH tRC RAS *Note 1 CAS *Note 3 ADDR Key Ra DQ Hi-Z Hi-Z WE DQM MRS New Command Auto Refresh New Command : Don't care * Both banks precharge should be completed before Mode Register Set cycle and auto refresh cycle. MODE REGISTER SET CYCLE *Note : 1. CS, RAS, CAS, & WE activation at the same clock cycle with address key will set internal mode register. 2. Minimum 2 clock cycles should be met before new RAS activation. 3. Please refer to Mode Register Set table. - 42 Rev. 0.6 (Sep. 1998) KM416S1020C PACKAGE DIMENSIONS CMOS SDRAM 50-TSOP2-400F Unit : Millimeters 0~8 0.25 TYP 0.010 #50 #26 0.45~0.75 0.018~0.030 11.760.20 0.4630.008 0.125+0.075 -0.035 0.005+0.003 -0.001 21.35 MAX 0.841 20.95 0.825 0.10 MAX 0.004 ( 0.805 ) 0.032 0.10 0.004 1.20 MAX 0.047 1.00 0.10 0.039 0.004 0.30 +0.10 -0.05 +0.004 0.012 -0.002 0.80 0.0315 0.05 MIN 0.002 - 43 Rev. 0.6 (Sep. 1998) ( 0.50 ) 0.020 #1 #25 10.16 0.400 |
Price & Availability of KM416S1020
![]() |