|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KBP301G THRU KBP307G Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes Features a a a a a UL Recognized File # E-96005 Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 250C / 10 seconds at 5 lbs. ( 2.3 Kg ) tension Small size, simple installation Leads solderable per MIL-STD-202, Method 208 KBP Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% KBP KBP KBP KBP Type Number 301G 302G 303G Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.14A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=125C Typical Thermal Resistance (Note 1) RUJA Typical Thermal Resistance (Note 1) RUJL Operating Temperature Range TJ Storage Temperature Range TSTG 304G KBP 305G KBP 306G KBP 307G Units V V V A A V uA uA C/w C C 50 35 50 100 70 100 200 140 200 400 280 400 3.0 80 1.1 600 420 600 800 560 800 1000 700 1000 10 500 30.0 11 -55 to +150 -55 to +150 Note 1. Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on PCB Note 1. With 0.47 x 0.47" (12 x 12mm) Copper Pads. - 488 - RATINGS AND CHARACTERISTIC CURVES (KBP301G THRU KBP307G) FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT 4.0 80 FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT. (A) PEAK FORWARD SURGE CURRENT. (A) 70 60 50 3.0 2.0 40 30 20 1 1.0 2 4 6 10 20 40 60 100 0 20 40 60 80 100 o 120 140 150 NUMBER OF CYCLES AT 60Hz AMBIENT TEMPERATURE. ( C) FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT 10.0 FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT 100 INSTANTANEOUS FORWARD CURRENT. (A) 1.0 INSTANTANEOUS REVERSE CURRENT. ( A) TJ=125 0C 10 0.1 1 TJ=25 0C .01 .6 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE .7 .8 .9 1.0 1.1 1.2 1.3 1.4 0 0.1 0 20 40 60 80 100 120 140 INSTANTANEOUS FORWARD VOLTAGE. (V) PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) - 489- |
Price & Availability of KBP301G |