Part Number Hot Search : 
ASIBFW13 1N4751A AD976ACN SMB36 E470M A1305 FQP8N80C 005057
Product Description
Full Text Search
 

To Download IRG4BC10KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -91734B
IRG4BC10KD
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Features
* High short circuit rating optimized for motor control, tsc =10s, @360V VCE (start), TJ = 125C, VGE = 15V * Combines low conduction losses with high switching speed * Tighter parameter distribution and higher efficiency than previous generations * IGBT co-packaged with HEXFREDTM ultrafast, ultrasoft recovery antiparallel diodes
C
Short Circuit Rated UltraFast IGBT
VCES = 600V
G E
VCE(on) typ. = 2.39V
@VGE = 15V, IC = 5.0A
n-ch an nel
Benefits
* Latest generation 4 IGBTs offer highest power density motor controls possible * HEXFREDTM diodes optimized for performance with IGBTs. Minimized recovery characteristics reduce noise, EMI and switching losses
TO-220AB
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM IF @ TC = 100C IFM tsc VGE PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector CurrentQ Clamped Inductive Load Current R Diode Continuous Forward Current Diode Maximum Forward Current Short Circuit Withstand Time Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting Torque, 6-32 or M3 Screw.
Max.
600 9.0 5.0 18 18 4.0 16 10 20 38 15 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1 N*m)
Units
V
A
s V W
C
Thermal Resistance
Parameter
RJC RJC RCS RJA Wt Junction-to-Case - IGBT Junction-to-Case - Diode Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight
Min.
--- --- --- --- ---
Typ.
--- --- 0.50 --- 2 (0.07)
Max.
3.3 7.0 --- 80 ---
Units
C/W
g (oz)
www.irf.com
1
4/24/2000
IRG4BC10KD
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)CES
V(BR)CES/TJ
VCE(on)
VGE(th) VGE(th)/TJ gfe ICES VFM IGES
Parameter Min. Typ. Max. Units Conditions Collector-to-Emitter Breakdown Voltage 600 -- -- V VGE = 0V, IC = 250A Temperature Coeff. of Breakdown Voltage -- 0.58 -- V/C VGE = 0V, IC = 1.0mA Collector-to-Emitter Saturation Voltage -- 2.39 2.62 IC = 5.0A VGE = 15V See Fig. 2, 5 -- 3.25 -- V IC = 9.0A -- 2.63 -- IC = 5.0A, TJ = 150C Gate Threshold Voltage 3.0 -- 6.5 VCE = VGE, IC = 250A Temperature Coeff. of Threshold Voltage -- -11 -- mV/C VCE = VGE, IC = 250A Forward Transconductance 1.2 1.8 -- S VCE = 50V, IC = 5.0A Zero Gate Voltage Collector Current -- -- 250 A VGE = 0V, VCE = 600V -- -- 1000 VGE = 0V, VCE = 600V, TJ = 150C Diode Forward Voltage Drop -- 1.5 1.8 V IC = 4.0A See Fig. 13 -- 1.4 1.7 IC = 4.0A, TJ = 150C Gate-to-Emitter Leakage Current -- -- 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets tsc td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M /dt Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During tb Min. -- -- -- -- -- -- -- -- -- -- 10 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 19 2.9 9.8 49 28 97 140 0.25 0.14 0.39 -- 46 32 100 310 0.56 7.5 220 29 7.5 28 38 2.9 3.7 40 70 280 235 Max. Units Conditions 29 IC = 5.0A 4.3 nC VCC = 400V See Fig.8 15 VGE = 15V -- -- TJ = 25C ns 150 IC = 5.0A, VCC = 480V 210 VGE = 15V, RG = 100 -- Energy losses include "tail" -- mJ and diode reverse recovery 0.48 See Fig. 9,10,14 -- s VCC = 360V, TJ = 125C VGE = 15V, RG = 100 , VCPK < 500V -- TJ = 150C, See Fig. 10,11,14 -- IC = 5.0A, VCC = 480V ns -- VGE = 15V, RG = 100 -- Energy losses include "tail" -- mJ and diode reverse recovery -- nH Measured 5mm from package -- VGE = 0V -- pF VCC = 30V See Fig. 7 -- = 1.0MHz 42 ns TJ = 25C See Fig. 57 TJ = 125C 14 IF = 4.0A 5.2 A TJ = 25C See Fig. 6.7 TJ = 125C 15 VR = 200V 60 nC TJ = 25C See Fig. 105 TJ = 125C 16 di/dt = 200A/s -- A/s TJ = 25C See Fig. -- TJ = 125C 17
2
www.irf.com
IRG4BC10KD
6.0
For both:
5.0
LOAD CURRENT (A)
D uty cy cle: 50% TJ = 125C T s ink = 90C G ate drive as specified
P ow e r Dis sip ation = 9.2 W S q u a re w a v e :
4.0
3.0
6 0% of rate d volta ge
I
2.0
1.0
Id e a l d io d e s
0.0 0.1 1 10 100
f, Frequency (KHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
100
100
TJ = 25 C
10
I C , Collector-to-Emitter Current (A)
I C , Collector Current (A)
T = 150 C J
10
TJ = 150 C TJ = 25 C
1 5 10
1 1.0
V GE = 15V 20s PULSE WIDTH
5.0 6.0 2.0 3.0 4.0 7.0
V = 50V 5s PULSE WIDTH
CC 15 20
VCE , Collector-to-Emitter Voltage (V)
VGE , Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
www.irf.com
3
IRG4BC10KD
10 5.0
8
VCE , Collector-to-Emitter Voltage(V)
V = 15V 80 us PULSE WIDTH
GE
I C = 10 A
Maximum DC Collector Current(A)
4.0
6
3.0
IC = 5 A I C = 2.5 A
4
2.0
2
0 25 50 75 100 125 150
1.0 -60 -40 -20
0
20
40
60
80 100 120 140 160
TC , Case Temperature ( C)
TJ , Junction Temperature ( C)
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector-to-Emitter Voltage vs. Junction Temperature
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.02 0.01
0.1
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = PDM x Z thJC + TC 0.1 0.0001 0.001 0.01
P DM t1 t2 1
t1 , Rectangular Pulse Duration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
4
www.irf.com
IRG4BC10KD
400
VGE , Gate-to-Emitter Voltage (V)
300
VGE = 0V, f = 1MHz Cies = Cge + Cgc , Cce SHORTED Cres = Cgc Coes = Cce + Cgc
20
VCC = 400V I C = 5.0A
16
C, Capacitance (pF)
Cies
200
12
8
100
C oes C res
4
0 1 10 100
0 0 4 8 12 16 20
VCE , Collector-to-Emitter Voltage (V)
QG , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
0.40
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
10
Total Switching Losses (mJ)
Total Switching Losses (mJ)
V CC = 480V V GE = 15V TJ = 25 C 0.38 I C = 5.0A
50 RG = Ohm VGE = 15V VCC = 480V
0.36
IC = 10 A
1
0.34
IC = 5 A IC = 2.5 A
0.32
0.30 0 20 40 60 80 100
0.1 -60 -40 -20
0
20
40
60
80 100 120 140 160
RG , Gate Resistance
()
TJ , Junction Temperature ( C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Junction Temperature
www.irf.com
5
IRG4BC10KD
2.0
1.5
1.0
I C, Collector-to-Emitter Current (A)
4 6 8 10
Total Switching Losses (mJ)
RG TJ VCC VGE
= 50 Ohm = 150 C = 480V = 15V
100
VGE = 20V T J = 125 o C
10
0.5
0.0 0 2
SAFE OPERATING AREA
1 1 10 100 1000
I C , Collector Current (A)
VCE, Collector-to-Emitter Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
100
Fig. 12 - Turn-Off SOA
10
TJ = 150C TJ = 125C T = 25C
J
1
0.1 0.0 1.0 2.0 3.0 4.0 5.0 6.0
F orward V oltage D rop - V F M ) (V
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
6
www.irf.com
IRG4BC10KD
50 14 VR = 20 0V T J = 1 25 C T J = 2 5C 45
I F = 8.0A I F = 4.0A
12
I F = 8.0A
10
40
I F = 4.0A
trr- (ns)
Irr- ( A)
8
35
6 30 4
25 VR = 2 00 V T J = 1 2 5C T J = 2 5 C 20 100 1000 2
di f /dt - (A/ s)
0 100
1000
di f /dt - (A/ s)
Fig. 14 - Typical Reverse Recovery vs. dif/dt
200 VR = 2 00 V T J = 1 25C T J = 2 5C 160
Fig. 15 - Typical Recovery Current vs. dif/dt
1000 VR = 20 0V T J = 1 25 C T J = 2 5C
I F = 8.0A
I F = 8.0A
di (rec) M/dt- (A /s)
120
I F = 4.0A
I F = 4.0A
Qrr- (nC)
80 40
0 100
di f /dt - (A/ s)
1000
100 100
A 1000
di f /dt - (A/ s )
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt,
www.irf.com
7
IRG4BC10KD
Same ty pe device as D .U.T.
80% of Vce
430F D .U .T.
90%
Vge
VC
10% 90%
td(off)
Fig. 18a - Test Circuit for Measurement of
ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
10% IC 5%
t d(on)
tr
tf t=5s E on E ts = (Eon +Eoff ) E off
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
G A T E V O L T A G E D .U .T . 1 0 % +V g +Vg
trr Ic
Q rr =
trr id ddt Ic t tx
tx 10% Vcc Vce Vcc 1 0 % Ic 9 0 % Ic D UT VO LTAG E AN D CU RRE NT Ip k Ic
1 0 % Irr V cc
V pk Irr
D IO D E R E C O V E R Y W A V E FO R M S td (o n ) tr 5% Vce t2 Vce d E o n = V ce ieIc t dt t1 t2 D IO D E R E V E R S E REC OVERY ENER GY t3 t4
E re c =
t1
t4 V d idIc t dt Vd d t3
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
8
www.irf.com
IRG4BC10KD
V g G A T E S IG N A L D E V IC E U N D E R T E S T C U R R E N T D .U .T .
V O L T A G E IN D .U .T .
C U R R E N T IN D 1
t0
t1
t2
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
L 1000V 50V 6000 F 100 V Vc*
D.U.T.
RL= 0 - 480V
480V 4 X IC @25C
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current Test Circuit
www.irf.com
9
IRG4BC10KD
Notes:
Q Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20) R VCC=80%(VCES), VGE=20V, L=10H, RG= 100 (figure 19) SPulse width 80s; duty factor 0.1%. TPulse width 5.0s, single shot.
Case Outline TO-220AB
1 0 .5 4 (.41 5 ) 1 0 .2 9 (.40 5 )
2 .8 7 (.1 1 3 ) 2 .6 2 (.1 0 3 )
3.78 (.149) 3.54 (.139) -A6.47 (.255 ) 6.10 (.240 ) 1.15 (.045) M IN
-B -
4.69 (.185) 4.20 (.165)
1.32 (.052) 1.22 (.048)
4 1 5 .2 4 (.6 0 0 ) 1 4 .8 4 (.5 8 4 ) 1 2 3
N O TE S : 1 D IM E N S IO N S & T O L E R A N C IN G P E R A N S I Y 14 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 D IM E N S IO N S A R E S H O W N M ILL IM E T E R S (IN C H E S ). 4 C O N F O R M S T O JE D E C O U T L IN E T O -2 2 0 A B .
3X
1 4 .0 9 (.5 5 5 ) 1 3 .4 7 (.5 3 0 )
3.96 (.160) 3.55 (.140)
LEAD 1234-
A S S IG N M E N T S GA TE C O L LE C T O R E M IT T E R C O L LE C T O R
4.06 (.160 ) 3.55 (.140 )
0.93 (.037) 0.69 (.027)
MBAM
1 .4 0 (.0 5 5 ) 3 X 1 .1 5 (.0 4 5 ) 2 .5 4 (.1 0 0) 2X
3X
3X
0.55 (.022) 0.46 (.018)
0 .3 6 (.01 4 )
2.92 (.115) 2.64 (.104)
CONFORMS TO JEDEC OUTLINE TO-220AB
D im e ns io ns in M illim e ters a nd (In c he s )
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 4/00
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRG4BC10KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X